Part Number Hot Search : 
LM117K 100KL KK74A 105M2 CL766 FU3704Z LN349GP C1321
Product Description
Full Text Search
 

To Download DN2470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2015 microchip technology inc. ds20005410a-page 1 DN2470 features ? high-input impedance ? low-input capacitance ? fast switching speeds ? low on-resistance ? free from secondary breakdown ? low input and output leakage applications ? normally-on switches ? solid state relays ?converters ? linear amplifiers ? constant current sources ? battery operated systems ? telecom description this low threshold, depletion-mode, normally-on, tran- sistor utilizes an advanced vertical diffusion metal oxide semiconductor (dmos) structure and a well proven silicon-gate manufact uring process. this com- bination produces a device with the power-handling capabilities of bipolar transistors, plus the high-input impedance and positive-temperature coefficient inher- ent in metal-oxide semiconductor (mos) devices. characteristic of all mos structures, this device is free from thermal runaway and thermally-induced second- ary breakdown. vertical dmos field-effect transistors (fets) are ide- ally suited to a wide range of switching and amplifying applications where a very low threshold voltage, high breakdown voltage, high input impedance, low input capacitance, and fast switching speeds are desired. n-channel, depletion-mode, vertical dmos fet
DN2470 ds20005410a-page 2 ? 2015 microchip technology inc. package type to-252 (d-pak) see table 2-1 for pin information gate source drain
? 2015 microchip technology inc. ds20005410a-page 3 DN2470 1.0 electrical characteristics absolute maximum ratings ? drain-to-source voltage........................................................................................................ ........................................................ bv dsx drain-to-gate voltage.......................................................................................................... ..........................................................bv dgx gate-to-source voltage......................................................................................................... .......................................................... 20v operating and storage temperature .............................................................................................. ............................... -55c to +150c note 1: all dc parameters are 100% tested at 25c unless otherwise st ated. pulse test: 300 s pulse, 2% duty cycle. 2: specification is obtained by characterization and is not 100% tested. ? notice: stresses above those listed under ?maximum ratings? may cause permanent damage to the device. this is a stress rating only and functional operation of the device at those or any other conditions above those indicated in the operational listings of this specification is not implied. exposure to maximum rating conditions for extended periods may affect devi ce reliability. dc and ac characteristics electrical specifications: unless otherwise specified, for all specifications t a =t j = +25c parameter symbol min typ max units conditions dc parameters ( note 1 , unless otherwise stated) drain-to-source breakdown voltage bv dsx 700 ? ? v v gs = -5.0v, i d = 100a gate-to-source off voltage v gs(off) -1.5 ? -3.5 v v ds = 25v, i d = 10a change in v gs(off) with tempera- ture ? v gs(off) ? ? -4.5 mv/c v ds = 25v, i d = 10a (( note 2 ) gate body leakage current i gss ? ? 100 na v gs = 20v, v ds = 0v drain-to-source leakage current i d(off) ??1.0av ds = bv dsx , v gs = -10v ??1.0ma v ds = 0.8 bv dsx , v gs = -10v, t a = 125c (( note 2 ) saturated drain-to-source current i dss ?500 - mav gs = 0v, v ds = 25v static drain-to-source on-state resistance r ds(on) ??42 ? v gs = 0v, i d = 100ma change in r ds(on) with temperature ? r ds(on) ??1.1%/cv gs = 0v, i d = 100ma ( note 2 ) ac parameters ( note 2 ) forward transconductance g fs 100 ? ? mmho v ds = 10v, i d = 100ma input capacitance c iss ? ? 540 pf v gs = -10v, v ds = 25v, f = 1.0 mhz common source output capaci- tance c oss ??60 reverse transfer capacitance c rss ??25 turn-on delay time t d(on) ??30 ns v dd = 25v, i d = 100ma, r gen = 25 ? , rise time t r ??45 turn-off delay time t d(off) ??45 fall time t f ??60 diode parameters diode forward voltage drop v sd ??1.8vv gs = -5.0v, i sd = 200ma ( note 1 ) reverse recovery time t rr ?800? nsv gs = -5.0v, i sd = 200ma ( note 2 )
DN2470 ds20005410a-page 4 ? 2015 microchip technology inc. 2.0 pin description the locations of the pins are listed in package type . temperature specifications electrical specifications: unless otherwise specified, for all specifications t a =t j = +25c parameter symbol min typ max units conditions temperature ranges operating and storage temperature -55 ? 150 c package thermal resistances thermal resistance, to-252 (d-pak) ja ? 132 ? c/w table 1-1: thermal characteristics package i d 1 continuous (ma) 1. i d continuous is limited by max rated t j i d pulsed (ma) power dissipation @t a = 25c (w) i dr 1 (ma) i drm (ma) to-252 (d-pak) 170 500 2.5 2 2. mounted on fr4 board, 25mm x 25mm x 1.57 mm 170 500 table 2-1: pin description pin # to-252 function 1gate 3 source 2,4 drain
? 2015 microchip technology inc. ds20005410a-page 5 DN2470 3.0 application information figure 3-1 shows the switching wa veform and test cir- cuit for dn2450. figure 3-1: switching waveforms and test circuit 90% 10% 90% 90% 10% 10% pulse generator vdd r l output d.u.t. t (on) t d(on) t (off) t d(off) t r input input output 0v vdd r gen 0v -10v t f product summary bv dsx /bv dgx (v) r ds(on) (max) ( ? ) i dss (typ) (ma) 700 42 500
DN2470 ds20005410a-page 6 ? 2015 microchip technology inc. 4.0 packaging information 4.1 package marking information legend: xx...x product code or customer-specific information y year code (last digit of calendar year) yy year code (last 2 digits of calendar year) ww week code (week of january 1 is week ?01?) nnn alphanumeric traceability code pb-free jedec ? designator for matte tin (sn) * this package is pb-free. the pb-free jedec designator ( ) can be found on the outer packaging for this package. note : in the event the full microchip part nu mber cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for product code or custom er-specific information. package may or not include the corporate logo. 3 e 3 e to-252 (d-pak) example yywwnnn xxxxx xxxx e 3 1517343 2470 dn e 3
? 2015 microchip technology inc. ds20005410a-page 7 DN2470 note: for the most current package drawings, see the microchip packaging specification at www.microchip.com/packaging.
DN2470 ds20005410a-page 8 ? 2015 microchip technology inc. appendix a: revision history revision a (october 2015) ? updated file to new format. released data sheet in the microchip system.
? 2015 microchip technology inc. ds20005410a-page 9 DN2470 product identification system to order or obtain information, e.g., on pricing or de livery, refer to the factory or the listed sales office . device: DN2470 = n-channel, depletion-mode, vertical dmos fet package: k4 = to-252 (d-pak) environmental g = lead (pb)-free/rohs-compliant package media type: (blank) = 2000/reel examples: a) DN2470k4-g to-252 package, 2000/reel part no. x device x environmental x x package options media - - type
ds20005410a-page 10 ? 2015 microchip technology inc. information contained in this publication regarding device applications and the like is prov ided only for your convenience and may be superseded by updates. it is your responsibility to ensure that your application me ets with your specifications. microchip makes no representations or warranties of any kind whether express or implied, written or oral, statutory or otherwise, related to the information, including but not limited to its condition, quality, performance, merchantability or fitness for purpose . microchip disclaims all liability arising from this information and its use. use of microchip devices in life support and/or safe ty applications is entirely at the buyer?s risk, and the buyer agrees to defend, indemnify and hold harmless microchip from any and all damages, claims, suits, or expenses resulting fr om such use. no licenses are conveyed, implicitly or ot herwise, under any microchip intellectual property rights unless otherwise stated. trademarks the microchip name and logo, th e microchip logo, dspic, flashflex, flexpwr, jukeblox, k ee l oq , k ee l oq logo, kleer, lancheck, medialb, most, most logo, mplab, optolyzer, pic, picstart, pic 32 logo, righttouch, spynic, sst, sst logo, superflash and uni/o are registered trademarks of microchip te chnology incorporated in the u.s.a. and other countries. the embedded control solutions company and mtouch are registered trademarks of microc hip technology incorporated in the u.s.a. analog-for-the-digital age, bodycom, chipkit, chipkit logo, codeguard, dspicdem, dspicdem.net, ecan, in-circuit serial programming, icsp, inter-chip connectivity, kleernet, kleernet logo, miwi, motorbench, mpasm, mpf, mplab certified logo, mplib, mplink, multitrak, netdetach, omniscient code generation, picdem, picdem.net, pickit, pictail, righttouch logo, real ice, sqi, serial quad i/o, total endurance, tsharc, usbcheck, varisense, viewspan, wiperlock, wireless dna, and zena are trademarks of microchip te chnology incorporated in the u.s.a. and other countries. sqtp is a service mark of mi crochip technology incorporated in the u.s.a. silicon storage technology is a registered trademark of microchip technology inc. in other countries. gestic is a registered tradem ark of microchip technology germany ii gmbh & co. kg, a subsidiary of microchip technology inc., in other countries. all other trademarks mentioned herein are property of their respective companies. ? 2015, microchip technology incorporated, printed in the u.s.a., all rights reserved. isbn: 978-1-63277-870-3 note the following details of the code protection feature on microchip devices: ? microchip products meet the specification cont ained in their particular microchip data sheet. ? microchip believes that its family of products is one of the mo st secure families of its kind on the market today, when used i n the intended manner and under normal conditions. ? there are dishonest and possibly illegal meth ods used to breach the code protection fe ature. all of these methods, to our knowledge, require using the microchip pr oducts in a manner outside the operating specif ications contained in microchip?s data sheets. most likely, the person doing so is engaged in theft of intellectual property. ? microchip is willing to work with the customer who is concerned about the integrity of their code. ? neither microchip nor any other semiconduc tor manufacturer can guarantee the security of their code. code protection does not mean that we are guaranteeing the product as ?unbreakable.? code protection is constantly evolving. we at microchip are committed to continuously improving the code protection features of our products. attempts to break microchip?s c ode protection feature may be a violation of the digital millennium copyright act. if such acts allow unauthorized access to your softwa re or other copyrighted work, you may have a right to sue for relief under that act. microchip received iso/ts-16949:2009 certification for its worldwide headquarters, design and wafer fabrication facilities in chandler and tempe, arizona; gresham, oregon and design centers in california and india. the company?s quality system processes and procedures are for its pic ? mcus and dspic ? dscs, k ee l oq ? code hopping devices, serial eeproms, microperi pherals, nonvolatile memory and analog products. in addition, microchip?s quality system for the design and manufacture of development systems is iso 9001:2000 certified. quality management s ystem by dnv == iso/ts 16949 ==
ds20005410a-page 11 ? 2015 microchip technology inc. americas corporate office 2355 west chandler blvd. chandler, az 85224-6199 tel: 480-792-7200 fax: 480-792-7277 technical support: http://www.microchip.com/ support web address: www.microchip.com atlanta duluth, ga tel: 678-957-9614 fax: 678-957-1455 austin, tx tel: 512-257-3370 boston westborough, ma tel: 774-760-0087 fax: 774-760-0088 chicago itasca, il tel: 630-285-0071 fax: 630-285-0075 cleveland independence, oh tel: 216-447-0464 fax: 216-447-0643 dallas addison, tx tel: 972-818-7423 fax: 972-818-2924 detroit novi, mi tel: 248-848-4000 houston, tx tel: 281-894-5983 indianapolis noblesville, in tel: 317-773-8323 fax: 317-773-5453 los angeles mission viejo, ca tel: 949-462-9523 fax: 949-462-9608 new york, ny tel: 631-435-6000 san jose, ca tel: 408-735-9110 canada - toronto tel: 905-673-0699 fax: 905-673-6509 asia/pacific asia pacific office suites 3707-14, 37th floor tower 6, the gateway harbour city, kowloon hong kong tel: 852-2943-5100 fax: 852-2401-3431 australia - sydney tel: 61-2-9868-6733 fax: 61-2-9868-6755 china - beijing tel: 86-10-8569-7000 fax: 86-10-8528-2104 china - chengdu tel: 86-28-8665-5511 fax: 86-28-8665-7889 china - chongqing tel: 86-23-8980-9588 fax: 86-23-8980-9500 china - dongguan tel: 86-769-8702-9880 china - hangzhou tel: 86-571-8792-8115 fax: 86-571-8792-8116 china - hong kong sar tel: 852-2943-5100 fax: 852-2401-3431 china - nanjing tel: 86-25-8473-2460 fax: 86-25-8473-2470 china - qingdao tel: 86-532-8502-7355 fax: 86-532-8502-7205 china - shanghai tel: 86-21-5407-5533 fax: 86-21-5407-5066 china - shenyang tel: 86-24-2334-2829 fax: 86-24-2334-2393 china - shenzhen tel: 86-755-8864-2200 fax: 86-755-8203-1760 china - wuhan tel: 86-27-5980-5300 fax: 86-27-5980-5118 china - xian tel: 86-29-8833-7252 fax: 86-29-8833-7256 asia/pacific china - xiamen tel: 86-592-2388138 fax: 86-592-2388130 china - zhuhai tel: 86-756-3210040 fax: 86-756-3210049 india - bangalore tel: 91-80-3090-4444 fax: 91-80-3090-4123 india - new delhi tel: 91-11-4160-8631 fax: 91-11-4160-8632 india - pune tel: 91-20-3019-1500 japan - osaka tel: 81-6-6152-7160 fax: 81-6-6152-9310 japan - tokyo tel: 81-3-6880- 3770 fax: 81-3-6880-3771 korea - daegu tel: 82-53-744-4301 fax: 82-53-744-4302 korea - seoul tel: 82-2-554-7200 fax: 82-2-558-5932 or 82-2-558-5934 malaysia - kuala lumpur tel: 60-3-6201-9857 fax: 60-3-6201-9859 malaysia - penang tel: 60-4-227-8870 fax: 60-4-227-4068 philippines - manila tel: 63-2-634-9065 fax: 63-2-634-9069 singapore tel: 65-6334-8870 fax: 65-6334-8850 taiwan - hsin chu tel: 886-3-5778-366 fax: 886-3-5770-955 taiwan - kaohsiung tel: 886-7-213-7828 taiwan - taipei tel: 886-2-2508-8600 fax: 886-2-2508-0102 thailand - bangkok tel: 66-2-694-1351 fax: 66-2-694-1350 europe austria - wels tel: 43-7242-2244-39 fax: 43-7242-2244-393 denmark - copenhagen tel: 45-4450-2828 fax: 45-4485-2829 france - paris tel: 33-1-69-53-63-20 fax: 33-1-69-30-90-79 germany - dusseldorf tel: 49-2129-3766400 germany - karlsruhe tel: 49-721-625370 germany - munich tel: 49-89-627-144-0 fax: 49-89-627-144-44 italy - milan tel: 39-0331-742611 fax: 39-0331-466781 italy - venice tel: 39-049-7625286 netherlands - drunen tel: 31-416-690399 fax: 31-416-690340 poland - warsaw tel: 48-22-3325737 spain - madrid tel: 34-91-708-08-90 fax: 34-91-708-08-91 sweden - stockholm tel: 46-8-5090-4654 uk - wokingham tel: 44-118-921-5800 fax: 44-118-921-5820 worldwide sales and service 07/14/15


▲Up To Search▲   

 
Price & Availability of DN2470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X