Part Number Hot Search : 
L6604 ATMEGA CD100 AD5684R RKTV206 1V221M 08A10 P6SMB16
Product Description
Full Text Search
 

To Download CPDUR24V-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cpdur series-hf page 1 qw -g7005 rev :c features - surface mount package. - high component density . mechanical data - case: 0603/sod-523f standard package, molded plastic. - t erminals: gold plated, solderable per mil-std-750,method 2026. - marking code: cpdur5v0-hf: e05 cpdur12v -hf: e12 cpdur24v -hf: e24 - mounting position: any . - w eight: 0.003 gram(approx.). - bi-diretional esd protection comchip t echnology co., l td. 0 . 0 7 1 ( 1 . 8 0 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 3 9 ( 1 . 0 0 ) 0 . 0 3 1 ( 0 . 8 0 ) 0 . 0 3 3 ( 0 . 8 5 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0 . 0 3 0 ( 0 . 7 5 ) 0 . 0 2 0 ( 0 . 5 0 ) electrical characteristics (at t a =25c unless otherwise noted) symbol t yp parameter min ma x unit junction capacitance conditions diode breakdown voltage v bd v cpdur5v0-hf cpdur12v -hf cpdur24v -hf i r = 1ma leakage current i l ua cpdur5v0-hf cpdur12v -hf cpdur24v -hf 20 - - - c t pf cpdur5v0-hf cpdur12v -hf cpdur24v -hf v r =0v ,f =1mhz 13 5.1 25 0.1 17 7.0 28 15 12 10 2.0 - - - v r = 5v v r = 24v v r = 12v clamping voltage esd capability kv 25 47 cpdur5v0-hf cpdur12v -hf cpdur24v -hf 1 6 peak pulse power p pp w 75 cpdur series-hf storage temperature operation temperature 125 o c t stg t j o c 150 cpdur series-hf cpdur series-hf -55 v c v i pp = 5a,t p =8/20us 15 i pp = 1a,t p =8/20us i pp = 1a,t p =8/20us 25 47 cpdur5v0-hf cpdur12v -hf cpdur24v -hf t p =8/20us esd iec 61000-4-2(air) iec 61000-4-2(contact) 8 0 6 0 3 / s o d - 5 2 3 f rohs device halogen free 0 . 0 1 6 ( 0 . 4 0 ) 0 . 0 2 6 ( 0 . 6 5 ) company reserves the right to improve product design , functions and reliability without notice. smd esd protection diode
page 2 comchip t echnology co., l td. c a p a c i t a n c e b e t w e e n t e r m i n a l s , ( p f ) r e v e r s e c u r r e n t , ( a ) p o w e r r a t i n g , ( % ) f i g . 1 - 8 / 2 0 u s p e a k p u l s e c u r r e n t w a v e f o r m a c c . i e c 6 1 0 0 0 - 4 - 5 f i g . 3 - c a p a c i t a n c e b e t w e e n t e r m i n a l s c h a r a c t e r i s t i c s f i g . 2 - r e v e r s e c h a r a c t e r i s t i c s f ig . 4 - p o w e r r a ti n g d e r a ti n g c u r v e reverse voltage, (%) reverse voltage, (v) ambient temperature, ( c) 0 3 6 9 12 15 0 10 20 30 40 cpdur5v0-hf cpdur12v -hf cpdur24v -hf 2 0 4 0 6 0 8 0 1 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 mounting on glass epoxy pcbs 0 2 0 4 0 6 0 1 0 0 1 0 0 n 1 u 1 0 u 1 0 n ra ting and characteristic cur ves (cpdur series-hf) 8 0 qw -g7005 rev :c company reserves the right to improve product design , functions and reliability without notice. smd esd protection diode t i m e , ( u s ) 0 % 2 0 % 4 0 % 6 0 % 8 0 % 1 0 0 % 0 5 1 5 2 5 3 0 1 0 2 0 1 2 0 % p e r c e n t a g e o f i p p t a = 2 5 c p e a k v a lu r ip p t est w ave form par am ete rs tf=8 us td= 20u s e -t td = t ip p /2
page 3 comchip t echnology co., l td. t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification qw -g7005 rev :c o 1 2 0 b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 ( m m ) ( i n c h ) 0 . 0 3 9 0 . 0 0 4 0 . 0 7 3 0 . 0 0 4 0 . 0 3 9 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . 1 . 0 0 0 . 1 0 1 . 8 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 3 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 0 6 0 3 ( s o d - 5 2 3 ) 0 6 0 3 ( s o d - 5 2 3 ) i n d e x h o l e d e f b w p p 0 p 1 a company reserves the right to improve product design , functions and reliability without notice. smd esd protection diode
page 4 comchip t echnology co., l td. part number cpdur5v0-hf marking code e05 marking code cpdur12v -hf e12 cpdur24v -hf e24 suggested p ad layout size (inch) 0.049 (mm) 1.25 0.60 1.00 0.024 0.039 1.85 0.073 e 0.65 0.026 standard packaging a b c d a c b e d xxx xxx = product type marking code qw -g7005 rev :c 0603/sod-523f c a s e t y p e s o d - 5 2 3 f 4 , 0 0 0 r e e l ( p c s ) reel size (inch) 7 r e e l p a c k 0 6 0 3 / company reserves the right to improve product design , functions and reliability without notice. smd esd protection diode


▲Up To Search▲   

 
Price & Availability of CPDUR24V-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X