Part Number Hot Search : 
FR301 FSA1257 S3906 2SC2620 D4536 FSA1256 76561E3 C1367
Product Description
Full Text Search
 

To Download BU20065S-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bu2006-e3, bu2008-e3, bu2010-e3 www.vishay.com vishay general semiconductor revision: 16-aug-13 1 document number: 84804 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 enhanced isocink+? bridge rectifiers * tested to ul standard for safety electrically isolated semiconductor devices. ul 1557 4th edition. ? dielectric tested to maximum case, storage and junction temperature to 150 c to withstand 1500 v. ? epoxy meets ul 94 v-0 flammability rating. features ? ul recognition file number e309391 (qqqx2) ul 1557 (see *) ? thin single in-line package ? available for bu-5s lead forming option (part number with 5s suffix, e.g. bu20065s) ? superior thermal conductivity ? solder dip 275 c max. 10 s, per jesd 22-b106 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 typical applications general purpose use in ac/dc bridge full wave rectification for switching power supply, home appliances and white-goods applications. mechanical data case: bu molding compound meets ul 94 v-0 flammabi lity rating ? base p/n-e3 - rohs-co mpliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 ? e3 suffix meets jesd 201 class 1a whisker test polarity: as marked on body mounting torque: 10 cm-kg (8.8 inches-lbs) max. recommended torque: 5.7 cm-kg (5 inches-lbs) ? notes (1) with 60 w air cooled heatsink (2) without heatsink, free air primary characteristics package bu i f(av) 20 a v rrm 600 v, 800 v, 1000 v i fsm 240 a i r 5 a v f at i f = 10 a 0.85 v t j max. 150 c diode variations in-line + ~ ~ - - ~ ~ + case style bu + ~~ - isocink+? maximum ratings (t a = 25 c unless otherwise noted) parameter symbol bu2006 bu2008 bu2010 unit maximum repetitive peak reverse voltage v rrm 600 800 1000 v average rectified forward current (fig. 1, 2) t c = 61 c (1) i o 20 a t a = 25 c (2) 3.5 non-repetitive peak forward surge current ? 8.3 ms single sine-wave, t j = 25 c i fsm 240 a rating for fusing (t < 8.3 ms) t j = 25 c i 2 t 239 a 2 s operating junction and storage temperature range t j , t stg - 55 to + 150 c
bu2006-e3, bu2008-e3, bu2010-e3 www.vishay.com vishay general semiconductor revision: 16-aug-13 2 document number: 84804 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse test: 300 s puls e width, 1 % duty cycle notes (1) with 60 w air cooled heatsink (2) without heatsink, free air ratings and characteristics curves (t a = 25 c unless otherwise specified) fig. 1 - derating curve output rectified current fig. 2 - forward current derating curve electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol typ. max. unit maximum instantaneous forward ? voltage per diode (1) i f = 10 a t a = 25 c v f 0.95 1.05 v t a = 125 c 0.85 0.95 maximum reverse current per diode rated v r t a = 25 c i r -5.0 a t a = 125 c 110 350 typical junction capacitanc e per diode 4.0 v, 1 mhz c j 95 - pf thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol bu2006 bu2008 bu2010 unit typical thermal resistance r ? jc (1) 2.4 c/w r ? ja (2) 20 ordering information (example) preferred p/n unit weight (g) preferred pa ckage code base quantity delivery mode bu2006-e3/45 4.76 45 20 tube bu2006-e3/51 4.76 51 250 paper tray bu20065s-e3/45 4.76 45 20 tube 0 50 100 150 0 4 12 16 20 24 case temperat u re (c) a v erage for w ard o u tp u t c u rrent (a) 8 25 75 125 with heatsink sine-wa v e, r-load t c meas u red at de v ice bottom t c t c 0 1 2 3 5 ambient temperat u re (c) a v erage for w ard rectified c u rrent (a) 0 50 25 75 100 125 150 4 witho u t heatsink sine-wa v e, r-load free air, t a
bu2006-e3, bu2008-e3, bu2010-e3 www.vishay.com vishay general semiconductor revision: 16-aug-13 3 document number: 84804 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - forward power dissipation fig. 4 - typical forward characteristics per diode fig. 5 - typical reverse char acteristics per diode fig. 6 - typical junction c apacitance per diode 0 4 8 12162024 0 10 20 30 40 50 a v erage for w ard c u rrent (a) for w ard po w er dissipation (w) 0.3 1.1 0.01 10 0.1 1 100 0.5 0.7 0.9 instantaneo u s for w ard voltage (v) instantaneo u s for w ard c u rrent (a) t j = 150 c t j = 125 c t j = 25 c 1.0 0.4 0.6 0.8 1000 20 10 60 40 30 50 70 90 100 80 0.1 1 10 100 percent of rated peak re v erse volta g e (%) instantaneo u s re v erse c u rrent (a) t j = 150 c t j = 125 c t j = 25 c 0.1 1 10 100 10 1000 re v erse voltage (v) j u nction capaci tance (pf) 100
bu2006-e3, bu2008-e3, bu2010-e3 www.vishay.com vishay general semiconductor revision: 16-aug-13 4 document number: 84804 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) + - ~~ case type bu 0.880 (22.3) 0.860 (21.8) 0.160 (4.1) 0.140 (3.5) 0.075 (1.9) r 0.125 (3.2) x 45 chamfer 0.080 (2.03) 0.060 (1.52) 0.050 (1.27) 0.040 (1.02) 0.190 (4.83) 0.210 (5.33) 0.080 (2.03) 0.065 (1.65) 0.100 (2.54) 0.085 (2.16) 0.085 (2.16) 0.065 (1.65) 0.310 (7.9) 0.290 (7.4) 0.020r (typ.) polarity sho w n on front side of case, positi v e lead be v eled corner 0.64 (16.28) ref. 0.62 (15.78) ref. 0.055 (1.385) ref. r 0.10 (2.60) ref. r 0.11 (2.78) ref. 0.094 (2.39) x 45 ref. 0.055 (1.385) ref. 0.161 (4.10) 0.142 (3.60) 0.710 (18.0) 0.690 (17.5) 0.028 (0.72) 0.020 (0.52) 0.740 (18.8) 0.720 (18.3) vie w a 0.048 (1.23) 0.039 (1.00) 5 typ. 9 typ.
bu2006-e3, bu2008-e3, bu2010-e3 www.vishay.com vishay general semiconductor revision: 16-aug-13 5 document number: 84804 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 forming specification: bu-5s in inches (millimeters) application note (1) device ul approved for safety use dielectric strength of 1500 v. (2) if device is mounted in floating grou nd (f. g.) application, insulator is recommended to use to meet safety requirement. (3) heat sink shape recommendation: 0.085 (2.16) 0.065 (1.65) 0.310 (7.9) 0.290 (7.4) 0.020r (typ.) 0.100 (2.54) 0.085 (2.16) 0.160 (4.1) 0.140 (3.5) 0.880 (22.3) 0.860 (21.8) 0.125 (3.2) x 45 chamfer 0.075 (1.9) r + - ~~ 0.080 (2.03) 0.060 (1.52) 0.050 (1.27) 0.040 (1.02) 0.213 (5.40) 0.173 (4.40) 0.417 (10.60) 0.370 (9.40) 0.080 (2.03) 0.065 (1.65) 0.319 (8.10) 0.272 (6.90) 0.319 (8.10) 0.272 (6.90) 0.315 (8.0) 0.276 (7.0) 0.028 (0.72) 0.020 (0.52) 0.219 (5.55) max. 0.161 (4.10) 0.142 (3.60) 0.740 (18.8) 0.720 (18.3) 5 typ. 9 typ. 0.134 (3.40) 0.087 (2.20) 2.5 mm min. 2.5 mm min. by safety req u irements heatsink (3)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BU20065S-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X