Part Number Hot Search : 
S2072 74LS28 AD1671J MC74VH MGA2805S 600BR B3300 2N4910
Product Description
Full Text Search
 

To Download BLM3400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.belling.com.cn v2.0 page1 blm 3400 pb free product n-channel enhancement mode power mosfet description the BLM3400 uses advanced trench technology to provi de excellent r ds(on) , low gate charge and operation with gate voltages as low as 2.5v. this device is suitable for use as a battery protection or in other switching application . general features v ds = 30v,i d = 5.8a r ds(on) < 59m @ v gs =2.5v r ds(on) < 45m @ v gs =4.5v r ds(on) < 41m @ v gs =10v high power and current handing capability lead free product is acquired surface mount package application pwm applications load switch power management d g s schematic diagram marking and pin assignment sot-23 top view package marking and ordering information device marking device device package reel size tape width quantity 3400 BLM3400 sot-23 ?180mm 8 mm 3000 units absolute maximum ratings (ta=25 unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 30 v gate-source voltage v gs 12 v drain current-continuous i d 5.8 a drain current-pulsed (note 1) i dm 30 a maximum power dissipation p d 1.4 w operating junction and storage temperature range t j ,t stg -55 to 150 thermal characteristic thermal resistance,junction-to-ambient (note 2) r ja 1.0 /w electrical characteristics (ta=25 unless otherwise noted) parameter symbol condition min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v i d =250 a 30 33 - v
www.belling.com.cn v2.0 page2 blm 3400 pb free product zero gate voltage drain current i dss v ds =30v,v gs =0v - - 1 a gate-body leakage current i gss v gs =12v,v ds =0v - - 100 na on characteristics (note 3) gate threshold voltage v gs(th) v ds =v gs ,i d =250 a 0.7 0.9 1.4 v v gs =2.5v, i d =4a - 45 59 m v gs =4.5v, i d =2.9a - 34 45 m drain-source on-state resistance r ds(on) v gs =10v, i d =2.9a - 31 41 m forward transconductance g fs v ds =5v,i d =2.9a 10 - - s dynamic characteristics (note4) input capacitance c lss - 623 - pf output capacitance c oss - 99 - pf reverse transfer capacitance c rss v ds =15v,v gs =0v, f=1.0mhz - 77 - pf switching characteristics (note 4) turn-on delay time t d(on) - 3.3 - ns turn-on rise time t r - 4.8 - ns turn-off delay time t d(off) - 26 - ns turn-off fall time t f v dd =15v,i d =2.9a v gs =10v,r gen =3 - 4 - ns total gate charge q g - 9.5 - nc gate-source charge q gs - 1.5 - nc gate-drain charge q gd v ds =15v,i d =5.8a, v gs =4.5v - 3 - nc drain-source diode characteristics diode forward voltage (note 3) v sd v gs =0v,i s =2.9a - 0.75 1.2 v diode forward current (note 2) i s - - 2.9 a notes: 1. repetitive rating: pulse width limited by maximum j unction temperature. 2. surface mounted on fr4 board, t 10 sec. 3. pulse test: pulse width 300 s, duty cycle 2%. 4. guaranteed by design, not subject to production
www.belling.com.cn v2.0 page3 blm 3400 pb free product typical electrical and thermal characteristics
www.belling.com.cn v2.0 page4 blm 3400 pb free product sot-23 package information dimensions in millimeters symbol min. max. a 0.900 1.150 a1 0.000 0.100 a2 0.900 1.050 b 0.300 0.500 c 0.080 0.150 d 2.800 3.000 e 1.200 1.400 e1 2.250 2.550 e 0.950typ e1 1.800 2.000 l 0.550ref l1 0.300 0.500 0 8 notes 1. all dimensions are in millimeters. 2. tolerance 0.10mm (4 mil) unless otherwise speci fied 3. package body sizes exclude mold flash and gate b urrs. mold flash at the non-lead sides should be le ss than 5 mils. 4. dimension l is measured in gauge plane. 5. controlling dimension is millimeter, converted i nch dimensions are not necessarily exact.


▲Up To Search▲   

 
Price & Availability of BLM3400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X