notes: 1. thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, p.c.b. mounted a t a d l a c i n a h c e m s e r u t a e f 751 s c i t s i r e t c a r a h c l a c i r t c e l e d n a s g n i t a r m u m i x a m ratings at 25 o c ambient temperature unless otherwise specified. plastic package has underwriters laboratories flammability classification 94v-0 high temperature metallurgically bonded construction cavity-free glass passivated junction capable of meeting environmental standards of mil-s-19500 1.0 ampere operation at t a =75 o c with no thermal runaway typical i r less than 0.1 u a high temperature soldering guaranteed: 350 o c/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension case: jedec do-204al (do-41), molded plastic over glass body terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.012 ounce, 0.335 gram g 8 1 t h b r e i f i t c e r s t s a l l a b p m a l c i n o r t c e l e d e t a v i s s a p s s a l g e r e p m a 0 . 1 t n e r r u c d r a w r o f s t l o v 0 0 1 1 e g a t l o v e s r e v e r r e t e m a r a ps l o b m y sg 8 1 t h bs t i n u e g a t l o v e s r e v e r k a e p e v i t i t e p e r m u m i x a mv m r r 0 0 1 1s t l o v e g a t l o v s m r m u m i x a mv s m r 0 7 7s t l o v e g a t l o v g n i k c o l b c d m u m i x a mv c d 0 0 1 1s t l o v t n e r r u c d e i f i t c e r d r a w r o f e g a r e v a m u m i x a m t t a h t g n e l d a e l ) m m 5 . 9 ( " 5 7 3 . 0 a 5 7 = o c i ) v a ( f 0 . 1p m a t n e r r u c e g r u s d r a w r o f k a e p d e s o p m i r e p u s e v a w - e n i s f l a h e l g n i s s m 3 . 8 ) d o h t e m c e d e j ( d a o l d e t a r n o i m s f 0 . 0 3s p m a e l c y c l l u f , t n e r r u c e s r e v e r d a o l l l u f m u m i x a m t h t g n e l d a e l ) m m 5 . 9 ( " 5 7 3 . 0 e g a r e v a a 5 7 = o c i ) v a ( r 0 3 u a a 0 . 1 t a e g a t l o v d r a w r o f s u o e n a t n a t s n i m u m i x a mv f 0 . 1s t l o v t n e r r u c e s r e v e r c d m u m i x a m e g a t l o v g n i k c o l b c d d e t a r t a t @ a 5 2 = o c t @ a 5 2 1 = o c i r 0 . 1 0 3 u a t a e m i t y r e v o c e r e s r e v e r l a c i p y t i f i , a 5 . 0 = r i , a 0 . 1 = r r a 5 2 . 0 = t r r 0 . 1 u s z h m 1 , v 0 . 4 t a e c n a t i c a p a c n o i t c n u j l a c i p y tc j 0 . 8 p f ) 1 e t o n ( e c n a t s i s e r l a m r e h t l a c i p y t r a j r l j 0 . 5 5 0 . 5 2 o w / c e g n a r e r u t a r e p m e t e g a r o t s d n a n o i t c n u j g n i t a r e p ot j t , g t s 5 7 1 + o t 5 5 - o c
752 s e v r u c c i t s i r e t c a r a h c d n a s g n i t a r (t a = 25 o c unless otherwise noted)
|