Part Number Hot Search : 
HT9312AT HCF40 C221M B20H100C M62337P AA118 E001000 GUF15A
Product Description
Full Text Search
 

To Download BGU7053 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. product profile 1.1 general description the BGU7053 is a low noise high linearity amplifier for wirel ess infrastructure applications.the lna has a high input and out put return loss and is designed to operate between 2.3 ghz and 2.8 ghz. it is housed in a 3 mm ? 3mm ? 0.85 mm 10-terminal plastic thin small outline package. the lna is esd protected on all terminals. 1.2 features and benefits ? low noise figure (nf) = 0.85 db at 2500 mhz ? high linearity performance, ip3 o = 36 dbm at 2500 mhz ? high input and output return loss ? unconditionally stable ? 110 ghz transit frequenc y - sige:c technology ? supply voltage 3.3 v ? small 10-terminal leadless package 3 mm ? 3mm ? 0.85 mm ? esd protection on all terminals ? moisture sensitivity level 1 1.3 applications ? lna for wireless infrastructure ap plications (2.3 ghz to 2.8 ghz) ? low noise applications 1.4 quick reference data BGU7053 sige:c low noise high linearity amplifier rev. 2 ? 21 february 2012 product data sheet table 1. quick reference data f = 2500 mhz; v cc = 3.3 v; t amb =25 ? c; input and output 50 ? ; unless otherwise specified. symbol parameter conditions min typ max unit v cc supply voltage 3.0 - 3.6 v i cc supply current 70 90 110 ma g ass associated gain 17 18.5 20 db nf noise figure - 0.85 1.1 db p l(1db) output power at 1 db gain compression 11.5 13.5 - dbm ip3 o output third-order intercept point 33 36 - dbm
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 2 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 2. pinning information 2.1 pinning 2.2 pin description 3. ordering information 4. limiting values fig 1. pin configuration BGU7053 transparent top view 5 6 4 7 3 8 2 9 1 10 terminal 1 index area n.c. v cc2 gnd rf_out gnd n.c. v cc1 gnd rf_in gnd aaa-002193 table 2. pin description symbol pin description n.c. 1, 10 not connected v cc1 2 supply voltage gnd 3, 5, 6, 8 ground rf_in 4 rf input rf_out 7 rf output v cc2 9 supply voltage table 3. ordering information type number package name description version BGU7053 hvson10 plastic thermal enhanced very thin small outline package; no leads; 10 terminals; body 3 x 3 x 0.85 mm sot650-1 table 4. limiting values in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit v cc supply voltage 05 v p i(rf)cw continuous waveform rf input power v cc = 3.3 v - 20 dbm t stg storage temperature ? 65 +150 ?c
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 3 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 5. thermal characteristics 6. characteristics t j junction temperature - 150 ?c t amb ambient temperature ? 40 +85 ?c v esd electrostatic discharge voltage human body model (hbm); according jedec standard 22-a114e -4 kv charged device model (cdm); according jedec standard 22-c101b -2 kv table 4. limiting values ?continued in accordance with the absolute ma ximum rating system (iec 60134). symbol parameter conditions min max unit table 5. thermal characteristics symbol parameter conditions typ unit r th(j-sp) thermal resistance from junction to solder point 26 k/w table 6. characteristics v cc = 3.3 v; t amb =25 ? c; input and output 50 ? ; unless otherwise specified. all rf parameters are measured at the device rf in and rf output terminals. symbol parameter conditions min typ max unit v cc supply voltage 3.0 - 3.6 v i cc supply current 70 90 110 ma g ass associated gain f = 2500 mhz 17 18.5 20 db f = 2700 mhz - 17.5 - db nf noise figure f = 2500 mhz - 0.85 1.1 db f = 2700 mhz - 0.90 - db p l(1db) output power at 1 db gain compression f = 2500 mhz 11.5 13.5 - dbm f = 2700 mhz - 13 - dbm ip3 o output third-order intercept point f = 2500 mhz 33 36 - dbm f = 2700 mhz - 36 - dbm rl in input return loss f = 2500 mhz - 23 - db f = 2700 mhz - 26 - db rl out output return loss f = 2500 mhz - 19.5 - db f = 2700 mhz - 22.7 - db isl isolation f = 2500 mhz - 25.5 - db f = 2700 mhz - 23.5 - db k rollett stability factor 0 ghz ? f ? 25 ghz 1 - -
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 4 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 6.1 performance curves v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c fig 2. input reflection coefficient as a function of frequency fig 3. forward transmission coefficient as a function of frequency 1500 3500 3000 2000 2500 aaa-002037 -20 -30 -10 0 s 11 (db) -40 f (mhz) (3) (2) (1) 1500 3500 3000 2000 2500 aaa-002038 10 20 30 s 21 (db) 0 f (mhz) (1) (2) (3) v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c fig 4. output reflection coefficient as a function of frequency fig 5. reverse transmission coefficient as a function of frequency (1) (3) 1500 3500 3000 2000 2500 aaa-002039 -20 -30 -10 0 s 22 (db) -40 f (mhz) (2) (1) (3) f (mhz) 1500 3500 3000 2000 2500 aaa-002040 -30 -20 -10 s 12 (db) -40 (2)
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 5 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier v cc = 3.3 v; t amb = 25 ? c. v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c fig 6. wideband s-parameters as a function of frequency fig 7. stability k-factor as a function of frequency 0 5000 4000 2000 3000 1000 aaa-002041 0 -20 20 40 (db) -40 f (mhz) s 22 s 12 s 21 s 11 s 11 , s 21 s 22 , s 12 02 5 20 10 15 5 aaa-002042 10 15 5 20 25 k 0 f (ghz) (1) (2) (3) v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c fig 8. output power at 1 db gain compression as a function of frequency fig 9. output third-order in tercept point as a function of frequency 2000 2300 2600 2900 3200 3500 aaa-002192 14 16 12 18 20 10 f (mhz) p l(1db) (dbm) (1) (2) (3) (2) (3) 2000 3500 2300 2600 2900 3200 aaa-002044 20 30 10 40 50 0 f (mhz) ip3 o (dbm) (1)
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 6 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 7. application information figure 11 shows the typical application circuit for the BGU7053. the device is internally matched to 50 ? , and therefore does not need any external matching. the value of the input and output dc blocking c1 and c2 are recommended to be 1 nf. dc decoupling capacitors c3 and c4 should be located as close as possible to the BGU7053. in case different system bloc ks are supplied via the same voltage rail, it is recommended to use a bias choke in the bias line on the po sitions of r1 and r2. the value of this choke is depending on the frequency that needs to be decoupled. v cc = 3.3 v. (1) t j = ?40 ? c (2) t j = 25 ? c (3) t j = 85 ? c fig 10. noise figure as a function of frequency 2000 3600 3200 2400 2800 aaa-002045 1.0 0.5 1.5 2.0 nf (db) 0 (3) (1) f (mhz) (2) see table 7 for a list of components. fig 11. typical ap plication circuit rf_in rf_out c2 c1 rf_input rf_output 2 35 4 6 7 8 9 c9 c10 c7 c5 c3 c4 c6 c8 v cc1 v cc2 v cc1 v cc2 aaa-002046 r1 r2
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 7 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier [1] murata grm155 or capacitor of same quality. [2] murata grm188 or capacitor of same quality. see table 7 for a list of components. fig 12. layout of the evaluation board table 7. list of components see figure 11 for schematics. component description value size function c1, c2 capacitor [1] 1 nf 0603 dc block c3, c6 capacitor [1] 100 pf 0402 bias decoupling c4, c5 capacitor [1] 100 nf 0402 bias decoupling c7, c8, c9, c10 capacitor [2] 100 nf 0603 bias decoupling r1, r2 resistor 0 ? 0402 aaa-002047 c10 c9 c7 x3 c8 c5 c6 c4 x2 gnd v2 v1 x1 rfin rfout c3 c2 c1 r2 r1
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 8 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 8. package outline fig 13. package outline sot650-1 (hvson10) 0.5 0.2 1 0.05 0.00 a 1 e h b unit d (1) y e 2 e 1 references outline version european projection issue date iec jedec jeita mm 3.1 2.9 cd h 1.75 1.45 y 1 3.1 2.9 2.55 2.15 0.30 0.18 0.05 0.1 dimensions (mm are the original dimensions) sot650-1 mo-229 - - - - - - e (1) 0.55 0.30 l 0.1 v 0.05 w 0 2 mm 1 scale sot650-1 hvson10: plastic thermal enhanced very thin small outline package; no leads; 10 terminals; body 3 x 3 x 0.85 mm a (1) max. a a 1 c detail x y d h e h e l 10 5 1 6 d e y 1 c c b a 01-01-22 02-02-08 terminal 1 index area terminal 1 index area x e 1 b ac c b v m w m note 1. plastic or metal protrusions of 0.075 mm maximum per side are not included.
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 9 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 9. abbreviations 10. revision history table 8. abbreviations acronym description cw continuous wave esd electrostatic discharge lna low noise amplifier rf radio frequency sige:c silicon germanium carbon table 9. revision history document id release date data sheet status change notice supersedes BGU7053 v.2 20120221 product data sheet - BGU7053 v.1 modifications: ? table 6 : updated BGU7053 v.1 20120214 product data sheet - -
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 10 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier 11. legal information 11.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 11.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 11.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
BGU7053 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 2 ? 21 february 2012 11 of 12 nxp semiconductors BGU7053 sige:c low noise high linearity amplifier export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully in demnifies nxp semi conductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. quick reference data ? the quick reference data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not comp lete, exhaustive or legally binding. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 11.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 12. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors BGU7053 sige:c low noise high linearity amplifier ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 21 february 2012 document identifier: BGU7053 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 13. contents 1 product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.1 general description . . . . . . . . . . . . . . . . . . . . . 1 1.2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 1.3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1.4 quick reference data . . . . . . . . . . . . . . . . . . . . 1 2 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 2.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 2.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 thermal characteristics . . . . . . . . . . . . . . . . . . 3 6 characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.1 performance curves . . . . . . . . . . . . . . . . . . . . . 4 7 application information. . . . . . . . . . . . . . . . . . . 6 8 package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 9 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 10 revision history . . . . . . . . . . . . . . . . . . . . . . . . . 9 11 legal information. . . . . . . . . . . . . . . . . . . . . . . 10 11.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 10 11.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 11.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 11.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 11 12 contact information. . . . . . . . . . . . . . . . . . . . . 11 13 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12


▲Up To Search▲   

 
Price & Availability of BGU7053

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X