Part Number Hot Search : 
MA745WK VIPER 01919 83C52 00BZX 4016B 152M10 ITM1602A
Product Description
Full Text Search
 

To Download 5V100-DO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5v100 do-201ad maximum ratings and electrical characteristics (tj = 25c unless otherwise noted) maximum repetitive peak reverse voltage maximum average forward rectified current peak forward surge current 8.3 ms single half sine-wave superimposed on rated load per diode operating junction and storage temperature range typical thermal resistance per diode (mounted on fr-4 pcb) instantaneous forward voltage instantaneous reverse current per diode at rated reverse voltage notes: (1) pulse test: 300 s pulse width, 1 % duty cycle (2) pulse test: pulse width Q 40 ms ua t j =125c 40 ma i f = 5 a tj=125c 0. 48 - t j =25c i r(2) 0. 36 - i f = 5 a tj=25c 0. 54 v f(1) typ. max. v i f =2a tj=25c 0. 49 - i f =2a tj=125c t j , t stg -40 to +150 c r ? j c 2 2 c/w i f(av) 5 a i fsm 20 0 a trench mos barrier schottky rectifier parameter symbol limit unit v rrm 100 v features ? advanced trench technology ? low forward voltage drop ? low power losses ? high efficiency operation ? lead free finish, rohs compliant applications ? dc/dc converters ? ac/dc adaptors anode cathode do-201ad 5 v 100 - - 6 0 -   www.yfwdiode.com
ratings and characteristics curves mounted on specific heatsink tj=25 tj=150 tj=125 tj=75 ir, reverse current (ua) peak forward surge current (a) 6 150 5 4 100 3 2 1 0 0 25 50 75 100 125 150 50 0 1 100 10 number of cycles at 60 hz tc, case temp ( o c) current derating, case maximum repetitive surge current 10 100000 10000 1000 1 100 10 0 100 200 300 400 500 600 700 800 vf, instantaneous forward voltage (mv) 1 0 0 10 20 30 40 50 60 70 80 90 100 typical forward voltage vr, reverse voltage (volts) typical reverse current 1000 100 10 0 1 10 100 reverse volta ge (v) typical junction capacitance tj=150 tj=125 tj=75 tj=25 if, instantaneous forward current (a) if, average forward current (a) capacitance (pf) 5v100 do-201ad   www.yfwdiode.com
package outline do-201ad dim. min. max. a 25.4 - d b 7.3 9.5 c 1.2 1.3 d 4.8 5.3 all dimensions in mm do-201ad a a b c 5v100 do-201ad   www.yfwdiode.com


▲Up To Search▲   

 
Price & Availability of 5V100-DO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X