Part Number Hot Search : 
LC4256V MAX9856 55T10 HER501 LSS260 MC14640 XF50764 1SMA120Z
Product Description
Full Text Search
 

To Download 2SC5342Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kst-9072-000 1 2SC5342Y npn silicon transistor description ? medium power amplifier features ? large collector current : i c =500ma ? low collector saturation voltage enabling low-voltage operation ? complementary pair with 2sa1979y ordering information type no. marking package code 2SC5342Y 2SC5342Y to-92 outline dimensions unit : mm s s e e m m i i c c o o n n d d u u c c t t o o r r 4.5 0.1 4.5 0.1 0.4 0.02 1.27 typ . 2.54 typ . 1 2 3 3.45 0.1 2.25 0.1 2.06 0.1 1.20 0.1 0.38 pin connections 1. emitter 2. collector 3. base 14.0 0.40
kst-9072-000 2 2SC5342Y absolute maximum ratings (ta=25 c) characteristic symbol ratings unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 32 v emitter-base voltage v ebo 5 v collector current i c 500 ma collector dissipation p c 450 mw junction temperature t j 150 c storage temperature t stg -55~150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =100 a, i e =0 40 - - v collector-emitter breakdown voltage bv ceo i c =10ma, i b =0 32 - - v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 5 - - v collector cut-off current i cbo v cb =40v, i e =0 - - 0.1 a emitter cut-off current i ebo v eb =5v, i c =0 - - 0.1 a dc current gain h fe * v ce =1v, i c =100ma 70 - 240 - collector-emitter saturation voltage v ce(sat) i c =100ma, i b =10ma - 0.25 v transition frequency f t v ce =6v, i e =-20ma - 300 - mhz collector output capacitance c ob v cb =6v, i e =0, f=1mhz - 7.0 - pf
kst-9072-000 3 2SC5342Y electrical characteristic curves fig. 4 v ce(sat) - i c fig. 3 i c - v ce fig. 2 i c - v be fig. 5 h fe - i c fig. 1 pc - ta


▲Up To Search▲   

 
Price & Availability of 2SC5342Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X