Part Number Hot Search : 
A224K1 7805DT 15MQ040 74C90 LM32P10 P6KE1 MAX111 TB2921HQ
Product Description
Full Text Search
 

To Download 1N5234C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zeners (1N5234C) 1N5234C rev. a ? 2002 fairchild semiconductor corporation absolute maximum ratings* t a = 25c unless otherwise noted tolerance: c = 2% electrical characteristics t a = 25c unless otherwise noted notes : 1) these ratings are based on a maximum junction temperature of 200 degrees c. 2) these are steady state limits. the factory should be consulted on applications involving pulsed or low duty cycle operations. * these ratings are limiting values above which the serviceability of the diode may be impaired. ** non-recurrent square wave pw= 8.3 ms, ta= 50 degrees c. zeners 1N5234C symbol parameter value units p d power dissipation derate above 75 c 500 4.0 mw mw/ c t stg storage temperature range -65 to +200 c t j maximum junction operating temperature + 200 c lead temperature (1/16? from case for 10 seconds) + 230 c surge power** 10 w do-35 color band denotes cathode symbol parameter test conditions min. max. units v z zener voltage i z = 20ma 6.08 6.32 v z z zener impedance i z = 20ma 7.0 ? z zk zener knee impedance i zk = 0.25ma 1.0k ? i r reverse current v r = 4.0v 5.0 a v f forward voltage i f = 0.2a 1.1 v
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fastr? frfet? globaloptoisolator? gto? hisec? i 2 c? isoplanar? littlefet? microfet? micropak? microwire? rev. h7 a acex? bottomless? coolfet? crossvolt ? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? fast smart start? spm? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a vcx? a


▲Up To Search▲   

 
Price & Availability of 1N5234C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X