Part Number Hot Search : 
GK2171 2N1008 BR20100 10211 AD1858 WP44GD 2SK38 XXXDB1
Product Description
Full Text Search
 

To Download VLP8040T-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? inductors january 2016 wound ferrite vlp8040 inductors for power circuits vlp8040 ty p e vlp series
(2/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm ? reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 6 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 75 % rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? inductors for power circuits wound ferrite features magnetic shield type wound ind uctor for power circuits. magnetic shield construction with ferrite resin material. application thin-screen tvs, printers, laptop computers, other part number construction operating temperature range, pack age quantity, product weight operating temperature range includes self-temperature rise. the storage temperature range is for after the circuit board is mounted. product compatible with rohs directive halogen-free compatible with lead-free solders overview of vlp8040 type vlp 8040 l t - 1r0 n series name lwh dimensions internal code packaging style inductance inductance tolerance (mm max.) (h) 8040 8.68.74.0 t taping 1r0 1.0 m 20% 100 10 n 30% 101 100 type temperature range package quantity individual weight operating temperature c  storage temperature c  (pieces/reel) mg  vlp8040 C40 to +105 C40 to +105 1000 840 rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://produ ct.tdk.com/en/environment/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? vlp8040 type recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 220c 40s 260c 5s natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? vlp8040 type shape & dimensions recommended land pattern dimensions in mm 220 8.0 0.2 8.7max. 7.4 8.6max. 2.675 2.675 1.6 4.0max. dimensions in mm 1.4 3.3 3.3 8.2
(6/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? vlp8040 type electrical characteristics characteristics specification table rated current: smaller value of either idc1 or idc2. idc1: when based on the inductance change rate (30% below the initial value) idc2: when based on the temperature increase (temperature increase of 40c by self heating)  measurement equipment ? equivalent measurement equipment may be used. l measuring frequency dc resistance rated current part no. idc1 idc2 (h) tolerance (khz) ( )max. ( )typ. (a)max. (a)typ. 1.0 30% 100 0.011 0.008 9.4 7.0 vlp8040t-1r0n 1.5 30% 100 0.013 0.010 7.8 6.7 vlp8040t-1r5n 2.2 30% 100 0.015 0.012 6.7 6.2 vlp8040t-2r2n 3.3 30% 100 0.020 0.015 5.2 5.2 vlp8040t-3r3n 4.7 20% 100 0.025 0.019 4.4 4.5 vlp8040t-4r7m 6.8 20% 100 0.032 0.024 3.6 4.0 vlp8040t-6r8m 10 20% 100 0.038 0.032 3.2 3.5 VLP8040T-100M 15 20% 100 0.058 0.048 2.6 2.9 vlp8040t-150m 22 20% 100 0.075 0.062 2.2 2.5 vlp8040t-220m 33 20% 100 0.11 0.090 1.8 2.1 vlp8040t-330m 47 20% 100 0.16 0.13 1.5 1.7 vlp8040t-470m 68 20% 100 0.23 0.19 1.2 1.4 vlp8040t-680m 100 20% 100 0.33 0.28 1.0 1.2 vlp8040t-101m 150 20% 100 0.49 0.41 0.8 1.0 vlp8040t-151m 220 20% 100 0.73 0.61 0.6 0.8 vlp8040t-221m 330 20% 100 1.1 0.89 0.5 0.7 vlp8040t-331m 680 20% 100 2.2 1.8 0.3 0.5 vlp8040t-681m measurement item product no. manufacturer l 4194a agilent technologies dc resistance vp-2941a panasonic rated current idc1 4285a+42841a+42842c agilent technologies
(7/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? vlp8040 type electrical characteristics l frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0.1 1 10 10000 100 1000 0.01 0.1 1 10 100 inductance ( h ) frequency ( mhz ) 100m 6r8m 4r7m 3r3n 150m 2r2n 1r5n 1r0n 220m 330m 470m 680m 101m 151m 221m 331m 681m product no. manufacturer 4294a agilent technologies
(8/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? vlp8040 type electrical characteristics inductance vs. dc bias characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0.1 1 10 1000 100 inductance ( h ) 0.0 2.0 4.0 6.0 8.0 10.0 18.0 12.0 14.0 16.0 dc current(a) 220m 330m 470m 680m 101m 151m 221m 331m 681m 100m 6r8m 4r7m 3r3n 150m 2r2n 1r5n 1r0n product no. manufacturer 4285a+42841a+42842c agilent technologies
(9/9) inductors 20160128 / inductor_commercial_power_vlp8040_en.fm please be sure to request delivery specifications that provide further details on the features and specifications of the produc ts for proper and safe use. please note that the contents may change without any prior notice due to reasons such as upgrading. ? vlp8040 type packaging style reel dimensions * these values are typical values. tape dimensions ty p e a w1 w2 n e vlp8040 ?330 16.4 22.4 ?100 2 ?13.0 0.5 ?21.0 0.8 2.0 0.5 a ( 1.0 ) dimensions in mm n e w2 w1 fe w p0p2?d0 p1 a t b k dimensions in mm ty p e a b ?d0 e f p0 p1 p2 w k t vlp8040 8.8 8.0 1.5+0.1/-0 1.750.1 7.50.1 4.00.1 12.00.1 2.00.1 16.00.3 4.3 0.4


▲Up To Search▲   

 
Price & Availability of VLP8040T-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X