Part Number Hot Search : 
M54523 020SE MX566AKQ ZXGD300 MAX13432 RB1L42N LS303 C2404
Product Description
Full Text Search
 

To Download U324006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usb 3.0 superspeed extension cable (aa m/f), 6-ft model number: u324-006 description tripp lite's superspeed usb 3.0 6ft extension cable brings significant performance enhancements to the ubiquitous usb standard, while remaining compatible with the billions of usb enabled devices currently deployed in the market. superspeed usb will deliver 10x the data transfer rate of hi-speed usb, up to 5gbps, as well as improved power efficiency. usb 3.0 utilizes a bi-directional data interface rather than usb 2.0's half-duplex arrangement, where data can only flow in one direction at a time, giving a ten-fold increase in theoretical bandwidth. features 6ft usb 3.0 superspeed extension cable superspeed usb is 10 times faster than hi-speed usb, with transfer rates up to 5 gbps. superspeed usb is a sync-n-go technology that minimizes user wait-time. superspeed usb will provide optimized power efficiency...no device polling and lower active and idle power requirements. superspeed usb is backwards compatible with usb 2.0. devices interoperate with usb 2.0 platforms. hostssupport usb 2.0 legacy devices. specifications overview cable type usb output usb charging no input cable length (ft.) 6 cable length (m) 1.83 highlights 6ft superspeed usb 3.0 extension cable, a-a 10 times faster than usb 2.0, with transfer rates up to 5 gbps system requirements computers and peripherals with usb 3.0 capabilities package includes 6 ft. usb 3.0 superspeed a-a extension cable 1 / 2
physical color blue connections connector a usb 3.0 a (male) connector b usb 3.0 a (female) special features chromebook compatible yes warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of U324006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X