Part Number Hot Search : 
90160 NTE13 ZS190 AN7108 Q6025G LT1723 5N50D A2726
Product Description
Full Text Search
 

To Download TCS3400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ams datasheet page 1 [v1-01] 2016-apr-13 document feedback TCS3400 color light-to-digital converter the TCS3400 device provides color and ir (red, green, blue, clear and ir) light sensing. the color sensing provides for improved accuracy lux and color temperature measurements typically used to adjust the backlight intensity and correct the display color gamut. additionally it can be used for light source type detection as it reports th e ir content of the light. ordering information and content guide appear at end of datasheet. key benefits & features the benefits and features of tc s3400, color light-to-digital converter are listed below: figure 1: added value of using TCS3400 applications the TCS3400 applications include: ? ambient light sensing ? color temperature sensing ? industrial process control ? medical diagnostics benefits features ? single device integrated optical solution ? rgbc and als support ? power management features ? color temperature and ambient light sensing ? programmable gain & integration time ? 1,000,000:1 dynamic range ? equal response to 360 degree incident light ? circular segmented rgbc photodiode ? ideal for operation behind dark glass ? very high sensitivity ? light source detection ? rgbc + ir sensor general description
page 2 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? general description block diagram the functional blocks of this device are shown below: figure 2: TCS3400 block diagram uv & ir stopband filter interrupt i2c interface clear red blue green clear adc red adc green adc blue adc clear data red data green data blue data rgbc control lower limit upper limit int scl sda v dd ir passband filter
ams datasheet page 3 [v1-01] 2016-apr-13 document feedback TCS3400 ? pin assignment the TCS3400 pin assignments are described below. figure 3: pin diagram figure 4: pin description pin diagram (top view): package fn dual flat no-lead. package drawing is not to scale. pin number pin name description 1 v dd supply voltage 2 scl i2c serial clock input terminal 3 gnd power supply ground. all voltages are referenced to gnd. 4 i/c internal connection, connect to ground or leave floating. 5 int interrupt open drain output (active low) 6 sda i2c serial data i/o terminal C open drain pin assignment v dd 1 scl 2 gnd 3 6 sda 5 int 4 i/c
page 4 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? absolute maximum ratings stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only. functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. figure 5: absolute maximum ratings parameter min max units comments supply voltage, v dd 3.8 v all voltages are with respect to gnd input terminal voltage -0.5 3.8 v output terminal voltage -0.5 3.8 v output terminal current (sda, int) -1 20 ma storage temperature range, t strg -40 85 oc input current (latch up immunity) jedec jesd78d nov 2011 class 1 electrostatic discharge hbm s-001-2014 2000 v electrostatic discharge cdm jedec jesd22-c101f oct 2013 500 v absolute maximum ratings
ams datasheet page 5 [v1-01] 2016-apr-13 document feedback TCS3400 ? electrical characteristics all limits are guaranteed. the parameters with min and max values are guaranteed with production tests or sqc (statistical quality control) methods. figure 6: recommended operating conditions note(s): 1. while the device is operational across the temperature range, functionality will vary with temperature. specifications are s tated at 25c unless otherwise noted. figure 7: operating characteristics, v dd =3v, t a =25oc (unless otherwise noted) symbol parameter min typ max units v dd supply voltage 2.7 3 3.6 v t a operating free-air temperature (1) -40 70 c symbol parameter conditions min typ max units i dd supply current active 235 330 a wait state 60 sleep state - no i2c activity 1.0 10 v ol int, sda output low voltage 3 ma sink current 0 0.4 v 6 ma sink current 0 0.6 i leak leakage current, sda, scl, int pins -5 5 a v ih scl, sda input high voltage TCS34001, TCS34005 0.7 v dd v TCS34003, TCS34007 1.26 v il scl, sda input low voltage TCS34001, TCS34005 0.3 v dd v TCS34003, TCS34007 0.54 electrical characteristics
page 6 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? electrical characteristics figure 8: optical characteristics (clear channel), v dd = 3v, t a = 25c, again = 16x, atime = 0xdc (100ms) note(s): 1. the white led irradiance is supplied by a warm white ligh t-emitting diode with a nominal color temperature of 2700k. 2. the 465 nm input irradiance is supplied by an ingan light-em itting diode with the following typical characteristics: dominan t wavelength d = 465 nm, spectral halfwidth ?? = 22 nm. 3. the 525 nm input irradiance is supplied by an ingan light-em itting diode with the following typical characteristics: dominan t wavelength d = 525 nm, spectral halfwidth ?? = 35 nm. 4. the 615 nm input irradiance is supplied by an alingap light-emitting diode with the following typical characteristics: domin ant wavelength d = 615 nm, spectral halfwidth ?? = 15 nm. figure 9: optical characteristics (ir channel), vdd = 3v, t a = 25c, again = 16x, atime = 0xf6 note(s): 1. the 850 nm input irradiance is supplied by an algaas light-emitting diode with th e following characteristics: peak wavelengt h p = 850 nm, spectral halfwidth ?1/2 = 42 nm. parameter test conditions min typ max unit r e irradiance responsivity (clear channel) white led, cct = 2700k, e e = 45.6 w/cm 2 (1) 38.9 48.6 58.3 counts/ (w/cm 2 ) blue led, d = 465 nm, e e = 53.8 w/cm 2 (2) 28.6 35.7 42.8 green led, d = 525 nm, e e = 43.9 w/cm 2 (3) 33.6 42.0 50.4 red led, d = 615 nm, e e = 37.5 w/cm 2 (4) 49.0 61.3 73.6 parameter test condition min typ max unit re irradiance responsivity (ir channel) p = 850 nm (1) 9.0 11.2 13.5 counts/ (w/cm 2 )
ams datasheet page 7 [v1-01] 2016-apr-13 document feedback TCS3400 ? electrical characteristics figure 10: optical characteristics, v dd =3v, t a =25oc note(s): 1. the 465 nm input irradiance is supplied by an ingan light-em itting diode with the following characteristics: dominant wavele ngth d = 465 nm, spectral halfwidth ?? = 22 nm. 2. the 525 nm input irradiance is supplied by an ingan light-em itting diode with the following characteristics: dominant wavele ngth d = 525 nm, spectral halfwidth ?? = 35 nm. 3. the 615 nm input irradiance is supplied by a alingap light-em itting diode with the following characteristics: dominant wavel ength d = 615 nm, spectral halfwidth ?? = 15 nm. 4. the 850 nm input irradiance is supplied by an algaas light-emitting diode with th e following characteristics: peak wavelengt h p = 850 nm, spectral halfwidth ?1/2 = 42 nm. parameter test conditions red / clear channel green / clear channel blue / clear channel ir / clear channel min max min max min max min max color adc count value ratio: color / clear d = 465 nm (1) 0% 13% 10% 38% 70% 91% d = 525 nm (2) 3% 22% 59% 86% 10% 40% d = 615 nm (3) 80% 110% 0% 15% 3% 26% 0% 5% p = 850 nm (4) 667%
page 8 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? electrical characteristics figure 11: rgbc characteristics, v dd = 3v, t a = 25oc, again = 16x, aen = 1 (unless otherwise noted) note(s): 1. based on typical 3-sigma distribution. not 100% tested. figure 12: wait characteristics, v dd = 3v, t a = 25oc, wen = 1 (unless otherwise noted) parameter conditions min typ max units dark adc count value (clear and rgb channels) e e = 0, again = 64x, atime = 0xb8 (200ms) 0 1 4 counts 02 counts (1) dark adc count value (ir channel) 0 1 6 counts 04 counts (1) integration time step size 2.65 2.78 2.93 ms number of integration steps 1 256 steps adc count value atime = 0xff (2.78ms) to 0xc1 (175ms) (1 to 63 steps) 0 1024 counts/ step atime = 0xc0 (178ms) to 0x00 (712ms) (64 to 256 steps) 0 65535 counts gain scaling, relative to 16 gain setting 1x: again = 00 0.936 0.985 1.065 4x: again = 01 3.66 3.85 4.16 16x: again = 10 16.0 64x: again = 11 59.6 62.7 67.8 parameter conditions min typ max units wait step size wtime = 0xff 2.78 ms
ams datasheet page 9 [v1-01] 2016-apr-13 document feedback TCS3400 ? timing characteristics the timing characteristics of TCS3400 are given below. figure 13: ac electrical characteristics, v dd = 3v, t a = 25c (unless otherwise noted) note(s): 1. specified by design and characterization; not production tested. timing diagram figure 14: parameter measurement information parameter (1) conditions min max unit f scl clock frequency (i2c only) 0 400 khz t buf bus free time between start and stop condition 1.3 s t hd;sta hold time after (repeated) start condition. after this period, the first clock is generated. 0.6 s t su;sta repeated start condit ion setup time 0.6 s t su;sto stop condition setup time 0.6 s t hd;dat data hold time 60 ns t su;dat data setup time 100 ns t low scl clock low period 1.3 s t high scl clock high period 0.6 s t f clock/data fall time 300 ns t r clock/data rise time 300 ns c i input pin capacitance 10 pf timing characteristics start start stop stop t buf t low t hd; sta t r t f v ih v il v ih v il t su; dat t su; sta t hd; dat t high t su; sto scl sda
page 10 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? typical operating characteristics figure 15: spectral responsivity figure 16: normalized responsivity vs. angular displacement typical operating characteristics normalized responsivity wavelength (nm) 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 300 400 500 600 700 800 900 1000 1100 clear red green blue ir channel normalized responsivity  - angular displacement -
ams datasheet page 11 [v1-01] 2016-apr-13 document feedback TCS3400 ? typical operating characteristics figure 17: responsivity temperature coefficient wavelength temperature coefficient 400 C 670nm 250 ppm/c 850nm 2500 ppm/c 950nm 5500 ppm/c
page 12 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? functional description the TCS3400 device provides ambient light sensing and color temperature sensing. the internal state machine manages the operation of the device. it controls the als functionality and power down modes. average po wer consumption is managed via control of variable endurance low power wait cycles. the interrupt feature improves sy stem efficiency by eliminating the need to poll the sensor. two interrupt sources (als, als saturation) can activate the open drain output pin. each interrupt source is enabled independently. als interrupts appear when upper or lower thresholds are exceeded for a consecutive number of sample readings. the advanced digital color light sensor portion of the TCS3400 contains a segmented circular photodiode array used for color measurements. this architecture provides stable color sensing independent of the in cident angle of light. four integrating analog-to-digital converters (adcs) integrate light energy from photodiodes simultaneously. figure 18: simplified als state machine communication with the device is accomplished through a fast (up to 400 khz) two wire i2c serial bus for easy connection to a microcontroller or embedded controller. the device typically draws only 235 a in color operation and 1ua during power down. functional description sleep start wait rgbc pon = 1 (0x80:b0) pon = 0 (0x80:b0)
ams datasheet page 13 [v1-01] 2016-apr-13 document feedback TCS3400 ? register description the device is controlled and monitored by registers accessed through the i2c serial interface. these registers provide for a variety of control functions and can be read to determine results of the adc conversions. the register set is summarized in the figure below. figure 19: register map address register name r/w register function reset value 0x80 enable r/w enables states and interrupts 0x00 0x81 atime r/w rgbc integration time 0xff 0x83 wtime r/w wait time 0xff 0x84 ailtl r/w clear interrupt low threshold low byte 0x00 0x85 ailth r/w clear interrupt low threshold high byte 0x00 0x86 aihtl r/w clear interrupt high threshold low byte 0x00 0x87 aihth r/w clear interrupt high threshold high byte 0x00 0x8c pers r/w interrupt persistence filter 0x00 0x8d config r/w configuration 0x40 0x8f control r/w gain control register 0x00 0x90 aux r/w auxiliary control register 0x00 0x91 revid r revision id rev 0x92 id r device id id 0x93 status r device status 0x00 0x94 cdatal r clear / ir channel low data register 0x00 0x95 cdatah r clear / ir channel high data register 0x00 0x96 rdatal r red adc low data register 0x00 0x97 rdatah r red adc high data register 0x00 0x98 gdatal r green adc low data register 0x00 register description
page 14 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? register description 0x99 gdatah r green adc high data register 0x00 0x9a bdatal r blue adc low data register 0x00 0x9b bdatah r blue adc high data register 0x00 0xc0 ir r/w access ir channel 0x00 0xe4 iforce w force interrupt 0x00 0xe6 ciclear w clear channel interrupt clear 0x00 0xe7 aiclear w clear all interrupts 0x00 address register name r/w register function reset value
ams datasheet page 15 [v1-01] 2016-apr-13 document feedback TCS3400 ? register description enable register (enable 0 x 80) the enable register is used primarily to power the device on/off, and enable functions and interrupts. figure 20: enable register 7 6 5 4 3 2 1 0 reserved sai reserved aien wen reserved aen pon field bits description reserved 7 reserved. write as 0. sai 6 sleep after interrupt. when asserted, the device will power down at the end of a rgbc cycle if an interrupt is generated. reserved 5 reserved. write as 0. aien 4 als interrupt enable. when asserted permits als interrupts to be generated, subject to the persist filter. wen 3 wait enable. this bit activates the wait feature. writing a 1 activates the wait timer. writing a 0 disables the wait timer. reserved 2 reserved. write as 0. aen 1 adc enable. this bit activates the four-channel (rgbc) adc. writing a 1 enables the adc. writing a 0 disables the adc. pon 0 power on. this bit activates the internal os cillator to permit the timers and adc channels to operate. writing a 1 activates the oscillator. writing a 0 disables the oscillator and puts the part into a low power sleep mode. during reads and writes over the i2c interface, this bit is temporarily overridden and the oscillator is enabled, inde pendent of the state of pon.
page 16 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? register description rgbc integration time register (atime 0x81) the atime register controls the internal integration time of the rgbc channel adcs. upon power up, the rgbc time register is set to 0xff. the maximum (or saturation) count value can be calculated based upon the integration time cycles as follows: min [cycles * 1024, 65535] figure 21: rgbc integration time register wait time register (wtime 0x83) the wtime controls the amount of time in a low power mode. it is set 2.78 ms increments un less the wlong bit is asserted in which case the wait times are 12 longer. wtime is programmed as a 2s complement number. upon power up, the wait time register is set to 0xff. figure 22: wait time register note(s): 1. the wait time register should be configured before aen is asserted. field bits description value cycles time max count atime 7:0 0xff 1 2.78 ms 1024 0xf6 10 27.8 ms 10240 0xdb 37 103 ms 37888 0xc0 64 178 ms 65535 0x00 256 712 ms 65535 field bits description register value wait time time (wlong=0) time (wlong=1) wtime 7:0 0xff 1 2.78 ms 0.03 s 0xab 85 236 ms 2.84 s 0x00 256 712 ms 8.54 s
ams datasheet page 17 [v1-01] 2016-apr-13 document feedback TCS3400 ? register description clear channel interrupt threshold register (0x84 - 0x87) the clear channel interrupt threshold registers provide 16 bit values to be used as the high and low thresholds for comparison to the 16 bit cdata values. if aien (0x80:b4) is enabled and cdata is not between ailt and aiht for the number of consecutive samples specified in apers (0x8 c:b[3:0]) an interrupt is asserted on the interrupt pin. figure 23: clear channel interrupt threshold registers register address bits description ailtl 0x84 7:0 clear channel low threshold lower byte ailth 0x85 7:0 clear channel low threshold upper byte aihtl 0x86 7:0 clear channel high threshold lower byte aihth 0x87 7:0 clear channel high threshold upper byte
page 18 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? register description interrupt register (0x8c) the interrupt register controls the interrupt capabilities of the device. figure 24: interrupt register 7 6 5 4 3 2 1 0 reserved apers field bits description reserved 7:4 reserved. write as 0. apers 3:0 clear interrupt persistence. controls rate of clear channel interrupt to the host processor. field value persistence 0000 every rgbc cycle generates an interrupt 0001 any value outside of threshold range 0010 2 consecutive values out of range 0011 3 consecutive values out of range 0100 5 consecutive values out of range 0101 10 consecutive values out of range 0110 15 consecutive values out of range 0111 20 consecutive values out of range 1000 25 consecutive values out of range 1001 30 consecutive values out of range 1010 35 consecutive values out of range 1011 40 consecutive values out of range 1100 45 consecutive values out of range 1101 50 consecutive values out of range 1110 55 consecutive values out of range 1111 60 consecutive values out of range
ams datasheet page 19 [v1-01] 2016-apr-13 document feedback TCS3400 ? register description configuration register (config 0x8d) the config register sets the wait long time. the registers is set 0x40 at power up. figure 25: configuration register note(s): 1. bit 6 is reserved and has to be programmed = 1. control register (control 0x8f) figure 26: control register 7 6 5 4 3 2 1 0 reserved reserved1 reserved wlong reserved field bits description reserved 7 reserved. write as 0. reserved (1) 6 reserved. write as 1. reserved 5:2 reserved. write all as 0. wlong 1 wait long. when asserted, the wait cycles are increased by a factor 12 from that programmed in the wtime register. reserved 0 reserved. write as 0. 7 6 5 4 3 2 1 0 reserved again field bits description reserved 7:2 reserved. write all as 0. again 1:0 rgbc gain control. field value rgbc gain value 00 1x gain 01 4x gain 10 16x gain 11 64x gain
page 20 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? register description auxiliary register (aux 0x90) the aux register enables the als saturation detection interrupt. if asien = 1 and an interrupt occurs it is cleared by accessing the clear interrupt registers at 0xe6 or 0xe7. figure 27: auxiliary register revision id register (revid 0x91) this read-only register identifies the die revision level. figure 28: revision id register 7 6 5 4 3 2 1 0 reserved asien reserved field bits description reserved 7:6 reserved. write all as 0. asien 5 0 disables, 1 enables als saturation interrupt reserved 4:0 reserved. 7 6 5 4 3 2 1 0 reserved revid field bits description reserved 7:4 reserved. revid 3:0 wafer die revision level
ams datasheet page 21 [v1-01] 2016-apr-13 document feedback TCS3400 ? register description id register (id 0x92) the read-only id register provides the device identification. figure 29: id register status register (status 0x93) the read-only status register provides the internal status of the device. figure 30: status register 7 6 5 4 3 2 1 0 id vid field bits description id 7:2 device identification = 100100 vid 1:0 00b for TCS34001 & TCS34005 11b for TCS34003 & TCS34007 7 6 5 4 3 2 1 0 asat reserved aint reserved avalid field bits description asat 7 als saturation. when asserted, the analog sensor was at the upper end of its dynamic range. the bit can be de-asserted by sending a clear channel interrupt command (0xe6 ci clear) or by disabling the als adc (aen=0). atime and again are controls that can be adjusted to set when saturation happens. this bit tr iggers an interrupt if asien in aux is set. reserved 6:5 reserved. aint 4 als interrupt. if aen is set, indicates that an als event that met the programmed als thresholds (ailt or aiht) and persistence (apers) occurred. reserved 3:1 reserved. avalid 0 rgbc valid. indicates that the rgbc cy cle has completed since aen was asserted.
page 22 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? register description rgbc data registers (0x94 - 0x9b) clear, red, green, and blue data is stored as 16-bit values. the read sequence must read byte pairs (low followed by high) starting on an even address boundary (0x94, 0x96, 0x98, or 0x9a) inside the rgbc data register block. when the lower byte register is read, the upper eight bits are stored into a shadow register, which is read by a subsequent read to the upper byte. the upper register will read the correct value even if additional adc integration cycles end betw een the reading of the lower and upper registers. figure 31: rgbc data registers register address bits description cdatal 0x94 7:0 clear / ir data low byte cdatah 0x95 7:0 clear / ir data high byte rdatal 0x96 7:0 red data low byte rdatah 0x97 7:0 red data high byte gdatal 0x98 7:0 green data low byte gdatah 0x99 7:0 green data high byte bdatal 0x9a 7:0 blue data low byte bdatah 0x9b 7:0 blue data high byte
ams datasheet page 23 [v1-01] 2016-apr-13 document feedback TCS3400 ? register description ir register (0xc0) access to ir channel; allows mapping of ir channel on clear channel. figure 32: ir register clear interrupt registers (0xe3, 0xe7) any dummy data byte (0x00 recommended) written to the specified register will cl ear the indicated interrupt. figure 33: clear interrupt registers 7 6 5 4 3 2 1 0 ir reserved field bits description ir 7 ir sensor access. if this bit is set the clear channel reports the measurement from the ir sensor (center diode). reserved 6:0 reserved. always write as 0. register address bits description iforce 0xe4 7:0 forces an interrupt (any value) ciclear 0xe6 7:0 clear channel interrupt clear (any value) aiclear 0xe7 7:0 clears all interrupts (any value)
page 24 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? power supply considerations place a 1-f low-esr decoupling capacitor as close as possible to the v dd pin. figure 34: typical application hardware circuit v bus in the above figures refers to the i2c bus voltage which is either v dd or 1.8 v. be sure to apply the specified i2c bus voltage shown in the ordering & contact information for the specific device being used. the i2c signals and the interrupt are open-drain outputs and require pull?up resistors. the pull-up resistor (rp) value is a function of the i2c bus speed, the i2c bus voltage, and the capacitive load. the ams evm running at 400 kbps, uses 1.5-k resistors. a 10-k pull-up resist or (rpi) can be used for the interrupt line. power supply considerations TCS3400 v dd 1 f v bus gnd i/c int scl sda r p r p r pi voltage regulator cap sized per regulator specs
ams datasheet page 25 [v1-01] 2016-apr-13 document feedback TCS3400 ? pcb pad layout suggested pcb pad layout guidelines for the surface mount module are shown. flash gold is recommended as a surface finish for the landing pads. figure 35: suggested pcb layout note(s): 1. all linear dimensio ns are in millimeters. 2. this drawing is subject to change without notice. pcb layout: suggested land pattern based on the ipc-7351b generic requirements for surface mount design and land pattern standard (2010) for the small outline no-lead (son) package. pcb pad layout ; ; ; ; ; 3,1 ;)8//5
page 26 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? package drawings & markings figure 36: ic package mechanical drawing note(s): 1. all linear dimensions are in micrometers. di mension tolerance is 20 m unless otherwise noted. 2. the die is centered within the package within a tolerance of 75 m. 3. package top surface is molded with an electrically non-conduc tive clear plastic compound having an index of refraction of 1. 55. 4. contact finish is copper alloy a194 with pre-plated nipdau lead finish. 5. this package contains no lead (pb). 6. this drawing is subject to change without notice. package drawings & markings ? ?   3krwrglrgh $fwlyh$uhd 7239,(: ?  1rplqdo (1'9,(: 3krwrglrgh $fwlyh$uhd ;? 1rplqdo 1rwh  & / ri3krwrglrgh$fwlyh$uhd & / ri6roghu&rqwdfwv %277209,(: & / ri6roghu&rqwdfwvdqg3krwrglrgh$fwlyh$uhd 1rwh ;? ;? ;? 6,'(9,(: 3,1 green rohs 9'' 6&/ *1' 6'$ ,17 ,&
ams datasheet page 27 [v1-01] 2016-apr-13 document feedback TCS3400 ? package mechanical data figure 37: carrier tape & reel information note(s): 1. all linear dimensions are in millimeters. dime nsion tolerance is 0.10 mm unless otherwise noted. 2. the dimensions on this drawing are for illustrative purpos es only. dimensions of an actual carrier may vary slightly. 3. symbols on drawing ao, bo, and ko are defined in ansi eia standard 481?b 2001. 4. each reel is 330 millimeters in diameter and contains 2500 parts. 5. packaging tape and reel conform to the requirements of eia standard 481?b. 6. in accordance with eia standard, device pin 1 is located next to the sprocket holes in the tape. 7. this drawing is subject to change without notice. 8. the device pin 1 is located in the upper left corner inside the t&r pockets. package mechanical data  ?   ?    ?       $ $ % % ? $r ? ?0$; 6(&7,21$$ ? .r ? %r ?0$; 6(&7,21%% 527$7(' &:
page 28 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? soldering & storage information the fn package has been tested and has demonstrated an ability to be reflow soldered to a pcb substrate. the solder reflow profile describes the expected maximum heat exposure of components during the solder reflow process of product on a pcb. temperature is measured on top of component. the components should be limited to a maximum of three passes through this solder reflow profile. figure 38: solder reflow profile figure 39: solder reflow profile graph parameter reference device average temperature gradient in preheating 2.5 oc/s soak time t soak 2 to 3 minutes time above 217 oc (t 1 )t 1 max 60 s time above 230 oc (t 2 )t 2 max 50 s time above t peak - 10 oc (t 3 )t 3 max 10 s peak temperature in reflow t peak 260 oc temperature gradient in cooling max -5 oc/s soldering & storage information not  to  scale t peak temperature  in  c time  in  seconds  t 2 t 2 t 3 t 1  t 3
ams datasheet page 29 [v1-01] 2016-apr-13 document feedback TCS3400 ? soldering & storage information moisture sensitivity optical characteristics of the device can be adversely affected during the soldering process by the release and vaporization of moisture that has been previous ly absorbed into the package. to ensure the package contains the smallest amount of absorbed moisture possible, each device is baked prior to being dry packed for shipping. devices are dry packed in a sealed aluminized envelope called a moisture-barrier bag with silica gel to protect them from ambient moisture during shipping, handling, and storage before use. shelf life the calculated shelf life of the device in an unopened moisture barrier bag is 12 months from the date code on the bag when stored under the following conditions: ? shelf life: 12 months ? ambient temperature: < 40 c ? relative humidity: < 90% rebaking of the devices will be required if the devices exceed the 12 month shelf life or the humidity indicator card shows that the devices were exposed to conditions beyond the allowable moisture region. floor life the fn package has been assigned a moisture sensitivity level of msl 3. as a result, the floor life of devices removed from the moisture barrier bag is 168 hours from the time the bag was opened, provided that the devices are stored under the following conditions: ? floor life: 168 hours ? ambient temperature: < 30 c ? relative humidity: < 60% if the floor life or the temperature/humidity conditions have been exceeded, the devices must be rebaked prior to solder reflow or dry packing. rebaking instructions when the shelf life or floor life limits have been exceeded, rebake at 50 c for 12 hours.
page 30 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? ordering & contact information the device is packaged in a small ofn (optical fn) package which is 2mm x 2.4mm. figure 40: ordering information note(s): 1. contact ams for availability. buy our products or get free samples online at: www.ams.com/icdirect technical support is available at: www.ams.com/technical-support provide feedback about this document at: www.ams.com/document-feedback for further information and requests, e-mail us at: ams_sales@ams.com for sales offices, distributors and representatives, please visit: www.ams.com/contact headquarters ams ag tobelbaderstrasse 30 8141 premstaetten austria, europe tel: +43 (0) 3136 500 0 website: www.ams.com ordering code address interface delivery form TCS34001fn (1) 0x39 i2c v bus = v dd interface fn-6 TCS34003fn 0x39 i2c bus = 1.8v interface fn-6 TCS34005fn (1) 0x29 i2c v bus = v dd interface fn-6 TCS34007fn 0x29 i2c bus = 1.8v interface fn-6 ordering & contact information
ams datasheet page 31 [v1-01] 2016-apr-13 document feedback TCS3400 ? rohs compliant & ams green statement rohs: the term rohs compliant means that ams ag products fully comply with current rohs directives. our semiconductor products do not contain any chemicals for all 6 substance categories, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. where designed to be soldered at high temperatures, rohs compliant products are suitable for use in specif ied lead-free processes. ams green (rohs compliant and no sb/br): ams green defines that in addition to rohs compliance, our products are free of bromine (br) and antimony (sb) based flame retardants (br or sb do not exceed 0.1% by weight in homogeneous material). important information: the information provided in this statement represents ams ag knowledge and belief as of the date that it is provided. ams ag bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. efforts are unde rway to better integrate information from third parties. ams ag has taken and continues to take reasonable steps to prov ide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. ams ag and ams ag suppliers consider certain information to be proprietary, and thus cas numbers and other limited information may not be available for release. rohs compliant & ams green statement
page 32 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? copyrights & disclaimer copyright ams ag, tobelbader st rasse 30, 8141 premstaetten, austria-europe. trademarks registered. all rights reserved. the material herein may not be reproduced, adapted, merged, translated, stored, or used with out the prior written consent of the copyright owner. devices sold by ams ag are covered by the warranty and patent indemnification provisions appe aring in its general terms of trade. ams ag makes no warranty, express, statutory, implied, or by description regarding th e information set forth herein. ams ag reserves the right to ch ange specifications and prices at any time and without notice. therefore, prior to designing this product into a system, it is necessary to check with ams ag for current information. this product is intended for use in commercial applications. applications requiring extended temperature range, unusual environmental requirements, or high reliability applications , such as military, medical life-support or life-sustaining equipment are specifically not recommended without additional processing by ams ag for each application. this product is provided by ams ag as is and any express or implied wa rranties, including, but not limited to the implied warranties of merchantability and fitness for a particular purpose are disclaimed. ams ag shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. no obligation or liability to recipient or any th ird party shall arise or flow out of ams ag rendering of technical or other services. copyrights & disclaimer
ams datasheet page 33 [v1-01] 2016-apr-13 document feedback TCS3400 ? document status document status product status definition product preview pre-development information in this datasheet is based on product ideas in the planning phase of development. all specifications are design goals without any warranty and are subject to change without notice preliminary datasheet pre-production information in this datasheet is based on products in the design, validation or qualific ation phase of development. the performance and parameters shown in this document are preliminary without any warranty and are subject to change without notice datasheet production information in this datashee t is based on products in ramp-up to full production or full production which conform to specifications in accordance with the terms of ams ag standard warranty as given in the general terms of trade datasheet (discontinued) discontinued information in this datasheet is based on products which conform to specifications in accordance with the terms of ams ag standard warranty as given in the general terms of trade, but these products have been superseded and should not be used for new designs document status
page 34 ams datasheet document feedback [v1-01] 2016-apr-13 TCS3400 ? revision information note(s): 1. page and figure numbers for the previous version may diff er from page and figure numbers in the current revision. 2. correction of typographical er rors is not explicitly mentioned. changes from 1-00 (2016-mar-31) to current revision 1-01 (2016-apr-13) page updated figure 8 6 added figure 9 6 updated figure 10 7 revision information
ams datasheet page 35 [v1-01] 2016-apr-13 document feedback TCS3400 ? content guide 1 general description 1 key benefits & features 1 applications 2 block diagram 3 pin assignment 4absolute maximum ratings 5 electrical characteristics 9 timing characteristics 9timing diagram 10 typical operating characteristics 12 functional description 13 register description 15 enable register (enable 0 x 80) 16 rgbc integration time register (atime 0x81) 16 wait time register (wtime 0x83) 17 clear channel interrupt threshold register (0x84 - 0x87) 18 interrupt register (0x8c) 19 configuration register (config 0x8d) 19 control register (control 0x8f) 20 auxiliary register (aux 0x90) 20 revision id register (revid 0x91) 21 id register (id 0x92) 21 status register (status 0x93) 22 rgbc data registers (0x94 - 0x9b) 23 ir register (0xc0) 23 clear interrupt registers (0xe3, 0xe7) 24 power supply considerations 25 pcb pad layout 26 package drawings & markings 27 package mechanical data 28 soldering & storage information 29 moisture sensitivity 29 shelf life 29 floor life 29 rebaking instructions 30 ordering & contact information 31 rohs compliant & ams green statement 32 copyrights & disclaimer 33 document status 34 revision information content guide


▲Up To Search▲   

 
Price & Availability of TCS3400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X