Part Number Hot Search : 
TB0612A A2168 33AD1 6DN2550M SMB36A LP101 SMCJ51CA TDA8102B
Product Description
Full Text Search
 

To Download T540D107M016AH6710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 11/02/2015 - a00eb5f2-cd00-4892-9255-e1c57c3b6b3d kemet part number: T540D107M016AH6710 (04051-036b) capacitor, tantalum, 100 uf, 7343, +/-20% tol, 16 vdc (85c), failure rate=a dimensions (mm) symbol dimension tolerance l 7.3 +/-0.3 w 4.3 +/-0.3 h 2.8 +/-0.3 f 2.4 +/-0.1 s 1.3 +/-0.3 b 0.5 +/-0.15 x 0.1 +/-0.1 p 0.9 ref r 1 ref t 0.13 ref a 3.8 min g 3.5 ref e 3.5 ref notes: -in polarity stripe, at kemet's option, type may be indicated: no symbol = standard (or low leakage) mno2 tantalum chip, o = lowesr t494, r = low esr t495, f = fused t496, ht = 150c rated t498 (or b45196p, b45198p), h = 175c rated t499, m = multiple anode general information supplier: kemet application: military cots/low esr sub application: (noncombustiblecathode) part type description: smd, polymer, molded, cots construction: standard chip-polymer body type: smd chip termination: solder coated footprint: 7343 weight: 352.36 mg rohs: no specifications capacitance: 100 uf tolerance: +/-20% voltage: 16 vdc (85c) voltage: 10.72 vdc (125c) temperature range: -55/+125c testing: 10 cycles surge current testing at -55c +0c/-5c and +85c +/-5c after voltage aging current/ripple current: 2121 ma (100khz 45c) resistance/esr: 50 mohms (100khz 25c) failure rate: a leakage current: 160 ua dissipation factor: 10% packaging specifications package kind: t&r package size: 7 in/180 mm package quantity: 500 ? 2006-2015 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T540D107M016AH6710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X