Part Number Hot Search : 
EECRG0 UG140 05E6L FR320 BAS316 CDNBS ACE50528 7002S
Product Description
Full Text Search
 

To Download SSPL2015F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSPL2015F ? silikron semiconductor co.,ltd. 20 13 . 10 . 16 version : 1. 0 page 1 of 8 www.silikron.com main product characteristics features and benefits description absolute m ax rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 18 a i d @ tc = 100c continuous drain current, v gs @ 10v 13 i dm pulsed drain current 72 p d @tc = 25c power dissipation 75 w linear derating factor 0.5 w/c v ds drain - source voltage 200 v v gs gate - to - source voltage 3 0 v e as single pulse avalanche energy @ l= 4.2 mh 412 mj i a s avalanche current @ l= 4.2 mh 14 a t j t stg operating junction and storage temperature range - 55 to + 175 c v dss 200 v r ds (on) 0.13 (typ . ) i d 18 a to - 220f marking and pin assignment schematic d iagram ? advanced process technology ? special designed for pwm, load switching and general purpose applications ? u ltra low on - resistance with low gate charge ? f ast switching and reverse body recovery ? 175 operating temperature these n - channel enhancement mode power field effect transistors are produced using silikron proprietary mosfet technology. this advanced technology has been especially tailored to minimize on - state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. these devices are well suited for high effici ency switch mode power supplies .
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 2 of 8 www.silikron.com thermal resistance symbol characteristics typ. max. units r jc junction - to - case 2 .0 c /w r j a junction - to - ambient ( t 10s ) 62 c /w junction - to - ambient (pcb mounted, steady - state) 40 c /w electrical characteristics @t a =25 unless otherwise specified symbol parameter min. typ. max . units conditions v ( b r) dss drain - to - source breakdown voltage 200 v v gs = 0v, i d = 250a r ds(on) static drain - to - source on - resistance 0.13 0.15 v gs =10v , i d = 11 a 0.27 t j = 1 25 c v gs(th) gate threshold voltage 2 4 v v ds = v gs , i d = 250a 2.26 t j = 1 25 c i dss drain - to - source leakage current 1 a v ds = 200 v,v gs = 0v 50 t j = 125 c i gss gate - to - source forward leakage 1 00 na v gs = 20 v - 1 00 v gs = - 20 v q g total gate charge 2 7 nc i d = 1 1 a , v ds = 160 v , v gs = 10v q gs gate - to - source charge 5.4 q gd gate - to - drain("miller") charge 11 t d(on) turn - on delay time 11 n s v gs =10v, v d d = 100 v, r l = 9.2 , r gen = 2.55 i d = 11 a t r rise time 2 3 t d(off) turn - off delay time 22 t f fall time 5.2 c iss input capacitance 10 10 pf v gs = 0v v ds = 25 v ? = 1m hz c oss output capacitance 2 40 c rss reverse transfer capacitance 5 7 source - drain ratings and characteristics symbol parameter min. typ. max . units conditions i s continuous source current (body diode) 18 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current ( body diode ) 72 a v sd diode forward voltage 0.8 7 1. 3 v i s = 11 a, v gs =0v , t j = 25c t rr reverse recovery time 1 28 n s t j = 25c , i f = 11 a, di/dt = 100 a/s q rr reverse recovery charge 819 nc
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 3 of 8 www.silikron.com test circuits and waveforms eas test circuit gate charge test circuit switching time test circuit switch ing waveforms n otes : calculated continuous current based on maximum allowable junction temperature. repetitive rating; pulse width limited by max. junction temperature. the power dissipation pd is based on max. junction temperature , using junc tion - to - case thermal resistance . the value of r j a is measured with the device mounted on 1 in 2 fr - 4 board with 2oz. copper, in a still air environment with ta =25c
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 4 of 8 www.silikron.com t ypical electrical and thermal characteristics figure 2. gate to source cut - off voltage figure 1: typical output characteristics fig ure 3. drain - to - source breakdown voltage vs. temperature figure 4: normalized on - resistance vs. case temperature
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 5 of 8 www.silikron.com fig ure 5 . maximum drain current vs. case temperature case temperature t ypical electrical and thermal characteristics fig ure 6 .typical capacitance vs. drain - to - source voltage fig ure 7 . maximum effective transient thermal impedance, junction - to - case
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 6 of 8 www.silikron.com mechanical data min nom max min nom max e 9.960 10.160 10.360 0.392 0.400 0.408 e1 9.840 10.040 10.240 0.387 0.395 0.403 e2 6.800 7.000 7.200 0.268 0.276 0.283 a 4.600 4.700 4.800 0.181 0.185 0.189 a1 2.440 2.540 2.640 0.096 0.100 0.104 a2 2.660 2.760 2.860 0.105 0.109 0.113 a3 0.600 0.700 0.800 0.024 0.028 0.031 c - 0.500 - - 0.020 - d 15.780 15.870 15.980 0.621 0.625 0.629 d1 8.970 9.170 9.370 0.353 0.361 0.369 h1 6.500 6.700 6.800 0.256 0.264 0.268 e p 3.080 3.180 3.280 0.121 0.125 0.129 p 1 1.400 1.500 1.600 0.055 0.059 0.063 p 2 0.900 1.000 1.100 0.035 0.039 0.043 p 3 0.100 0.200 0.300 0.004 0.008 0.012 l 12.780 12.980 13.180 0.503 0.511 0.519 l1 2.970 3.170 3.370 0.117 0.125 0.133 l2 0.830 0.930 1.030 0.033 0.037 0.041 q1 3 o 5 o 7 o 3 o 5 o 7 o q2 43 o 45 o 47 o 43 o 45 o 47 o b1 1.180 1.280 1.380 0.046 0.050 0.054 b2 0.760 0.800 0.840 0.030 0.031 0.033 b3 - - 1.420 - - 0.056 symbol dimension in millimeters dimension in inches 2.54bsc 0.10bsc to220f package outline dimension_gn
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 7 of 8 www.silikron.com ordering and marking information device marking: ss pl 2015 f package (available) to - 220 f operating temperature range c : - 55 to 175 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to - 220 f 50 20 1000 6 6000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j =125 to 175 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =1 25 or 175 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices
ss pl2015f ? silikron semiconductor co.,ltd . 20 13 . 10 . 16 version : 1. 0 page 8 of 8 www.silikron.com attention: any and all silikron products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life - support systems, aircraft's control systems, or other ap plications whose failure can be reasonably exp ected to result in serious physical and/or material damage. consult with your silikron representative nearest you before using any silikron products described or contained herein in such ap plications. silikron assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all silikron products described or contained herein. specifications of any and all silikron products described or contained herein stipulate the performance, characteristics, and functions of the described products in the inde pendent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customers products or equipment. to verify s ymptoms and states that cannot be evaluated in an independent device, th e cust omer should always evaluate and test devices mounted in the customers products or equipment. silikron semiconductor co.,ltd. strives to supply high - quality high - reliability products. however, any and all semiconductor products fail with some probabil ity. it is possible that these probabilistic failures could give rise to accident s or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measu res so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all silikron products(including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concer ned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise , without the prior written permission of silikron semiconductor co.,ltd. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. silikron believes information herein is a ccurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the silikron product that you intend to use. custom er service worldwide sales and service : sales@ silikron .com technical support: technical@ silikron .com suzhou silikron semiconductor corp. 11a, 4 2 8 xinglong street, suzhou industrial park, p.r.china tel: (86 - 512 ) 62560688 fax: (86 - 512) 65160705 e - mail: sales@ silikron .com


▲Up To Search▲   

 
Price & Availability of SSPL2015F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X