Part Number Hot Search : 
ER3001P T048P MA2SV05 BU5471K 78DL05A 060PT 01MXA 74HC5
Product Description
Full Text Search
 

To Download RS2-04-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features - surge overload rating -50 amperes peak - ideal for printed circuit board - reliable low cost construction utilizong molded plastic technique results in expensive product - mounting position :any maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave ,60hz, resistive or inductive load. for capacitive load, derate current by 20% characteristics symbol rs201 rs202 rs203 rs204 rs205 rs206 rs207 unit maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375 9.5mm) lead lengths @t a =40 peak forward surge current , 8.3ms single half sine-wave super imposed on rated load (jedec method) i 2 t rating for fusing (t 8.3ms) i 2 t a 2 s maximum forward voltage drop per element at 2.0a peak maximum dc reverse current at rated t j =25 a dc blocking voltage t j =100 ma typical junction capacitance per element (note1) c j pf operating temperature range t j storage temperature range t stg note:1.measured at 1.0mhz and applied reverse voltage of 4.0v dc. 10.0 1.0 1.1 v v f i r 30 reverse voltage - 50 to 1000volts forward current - 2.0 amperes dimensions in inches and (millimeters) a -55 to +150 2.0 -55 to +125 15.0 50 a i (av) i fsm rs-2 .571(14.5) .610(15.5) .709(19.0) .669(17.0) .551(14.0) .512(13.0) .276(7.0) .236(6.0) .148(3.75) .108(2.75) .028(0.7)typ. .035(0.9)dia (19.0) .750 min. .160(4.1) .140(3.6) .078(2.0)*45 surface mount silicon bridge rectifiers rs201-g thru rs207 -g "-g" : rohs device mds0905006a page 1
reverse voltage,volts fig.5-typical junction capacitance per bridge element c a p a c i t a n c e , ( p f ) 1.0 2.0 4.0 6.0 10 20 40 60 100 0.1 1.0 2.0 4.0 10 20 40 100 0.2 0.4 t j = 25 c , f=1m hz v sig= 50m p-p b r i d g e o u t p u t f u l l w a v e r e c t i f i e d c u r r e n t a v e r a g e a m p e r e s fig.1-derating curve for output rectified current ambient temperature , 0 2.0 50 100 150 number ofcycles at 60hz fig.2-mximum non-repetitive surge current p e a k f o r w a r d s u r g e c u r r e n t , a m p e r e s 0 10 20 30 40 50 1 2 5 10 20 50 100 pulse wldth 8.3ms single half-sine-wave (jedec method) instantaneous forward voltage,volts i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) fig.4-typical forward characteristics t j =25 c pulse width:300us 2% duty cycle 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 fig.4-typical reverse characteristics percent of rated peak reverse voltage i n s t a n t a n c e o u s r e v e r s e c u r r e n t , m i c r a m p e r e s 10 0.1 0 20 40 60 80 100 120 140 1.0 t j =25 t j =100 surface mount silicon bridge rectifiers ratings and characteristic curves rs201-g thru rs207 -g mds0905006a page 2
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: comchip technology: ? rs201-g? rs204-g? rs207-g


▲Up To Search▲   

 
Price & Availability of RS2-04-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X