Part Number Hot Search : 
1N5248 133BG FP2000 CS4345 A1206 MPS651 26MB05B KC847A
Product Description
Full Text Search
 

To Download PJ-005A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date 05/06/2011 page 1 of 2 model: PJ-005A description: dc power jack cui .com 2 schematic model no. 3 1 PJ-005A 0.150 3.80 3.90 0.154 15.20 0.598 tolerance: 0.3mm unless otherwise specified 3 center pin diameter 2.0mm dia. 1 b 2 b 0.110 2.80 0.30 0.012 2.60x1.20 (3 plcs) 0.083 2.10 8.41 0.331 5/16x32t 11.00 0.433 0.30 0.012 7.80 0.307 0.106 2.70 5.70 0.224 10.40 0.409 0.394 10.00 0.026 5.70 0.224 0.65 2.00 0.079 specifications parameter conditions/description min nom max units rated input voltage 16 vdc rated input current 2 a contact resistance 30 m insulation resistance at 500 vdc 100 m voltage withstand at 50/60hz for 1 minute 500 vac features ? mounting hardware includes nut and washer ? panel mount ? 2.0 mm pin diameter rohs notes: all measurements and test shall be made at a temperature 10c to 35c with a relative humidity of 45% rh to 85% rh under the standard atmospheric pressure unless otherwise speci ed. mechanical drawing material plating center pin copper nickel terminal 1 brass silver terminal 2 phosphor bronze silver terminal 3 brass silver bushing brass nickel housing pbt units: mm[inches]
date 05/06/2011 page 2 of 2 cui offers a one (1) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use . cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com model: PJ-005A dc power jack description: cui inc rev. description date 1.0 initial release 01/30/2006 1.01 applied new spec template 05/06/2011 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of PJ-005A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X