Part Number Hot Search : 
C3197 20020 BT878 ATS03 LC863528 TIP125A 10BCCR20 ADP08SA
Product Description
Full Text Search
 

To Download PGA-105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 5 the big deal product overview PGA-105+ (rohs compliant) is an advanced ultra fat gain amplifer fabricated using e-phemt technology and offers extremely high dynamic range over a broad frequency range and with low noise fgure. in addition, the PGA-105+ has good input and output return loss over a broad frequency range without the need for external matching components. lead fnish is snagni and is enclosed in a sot-89 package for good thermal performance. feature advantages broad band: 0.04 to 2.6 ghz broadband covering primary wireless communications bands: cellular, pcs, lte, wimax ultra flat gain: 0.25 db typ. 0.1 to 2 ghz ideal for use in broad band or multi band applications where gain fatness is critical. high ip3 versus dc power consumption: 39 dbm typical at 0.9 ghz 35 dbm typical at 2 ghz the PGA-105+ provides good ip3 performance relative to device size and power con - sumption. the combination of the design and e-phemt structure provides enhanced linearity over a broad frequency range as evidence in the ip3 being typically 15 db above the p 1db point. this feature makes this amplifer ideal for use in: ? driver amplifers for complex waveform up converter paths ? drivers in linearized transmit systems ? secondary amplifers in ultra high dynamic range receivers no external matching components required unlike competing products, mini-circuits PGA-105+ provides outstanding gain fatness and input and output return loss of 23 db up to 2.6 ghz without the need for any external matching components. low noise figure: 1.7 - 2.0 db typ. a unique feature of the PGA-105+ which separates this design from all competitors is the low noise fgure performance in combination with the high dynamic range. PGA-105+ key features 50 ? 0.04 to 2.6 ghz sot-89 package ? ultra flat gain ? low noise, high dynamic range ? excellent input and output return loss without use of external matching components ultra flat gain, low noise/high dynamic range monolithic amplifer notes a. performance and quality attributes and conditions not expressly stated in this specifcation document are intended to be excluded and do not form a part of this specifcation document. b. electrical specifcations and performance data contained in this specifcation document are based on mini-circuits applicable established test performance criteria and measurement instructions. c. the parts covered by this specifcation document are subject to mini-circuits standard limited warranty and terms and conditions (collectively, standard terms); purchasers of this part are entitled to the rights and benefts contained therein. for a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit mini-circuits website at www.minicircuits.com/mclstore/terms.jsp mini-circuits ? www.minicircuits.com p.o. box 350166, brooklyn, ny 11235-0003 (718) 934-4500 sales@minicircuits.com
page 2 of 5 simplifed schematic and pin description function pin number description rf in 1 rf input pin. this pin requires the use of an external dc blocking capacitor chosen for the frequency of operation. rf-out and dc-in 3 rf output and bias pin. dc voltage is present on this pin; therefore a dc blocking capacitor is necessary for proper operation. an rf choke is needed to feed dc bias without loss of rf signal due to the bias connection, as shown in recommended ap - plication circuit, fig. 2 gnd 2,4 connections to ground. use via holes as shown in suggested layout for pcb design to reduce ground path inductance for best performance. 0.04-2.6 ghz case style: df782 PGA-105+ product features ? excellent gain fatness, 0.25 db over 0.1-2.0 ghz ? gain, 15.0 db typ. at 2 ghz ? high ip3, 39 dbm typ. at 0.9 ghz ? p1db 19.3 dbm typ. at 2 ghz ? low noise fgure, 1.9 db at 2 ghz ? no external matching components required rev. b m151107 PGA-105+ th/rs/cp 150924 general description PGA-105+ (rohs compliant) is an advanced ultra fat gain amplifer fabricated using e-phemt technology and offers extremely high dynamic range over a broad frequency range and with low noise fgure. in addition, the PGA-105+ has good input and output return loss over a broad frequency range without the need for external matching components. lead fnish is snagni. it has repeatable performance from lot to lot and is enclosed in a sot-89 package for good thermal performance. typical applications ? base station infrastructure ? portable wireless ? catv & dbs ? mmds & wireless lan ? lte ultra flat gain, low noise monolithic amplifer notes a. performance and quality attributes and conditions not expressly stated in this specifcation document are intended to be excluded and do not form a part of this specifcation document. b. electrical specifcations and performance data contained in this specifcation document are based on mini-circuits applicable established test performance criteria and measurement instructions. c. the parts covered by this specifcation document are subject to mini-circuits standard limited warranty and terms and conditions (collectively, standard terms); purchasers of this part are entitled to the rights and benefts contained therein. for a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit mini-circuits website at www.minicircuits.com/mclstore/terms.jsp mini-circuits ? www.minicircuits.com p.o. box 350166, brooklyn, ny 11235-0003 (718) 934-4500 sales@minicircuits.com
page 3 of 5 parameter ratings operating temperature (ground lead) -40c to 85c storage temperature -65c to 150c operating current at 5.0v 94 ma power dissipation 0.47 w input power (cw) 23 dbm (5 minutes max, 17 dbm (continuous) dc voltage on pin 3 5.5 v note: permanent damage may occur if any of these limits are exceeded. electrical maximum ratings are not intended for continuous normal operation. absolute maximum ratings electrical specifcations (1) at 25c, 50 ? and 5v, unless noted PGA-105+ parameter condition (ghz) min. typ. max. units frequency range 0.04 2.6 ghz gain 0.04 16.4 db 0.5 15.2 0.9 15.1 2.0 13.8 15.2 16.8 2.6 15.9 gain flatness 0.1 - 2.0 0.25 db noise figure 0.04 1.7 0.5 2.0 0.9 1.9 2.0 1.9 2.7 2.6 2.1 input return loss 0.04 11.6 db 0.5 20.4 0.9 18.4 2.0 18.9 2.6 9.3 output return loss 0.04 12.9 db 0.5 23.3 0.9 20.1 2.0 14.7 2.5 9.1 reverse isolation 2.0 22.2 db output power @1 db compression 0.04 20.9 dbm 0.5 20.7 0.9 20.5 2.0 19.3 2.6 19.3 output ip3 0.04 36.1 dbm 0.5 39.3 0.9 39.3 2.0 34.7 2.6 32.4 device operating voltage 4.8 5.0 5.2 v device operating current 63 77 ma device current variation vs. temperature (2) 67 a/c device current variation vs voltage 0.0154 ma/mv thermal resistance, junction-to-ground lead 102 c/w (1) measured on mini-circuits characterization test board tb-665+. see characterization test circuit (fig. 1) (2) (current at 85c current at -45c)/130 dc current histogram 0 100 200 300 400 500 600 700 800 900 50-52 52-54 54-56 56-58 58-60 60-62 62-64 64-66 66-68 68-70 70-72 72-74 74-76 76-78 current (ma) usl typical perormance wit pplication ircuits (see pplication note n-60-063) frequency (ghz) tb-678-105+ tb-733-105+ (unconditionally stable) gain noise figure input return loss output return loss output power @ 1db comp. output ip3 stability factor stability measure gain noise figure input return loss output return loss output power @ 1db comp. output ip3 stability factor stability measure 0.04 16.4 1.7 11.6 12.9 20.9 36.1 0.93 0.59 14.4 2.3 8.6 27.6 19.5 34.6 1.14 0.90 0.5 15.2 2.0 20.4 23.3 20.7 39.3 1.10 0.62 14.5 2.0 21.8 22.7 21.0 38.7 1.13 0.65 0.9 15.1 1.9 18.4 20.1 20.5 39.3 1.13 0.66 14.4 1.9 20.6 25.1 21.0 37.4 1.17 0.70 2 15.2 1.9 18.9 14.7 19.3 34.7 1.29 0.80 15.5 1.9 13.8 15.2 18.9 33.6 1.35 0.88 2.6 15.9 2.1 9.3 9.1 19.3 32.4 1.51 0.96 15.1 2.0 10.5 8.5 19.4 33.2 1.83 0.94 notes a. performance and quality attributes and conditions not expressly stated in this specifcation document are intended to be excluded and do not form a part of this specifcation document. b. electrical specifcations and performance data contained in this specifcation document are based on mini-circuits applicable established test performance criteria and measurement instructions. c. the parts covered by this specifcation document are subject to mini-circuits standard limited warranty and terms and conditions (collectively, standard terms); purchasers of this part are entitled to the rights and benefts contained therein. for a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit mini-circuits website at www.minicircuits.com/mclstore/terms.jsp mini-circuits ? www.minicircuits.com p.o. box 350166, brooklyn, ny 11235-0003 (718) 934-4500 sales@minicircuits.com monolithic e-phemt mmic amplifer
page 4 of 5 PGA-105+ fig 1 . block diagram of test circuit used for characterization. (dut tested on mini-circuits characterization test board tb-665+) gain, return loss, output power at 1db compression (p1 db) , output ip3 (oip3) and noise fgure measured using agilents n5242a pna-x microwave network analyzer. conditions: 1. gain and return loss: pin= -25dbm 2. output ip3 (oip3): two tones, spaced 1 mhz apart, 0 dbm/tone at output. characterization test circuit recommended application circuits fig 2. evaluation board tb-678-105+ includes case, connectors, and components soldered to pcb product marking tb-665+ vcc (supply voltage) bias-tee zx85-12g-s+ blk-18+ rf-in rf-out dut 1 2,4 3 +5v p105 fig 3. evaluation board tb-733-105+ with unconditional stability (see applications note an-60-063) notes a. performance and quality attributes and conditions not expressly stated in this specifcation document are intended to be excluded and do not form a part of this specifcation document. b. electrical specifcations and performance data contained in this specifcation document are based on mini-circuits applicable established test performance criteria and measurement instructions. c. the parts covered by this specifcation document are subject to mini-circuits standard limited warranty and terms and conditions (collectively, standard terms); purchasers of this part are entitled to the rights and benefts contained therein. for a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit mini-circuits website at www.minicircuits.com/mclstore/terms.jsp mini-circuits ? www.minicircuits.com p.o. box 350166, brooklyn, ny 11235-0003 (718) 934-4500 sales@minicircuits.com monolithic e-phemt mmic amplifer
page 5 of 5 PGA-105+ visual inspection electrical test sam analysis refow 3 cycles, 260c soak 85c/85rh 168 hours bake at 125c, 24 hours visual inspection electrical test sam analysis start msl test flow chart esd rating human body model (hbm): class 1a (250 to <500v) in accordance with ansi/esd stm 5.1 - 2001 machine model (mm): class m1( pass 25v) in accordance with ansi/esd stm5.2-1999 msl rating moisture sensitivity: msl1 in accordance with ipc/jedec j-std-020d performance data data table swept graphs s-parameter (s2p files) data set (.zip fle) case style df782 (sot 89) plastic package, exposed paddle, lead fnish: tin- silver over nickel tape & reel f55 standard quantities available on reel 7 reels with 20, 50, 100, 200, 500 or 1k devices suggested layout for pcb design pl-370 evaluation board tb-678-105+ tb-733-105+ (see application note: an-60-063) environmental ratings env08t1 additional detailed technical information additional information is available on our dash board. to access this information click here notes a. performance and quality attributes and conditions not expressly stated in this specifcation document are intended to be excluded and do not form a part of this specifcation document. b. electrical specifcations and performance data contained in this specifcation document are based on mini-circuits applicable established test performance criteria and measurement instructions. c. the parts covered by this specifcation document are subject to mini-circuits standard limited warranty and terms and conditions (collectively, standard terms); purchasers of this part are entitled to the rights and benefts contained therein. for a full statement of the standard terms and the exclusive rights and remedies thereunder, please visit mini-circuits website at www.minicircuits.com/mclstore/terms.jsp mini-circuits ? www.minicircuits.com p.o. box 350166, brooklyn, ny 11235-0003 (718) 934-4500 sales@minicircuits.com monolithic e-phemt mmic amplifer


▲Up To Search▲   

 
Price & Availability of PGA-105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X