Part Number Hot Search : 
AM29L SMBJ15 AR500 T6400 10C12A F1111AI 1123A2 MC33170
Product Description
Full Text Search
 

To Download MBRF20100CT-JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr20100ct / mbrf20100ct document number: ds36343 rev. 8 - 2 1 of 4 www.diodes.com november 2013 ? diodes incorporated mbr20100ct / mbrf20100ct advanced information 20a schottky barrier rectifier product summary mbr20100ct / mbrf20100ct (per leg) description and applications this schottky barrier rectifier has been designed to meet the general requirements of commercial app lications. it is ideally suited for use as: ? polarity protection diode ? re-circulating diode ? switching diode v rrm (v) i o (a) v f (max) (v) @ +25c i r (max) (ma) @ +25c 100 10 0.84 0.05 features and benefits ? guard ring die construction for transient protection. ? high surge current capability. ? low forward voltage drop. ? lead-free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability mechanical data ? case: to-220ab, ito-220ab ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish - matte ti n annealed over copper leadframe. solderable per mil-std-202, method 208 ? polarity: see below ? weight: to-220ab ? 1.95 grams (approximate) ito-220ab ? 1.69 grams (approximate) ordering information (notes 4) part number case packaging mbr20100ct to-220ab 50 pieces/tube MBRF20100CT-JT ito-220ab (a lternate) 50 pieces/tube notes: 1. eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applic able rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- a nd antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defin ed as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our website at http://www.diodes.com/p roducts/packages.html. marking information to-220ab top view ito-220ab top view package pin out confi g uration to-220ab bottom view ito-220ab bottom view mbrf20100ct = product type marking code a b = foundry and assembly code yyww = date code marking yy = last two digits of year (ex: 13 = 2013) ww = week (01 - 53) mbr20100ct = product type marking code a b = found r y and assembly code yyww = date code marking yy = last two digits of year (ex: 13 = 2013) ww = week (01 - 53) ? green
mbr20100ct / mbrf20100ct document number: ds36343 rev. 8 - 2 2 of 4 www.diodes.com november 2013 ? diodes incorporated mbr20100ct / mbrf20100ct advanced information maximum ratings (per leg) (@t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current (per leg) (total) i o 10 20 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 150 a thermal characteristics (per leg) characteristic symbol value unit typical thermal resistance, junction to case (note 5) package = to-220ab package = ito-220ab r jc 2 5 c/w typical thermal resistance, junction to ambient (note 5) package = to-220ab package = ito-220ab r ja 13 20 c/w operating and storage temperature range t j , t stg -55 to +175 c electrical character istics (per leg) (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f ? ? 0.8 ? 0.84 0.72 v i f = 10a, t a = +25c i f = 10a, t a = +125c leakage current (note 6) i r ? ? ? ? 0.05 10 ma v r = 100v, t a = +25c v r = 100v, t a = +125c notes: 5. device mounted on device with additional heat sink (4 5mm x 20mm x 12mm), with minimum recommended pad layout per http ://www.diodes.com 6. short duration pulse test used to minimize self-heating effect i average forward current (a) figure 1 forward power dissipation f(av) p , p o we r dissi p a t i o n (w) d 0 1 2 3 4 5 6 7 8 0 5 10 15 v , instantaneous forward voltage (v) f figure 2 typical forward characteristics i, i n s t a n t a n e o u s f o r wa r d c u r r e n t (a) f 100 0 0.2 0.4 0.6 0.8 1 1.2 10 1 0.1 0.01 0.001 0.0001 t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a 0.00001 t = 175c a
mbr20100ct / mbrf20100ct document number: ds36343 rev. 8 - 2 3 of 4 www.diodes.com november 2013 ? diodes incorporated mbr20100ct / mbrf20100ct advanced information package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. i , instantaneous reverse current (ma) r v , instantaneous reverse voltage (v) r figure 3 typical reverse characteristics 10 020406080100 1 0.1 0.001 0.0001 0.00001 0.01 t = 25c a t = 85c a t = 125c a t = 150c a t = 175c a t , ambient temperature (c) a figure 4 forward current derating curve i, ave r a g e f o r wa r d c u r r ent (a) f(av) note 5 0.0 2.0 4.0 6.0 8.0 10.0 12.0 0 255075100125150175 to220ab dim min typ max a 3.56 - 4.82 a1 0.51 - 1.39 a2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 d 14.22 - 16.51 d1 8.39 - 9.01 e 2.54 e1 5.08 e 9.66 - 10.66 h1 5.85 - 6.85 l 12.70 - 14.73 l1 - - 6.35 p 3.54 - 4.08 q 2.54 - 3.42 all dimensions in mm ito220ab alternate dim min max a 4.36 4.77 a1 2.54 3.10 a2 2.54 2.80 b 0.55 0.75 b1 1.20 1.50 c 0.38 0.68 d 14.50 15.50 d1 8.38 8.89 e 2.41 2.67 e 9.72 10.27 l 9.87 10.67 l1 15.8 17.00 p 3.08 3.39 q 2.60 3.00 all dimensions in mm a a1 c d e l b e1 b2 p h1 q l1 a2 e seating plane d1 16.00 0.20* ? *guaranteed by to-220ab leadframe design a a1 d1 a2 c e b b1 l l1 d q e ? p
mbr20100ct / mbrf20100ct document number: ds36343 rev. 8 - 2 4 of 4 www.diodes.com november 2013 ? diodes incorporated mbr20100ct / mbrf20100ct advanced information important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described he rein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of MBRF20100CT-JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X