Part Number Hot Search : 
T200A 64400 6204B242 203DH3 CDB4329 IQS622 BCY58 MASTER
Product Description
Full Text Search
 

To Download L431M5B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 general description the l431 is a three-terminal adjustable shunt regulator utilizing an a ccurate 2.5v band-gap reference. the output vo ltage can be set to any value between 2.5v (v ref ) to 29v with two external resistors as shown in the typical application circuit. the device exhibit a wide operating current range of 0.4 to 100 ma with a typical dynamic impedance of 0.25 . the cha- racteristics of these re ference make it exce- llent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. the 2.5v volt reference makes it convenient to obtain a stable reference from 5.0v logic supplies. the l431 shunt regulator is available in three voltage tolerances (0.5%, 1.0% and 2%) and three package options (to-92, sot-23-3, sot-23-5 and soic-8). features z internal amplifier with 70 ma capability z programmable output voltage to 29v z 0.25 typical output impedance z pin to pin compatible with tl431, lm431 , sc431 & as431 z trimmed band-gap design 0.5%, 1.0% and 2% with three package options z low cost solution applications z linear regulator controller z precision voltage reference z switching power supplies z battery operating equipment z instrumentation z pcs, computer disk drives symbol & block diagram anode (a) cathod reference - + cathode (k) anode (a) reference (r) 2.5 vref functional block diagram symbol (r) (k)
2 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 absolute maximum ratings parameter value cathode-anode reverse breakdown voltage - v ka 30v anode-cathode forward current - i ak 70 ma reference input current - i ref 10 ma storage temperature range - t stg -65 to +150 c junction temperature - t j 150 c lead temperature (soldering, 10 seconds) - t l 300 c continuous power at 25 c - p d to-92 soic-8 sot-23 700 mw 650 mw 200 mw recommended conditions typical thermal resistances parameter rating package ja jc typ. derating cathode voltage (v ka ) v ref to 29v to-92 160 c/w 80 c/w 6.3 mw/c cathode current (i k ) 10 ma soic-8 175 c/w 45 c/w 5.7 mw/c sot-23 575 c/w 150 c/w 1.7 mw/c electrical specifications (ambient temperature must be derated base on power dissipation and package thermal characterist ics. the conditions are: v ka = v ref and i k = 10 ma unless otherwise stated) parameter test conditions min typ max units test circuit t a = 25 c, l431 (0.5%) 2.482 2.495 2.507 t a = 25 c, l431 (1%) 2.470 2.495 2.520 reference voltage t a = 25 c, l431 (2%) 2.445 2.495 2.550 v 1 ? v ref with temp. 0.07 0.2 mv/c 1 v ref to 10v -2.7 -1.0 ration of change in v ref to cathode voltage 10v to 30v -2.0 -0.4 0.3 mv/v 2 reference input current 0.7 4 a 2 i ref temp. deviation over temp. 0.4 1.2 a 2 min. i k for regulation 0.4 1 ma 1 off state leakage v ref = 0v, v ka = 30v 0.04 250 na 3 dynamic output impedance f 1khz, i k = 1 to 70 ma 0.25 0.5 1
3 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 test circuits in v v ka k i ref i v ref r1 r2 - test circuit 2 - > (v ka v ref ) ref i ) v ka v = - test circuit 1 - ka v ref (v in - test circuit 3 - ka vv in k (off) i (off state current) i k the areas under the curves repr esent conditions that may cause the device to oscillate. for curves b, c and d, r 1 and v batt were adjusted to establish the initial v ka and i ka conditions with c l = 0. v batt and c l then were adjusted to determine the ranges of stability. stability boundary condition for shunt regulation vs. cathode current and load capacitance 1 02 3 4 56 cl ik 150 1 2 l431 2 3 1 test circuit for vka = vref 150 l431 2 3 1 10k r2 test circuit for vka > vref ik r1 cl vbatt 1 2
4 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 small-signal gain and phase shift vs. frequency vs. cathode voltage cathode current cathode current vs. cathode voltage vs. junction temperature r z ( ) reference impedance vs. junction temperature ratio of delta reference vo ltage to delta cathode voltage v r e f / v z ( - m v / v ) vz = 3v to 30v 8.25k out ik gnd 15k 1 2 l431 2 3 1 10uf 232 1 2 test circuit for small signal gain and phas e
5 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 vs. junction temperature off-state cathode current vs. junction temperature reference voltage vs. frequency reference impedance reference input current vs. junction temperature
6 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 pin configuration device selection guide device l431nb l431m3b l431vb L431M5B package to-92 sot-23-3 soic-8 sot-23-5 marking l431n 1m3 l431v 1m5a tolerance 1% 1% 1% 1%
7 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 application circuit + 10uf + cout + cin p01n02lm or p3055l l431 or l432 r1 r2 1k 5v or 12v vin vout g d s a k r niko niko vout = (1 + ) vref r2 r1
8 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 to-92 mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 4.445 5.207 h 2.413 2.540 2.667 b 4.318 5.334 i 0.356 0.533 c 12.7 15.5 j d 0.356 0.533 k e 1.143 1.27 1.397 l f 3.175 4.191 m g 0.762 1.270 n
9 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 sot-23 (m3) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 0.95 h 0.10 0.15 0.25 b 2.60 2.80 3.00 i 0.37 c 1.40 1.60 1.80 j d 2.70 2.90 3.10 k e 1.00 1.10 1.30 l f 0.00 0.10 m g 0.35 0.4 0.5 n
10 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 soic-8 (d) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 4.8 5.0 h 0.4 1.27 b 3.8 4.0 i 0.18 0.25 c 5.8 6.2 j 0.22 d 0.35 0.48 k 0 8 e 1.27 l f 1.65 m g 0.1 0.25 n
11 2.5v low-voltage adjustable precision shunt regulator niko-sem l431 jan-08-y02 sot-23 (m5) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 1.0 1.10 1.30 e 1.90(typ) a1 0.00 0.10 h 2.60 2.80 3.00 a2 0.70 0.80 0.90 l 0.37 b 0.35 0.40 0.50 c 0.10 0.15 0.25 d 2.70 2.90 3.10 e 1.40 1.60 1.80


▲Up To Search▲   

 
Price & Availability of L431M5B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X