Part Number Hot Search : 
MS274 TSTA7300 1755I SMC24 O2375A 226X0025 TSTA7300 LM317LS
Product Description
Full Text Search
 

To Download IRG7PH28UD1PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? IRG7PH28UD1PBF irg7ph28ud1mpbf 1 www.irf.com ? 2012 international rectifier january 8, 2013 IRG7PH28UD1PBF to-247ac g c e g ? g c e g irg7ph28ud1mpbf to-247ad g c e gate collector emitter base part number package type standard pack orderable part number form quantity IRG7PH28UD1PBF to-247ac tube 25 IRG7PH28UD1PBF irg7ph28ud1mpbf to-247ad tube 25 irg7ph28ud1mpbf v ces = 1200v i c = 15a, t c = 100c t j(max) = 150c v ce(on) typ. = 1.95v e g n-channel c ? ? insulated gate bipolar transistor with ultra-low vf diode for induction heating and so ft switching applications features ?? low v ce (on) trench igbt technology ?? low switching losses ?? square rbsoa ?? ultra-low v f diode ?? 1300vpk repetitive transient capacity ?? 100% of the parts tested for i lm ? ?? positive v ce (on) temperature co-efficient ?? tight parameter distribution ?? lead-free package benefits ?? device optimized for induction heating and soft switching applications ?? high efficiency due to low v ce(on) , low switching losses and ultra-low v f ?? rugged transient performance for increased reliability ?? excellent current sharing in parallel operation ?? low emi absolute maximum ratings ?? parameter max. units v ces collector-to-emitter voltage 1200 v i c @ t c = 25c continuous collector current 30 i c @ t c = 100c continuous collector current 15 i cm pulse collector current, v ge = 15v ?? 100 i lm clamped inductive load current, v ge = 20v ? 60 a i f @ t c = 25c diode continuous forward current 30 i f @ t c = 100c diode continuous forward current 15 i fm diode maximum forward current ? 60 v ge continuous gate-to-emitter voltage 30 v p d @ t c = 25c maximum power dissipation 115 w p d @ t c = 100c maximum power dissipation 46 t j operating junction and -55 to +150 t stg storage temperature range c soldering temperature, for 10 sec. 300 (0.063 in.(1.6mm) from case) mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) v (br) transient repetitive transient collector-to-emitter voltage ? 1300 downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 2 www.irf.com ? 2012 international rectifier january 8, 2013 electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)ces collector-to-emitter breakdown voltage 1200 v v ge = 0v, i c = 100a ? ? v (br)ces / ? t j temperature coeff. of breakdown voltage 1.4 v/c v ge = 0v, i c = 1ma (25c-150c) v ce(on) collector-to-emitter saturation voltage 1.95 2.30 v i c = 15a, v ge = 15v, t j = 25c 2.4 ? i c = 15a, v ge = 15v, t j = 150c v ge(th) gate threshold voltage 3.0 6.0 v v ce = v ge , i c = 350a gfe forward transconductance 13 s v ce = 50v, i c = 15a, pw = 20s i ces collector-to-emitter leakage current 1.0 100 a v ge = 0v, v ce = 1200v ?? 100 v ge = 0v, v ce = 1200v, t j = 150c v fm diode forward voltage drop 1.1 1.2 v i f = 15a 1.0 i f = 15a, t j = 150c i ges gate-to-emitter leakage current 100 na v ge = 30v switching characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions q g total gate charge (turn-on) 60 90 i c = 15a q ge gate-to-emitter charge (turn-on) 10 15 nc ? v ge = 15v q gc gate-to-collector charge (turn-on) 27 40 ? v cc = 600v e off turn-off switching loss 543 766 j i c = 15a, v cc = 600v, v ge = 15v r g = 22 ? , l = 1.0mh, t j = 25c t d(off) turn-off delay time 229 ns ? energy losses include tail & diode ? t f fall time 62 ? reverse recovery e off turn-off switching loss 939 j i c = 15a, v cc = 600v, v ge =15v r g = 22 ? , l = 1.0mh, t j = 150c t d(off) turn-off delay time 272 ns energy losses include tail & diode ? t f fall time 167 ? reverse recovery c ies input capacitance 1160 v ge = 0v c oes output capacitance 55 pf v cc = 30v c res reverse transfer capacitance 30 f = 1.0mhz t j = 150c, i c = 60a rbsoa reverse bias safe operating area full square v cc = 960v, vp 1200v rg = 22 ? , v ge = +20v to 0v notes: ? v cc = 80% (v ces ), v ge = 20v, l = 25h, r g = 22 ? . ? pulse width limited by max. junction temperature. ? refer to an-1086 for guidelines for measuring v (br)ces safely. ? r ? is measured at t j of approximately 90c. ? fbsoa operating conditions only. ? v ge = 0v, t j = 75c, pw 10s. thermal resistance ??? parameter min. typ. max. units r jc (igbt) junction-to-case (igbt) ? CCC CCC 1.09 r jc (diode) junction-to-case (diode) ? CCC CCC 1.35 c/w r cs case-to-sink (flat, greased surface) CCC 0.24 CCC r ja junction-to-ambient (typical socket mount) CCC CCC 40 downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 3 www.irf.com ? 2012 international rectifier january 8, 2013 25 50 75 100 125 150 t c (c) 0 5 10 15 20 25 30 i c ( a ) 25 50 75 100 125 150 t j , temperature (c) 2.6 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 v g e ( t h ) , g a t e t h r e s h o l d v o l t a g e i c = 350a fig. 1 - maximum dc collector current vs. case temperature 10 100 1000 10000 v ce (v) 1 10 100 i c ( a ) 0 2 4 6 8 10 v ce (v) 0 10 20 30 40 50 60 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v fig. 4 - reverse bias soa t j = 150c; v ge = 20v 25 50 75 100 125 150 t c (c) 0 20 40 60 80 100 120 p t o t ( w ) fig. 2 - power dissipation vs. case temperature 0 2 4 6 8 10 v ce (v) 0 10 20 30 40 50 60 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v fig. 3 - typical gate threshold voltage vs. junction temperature fig. 6 - typ. igbt output characteristics t j = 25c; tp = 20s fig. 5 - typ. igbt output characteristics t j = -40c; tp = 20s downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 4 www.irf.com ? 2012 international rectifier january 8, 2013 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v f (v) 0.1 1 10 100 i f ( a ) 25c 150c fig. 8 - typ. diode forward voltage drop characteristics 0 2 4 6 8 10 v ce (v) 0 10 20 30 40 50 60 i c e ( a ) v ge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v 51 01 52 0 v ge (v) 0 2 4 6 8 10 12 v c e ( v ) i ce = 7.5a i ce = 15a i ce = 30a fig. 7 - typ. igbt output characteristics t j = 150c; tp = 20s fig. 9 - typical v ce vs. v ge t j = -40c 51 01 52 0 v ge (v) 0 2 4 6 8 10 12 v c e ( v ) i ce = 7.5a i ce = 15a i ce = 30a fig. 10 - typical v ce vs. v ge t j = 25c 456789101112 v ge (v) 0 10 20 30 40 50 60 70 i c e ( a ) t j = 150c t j = 25c fig. 12 - typ. transfer characteristics v ce = 50v; tp = 20s 51 01 52 0 v ge (v) 0 2 4 6 8 10 12 v c e ( v ) i ce = 7.5a i ce = 15a i ce = 30a fig. 11 - typical v ce vs. v ge t j = 150c downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 5 www.irf.com ? 2012 international rectifier january 8, 2013 0 5 10 15 20 25 30 i c (a) 10 100 1000 s w i c h i n g t i m e ( n s ) td off t f 0 20 40 60 80 100 r g ( ? ) 10 100 1000 s w i c h i n g t i m e ( n s ) td off t f fig. 14 - typ. switching time vs. i c t j = 150c; l = 1.0mh; v ce = 600v, r g = 22 ? ; v ge = 15v 0 5 10 15 20 25 30 i c (a) 0 400 800 1200 1600 2000 e n e r g y ( j ) e off 0 2 04 06 08 01 0 0 rg ( ? ) 800 1000 1200 1400 1600 1800 e n e r g y ( j ) e off fig. 15 - typ. energy loss vs. r g t j = fig. 13 - typ. energy loss vs. i c t j = 150c; l = 1.0mh; v ce = 600v, r g = 22 ? ; v ge = 15v fig. 16 - typ. switching time vs. r g t j = 150c; l = 1.0mh; v ce = 600v, i ce = 15a; v ge = 15v 0 100 200 300 400 500 600 v ce (v) 1 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres fig. 17 - typ. capacitance vs. v ce v ge = 0v; f = 1mhz 0 10203040506070 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) v ces = 600v v ces = 400v fig. 18 - typical gate charge vs. v ge i ce = 15a downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 6 www.irf.com ? 2012 international rectifier january 8, 2013 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.0001 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig. 19 - maximum transient thermal impedance, junction-to-case (igbt) fig. 20 - maximum transient thermal impedance, junction-to-case (diode) ri (c/w) ? i (sec) ? 0.00756 0.000005 0.56517 0.000677 0.54552 0.003514 0.25085 0.019551 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= ? i ? ri ci= ? i ? ri ? c ? c ? 4 ? 4 r 4 r 4 ri (c/w) ? i (sec) ? 0.015352 0.000008 0.360775 0.000223 0.431394 0.002475 0.282479 0.01715 ? j ? j ? 1 ? 1 ? 2 ? 2 ? 3 ? 3 r 1 r 1 r 2 r 2 r 3 r 3 ci= ? i ? ri ci= ? i ? ri ? c ? c ? 4 ? 4 r 4 r 4 downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 7 www.irf.com ? 2012 international rectifier january 8, 2013 0 1k vcc dut l l rg 80 v dut vcc + - fig.c.t.1 - gate charge circuit (turn-off) fig.c.t.2 - rbsoa circuit l rg vcc dut / driver diode clamp / dut -5v switching loss fig.c.t.3 - switching loss circuit g force c sense 100k dut 0.0075f d1 22k e force c force e sense fig.c.t.4 - bvces filter circuit fig. wf1 - typ. turn-off loss waveform @ t j = 150c using fig. ct.3 -5 0 5 10 15 20 25 30 35 40 -100 0 100 200 300 400 500 600 700 800 -0.5 0 0.5 1 i ce (a) v ce (v) time(s) 90% i ce 5% v ce 5% i ce eoff loss tf downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 8 www.irf.com ? 2012 international rectifier january 8, 2013 to-247ac package outline dimensions are shown in millimeters (inches) year 1 = 2001 date code part number international logo rectifier assembly 56 57 irfpe30 135h line h indicates "lead-free" week 35 lot code in the assembly line "h" assembled on ww 35, 2001 notes: this part marking information applies to devices produced after 02/26/2001 note: "p" in assembly line position example: with assembly this is an irfpe30 lot code 5657 to-247ac part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package/ to-247ac package is not recommended for surface mount application. downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 9 www.irf.com ? 2012 international rectifier january 8, 2013 to-247ad package outline dimensions are shown in millimeters (inches) to-247ad part marking information assem bly year 0 = 2000 assem bled o n w w 35, 2000 in the assem bly line "h" exam ple: this is an irg p30b120kd-e lo t co de 5657 with assembly part num ber date code in t e r n a t io n a l rectifier lo g o 035h 5 6 5 7 week 35 lin e h lo t co de n o te : "p " in a s s e m b ly lin e p o s itio n indicates "lead-free" note: for the most current drawing please refer to ir website at http://www.irf.com/package/ to-247ad package is not recommended for surface mount application. 2x c "a" "a" e e2/2 q e2 2x l1 l d a e 2x b2 3x b lead tip see view "b" b4 b a ? .010 b a a2 a1 ? .010 b a d1 s e1 thermal pad -a- ? p ? .010 b a view: "b" section: c-c, d-d, e-e (b, b2, b4) (c) base meta l plating view: "a" - "a" downloaded from: http:///
? IRG7PH28UD1PBF/irg7ph28ud1mpbf 10 www.irf.com ? 2012 international rectifier january 8, 2013 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ qualification information ? qualification level industrial ? (per jedec jesd47f) ?? moisture sensitivity level to-247ac n/a rohs compliant yes to-247ad n/a ? qualification standards can be found at international rectifiers web site: http://www.irf.com/product-info/reliability/ ?? applicable version of jedec standar d at the time of product release. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of IRG7PH28UD1PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X