Part Number Hot Search : 
BD601 2SA1369 16360 DM204 TC07COA SSG9975 DG2721 LS655
Product Description
Full Text Search
 

To Download HHXA500ARA101MJA0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hxa series ? high reliability and high voltage are realized by hybrid electrolyte ? endurance with ripple current : 4,000 hours at 125 ? rated voltage range : 16 to 80v dc , capacitance range : 6.8 to 470f ? for high temperature and high reliability applications. (automotive equipment, base station equipment, etc.) ? rohs compliant ? halogen free specifications items characteristics category temperature range -55 to +125 rated voltage range 16 to 80v dc capacitance tolerance 20% (m) (at 20 , 120hz) leakage current i=0.01cv where, i : max. leakage current ( a , c: nominal capacitance( f , v : rated voltage(v) (at 20 after 2 minutes) dissipation factor (tan ) rated voltage(v dc ) 16v 25v 35v 50v 63v 80v (at 20 , 120hz) tan ? max.) 0.16 0.14 0.12 0.10 0.08 0.08 low temperature characteristics (max. impedance ratio) z(-25 )/z(+20 ) Q 1.5 z(-55 )/z(+20 ) Q 2.0 (at 100khz) endurance the following speci?cations shall be satis?ed when the capacitors are restored to 20 after subjected to dc voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 4,000 hours at 125 . capacitance change Q 30% of the initial value d.f. (tan ) Q 200% of the initial speci?ed value esr Q 200% of the initial speci?ed value leakage current Q the initial speci?ed value shelf life the following speci?cations shall be satis?ed when the capacitors are restored to 20 after exposing them for 1,000 hours at 125 without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change Q 30% of the initial value d.f. (tan ) Q 200% of the initial speci?ed value esr Q 200% of the initial speci?ed value leakage current Q the initial speci?ed value dimensions [mm] 0.3max. w p size code f61 f80 ha0 ja0 d 6.3 6.3 8 10 l 5.8 7.7 10.0 10.0 a 6.6 6.6 8.3 10.3 b 6.6 6.6 8.3 10.3 c 7.2 7.2 9.0 11.0 w 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 p 1.9 1.9 3.1 4.5 terminal code : a d 0.5 b 0.2 c 0.2 a 0.2 l 0.3 (note) note : l 0.5 for ha0 and ja0 vent for ja0 part numbering system supplement code size code capacitance tolerance code taping code terminal code voltage code (ex. 35v:350, 50v:500) series code category h h x a a r a g m 1 3 4 2 6 7 8 9 10 13 12 5 18 17 16 11 15 14 capacitance code (ex. 47f:470, 100f:101) p leas e r e f e r to "product code guide (conducti v e polyme r type) " new! higher temperature hxa hxb p72 marking 26a 47 v ha ex) 35v47f rated voltage symbol rated voltage (v dc ) 16 25 35 50 63 80 symbol c e v h j k 70 surface mount product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001p conductive polymer hybrid aluminum electrolytic capacitors
hxa series standard ratings wv (v dc ) cap (f) size code esr m max./20 , 100khz rated ripple current marms/125 , 100khz) part no. 16 82 f61 45 950 hhxa160ara820mf61g 150 f80 27 1,450 hhxa160ara151mf80g 270 ha0 22 1,700 hhxa160ara271mha0g 470 ja0 18 2,100 hhxa160ara471mja0g 25 47 f61 50 900 hhxa250ara470mf61g 56 f61 50 900 hhxa250ara560mf61g 68 f80 30 1,400 hhxa250ara680mf80g 100 f80 30 1,400 hhxa250ara101mf80g 150 ha0 27 1,600 hhxa250ara151mha0g 220 ha0 27 1,600 hhxa250ara221mha0g 270 ja0 20 2,000 hhxa250ara271mja0g 330 ja0 20 2,000 hhxa250ara331mja0g 35 27 f61 60 900 hhxa350ara270mf61g 47 f61 60 900 hhxa350ara470mf61g 47 f80 35 1,400 hhxa350ara470mf80g 68 f80 35 1,400 hhxa350ara680mf80g 100 ha0 27 1,600 hhxa350ara101mha0g 150 ha0 27 1,600 hhxa350ara151mha0g 150 ja0 20 2,000 hhxa350ara151mja0g 270 ja0 20 2,000 hhxa350ara271mja0g 50 10 f61 80 750 hhxa500ara100mf61g 15 f80 40 1,100 hhxa500ara150mf80g 22 f61 80 750 hhxa500ara220mf61g 33 f80 40 1,100 hhxa500ara330mf80g 33 ha0 30 1,250 hhxa500ara330mha0g 47 ha0 30 1,250 hhxa500ara470mha0g 56 ja0 25 1,600 hhxa500ara560mja0g 68 ha0 30 1,250 hhxa500ara680mha0g 100 ja0 25 1,600 HHXA500ARA101MJA0G 63 6.8 f61 120 700 hhxa630ara6r8mf61g 10 f61 120 700 hhxa630ara100mf61g 10 f80 80 900 hhxa630ara100mf80g 22 f80 80 900 hhxa630ara220mf80g 22 ha0 40 1,100 hhxa630ara220mha0g 33 ha0 40 1,100 hhxa630ara330mha0g 33 ja0 30 1,400 hhxa630ara330mja0g 56 ja0 30 1,400 hhxa630ara560mja0g 80 22 ha0 45 1,100 hhxa800ara220mha0g 39 ja0 35 1,200 hhxa800ara390mja0g new! 71 surface mount product specifications in this catalog are subject to change without notice.request our product specifications before purchase and/or use. please use our products based on the information contained in this catalog and product specifications. cat. no. e1001p conductive polymer hybrid aluminum electrolytic capacitors


▲Up To Search▲   

 
Price & Availability of HHXA500ARA101MJA0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X