Part Number Hot Search : 
AP1512A AP3843 MB39A1 TCZM39B LM317 06SL190G AP1512A MAX9110
Product Description
Full Text Search
 

To Download HCF4013YM013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. may 2013 docid2023 rev 4 1/13 hcf4013 dual d-type flip-flop datasheet - production data features ? set-reset capability ? static flip-flop operation - retains state indefinitely with clock leve l either ?high? or ?low? ? medium speed operation 16 mhz (typ.), clock toggle rate at 10 v ? standardized symmetrical output characteristics ? quiescent current specified up to 20 v ? 5 v, 10 v, and 15 v parametric ratings ? input leakage current i i = 100 na (max.) at v dd = 18 v, t a = 25 c ? 100 % tested for quiescent current ? esd performance ?hbm: 2 kv ? mm: 200 v ?cdm: 1 kv applications ? automotive ? industrial ? computer ? consumer description the hcf4013 is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in pdip14 and so14 packages. the hcf4013 consists of two identical, independent data type flip-flops. each flip-flop has independent data, set, reset, and clock inputs, and q and q outputs. this device can be used for shift register applications. it can also be used for counter and toggle applications by connecting q output to the data input. the logic level present at the d input is transferred to the q output during the positive- going transition of the clock pulse. setting or resetting is independent of the clock and is accomplished by a high level on the set or reset line, respectively. pdip14 so14 table 1. device summary table order code temperature range package packing marking hcf4013m013tr -55 c to +125 c so14 tape and reel hcf4013 HCF4013YM013TR (1) -40 c to +1 25 c so14 (automotive grade) (1) hcf4013y hcf4013bey -55 c to +125 c pdip14 tube hcf4013be 1. qualification and characterization according to aec q 100 and q003 or equivalent, advanc ed screening according to aec q001 and q002 or equivalent. www.st.com
contents hcf4013 2/13 docid2023 rev 4 contents 1 pin information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4.1 pdip14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 4.2 so14 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .11 5 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
docid2023 rev 4 3/13 hcf4013 pin information 13 1 pin information figure 1. pin connections (top view) table 2. pin description pin no symbol name and function 3, 11 clock1 clock2 clock inputs 4, 10 reset1 reset2 reset inputs 6, 8 set1, set2 set inputs 5, 9 d1, d2 data inputs 1, 13 q1, q2 data outputs 2, 12 q 1, q 2 data outputs 7v ss negative supply voltage 14 v dd positive supply voltage              4 &/2&. 5(6(7 ' 6(7 9 66 4 4 &/2&. 5(6(7 ' 6(7 9 '' 4 )) )) *$06&%
functional description hcf4013 4/13 docid2023 rev 4 2 functional description figure 2. logic diagram 1. all inputs are protected by a cos/mos protection network. figure 3. input equivalent circuit table 3. truth table clock (1) 1. low level d reset set q q llllh hllhl x (2) llqq x (2) 2. don?t care x (2) hllh x (2) x (2) lhhl x (2) x (2) hhhh    5(6(7 &/ 7* &/    '$7$ 0dvwhuvhfwlrq 6odyhvhfwlrq &/ &/ &/ &/ 7* 7* &/ &/    6(7    &/ &/ &/ 4 4     %xiihuhgrxwsxwv 3lq 9 '' 3lq 9 66 *$06&% 9 '' ,1387 9 66 *$06&%
docid2023 rev 4 5/13 hcf4013 electrical characteristics 13 3 electrical characteristics absolute maximum ratings are those values be yond which damage to the device may occur. functional operation under these conditions is not implied. all voltage va lues are referred to v ss pin voltage. table 4. absolute maximum ratings (amr) symbol parame ter value unit v dd supply voltage -0.5 to +22 v v i dc input voltage -0.5 to v dd + 0.5 i i dc input current 10 ma p d power dissipation per package 200 mw power dissipation per output transistor 100 t op operating temperature -55 to +125 c t stg storage temperature -65 to +150 table 5. recommended operating conditions symbol parameter value unit v dd supply voltage 3 to 20 v v i input voltage 0 to v dd t op operating temperature -55 to 125 c
electrical characteristics hcf4013 6/13 docid2023 rev 4 table 6. dc specifications (1) sym. parameter test condition value unit v i (v) v o (v) |i o | ( a) v dd (v) t a = 25 c -40 to 85 c -55 to 125c min. typ. max. min. max. min. max. i l quiescent current 0/5 5 0.02 1 30 30 a 0/10 10 0.02 2 60 60 0/15 15 0.02 4 120 120 0/20 20 0.04 20 600 600 v oh high level output voltage 0/5 <1 5 4.95 4.95 4.95 v 0/10 <1 10 9.95 9.95 9.95 0/15 <1 15 14.95 14.95 14.95 v ol low level output voltage 5/0 <1 5 0.05 0.05 0.05 10/0 <1 10 0.05 0.05 0.05 15/0 <1 15 0.05 0.05 0.05 v ih high level input voltage 0.5/4.5 <1 5 3.5 3.5 3.5 1/9 <1 10 7 7 7 1.5/13.5 <1 15 11 11 11 v il low level input voltage 4.5/0.5 <1 5 1.5 1.5 1.5 9/1 <1 10 3 3 3 13.5/1.5 <1 15 4 4 4 i oh output drive current 0/5 2.5 <1 5 -1.36 -3.2 -1.15 -1.1 ma 0/5 4.6 <1 5 -0.44 -1 -0.36 -0.36 0/10 9.5 <1 10 -1.1 -2.6 -0.9 -0.9 0/15 13.5 <1 15 -3.0 -6.8 -2.4 -2.4 i ol output sink current 0/5 0.4 <1 5 0.44 1 0.36 0.36 0/10 0.5 <1 10 1.1 2.6 0.9 0.9 0/15 1.5 <1 15 3.0 6.8 2.4 2.4 i i input leakage current 0/18 any input 18 10 -5 0.1 1 1 a c i input capacitance any input 5 7.5 pf 1. the noise margin for both level "1" and "0" is: 1 v min. with v dd = 5 v, 2 v min. with v dd = 10 v, and 2.5 v min. with v dd = 15 v.
docid2023 rev 4 7/13 hcf4013 electrical characteristics 13 table 7. dynamic electrical characteristics (t amb = 25 c, c l = 50 pf, r l = 200 k , t r = t f = 20 ns) symbol parameter test condition value (1) 1. the typical temperature coefficient for all v dd values is 0.3 %/c. unit v dd (v) min. typ. max. t tlh , t thl propagation delay time (clock to q or q outputs) 5150300 ns 10 65 130 15 45 90 t plh propagation delay time (set to q or reset to q) 5150300 10 65 130 15 45 90 t phl propagation delay time (set to q or reset to q) 5200400 10 85 170 15 60 120 t thl , t tlh transition time 5100200 10 50 100 15 40 80 f cl (2) 2. input tr, tf = 5 ns maximum clock input frequency 53.57 mhz 10 8 16 15 12 24 t w clock pulse width 514070 ns 10 60 30 15 40 20 set or reset pulse width 518090 10 80 40 15 50 25 t r , t f (3) 3. if more than one unit is cascaded in a parallel clock ed application, tr should be made less than or equal to the sum of the fixed propagation delay time at 15 pf and the transition time of the carry output driving stage for the estimated capacitive load. clock input rise or fall time 515 s 10 4 15 1 t s data setup time 54020 ns 10 20 10 15 15 7
electrical characteristics hcf4013 8/13 docid2023 rev 4 figure 4. test circuit 1. legend: c l = 50 pf or equivalent (incl udes jig and probe capacitance), r l = 200 k , r t = z out of pulse generator (typically 50 ) figure 5. dn to qn timings (50 % clock duty cycle) 3xovhjhqhudwru 5 7 9 '' 9 66 & / 5 / '87 *$06&% qv qv 9 && 'q       *1' &/2&. 4q4q 9 && *1' 9 2+ 9 2/   w z w z w k w v i pd[ w 3/+ w 3+/ *$06&%
docid2023 rev 4 9/13 hcf4013 electrical characteristics 13 figure 6. set and reset timings qv 9 &&    *1' 4q w z w 7+/ w 3/+ w 3+/ qv 9 && *1' 9 2+ 9 2/ 9 2+ 9 2/ 4q 6(7 5(6(7            w z w 3/+ w 3+/ w 7/+ *$06&%
package information hcf4013 10/13 docid2023 rev 4 4 package information in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions a nd product status are available at: www.st.com . ecopack ? is an st trademark. 4.1 pdip14 package information figure 7. pdip14 package mechanical drawing table 8. pdip14 package mechanical data ref dimensions millimeters inches min. typ. max. min. typ. max. a1 0.51 0.020 b 1.39 1.65 0.055 0.065 b0.5 0.020 b1 0.25 0.010 d200.787 e8.5 0.335 e2.54 0.100 e3 15.24 0.600 f 7.1 0.280 i 5.1 0.201 l3.3 0.130 z 1.27 2.54 0.050 0.100 *$06&% = e h %h = d , / ( e ' )    
docid2023 rev 4 11/13 hcf4013 package information 13 4.2 so14 package information figure 8. so14 package mechanical drawing table 9. so14 package mechanical data ref dimensions millimeters inches min. typ. max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c0.5 0.019 c1 45 45 d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 8 *$06&% / * f & d e ( 6 $ d h h e ' 0 )    
ordering information hcf4013 12/13 docid2023 rev 4 5 ordering information 6 revision history table 10. order codes order code temperature range package packing marking hcf4013m013tr -55 c to +125 c so14 tape and reel hcf4013 HCF4013YM013TR(1) -40 c to +125 c so14 (automotive grade) (1) 1. qualification and characterization according to aec q100 and q003 or equi valent, advanced screening according to aec q001 and q002 or equivalent. hcf4013y hcf4013bey -55 c to +125 c pdip14 tube hcf4013be table 11. document revision history date revision changes sep-2001 1 initial release. 18-feb-2013 2 document template and layout updated removed ?b? from part number added esd information to features updated package names (pdip-14 and so-14 instead of dip-14 and sop-14). added applications added device summary table updated symbol names in table 7 added section 5: ordering information 30-apr-2013 3 features : updated esd information 30-may-2013 4 features : updated esd information updated footnote in table 1 and table 10
docid2023 rev 4 13/13 hcf4013 13 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not authorized for use in weapons. nor are st products designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2013 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of HCF4013YM013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X