Part Number Hot Search : 
CMO5TD HJ350 LA7775M CM1843 E000916 2SC1318 BP5326 MAX673
Product Description
Full Text Search
 

To Download G9SB-2002-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 g9sb safety relay unit ultra slim safety relay unit  models of width 17.5 mm (smallest unit in the world as of january 2001) available with 2 or 3 poles. models of width 22.5 mm with 3 poles also available.  en standards (tv approval) pending.  din track mounting possible. ordering information model number legend: 1. function none: emergency stop 2. contact configuration (safety output) 2: dpst-no 3: 3pst-no 3. contact configuration (off-delay output) 0: none 4. contact configuration (auxiliary output) 0: none 1: spst-nc 5. input configuration none: 1-channel or 2-channel input possible 0: none (direct breaking) 2: 2-channel input 6. miscellaneous a: auto-reset, inverse input b: auto-reset, + common input c: manual-reset, inverse input d: manual-reset, + common input main contacts auxiliary contact number of input channels reset mode input type rated voltage model category dpst-no none 2 channels auto-reset inverse 24 vac/vdc G9SB-2002-A 4 1 channel or 2 channels + common g9sb-200-b 2 channels manual-reset inverse g9sb-2002-c 1 channel or 2 channels + common g9sb-200-d 3pst-no spst-nc none (direct breaking) auto-reset --- 24 vdc g9sb-3010 3 2 channels inverse 24 vac/vdc g9sb-3012-a 4 1 channel or 2 channels + common g9sb-301-b 2 channels manual-reset inverse g9sb-3012-c 1 channel or 2 channels + common g9sb-301-d g9sb- @@@@@ @ 1 2 3 4 5 6
2 g9sb g9sb specifications  ratings power input inputs note indicates the current between terminals a1 and a2. contacts  characteristics note: 1. the contact resistance was measured with 1 a at 5 vdc using the voltage-drop method. 2. the bounce time is not included in the figure for operating time. 3. the response time is the time it takes for the main contact to open after the input is turned off. 4. the insulation resistance was measured with 500 vdc at the same places that the dielectric strength was checked. item g9sb-200 @ - @ g9sb-3010 g9sb-301 @ - @ power supply voltage 24 vac/vdc: 24 vac, 50/60 hz, or 24vdc 24 vdc: 24 vdc operating voltage range 85% to 110% of rated power supply voltage power consumption 1.4 va/1.4 w max. 1.7 w max. 1.7 va/1.7 w max. item g9sb-200 @ - @ g9sb-3010 g9sb-301 @ - @ input current 25 ma max. 60 ma max. (see note.) 30 ma max. item g9sb-200 @ - @ g9sb-3010 g9sb-301 @ - @ resistive load (cos =1) rated load 250 vac, 5 a rated carry current 5 a item g9sb-200 @ - @ g9sb-3010 g9sb-301 @ - @ contact resistance (see note 1.) 100 m ? operating time (see note 2.) 30 ms max. response time (see notes 2 and 3.) 10 ms max. insulation resistance (see note 4.) 100 m ? min. (at 500 vdc) dielectric strength between differ- ent outputs 2,500 vac, 50/60 hz for 1 min between inputs and outputs between power inputs and out- puts vibration resistance 10 to 55 to 10 hz, 0.375-mm single amplitude (0.75-mm double amplitude) shock resistance destruction 300 m/s 2 malfunction 100 m/s 2 durability mechanical 5,000,000 operations min. (at approx. 7,200 operations/hr) electrical 100,000 operations min. (at approx. 1,800 operations/hr) error rate, p-level (reference value) 5 vdc, 1 ma ambient operating temperature -25 to 55 c (with no icing or condensation) ambient operating humidity 35% to 85% rh terminal tightening torque 0.5 n m weight approx. 115 g approx. 135 g approx. 120 g approved standards (pending) en954-1, en60204-1, ul508, csa c22.2 no. 14 emc (pending) emi: en55011 group 1 class a ems: en50082-2
3 g9sb g9sb application examples G9SB-2002-A (24 vac/vdc) or g9sb-3012-a (24 vac/vdc) with 2-channel limit switch input/auto-reset note external connections and timing charts for g9sb-200-b/301-b models are the same as those for G9SB-2002-A/3012-a models. g9sb-2002-c (24 vac/vdc) or g9sb-3012-c (24 vac/vdc) with 2-channel emergency stop switch input/manual-reset note external connections and timing charts for g9sb-200-d/301-d models are the same as those for g9sb-2002-c/3012-d models. km1 km2 m 11 km1 km2 12 23 24 s2 s1 km1 km2 k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t11 t12 t31 t32 13 23 9? 33 9?9? 41 9? 14 24 9? 34 9?9? 42 9? t21 t22 9?9? 9?9? open control circuit feedback loop timing chart limit switches s1 and s2 k1 and k2 (nc) k1 and k2 (no) km1 and km2 (no) s1: safety limit switch with positive opening mechanism (d4d or d4b) s2: limit switch km1 and km2: magnetic contactor (lc1d) m: 3-phase motor note only the g9sb-3012-a model has terminals 33-34 and 41-42. km1 and km2 (nc) km1 km2 m s2 km1 km2 21 22 s1 11 12 km1 km2 k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t11 t12 t31 t32 13 23 9? 33 9?9? 41 9? 14 24 9? 34 9? 9?9? 9?9? 9? 42 9? t21 t22 control circuit feedback loop timing chart emergency stop switch s1 k1 and k2 (nc) k1 and k2 (no) km1 and km2 (nc) km1 and km2 (no) s1: emergency stop switch with positive opening mechanism (a165e, a22e) s2: reset switch km1 and km2: magnetic contactor (lc1d) m: 3-phase motor note only the g9sb-3012-c model has terminals 33-34 and 41- 42. reset switch s2 note output turns on with the ris- ing edge of reset switch s2, but will not operate if there is a short breakdown in s2.
4 g9sb g9sb g9sb-200-d (24 vac/vdc) or g9sb-301-d (24 vac/vdc) with 2-channel safety area sensor/manual-reset g9sb-3010 (24 vdc) with 2-channel limit switch input/auto-reset km1 km2 s1 km1 km2 9? 9y 9? 2 km1 km2 m k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t11 t12 t31 t32 13 9? 41 9? 9? 33 9? 14 24 9? 34 9?9? 42 9? t21 t22 23 9?9? 9?9? emitter receiver f3s-a shield red red/black shield feedback loop purple pink gray/black gray blue brown gray/black white black gray blue brown control circuit timing chart f3s-a: safety area sensor s1: reset switch km1 and km2: magnetic contactor (lc1d) m: 3-phase motor e1 and e2: 24-vdc power supply (s82k) note output turns on with the rising edge of re- set switch s1, but will not operate if there is a short breakdown in s1. note: 1. connect e1 to model other than the f3s-a. 2. only the g9sb- 301-d model has terminals 33-34 and 41- 42. open open open open f3s-a: incident interrupted k1 and k2 (nc) k1 and k2 (no) km1 and km2 (nc) km1 and km2 (no) reset switch s1 km1 km2 m km1 km2 11 12 23 24 s2 s1 km1 km2 k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t31 t32 13 23 33 41 14 24 34 42 open control circuit feedback loop timing chart limit switches s1 and s2 k1 and k2 (nc) k1 and k2 (no) km1 and km2 (nc) km1 and km2 (no) s1: safety limit switch with positive opening mechanism (d4d or d4b) s2: limit switch km1 and km2: magnetic contactor (lc1d) m: 3-phase motor
5 g9sb g9sb dimensions g9sb-200 @ - @ g9sb-3010 g9sb-301- @ 13 23 t31 t11 t12 a1 t21 t22 a2 14 24 t32 13 23 33 41 t31 a1 42 t32 a2 14 24 34 pwr k1 k2 pwr k1 k2 83 18 2.5 68 48 2 ? 5 9 10 2.6 100 max. 18 max. (average: 17.5) 112 max. terminal arrangement g9sb-200 @ - @ g9sb-3010 (green) (orange) (orange) (green) (orange) (orange) 83 18 2.5 68 48 3 ? 5 9 15 2.6 13 23 33 t11 t12 t31 t21 t22 t32 14 24 34 41 a1 a2 42 pwr k1 k2 100 max. 23 max. (average: 22.5) 112 max. terminal arrangement g9sb-200 @ - @ (green) (orange) (orange)
6 g9sb g9sb installation  internal connections note: 1. for 1-channel input with g9sb- @@@ -b/d models, short terminals t12 and t22. it is not possible to wire g9sb- @@@ 2-a/c models for 1-channel input. 2. only g9sb-301 @ - @ models have terminals 33-34 and 41-42. k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t31 t32 13 23 33 41 14 24 34 42 k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t11 t12 t31 t32 13 9? 41 9? 9? 33 9? 14 24 9? 34 9?9? 42 9? t21 t22 23 9?9? 9?9? k1 k2 k1 k1 k2 k2 k1 a a + - k2 th sa a1 a2 t11 t12 t31 t32 13 23 9? 33 9?9? 41 9? 14 24 9? 34 9? 9?9? 9?9? 9? 42 9? t21 t22 G9SB-2002-A/c (24 vac/vdc) g9sb-3012-a/c (24 vac/vdc) control circuit g9sb-200-b/d (24 vac/vdc) g9sb-301-b/d (24 vac/vdc) control circuit g9sb-3010 (24 vdc) control circuit
7 g9sb g9sb precautions wiring turn off the g9sb before wiring. do not touch the terminals of the g9sb while the power is turned on, because the terminals are charged and may cause an electric shock. use the following to wire the g9sb. stranded wire: 0.2 to 2.5 mm 2 solid wire: 0.2 to 2.5 mm 2 tighten each screw to a torque of 0.5 to 0.6 n m, or the g9sb may malfunction or generate heat. external inputs connected to t11 and t12 or t21 and t22 of the g9sb must be no-voltage contact inputs. applicable safety category all g9sb relays meet the requirements of safety category 4 of the en954-1 standards when they are used as shown in the examples provided by omron. relays may not meet the stan- dards in some operating conditions. the g9sb-3010 can be applied to safety category 3 of the en954-1 using double break- ing. the applicable safety category is determined from the whole safety control system. make sure that the whole safety control system meets en954-1 requirements. mounting multiple units when mounting multiple units close to each other, the rated cur- rent will be 3 a. do not apply a current higher than 3 a. connecting inputs if using multiple g9sb models, inputs cannot be made using the same switch. this is also true for other input terminals. earth short a positive thermistor is built into the g9sb circuits, so you can detect earth short breakdowns and breakdown shorts between channel 1 and channel 2. (detection of breakdown shorts between channel 1 and channel 2 is supported for g9sb-2002- @ / 3012- @ models only.) note in order to detect earth short breakdowns, connect the mi- nus side of the power supply to ground. t11 t12 t11 t12 g9sb g9sb
8 g9sb g9sb in the interest of product improvement, specifications are subject to change without notice. all dimensions shown are in millimeters. to convert millimeters into inches, multiply by 0.03937. to convert grams into ounces, multiply by 0.03527. cat. no. j130-e1-1 omron corporation industrial automation company industrial devices and components division h.q. industrial control components department shiokoji horikawa, shimogyo-ku kyoto, 600-8530 japan tel: (81)75-344-7119/fax: (81)75-344-7149 printed in japan 0301-2m (0301) (a)


▲Up To Search▲   

 
Price & Availability of G9SB-2002-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X