Part Number Hot Search : 
HAF1009 TSH95 A105K 29LV160B SD200 IRF40B C4927 ST7812R
Product Description
Full Text Search
 

To Download ETMA150667U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information, please visit the product page | for information on related products, view dc power jacks ????????? ?????????????????? cui .com date 09/04/2013 page 1 of 5 series: etma 110w description: medical ac-dc power supply model output voltage output current output power ripple and noise 1 ef ciency level (vdc) max (a) max (w) max (mvp-p) etma120750u 12 7.5 90 120 v etma135667u 13.5 6.67 90 135 v ETMA150667U 15 6.67 100 150 v etma190580u 19 5.8 110 190 v etma200550u 20 5.5 110 200 v etma240460u 24 4.6 110 240 v notes: 1. at full load, 100 ~ 240 vac input, 20 mhz bandwidth oscilloscope, each output terminated with 10 f aluminum electrolytic and 0.1 f ceramic capacitors. features ? up to 110 w power ? universal input (90~264 vac) ? single regulated output from 12~24 v ? over voltage, overload and short circuit protections ? full medical safety approvals ? level v efficiency ? custom designs available part number key etma120750u c - p51 - wp - cxx dc plug type factory designation base number example of 12 vdc, 7.5 a reserved for custom con gurations input cable: c = included blank = no cable rohs
for more information, please visit the product page | for information on related products, view dc power jacks ?????????????????? cui .com date 09/04/2013 page 2 of 5 cui inc series: etma 110w description: medical ac-dc power supply input parameter conditions/description min typ max units voltage 90 264 vac frequency 47 63 hz current at 90 vac, 50 hz 2a inrush current at 230 vac, cold start 70 a no load power consumption 0.3 w output parameter conditions/description min typ max units total regulation 19, 20, 24 v outputs all other outputs 3 5 % % hold-up time at 115 / 230 vac, full load 10 ms temperature coef cient 0.05 %/c protections parameter conditions/description over voltage protection 13.5 v output 24 v output all other outputs 118 113 120 150 150 150 % % % overload protection shutdown and auto restart 160 % short circuit protection output shutdown and auto restart safety & compliance parameter conditions/description min typ max units isolation voltage input to output for 2 seconds input to frame ground for 2 seconds 5,656 2,121 vdc vdc insulation resistance input to output, at 500 vdc input to frame ground, at 500 vdc 20 20 m m safety approvals ul/cul ul 60601-1, en 60601-1, cb iec 60601-1 emi/emc fcc part 18 class b, en 60601-1 class b, en 55011 class b leakage current 0.1 ma mtbf at 25c, max. load 100,000 hours rohs compliant yes environmental parameter conditions/description min typ max units operating temperature 040c storage temperature -10 70 c humidity non-condensing 10 90 %
for more information, please visit the product page | for information on related products, view dc power jacks ?????????????????? cui .com date 09/04/2013 page 3 of 5 cui inc series: etma 110w description: medical ac-dc power supply mechanical drawing 38.5 0.50 170.0 0.50 led 64.8 0.50 units: mm mechanical parameter conditions/description min typ max units dimensions 6.69 x 2.55 x 1.52 (170 x 64.8 x 38.5 mm) inch input plug iec320 / c14 weight 0.61 kg
for more information, please visit the product page | for information on related products, view dc power jacks ?????????????????? cui .com date 09/04/2013 page 4 of 5 cui inc series: etma 110w description: medical ac-dc power supply ac cord specification: 1) length: 1.83m 2) color: black 3) plug: sl-22 (a)10 (v)125 approval: ul/cul 4) connector: sl-3(a)10 (v)125 approval: ul/cul 5) cable: sjt 18awg/3c approval: ul/csa (nema 5-15p hospital grade) 1835cm (iec 320 c13) 202cm dc cord [2464#18awg 4c+1] sectional drawing 4p power din front view 4pin power din snap and lock plug type black+blue+d.w. red+yellow ul heat shrinkable tube terminal ?2.4 core 6.7*14.3*28.5mm pvc jacket aluminum shield drain wire pvc insulation pin 1 blue (gnd) pin 3 black (gnd) pin 2 red (+vo) pin 4 yellow (+vo) d.w. (gnd) component list 1. cable: color black, ul/csa 2464 80/90c 300v 18 awg x 4c+aluminum shield 2. pvc wire: u/c color: black/blue/red/yellow 3. connector: 4pin power din or eq 4. ?2.4 5. 4pin power din (female) mdp-002-4pin (p530600004f0001)
for more information, please visit the product page | for information on related products, view dc power jacks ????????? date 09/04/2013 page 5 of 5 cui inc series: etma 110w description: medical ac-dc power supply this device complies with part 15 of the fcc rules. operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may cause undesired operation. cui offers a two (2) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use . cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 06/05/2012 1.01 description and warranty updated 08/21/2012 1.02 replaced tuv approval with nemko 09/04/2013 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of ETMA150667U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X