Part Number Hot Search : 
201KD14 T6C13B FL014 D1100B 1N456 APX809 2N3700UB 2N3700UB
Product Description
Full Text Search
 

To Download CS1100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document 131 document 131 revised 06/09/15 current sensors C d18 xx , cs1 xxx these sensors function as the secondaries of a current transformer. the conductor carrying the current to be mea - sured is the one turn primary. voltage per ampere can be adjusted by varying the terminating resistor (see note 3). applications include sensing branch circuit overload, switcher feedback, and detecting load drop or shutdown. they come in a molded version (cs1xxx series) or en - capsulated model (d18xx series). coilcraft designers kit p403 contains samples of the cs1050, cs1100 and cs1200 sensors, current transformer versions with equivalent ratings, plus two 50/60 hz current sensors. to order, contact coilcraft or visit http://order.coilcraft.com. frequency volt-time sensed terminating part inductance 1 dcr max range product 2 current i in resistance r t 3 color number turns (n) min (mh) (ohms) (khz) (vsec) max (a) (ohms) code d1869l 50 5 0.7 3 C 1000 149 35 1.4 green d1870l 100 20 1.4 2 C 1000 298 35 2.9 brown d1871l 200 80 4.5 1 C 1000 596 35 5.7 red cs1050l 50 5 0.7 3 C 1000 149 35 1.4 CS1100L 100 20 1.4 2 C 1000 298 35 2.9 cs1200l 200 80 4.5 1 C 1000 596 35 5.7 cs1750l 750 1125 62.0 0.2 C 1000 2235 35 21.4 d18xx series leads 3 and a are in phase per orientation shown above. 0.75 19,05 0.20 5,08 0.033 0.002 0,84 0,05 0.50 0.015 12,7 0,38 0.80 20,30 max min 1 3 3 date code color code max 0.465 11,81 0.125 3,175 0.45 11,43 0.34 8,64 ma x a max max max b 0.80 20,3 0.20 5,08 max min 0.70 17,8 max 0.50 0.015 12,7 0,38 1 3 3 a b 0.158/0.218 5,54 4,01/ 0.036/0.030 0,91/0,76 0.375 9,53 max cs1xxx series 1 + ab i in r t 3 ? v out terminations: tin-silver over copper weight: 4.0 C 4.5 g typical circuit terminations: tin-silver over copper weight: 5.3 C 5.8 g 1. inductance is measured at 1 khz, 0.05 vrms. 2. volt-time product is based on 2000 gauss. 3. terminating resistance (r t ) value is based on 1 volt output with 35 amps fowing through the primary. varying terminating resistance increases or decreases output voltage/ampere according to the following equation: r t = v out n sec / i in 4. ambient temperature range C40c to +85c. 5. electrical specifcations at 25c.


▲Up To Search▲   

 
Price & Availability of CS1100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X