Part Number Hot Search : 
74271378 SLX24C01 N5404 MMBZ5254 LD2X10 FSA8008 101MH ER500
Product Description
Full Text Search
 

To Download C2220C104C1GACAUTO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 1 benefts ? aecCq200 automotive qualifed ? ?55c to +125c operating temperature range ? lead (pb)-free, rohs and reach compliant ? eia 0402, 0603, 0805, 1206, 1210, 1812, and 2220 case sizes ? dc voltage ratings of 10 v, 16 v, 25 v, 50 v, 100 v, 200 v and 250 v ? capacitance offerings ranging from 0.5 pf up to 0.47 f ? available capacitance tolerances of 0.10 pf, 0.25 pf, 0.5 pf, 1%, 2%, 5%, 10%, and 20% overview kemets automotive grade series surface mount capacitors in c0g dielectric are suited for a variety of applications requiring proven, reliable performance in harsh environments. whether under-hood or in-cabin, these devices emphasize the vital and robust nature of capacitors required for mission and safety critical automotive circuits. stricter testing protocol and inspection criteria have been established for automotive grade products in recognition of potentially harsh environmental conditions. kemet automotive grade series capacitors meet the demanding automotive electronics council's aecCq200 qualifcation requirements c0g dielectric features a 125c maximum operating temperature and is considered stable. the electronics industries alliance (eia) characterizes c0g dielectric as a class i material. components of this classifcation are temperature compensating and are suited for resonant circuit applications or those where q and stability of capacitance characteristics are required. c0g exhibits no change in capacitance with respect to time and voltage and boasts a negligible change in capacitance with reference to ambient temperature. capacitance change is limited to 30 ppm/ oc from ?55c to +125c. surface mount multilayer ceramic chip capacitors (smd mlccs) c0g dielectric, 10 C 250 vdc (automotive grade) ordering information c 1206 c 104 j 3 g a c auto ceramic case size ( l" x w") specifcation/ series capacitance code (pf) capacitance tolerance 1 rated voltage (vdc) dielectric failure rate/ design termination f inish 2 packaging/grade ( c-spec) 0402 0603 0805 1206 1210 1812 2220 c = standard two signifcant d igits + number o f zeros use 9 for 1 .0 C 9.9 pf use 8 for 0. 5 C .99 pf ex. 2.2 pf = 229 ex. 0.5 pf = 508 b = 0.10 pf c = 0.25 pf d = 0.5 pf f = 1% g = 2% j = 5% k = 10% m = 20% 8 = 10 4 = 16 3 = 25 5 = 50 1 = 100 2 = 200 a = 250 g = c0g a = n/a c = 100% matte sn s ee "packaging c -spec ordering o ptions table" be low 1 additional capacitance tolerance offerings may be available. contact kemet for details. 2 additional termination fnish options may be available. contact kemet for details. one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 2 packaging c-spec ordering options table packaging type 1 packaging/grade ordering code (c-spec) 7" reel auto 13" reel / unmarked auto7411 (eia 0603 and smaller case sizes) auto7210 (eia 0805 and larger case sizes) 7" reel/unmarked/2 mm pitch 2 3190 13" reel/unmarked/2 mm pitch reeling tape options (paper or plastic) are dependent on capacitor case size (l" x w") and thickness dimension. see "chip thickness/tape & reel packaging quantities" and "tape & reel packaging information". 2 the 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see "tape & reel packaging information". 3 all automotive packaging c-specs listed exclude the option to laser mark components. please contact kemet if you require a laser marked option. for more information see "capacitor marking". 3 for additional information regarding "auto" c-spec options, see "automotive c-spec information". benefts cont'd ? no piezoelectric noise ? extremely low esr and esl ? high thermal stability ? high ripple current capability ? preferred capacitance solution at line frequencies and into the m hz range ? no capacitance change with respect to applied rated dc voltage ? negligible capacitance change with respect to temperature from ? 55c to +125c ? no capacitance decay with time ? non-polar device, minimizing installation concerns ? 100% pure matte tin-plated termination fnish allowing for e xcellent s olderability ? snpb plated termination fnish option available upon request (5% m inimum) applications typical applications include critical timing, tuning, circuits requiring low loss, circuits with pulse, high current, decoupling, bypass, fltering, transient voltage suppression, blocking and energy storage. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 3 automotive c-spec information kemet automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress test qualif cation for passive components. these products are supported by a product change notif cation (pcn) and production part approval process warrant (ppap). automotive products offered through our distribution channel have been assigned an inclusive ordering code c-spec, "auto". this c-spec was developed in order to better serve small and medium sized companies that prefer an automotive grade component without the requirement to submit a customer source controlled drawing (scd) or specif cation for review by a kemet engineering specialist. this c-spec is therefore not intended for use by kemets oem automotive customers and are not granted the same privileges as other automotive c-specs. customer pcn approval and ppap request levels are limited (see details below). product change notif cation (pcn) the kemet product change notif cation system is used to communicate primarily the following types of changes: ? product/process changes that affect product form, f t , function, and /or reliability ? changes in manufacturing site ? product obsolescence kemet automotive c-spec customer notif cation due to: days prior to implementation process/product change obsolescence* kemet assigned 1 yes (with approval and sign off) yes gd0llpp auto yes (without approval) yes 90 days minimum 1 kemet assigned c-specs require the submittal of a customer scd or customer specif cation for review. for additional information contact kemet. production part approval process (ppap) the purpose of the production part approval process is: ? to ensure that supplier can meet the manufacturability and quality requirements for the purchased parts. ? to provide the evidence that all customer engineering design record and specif cation requirements are properly understood and fulf lled by the manufacturing organization. ? to demonstrate that the established manufacturing process has the potential to produce the part kemet automotive c-spec ppap (product part approval process) level 1 2 3 4 5 kemet assigned 1 auto 1 kemet assigned c-specs require the submittal of a customer scd or customer specif cation for review. for additional information contact kemet. part number specif c ppap available product family ppap only surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 4 dimensions C millimeters (inches) l b w s t eia size code metric size code l length w width t thickness b bandwidth s separation minimum mounting technique 0402 1005 1.00 (.040) 0.05 (.002) 0.50 (.020) 0.05 (.002) see table 2 for thickness 0.30 (.012) 0.10 (.004) 0.30 (.012) solder refow only 0603 1608 1.60 (.063) 0.15 (.006) 0.80 (.032) 0.15 (.006) 0.35 (.014) 0.15 (.006) 0.70 (.028) solder wave or s older refow 0805 2012 2.00 (.079) 0.20 (.008) 1.25 (.049) 0.20 (.008) 0.50 (0.02) 0.25 (.010) 0.75 (.030) 1206 3216 3.20 (.126) 0.20 (.008) 1.60 (.063) 0.20 (.008) 0.50 (0.02) 0.25 (.010) n/a 1210 3225 3.20 (.126) 0.20 (.008) 2.50 (.098) 0.20 (.008) 0.50 (0.02) 0.25 (.010) solder refow only 1812 4532 4.50 (.177) 0.30 (.012) 3.20 (.126) 0.30 (.012) 0.60 (.024) 0.35 (.014) 2220 5650 5.70 (.224) 0.40 (.016) 5.00 (.197) 0.40 (.016) 0.60 (.024) 0.35 (.014) qualifcation/certifcation automotive grade products meet or exceed the requirements outlined by the automotive electronics council. details regarding test methods and conditions are referenced in document aecCq200, stress t est qualifcation for passive components. for additional information regarding the automotive electronics council and aecCq200, please visit their website @www.aecouncil.com. environmental compliance lead (pb)-free, rohs, and reach compliant without exemptions. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 5 electrical parameters/characteristics item parameters/characteristics operating t emperature ra nge ?55c to +125c c apacitance change with reference to +25c and 0 vdc applied (tcc) 30 ppm/oc a ging rate (maximum % capacitance loss/decade hour) 0% 1 dielectric withstanding voltage (dwv) 250% of rated voltage (5 1 seconds and charge/discharge not exceeding 50 ma) 2 dissipation factor (df) maximum limit @ 25oc 0 .1% 3 insulation resistance (ir) limit @ 25c 1,000 megohm microfarads or 100 g (rated voltage applied for 120 5 seconds @ 25c) 1 dwv is the voltage a capacitor can withstand (survive) for a short period of time. it exceeds the nominal and continuous working voltage of the capacitor. 2 capacitance and dissipation factor (df) measured under the following conditions: 1 m hz 100 khz and 1.0 vrms 0.2 v if capacitance 1,000 pf 1 k hz 50 hz and 1.0 vrms 0.2 v if capacitance > 1,000 pf 3 to obtain ir limit, divide m-f value by the capacitance and compare to g limit. select the lower of the two limits. capacitance and dissipation factor (df) measured under the following conditions: note: when measuring capacitance it is important to ensure the set voltage level is held constant. the hp4284 and agilent e4980 have a feature known as automatic level control (alc). the alc feature should be switched to "on." post environmental limits high temperature life, biased humidity, moisture resistance dielectric rated dc voltage capacitance value dissipation factor ( maximum %) c apacitance shift i nsulation resistance c0g all all 0.5 0.3% or 0.25 pf 10% of initial limit surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 6 capacitance cap code case size/series c0402c c0603c c0805c voltage code 8 4 3 5 1 2 a 8 4 3 5 1 2 a 8 4 3 5 1 2 a rated voltage (vdc) 10 16 25 50 100 200 250 10 16 25 50 100 200 250 10 16 25 50 100 200 250 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 0.50 & 0.75 pf 5 08 & 758 b c d bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 1.0 C 9.1 pf* 109 C 919* b c d bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 10 C 91 pf* 100 C 910* f g j k m bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 100 pf 101 f g j k m bb bb bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 110 C 180 pf* 111 C 181* f g j k m bb bb bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 200 C 270 pf* 201 C 271* f g j k m bb bb bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 300 pf 301 f g j k m bb bb bb bb bb bd bd cf cf cf cf cf cf cf dn dn dn dn dn dn dn 330 pf 331 f g j k m bb bb bb bb bb bd bd cf cf cf cf cf cf cf dn dn dn dn dn dn dn 360 pf 361 f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 390 pf 391 f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 430 pf 431 f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 470 pf 471 f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dp dp 510 C 820 pf* 511 C 821* f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dn dn dn 910 pf 911 f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dp dp dp 1,000 pf 102 f g j k m bb bb bb bb bb cf cf cf cf cf cf cf dn dn dn dn dp dp dp 1,100 pf 112 f g j k m bb bb bb bb cf cf cf cf cf ch ch dn dn dn dn dn dn dn 1 ,200 pf 122 f g j k m bb bb bb bb cf cf cf cf cf ch ch dn dn dn dn dn dn dn 1,300 pf 132 f g j k m bb bb bb bb cf cf cf cf cf ch ch dp dp dp dp dp dn dn 1,500 pf 152 f g j k m bb bb bb bb cf cf cf cf cf ch ch dp dp dp dp dp dn dn 1,600 pf 162 f g j k m bb bb bb cf cf cf cf cf ch ch dp dp dp dp dp dn dn 1,800 pf 182 f g j k m bb bb bb cf cf cf cf cf ch ch dp dp dp dp dp dn dn 2,000 pf 202 f g j k m bb bb bb cf cf cf cf cf ch ch dn dn dn dn dn dn dn 2,200 pf 222 f g j k m bb bb bb cf cf cf cf cf ch ch dn dn dn dn dn dn dn 2,400 pf 242 f g j k m cf cf cf cf cf dn dn dn dn dn dn dn 2,700 pf 272 f g j k m cf cf cf cf cf dn dn dn dn dn dn dn 3,000 pf 302 f g j k m cf cf cf cf cf dp dp dp dp dn dn dn 3,300 pf 332 f g j k m cf cf cf cf cf dp dp dp dp dn dn dn 3,600 pf 362 f g j k m cf cf cf cf cf dp dp dp dp dn dp dp 3,900 pf 392 f g j k m cf cf cf cf cf de de de de dn dp dp 4,300 pf 432 f g j k m cf cf cf cf cf de de de de dn dp dp 4,700 pf 472 f g j k m cf cf cf cf cf de de de de dn dp dp 5,100 pf 512 f g j k m cf cf cf cf de de de de dn dp dp 5,600 pf 562 f g j k m cf cf cf cf dn dn dn dn dn dp dp 6,200 pf 622 f g j k m cf cf cf cf dn dn dn dn dn dg dg 6,800 pf 682 f g j k m cf cf cf cf dn dn dn dn dn dg dg 7 ,500 pf 752 f g j k m cf cf cf dn dn dn dn dn dg dg 8,200 pf 822 f g j k m cf cf cf dn dn dn dn dn dg dg 9,100 pf 912 f g j k m cf cf cf dn dn dn dn dn 10,000 pf 103 f g j k m cf cf cf dn dn dn dn dp 12,000 pf 123 f g j k m cf cf cf dn dn dn dn de 15,000 pf 153 f g j k m cf cf cf dn dn dn dp dg 18,000 pf 183 f g j k m dn dn dn dp 22,000 pf 223 f g j k m dp dp dp df 27,000 pf 273 f g j k m df df df 33,000 pf 333 f g j k m dg dg dg 39,000 pf 393 f g j k m dg dg dg 47,000 pf 473 f g j k m dg dg dg capacitance cap code rated voltage (vdc) 10 16 25 50 100 200 250 10 16 25 50 100 200 250 10 16 25 50 100 200 250 voltage code 8 4 3 5 1 2 a 8 4 3 5 1 2 a 8 4 3 5 1 2 a case size/series c0402c c0603c c0805c table 1a C capacitance range/selection waterfall (0402 C 0805 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 7 table 1b C capacitance range/selection waterfall (1206 C 2220 case sizes) *capacitance range includes e24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) kemet reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (confguration and dimensions). these products are protected under us patents 7,172,985 & 7,670,981, other patents pending, and any foreign counterparts. cap cap code case size/series c1206c c1210c c1812c c2220c voltage code 8 4 3 5 1 2 a 8 4 3 5 1 2 a 5 1 2 a 5 1 2 rated voltage (vdc) 10 16 25 50 100 200 250 10 16 25 50 100 200 250 50 100 200 250 50 100 200 capacitance tolerance product availability and chip thickness codes see table 2 for chip thickness dimensions 1.0 C 9.1 pf* 1 09 C 919* b c d eb eb eb eb eb eb eb fb fb fb fb fb fb fb 10 C 91 pf* 100 C 910* f g j k m eb eb eb eb eb eb eb fb fb fb fb fb fb fb 100 C 430 pf* 101 C 431* f g j k m eb eb eb eb eb eb eb fb fb fb fb fb fb fb 470 C 910 pf* 471 C 911* f g j k m eb eb eb eb eb eb eb fb fb fb fb fb fb fb gb gb gb gb 1,000 pf 102 f g j k m eb eb eb eb eb ee ee fb fb fb fb fb fb fb gb gb gb gb 1,100 pf 112 f g j k m eb eb eb eb eb eb eb fb fb fb fb fb fb fb gb gb gb gb 1,200 pf 122 f g j k m eb eb eb eb eb eb eb fb fb fb fb fb fb fb gb gb gb gb 1,300 pf 132 f g j k m eb eb eb eb ec ec ec fb fb fb fb fb fc fc gb gb gb gb 1,500 pf 152 f g j k m eb eb eb eb ed ec ec fb fb fb fb fb fe fe gb gb gb gb 1,600 pf 162 f g j k m eb eb eb eb ed ed ed fb fb fb fb fb fe fe gb gb gb gb 1,800 pf 182 f g j k m eb eb eb eb ed ed ed fb fb fb fb fb fe fe gb gb gb gb 2,000 pf 202 f g j k m eb eb eb eb ed ed ed fb fb fb fb fc fe fe gb gb gb gb 2,200 pf 222 f g j k m eb eb eb eb ee ee ed fb fb fb fb fc fg fg gb gb gb gb 2,400 pf 242 f g j k m eb eb eb eb ec ec ec fb fb fb fb fc fc fc 2,700 pf 272 f g j k m eb eb eb eb ec ec ec fb fb fb fb fc fc fc gb gb gb gb 3,000 pf 302 f g j k m ec ec ec ec ec eb eb fb fb fb fb fc ff ff 3,300 pf 332 f g j k m ec ec ec ec ee eb eb fb fb fb fb ff ff ff gb gb gb gb 3 ,600 pf 362 f g j k m ec ec ec ec ee eb eb fb fb fb fb ff ff ff 3,900 pf 392 f g j k m ec ec ec ec ef eb eb fb fb fb fb ff ff ff gb gb gb gb 4,300 pf 432 f g j k m ec ec ec ec ec eb eb fb fb fb fb ff ff ff 4,700 pf 472 f g j k m ec ec ec ec ec eb eb ff ff ff ff fg fg fg gb gb gd gd 5,100 pf 512 f g j k m ed ed ed ed ed eb eb fb fb fb fb fg fg fg 5,600 pf 562 f g j k m ed ed ed ed ed eb eb fb fb fb fb fg fg fg gb gb gh gh 6,200 pf 622 f g j k m eb eb eb eb eb eb eb fb fb fb fb fg fb fb 6,800 pf 682 f g j k m eb eb eb eb eb eb eb fb fb fb fb fg fb fb gb gb gj gj je je jb 7,500 pf 752 f g j k m eb eb eb eb eb eb eb fc fc fc fc fc fb fb 8,200 pf 822 f g j k m ec ec ec ec eb ec ec fc fc fc fc fc fb fb gb gh gb gb je je jb 9,100 pf 912 f g j k m ec ec ec ec eb ec ec fe fe fe fe fe fb fb 10,000 pf 103 f g j k m ed ed ed ed eb ec ec ff ff ff ff ff fb fb gb gh gb gb je je jb 12,000 pf 123 f g j k m eb eb eb eb eb ed ed fg fg fg fg fb fb fb gb gg gb gb je je jb 15,000 pf 153 f g j k m eb eb eb eb eb ef ef fg fg fg fg fb fc fc gb gb gb gb je je jb 18,000 pf 183 f g j k m eb eb eb eb eb eh eh fb fb fb fb fb fc fc gb gb gb gb je je jb 22,000 pf 223 f g j k m eb eb eb eb ec eh eh fb fb fb fb fb ff ff gb gb gb gb je jb jb 27,000 pf 2 73 f g j k m eb eb eb eb ee fb fb fb fb fb fg fg gb gb gb gb je jb jb 33,000 pf 333 f g j k m eb eb eb eb ee fb fb fb fb fb fh fh gb gb gb gb jb jb jb 39,000 pf 393 f g j k m ec ec ec ee eh fb fb fb fb fe fh fh gb gb gb gb jb jb jb 47,000 pf 473 f g j k m ec ec ec ee eh fb fb fb fb fe fj fj gb gb gd gd jb jb jb 56,000 pf 563 f g j k m ed ed ed ef fb fb fb fb ff gb gb gd gd jb jb jb 68,000 pf 683 f g j k m ef ef ef eh fb fb fb fc fg gb gb gk gk jb jb jb 82,000 pf 823 f g j k m eh eh eh eh fc fc fc ff fh gb gb gm gm jb jb jb 0.10 f 104 f g j k m eh eh eh fe fe fe fg fm gb gd gm gm jb jb jd 0.12 f 124 f g j k m fg fg fg fh gb gh jb jb jd 0.15 f 154 f g j k m fh fh fh fm gd gn jb jb jg 0.18 f 184 f g j k m fj fj fj gh jb jd jg 0.22 f 224 f g j k m fk fk fk gk jb jd jl 0.27 f 274 f g j k m jb jf 0.33 f 334 f g j k m jd jg 0.39 f 394 f g j k m jg 0.47 f 474 f g j k m jg cap cap code rated voltage (vdc) 10 16 25 50 100 200 250 10 16 25 50 100 200 250 50 100 200 250 50 100 200 voltage code 8 4 3 5 1 2 a 8 4 3 5 1 2 a 5 1 2 a 5 1 2 case size/series c1206c c1210c c1812c c2220c surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 8 table 2 C chip thickness/tape & reel packaging quantities thickness code case size 1 thickness range (mm) paper quantity 1 plastic quantity 7" reel 13" reel 7" reel 13" reel bb 0402 0.50 0.05 10,000 50,000 0 0 bd 0402 0.55 0.05 10,000 50,000 0 0 cf 0603 0.80 0.07 4,000 15,000 0 0 ch 0603 0.85 0.07 4,000 10,000 0 0 dn 0805 0.78 0.10 4,000 15,000 0 0 dp 0805 0.90 0.10 4,000 15,000 0 0 de 0805 1.00 0.10 0 0 2,500 10,000 df 0805 1.10 0.10 0 0 2,500 10,000 dg 0805 1.25 0.15 0 0 2,500 10,000 eb 1206 0.78 0.10 4,000 10,000 4,000 10,000 ec 1206 0.90 0.10 0 0 4,000 10,000 ed 1206 1.00 0.10 0 0 2,500 10,000 ee 1206 1.10 0.10 0 0 2,500 10,000 ef 1206 1.20 0.15 0 0 2,500 10,000 eh 1206 1.60 0.20 0 0 2,000 8,000 fb 1210 0.78 0.10 0 0 4,000 10,000 fc 1210 0.90 0.10 0 0 4,000 10,000 fe 1210 1.00 0.10 0 0 2,500 10,000 ff 1210 1.10 0.10 0 0 2,500 10,000 fg 1210 1.25 0.15 0 0 2,500 10,000 fh 1210 1.55 0.15 0 0 2,000 8,000 fm 1210 1.70 0.20 0 0 2,000 8,000 fj 1210 1.85 0.20 0 0 2,000 8,000 fk 1210 2.10 0.20 0 0 2,000 8,000 gb 1812 1.00 0.10 0 0 1,000 4,000 gd 1812 1.25 0.15 0 0 1,000 4,000 gh 1812 1.40 0.15 0 0 1,000 4,000 gg 1812 1.55 0.10 0 0 1,000 4,000 gk 1812 1.60 0.20 0 0 1,000 4,000 gj 1812 1.70 0.15 0 0 1,000 4,000 gn 1812 1.70 0.20 0 0 1,000 4,000 gm 1812 2.00 0.20 0 0 500 2,000 jb 2220 1.00 0.15 0 0 1,000 4,000 jd 2220 1.30 0.15 0 0 1,000 4,000 je 2220 1.40 0.15 0 0 1,000 4,000 jf 2220 1.50 0.15 0 0 1,000 4,000 jg 2220 1.70 0.15 0 0 1,000 4,000 jl 2220 2.00 0.20 0 0 500 2,000 thickness code case size 1 thickness range (mm) 7" reel 13" reel 7" reel 13" reel paper quantity 1 plastic quantity package quantity based on fnished chip thickness specifcations. 1 if ordering using the 2 mm tape and reel pitch option, the packaging quantity outlined in the table above will be doubled. this option is limited to eia 0603 (1608 metric) case size devices. for more information regarding 2 mm pitch option see "tape & reel packaging information". surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 9 table 3 C chip capacitor land pattern design recommendations per ipcC7351 eia size code metric size code density level a: maximum (most) land protrusion (mm) density level b: median (nominal) land protrusion (mm) density level c: minimum (least) land protrusion (mm) c y x c y x c y x 0402 1005 0.50 0.72 0.72 2.20 1.20 0.45 0.62 0.62 1.90 1.00 0.40 0.52 0.52 1.60 0.80 0603 1608 0.90 1.15 1.10 4.00 2.10 0.80 0.95 1.00 3.10 1.50 0.60 0.75 0.90 2.40 1.20 0805 2012 1.00 1.35 1.55 4.40 2.60 0.90 1.15 1.45 3.50 2.00 0.75 0.95 1.35 2.80 1.70 1206 3216 1.60 1.35 1.90 5.60 2.90 1.50 1.15 1.80 4.70 2.30 1.40 0.95 1.70 4.00 2.00 1210 3225 1.60 1.35 2.80 5.65 3.80 1.50 1.15 2.70 4.70 3.20 1.40 0.95 2.60 4.00 2.90 1210 1 3225 1.50 1.60 2.90 5.60 3.90 1.40 1.40 2.80 4.70 3.30 1.30 1.20 2.70 4.00 3.00 1812 4532 2.15 1.60 3.60 6.90 4.60 2.05 1.40 3.50 6.00 4.00 1.95 1.20 3.40 5.30 3.70 2220 5650 2.75 1.70 5.50 8.20 6.50 2.65 1.50 5.40 7.30 5.90 2.55 1.30 5.30 6.60 5.60 1 only for capacitance values 22 f density level a: for low-density product applications. recommended for wave solder applications and provides a wider process window for refow solder processes. kemet only recommends wave soldering of eia 0603, 0805, and 1206 case sizes. density level b: for products with a moderate level of component density. provides a robust solder attachment condition for refow solder processes. density level c: for high component density product applications. before adapting the minimum land pattern variations the user should perform qualifcation testing based on the conditions outlined in ipc standard 7351 (ipcC7351). image below based on density level b for an eia 1210 case size. y c c x x v1 v2 grid placement courtyard y surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 10 soldering process recommended soldering technique: ? solder wave or solder refow for eia case sizes 0603, 0805 and 1206 ? all other eia case sizes are limited to solder refow only recommended refow soldering profle: kemets families of surface mount multilayer ceramic capacitors (smd mlccs) are compatible with wave (single or dual), convection, ir or vapor phase refow techniques. preheating of these components is recommended to avoid extreme thermal stress. kemets recommended profle conditions for convection and ir refow refect the profle conditions of the ipc/j-std-020 standard for moisture sensitivity testing. these devices can safely withstand a maximum of three refow passes at these conditions. storage and handling ceramic chip capacitors should be stored in normal working environments. while the chips themselves are quite robust in other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and long term storage. in addition, packaging materials will be degraded by high temperatureC reels may soften or warp and tape peel force may increase. kemet recommends that maximum storage temperature not exceed 40oc and maximum storage humidity not exceed 70% relative humidity. t emperature fuctuations should be minimized to avoid condensation on the parts and atmospheres should be free of chlorine and sulfur bearing compounds. for optimized solderability chip stock should be used promptly, preferably within 1.5 years of receipt. profle feature termination finish snpb 100% matte sn preheat/soak temperature minimum (t smin ) & & temperature maximum (t smax ) 150c 200c time (t s ) from t smin to t smax g g 5dps8s 5dw l to t p ) 3c/second ma ximum 3c/second ma ximum liquidous temperature (t l ) 183c 217c time above liquidous (t l ) 60 C 150 seconds 60 C 150 seconds peak temperature (t p ) 235c 260c time within 5c of maximum p eak temperature (t p ) 20 seconds maximum 30 seconds maximum ramp-down rate (t p to t l ) 6c/second ma ximum 6c/second ma ximum time 25c to peak t emperature 6 minutes maximum 8 minutes maximum note 1: all temperatures refer to the center of the package, measured on the capacitor body surface that is facing up during assembly refow. time temperature t smin 25 c to peak t l t s 25 t p t smax t l t p maximum ramp up rate = 3 c/sec maximum ramp down rate = 6 c/sec surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 11 construction detailed cross section barrier layer (ni) inner electrodes (ni) termination finish (100% matte sn) termination finish (100% matte sn) inner electrodes (ni) dielectric material (cazro 3 ) end termination/ external electrode (cu) dielectric material (cazro 3 ) barrier layer (ni) end termination/ external electrode (cu) capacitor marking (optional): laser marking option is not available on: ? c0g, ultra stable x8r and y5v dielectric devices ? eia 0402 case size devices ? eia 0603 case size devices with flexible termination option. ? kps commercial and automotive grade stacked devices. these capacitors are supplied unmarked only. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 12 tape & reel packaging information kemet offers multilayer ceramic chip capacitors packaged in 8, 12 and 16 mm tape on 7" and 13" reels in accordance with eia standard 481. this packaging system is compatible with all tape-fed automatic pick and place systems. see table 2 for details on reeling quantities for commercial chips. 8 mm, 12 mm or 16 mm carrier tape 178 mm (7.00") or 330 mm (13.00") anti-static reel embossed plastic* or punched paper carrier. embossment or punched cavity anti-static cover tape (.10 mm (.004") maximum thickness) chip and kps orientation in pocket (except 1825 commercial, and 1825 and 2225 military) *eia 01005, 0201, 0402 and 0603 case sizes available on punched paper carrier only. kemet ? bar code label sprocket holes table 5 C carrier tape conf guration, embossed plastic & punched paper (mm) eia case size tape size (w)* embossed plastic punched paper 7" reel 13" reel 7" reel 13" reel pitch (p 1 )* pitch (p 1 )* 01005 C 0402 8 2 2 0603 8 2/4 2/4 0805 8 4 4 4 4 1206 C 1210 8 4 4 4 4 1805 C 1808 12 4 4 1812 12 8 8 kps 1210 12 8 8 kps 1812 & 2220 16 12 12 array 0508 & 0612 8 4 4 *refer to figures 1 & 2 for w and p 1 carrier tape reference locations. *refer to tables 6 & 7 for tolerance specif cations. new 2 mm pitch reel options* packaging ordering code (c-spec) packaging type/options c-3190 automotive grade 7" reel unmarked c-3191 automotive grade 13" reel unmarked c-7081 commercial grade 7" reel unmarked c-7082 commercial grade 13" reel unmarked * 2 mm pitch reel only available for 0603 eia case size. 2 mm pitch reel for 0805 eia case size under development. benef ts of changing from 4 mm to 2 mm pitching spacing ? lower placement costs ? double the parts on each reel results in fewer reel changes and increased eff ciency ? fewer reels result in lower packaging, shipping and storage costs, reducing waste surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 13 figure 1 C embossed (plastic) carrier tape dimensions po t f w cent er line s of ca vity ao bo user direction of unre elin g cover tape ko b 1 is for tape feeder reference only, including dra ft concentric abou t b o . t 2 ?d 1 ?do b 1 s 1 t 1 e 1 e 2 p 1 p 2 embossment for c avity size, see note 1 table 4 [10 pitches cumulative tolerance on tape 0.2 mm] 7deoh2(pervvhg 3odvwlf &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size d 0 d 1 minimum note 1 e 1 p 0 p 2 r reference note 2 s 1 minimum note 3 t maximum t 1 maximum 8 mm 1.5 +0.10/-0.0 (0.059 +0.004/-0.0) 1.0 (0.039) 25.0 (0.984) 0.600 (0.024) 0.600 (0.024) 0.100 (0.004) 12 mm 1.5 (0.059) 30 (1.181) 16 mm variable dimensions millimeters (inches) tape size pitch b 1 maximum note 4 e 2 minimum f p 1 t 2 maximum w maximum a 0 ,b 0 & k 0 8 mm single (4 mm) 4.35 6.25 (0.246) 3.5 0.05 (0.138 0.002) 4.0 0.10 (0.157 0.004) 2.5 (0.098) 8.3 (0.327) note 5 12 mm single (4 mm) & double (8 mm) 5.5 0.05 (0.217 0.002) 8.0 0.10 (0.315 0.004) (0.476) 7.5 0.05 (0.138 0.002) 12.0 0.10 (0.157 0.004) 1. the embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location and hole location shall be applied independent of each other. 2. the tape with or without components shall pass around r without damage (see figure 6). 3. if s 1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see eia standard 481 paragraph 4.3 section b). 4. b 1 dimension is a reference dimension for tape feeder clearance only. 5. the cavity def ned by a 0 , b 0 and k 0 shall surround the component with suff cient clearance that: (a) the component does not protrude above the top surface of the carrier tape. (b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. (c) rotation of the component is limited to 20 maximum for 8 and 12 mm tapes and 10 maximum for 16 mm tapes (see figure 3). (d) lateral movement of the component is restricted to 0.5 mm maximum for 8 and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see figure 4). (e) for kps series product, a 0 and b 0 are measured on a plane 0.3 mm above the bottom of the pocket. (f) see addendum in eia standard 481 for standards relating to more precise taping requirements. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 14 figure 2 C punched (paper) carrier tape dimensions user direct ion of unr eeli ng top cover t ape t center li nes o f cavity p 1 ?do po p 2 e 1 f e 2 w g a 0 b 0 cavity size, see n ote 1, tab le 7 bottom cover tape t 1 t 1 bottom cover tape [10 pitc he s cumulative tolerance on tape 0.2 mm] 7deoh23xqfkhg 3dshu &duulhu7dsh'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size d 0 e 1 p 0 p 2 t 1 maximum g minimum r reference note 2 8 mm 1.5 +0.10 -0.0 (0.059 +0.004 -0.0) 1.75 0.10 (0.069 0.004) 4.0 0.10 (0.157 0.004) 2.0 0.05 (0.079 0.002) 0.10 (0.004) maximum 0.75 (0.030) 25 (0.984) variable dimensions millimeters (inches) tape size pitch e2 minimum f p 1 t maximum w maximum a 0 b 0 8 mm half (2 mm) 6.25 (0.246) 3.5 0.05 (0.138 0.002) 2.0 0.05 (0.079 0.002) 1.1 (0.098) 8.3 (0.327) single (4 mm) 4.0 0.10 (0.157 0.004) 8.3 (0.327) 1. the cavity def ned by a 0 , b 0 and t shall surround the component with suff cient clearance that: a) the component does not protrude beyond either surface of the carrier tape. b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed. c) rotation of the component is limited to 20 maximum (see figure 3). d) lateral movement of the component is restricted to 0.5 mm maximum (see figure 4). e) see addendum in eia standard 481 for standards relating to more precise taping requirements. 2. the tape with or without components shall pass around r without damage (see figure 6). surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 15 packaging information performance notes 1. cover tape break force: 1.0 kg minimum. 2. cover tape peel strength: the total peel strength of the cover tape from the carrier tape shall be: tape width peel strength 8 mm 0.1 to 1.0 newton (10 to 100 gf) 12 and 16 mm 0.1 to 1.3 newton (10 to 130 gf) the direction of the pull shall be opposite the direction of the carrier tape travel. the pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. during peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. labeling: bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. refer to eia standards 556 and 624 . figure 3 C maximum component rotation ao bo t s max imum c ompon en t rota ti on t op view maxi mum co mponent rotat ion s id e view tape m ax imum width (mm) r otat io n ( t ) 8,12 20 16 ? 200 10 tap e m aximum wid th ( mm) ro tat ion ( s ) 8,12 20 16 ? 56 10 72 ? 200 5 typical pocke t cente r line typical com po nent centerline figure 4 C maximum lateral movement 0.5 mm maxi mum 0.5 mm maxi mum 8 mm & 1 2 mm tape 1.0 mm maxi mum 1.0 mm maxi mum 1 6 mm tape figure 5 C bending radius r r b en ding radius e mbo ssed carrier p unc hed ca rrier surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 16 figure 6 C reel dimensions a d (see note) full radi us, see note b (see note) access hole at slot location (? 40 mm minimum) if present, tape slot in core for t ap e start: 2.5 mm minimum width x 10.0 mm minimum depth w 3 (includes flange distortion at outer edge) w 2 (m ea sured at hu b) w 1 (m ea sured at hu b) c (arbor hole diameter) note: drive spokes optional; if used, dimensions b and d shall apply. n 7deoh25hho'lphqvlrqv metric will govern constant dimensions millimeters (inches) tape size a b minimum c d minimum 8 mm 178 0.20 (7.008 0.008) or 330 0.20 (13.000 0.008) 1.5 (0.059) 13.0 +0.5/-0.2 (0.521 +0.02/-0.008) 20.2 (0.795) 12 mm 16 mm variable dimensions millimeters (inches) tape size n minimum w 1 w 2 maximum w 3 8 mm 50 (1.969) 8.4 +1.5/-0.0 (0.331 +0.059/-0.0) (0.567) shall accommodate tape width without interference 12 mm 12.4 +2.0/-0.0 (0.488 +0.078/-0.0) (0.724) 16.4 +2.0/-0.0 (0.646 +0.078/-0.0) surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 17 figure 7 C tape leader & trailer dimensions trailer 16 0 mm minimum carrier t ape end start rou nd sp rock et holes el ongated spro ck et holes ( 32 mm tape and wi de r) t op co ve r t ape top c ove r t ape p unche d carrier 8 mm & 12 mm only e mboss ed carrier components 100 mm minimum leader 400 mm minimum figure 8 C maximum camber carrier tape round sprocket holes 1 mm ma ximum , either direction straight edge 250 mm elongated sprocket holes (32 mm & wider ta pe s) surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 18 kemet corporation world headquarters 2835 kemet way simpsonville, sc 29681 mailing address: p.o. box 5928 greenville, sc 29606 www.kemet.com tel: 864-963-6300 fax: 864-963-6521 corporate off ces fort lauderdale, fl tel: 954-766-2800 north america northeast wilmington, ma tel: 978-658-1663 southeast lake mary, fl tel: 407-855-8886 central novi, mi tel: 248-994-1030 irving, tx tel: 972-915-6041 west milpitas, ca tel: 408-433-9950 mexico guadalajara, jalisco tel: 52-33-3123-2141 europe southern europe sasso marconi, italy tel: 39-051-939111 skopje, macedonia tel: 389-2-55-14-623 central europe landsberg, germany tel: 49-8191-3350800 kamen, germany tel: 49-2307-438110 northern europe wyboston, united kingdom tel: 44-1480-273082 espoo, finland tel: 358-9-5406-5000 asia northeast asia hong kong tel: 852-2305-1168 shenzhen, china tel: 86-755-2518-1306 beijing, china tel: 86-10-5877-1075 shanghai, china tel: 86-21-6447-0707 seoul, south korea tel: 82-2-6294-0550 taipei, taiwan tel: 886-2-27528585 southeast asia singapore tel: 65-6701-8033 penang, malaysia tel: 60-4-6430200 bangalore, india tel: 91-806-53-76817 note: kemet reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. kemet does not assume any responsibility for infringement that might result from the use of kemet capacitors in potential circuit designs. kemet is a registered trademark of kemet electronics corporation. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 (864) 963-6300 ? www.kemet.com c 1022_c0g_auto_smd ? 2/29/2016 19 disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. surface mount multilayer ceramic chip capacitors (smd mlccs) C c0g dielectric, 10 C 250 vdc (automotive grade)


▲Up To Search▲   

 
Price & Availability of C2220C104C1GACAUTO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X