Part Number Hot Search : 
LXD974A DDC1043 TL062AI 7809A AS2533BP GT25G102 MMBT2 A180Z
Product Description
Full Text Search
 

To Download B32926E3106M000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  film capacitors emi suppression capacitors (mkp) series/type: b32923e/f ... b32928e/f date: may 2009 ? epcos ag 2009. reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without epcos' prior express consent is prohibited. the following products presented in this data sheet are being withdrawn. ordering code substitute product date of withdrawal deadline last orders last shipments b32926e3335m000 b32926c3335* 2012-12-21 2013-03-31 2013-06-30 b32926e3225m000 b32926c3225* 2012-12-21 2013-03-31 2013-06-30 b32926e3225k000 b32926c3225* 2012-12-21 2013-03-31 2013-06-30
ordering code substitute product date of withdrawal deadline last orders last shipments b32926e3206m000 b32928c3206 2012-12-21 2013-03-31 2013-06-30 b32926e3156m000 b32926c3156m,b3 2926d3156 2012-12-21 2013-03-31 2013-06-30 b32926e3156k000 b32926c3156m,b3 2926d3156 2012-12-21 2013-03-31 2013-06-30 B32926E3106M000 b32926c3106* 2012-12-21 2013-03-31 2013-06-30 b32926e3106k000 b32926c3106* 2012-12-21 2013-03-31 2013-06-30 b32924f3335k000 b32924d3335k* 2012-12-21 2013-03-31 2013-06-30 b32924f3225k189 b32924c3225* 2012-12-21 2013-03-31 2013-06-30 b32924f3225k000 b32924c3225* 2012-12-21 2013-03-31 2013-06-30 b32924e3685m000 b32926c3685* 2012-12-21 2013-03-31 2013-06-30 b32924e3475m000 b32924c3475m* 2012-12-21 2013-03-31 2013-06-30 b32924e3565m000 b32924c3565* 2012-12-21 2013-03-31 2013-06-30 b32924e3335m189 b32924c3335m* 2012-12-21 2013-03-31 2013-06-30 b32924e3335m000 b32924c3335m* 2012-12-21 2013-03-31 2013-06-30 b32924e3825m000 b32926c3825* 2012-12-21 2013-03-31 2013-06-30 b32924e3225m189 b32924c3225* 2012-12-21 2013-03-31 2013-06-30 b32924e3225m000 b32924c3225* 2012-12-21 2013-03-31 2013-06-30 b32923e3335m000 b32924c3335m*,b3 2924d3335k* 2012-12-21 2013-03-31 2013-06-30 b32923e3335k000 b32924c3335m*,b3 2924d3335k* 2012-12-21 2013-03-31 2013-06-30 b32924f3685k000 b32926c3685* 2012-12-21 2013-03-31 2013-06-30 b32924f3475k000 b32924d3475k* 2012-12-21 2013-03-31 2013-06-30 b32923e3225m000 b32923c3225* 2012-12-21 2013-03-31 2013-06-30 b32924f3565k000 b32924c3565* 2012-12-21 2013-03-31 2013-06-30 b32928e3456m000 2012-12-21 2013-03-31 2013-06-30 b32928e3406m000 2012-12-21 2013-03-31 2013-06-30 b32928e3406k000 2012-12-21 2013-03-31 2013-06-30 b32928e3306m000 b32928c3306m* 2012-12-21 2013-03-31 2013-06-30 b32928e3306k000 b32928c3306m* 2012-12-21 2013-03-31 2013-06-30 b32928e3256m000 b32928c3256 2012-12-21 2013-03-31 2013-06-30 b32928e3256k000 b32928c3256 2012-12-21 2013-03-31 2013-06-30 b32926f3206k000 b32928c3206 2012-12-21 2013-03-31 2013-06-30 b32926e3685m000 b32926c3685* 2012-12-21 2013-03-31 2013-06-30 b32926e3685k000 b32926c3685* 2012-12-21 2013-03-31 2013-06-30 b32926e3475m000 b32926c3475* 2012-12-21 2013-03-31 2013-06-30 for further information please contact your nearest epcos sales office, which will also support you in selecting a suitable substitute. the addresses of our worldwide sales network are presented at www.epcos.com/sales.
typical applications x2 class for interference suppression "across the line" applications climatic max. operating temperature: 110 c climatic category (iec 60068-1): 40/110/56 construction dielectric: polypropylene (mkp) plastic case (ul 94 v-0) epoxy resin sealing (ul 94 v-0) features capacitance value up to 45 m f very small dimensions good self-healing properties high voltage capability terminals parallel wire leads, lead-free tinned standard lead lengths: 6  1 mm special lead lengths available on request marking manufacturer's logo, lot number, date code, rated capacitance (coded), capacitance tolerance (code letter), rated ac voltage (iec), series number, sub-class (x2), dielectric code (mkp), climatic category, passive flammability category, approvals. delivery mode bulk (untaped) reel for taping details, refer to chapter "taping and packing" dimensional drawings drawing 1 drawing 2 dimensions in mm lead spacing 0.4 lead diameter d 1 type drawing 22.5 0.8 b32923e 1 27.5 0.8 b32924e/f 1 37.5 1.0 b32926e/f 1 52.5 1.2 b32928e 2 marking example emi suppression capacitors (mkp) b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 2 of 17 please read cautions and warnings and important notes at the end of this document.
approvals approval marks standards certificate iec 60384-14 40021331 ul 1283 e301966 1) csa c22.2 no.8 e301966 1) approved by ul overview of available types lead spacing 22.5 mm 27.5 mm 37.5 mm 52.5 mm type b32923e b32924e/f b32926e/f b32928e c r ( m f) 2.2 3.3 4.7 5.6 6.8 8.2 10 15 20 25 30 40 45 b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 3 of 17 please read cautions and warnings and important notes at the end of this document.
ordering codes and packing units lead spacing mm c r m f max. dimensions w h l mm ordering code (composition see below) reel pcs./moq untaped pcs./moq u preferred type moq = minimum order quantity, consisting of 4 packing units. further intermediate capacitance values on request. composition of ordering code + = capacitance tolerance code: *** = packaging code: m = 20% k = 10% 189 = reel 000 = untaped (lead length 6  1 mm) 22.5 2.2 12.0 22.0 26.5 b32923e3225m*** u  1800 3.3 14.5 29.5 26.5 b32923e3335+***  1040 27.5 2.2 11.0 21.0 31.5 b32924e3225m*** 1400 2352 2.2 12.5 21.5 31.5 b32924f3225k*** 1200 2100 3.3 14.0 24.5 31.5 b32924e3335m*** u 1000 1848 3.3 15.0 24.0 31.5 b32924f3335k***  1680 4.7 16.0 32.0 31.5 b32924f3475k***  1064 4.7 18.0 27.5 31.5 b32924e3475m*** u  1428 5.6 18.0 33.0 31.5 b32924f3565k***  952 5.6 19.0 30.0 31.5 b32924e3565m***  896 6.8 21.0 31.0 31.5 b32924e3685m*** u  784 6.8 22.0 36.5 31.5 b32924f3685k***  784 8.2 22.0 36.5 31.5 b32924e3825m*** u  784 37.5 2.2 12.0 22.0 42.0 b32926e3225+***  1620 3.3 12.0 22.0 42.0 b32926e3335m***  1620 4.7 14.0 25.0 42.0 b32926e3475m***  1380 6.8 18.0 32.5 42.0 b32926e3685+***  720 10 20.0 39.5 42.0 b32926e3106+*** u  640 15 28.0 37.0 42.0 b32926e3156+*** u  440 20 28.0 42.5 42.0 b32926e3206m*** u  440 20 30.0 45.0 42.0 b32926f3206k***  200 52.5 25 30.0 45.0 57.5 b32928e3256+*** u  280 30 30.0 45.0 57.5 b32928e3306+*** u  280 40 35.0 50.0 57.5 b32928e3406+*** u  108 45 35.0 50.0 57.5 b32928e3456m*** u  108 b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 4 of 17 please read cautions and warnings and important notes at the end of this document.
technical data maximum continuous dc voltage v dc 500 v maximum continuous ac voltage v ac 310 v (50/60 hz) rated ac voltage ( iec 60384-14 ) 305 v (50/60 hz) max. operating temperature t op,max +110 c dc test voltage 2121 v, 2 s dissipation factor tan d (in 10 -3 ) at 20 c (upper limit values) at 1 khz: 2 insulation resistance r ins or time constant t = c r  r ins at 100 v dc, 20 c, rel. humidity 65% and for 60 s (minimum as-delivered values) 30 000 s passive flammability category to iec 40 (co) 752 b capacitance tolerances (measured at 1 khz) 10% (k), 20% (m) pulse handling capability "dv/dt" represents the maximum permissible voltage change per unit of time for non-sinusoidal voltages, expressed in v/ m s. "k 0 " represents the maximum permissible pulse characteristic of the waveform applied to the capacitor, expressed in v 2 / m s. note: the values of dv/dt and k 0 provided below must not be exceeded in order to avoid damaging the capacitor. dv/dt and k 0 values lead spacing 22.5 mm 27.5 mm 37.5 mm 52.5 mm dv/dt in v/ m s 140 100 70 40 k 0 in v 2 / m s 120 400 86 000 60 200 34 400 b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 5 of 17 please read cautions and warnings and important notes at the end of this document.
impedance z versus frequency f (typical values) b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 6 of 17 please read cautions and warnings and important notes at the end of this document.
mounting guidelines 1 soldering 1.1 solderability of leads the solderability of terminal leads is tested to iec 60068-2-20, test ta, method 1. before a solderability test is carried out, terminals are subjected to accelerated ageing (to iec 60068-2-2, test ba: 4 h exposure to dry heat at 155 c). since the ageing temperature is far higher than the upper category temperature of the capacitors, the terminal wires should be cut off from the capacitor before the ageing procedure to prevent the solderability being impaired by the products of any capacitor decomposition that might occur. solder bath temperature 235 5 c soldering time 2.0 0.5 s immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane evaluation criteria: visual inspection wetting of wire surface by new solder 3 90%, free-flowing solder 1.2 resistance to soldering heat resistance to soldering heat is tested to iec 60068-2-20, test tb, method 1a. conditions: series solder bath temperature soldering time mkt boxed (except 2.5 6.5 7.2 mm) coated uncoated (lead spacing > 10 mm) 260 5 c 10 1 s mfp mkp (lead spacing > 7.5 mm) mkt boxed (case 2.5 6.5 7.2 mm) 5 1 s mkp mkt (lead spacing 7.5 mm) uncoated (lead spacing 10 mm) insulated (b32559) < 4 s recommended soldering profile for mkt uncoated (lead spacing 10 mm) and insulated (b32559) b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 7 of 17 please read cautions and warnings and important notes at the end of this document.
immersion depth 2.0 +0/  0.5 mm from capacitor body or seating plane shield heat-absorbing board, (1.5 0.5) mm thick, between capacitor body and liquid solder evaluation criteria: visual inspection no visible damage d c/c 0 2% for mkt/mkp/mfp 5% for emi suppression capacitors tan d as specified in sectional specification b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 8 of 17 please read cautions and warnings and important notes at the end of this document.
1.3 general notes on soldering permissible heat exposure loads on film capacitors are primarily characterized by the upper cate- gory temperature t max . long exposure to temperatures above this type-related temperature limit can lead to changes in the plastic dielectric and thus change irreversibly a capacitor's electrical characteristics. for short exposures (as in practical soldering processes) the heat load (and thus the possible effects on a capacitor) will also depend on other factors like: pre-heating temperature and time forced cooling immediately after soldering terminal characteristics: diameter, length, thermal resistance, special configurations (e.g. crimping) height of capacitor above solder bath shadowing by neighboring components additional heating due to heat dissipation by neighboring components use of solder-resist coatings the overheating associated with some of these factors can usually be reduced by suitable coun- termeasures. for example, if a pre-heating step cannot be avoided, an additional or reinforced cooling process may possibly have to be included. epcos recommends the following conditions: pre-heating with a maximum temperature of 110 c temperature inside the capacitor should not exceed the following limits:  mkp/mfp 110 c  mkt 160 c when smd components are used together with leaded ones, the leaded film capacitors should not pass into the smd adhesive curing oven. the leaded components should be assembled af- ter the smd curing step. leaded film capacitors are not suitable for reflow soldering. uncoated capacitors for uncoated mkt capacitors with lead spacings 10 mm (b32560/b32561) the following mea- sures are recommended: pre-heating to not more than 110 c in the preheater phase rapid cooling after soldering b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 9 of 17 please read cautions and warnings and important notes at the end of this document.
2 cleaning to determine whether the following solvents, often used to remove flux residues and other sub- stances, are suitable for the capacitors described, refer to the table below: type ethanol, isopropanol, n-propanol n-propanol-water mixtures, water with surface tension-reducing tensides (neutral) solvent from table a (see next page) solvent from table b (see next page) mkt (uncoated) suitable unsuitable in part suitable unsuitable mkt, mkp, mfp (coated/boxed) suitable suitable even when suitable solvents are used, a reversible change of the electrical characteristics may occur in uncoated capacitors immediately after they are washed. thus it is always recommended to dry the components (e.g. 4 h at 70 c) before they are subjected to subsequent electrical test- ing. table a manufacturers' designations for trifluoro-trichloro-ethane-based cleaning solvents (selection) trifluoro-trichloro- ethane mixtures of trifluoro-trichloro-ethane with ethanol and isopropanol manufacturer freon tf freon te 35; freon tp 35; freon tes du pont frigen 113 tr frigen 113 tr-e; frigen 113 tr-p; frigen tr-e 35 hoechst arklone p arklone a; arklone l; arklone k ici kaltron 113 mdr kaltron 113 mda; kaltron 113 mdi; kaltron 113 mdi 35 kali-chemie flugene 113 flugene 113 e; flugene 113 ipa rhone-progil table b (worldwide banned substances) manufacturers' designations for unsuitable cleaning solvents (selection) mixtures of chlorinated hydrocarbons and ketones with fluorated hydrocarbons manufacturer freon tmc; freon ta; freon tc du pont arklone e ici kaltron 113 mdd; kaltron 113 mdk kali-chemie flugene 113 cm rhone-progil b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 10 of 17 please read cautions and warnings and important notes at the end of this document.
3 embedding of capacitors in finished assemblies in many applications, finished circuit assemblies are embedded in plastic resins. in this case, both chemical and thermal influences of the embedding ("potting") and curing processes must be taken into account. our experience has shown that the following potting materials can be recommended: non-flexible epoxy resins with acid-anhydride hardeners; chemically inert, non-conducting fillers; maximum curing temperature of 100 c. caution: consult us first if you wish to embed uncoated types! b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 11 of 17 please read cautions and warnings and important notes at the end of this document.
cautions and warnings do not exceed the upper category temperature (uct). do not apply any mechanical stress to the capacitor terminals. avoid any compressive, tensile or flexural stress. do not move the capacitor after it has been soldered to the pc board. do not pick up the pc board by the soldered capacitor. do not place the capacitor on a pc board whose pth hole spacing differs from the specified lead spacing. do not exceed the specified time or temperature limits during soldering. avoid external energy inputs, such as fire or electricity. avoid overload of the capacitors. the table below summarizes the safety instructions that must always be observed. a detailed de- scription can be found in the relevant sections of the chapters "general technical information" and "mounting guidelines". topic safety information reference chapter "general technical information" storage conditions make sure that capacitors are stored within the specified range of time, temperature and humidity conditions. 4.5 "storage conditions" flammability avoid external energy, such as fire or electricity (passive flammability), avoid overload of the capacitors (active flammability) and consider the flammability of materials. 5.3 "flammability" resistance to vibration do not exceed the tested ability to withstand vibration. the capacitors are tested to iec 60068-2-6. epcos offers film capacitors specially designed for operation under more severe vibration regimes such as those found in automotive applications. consult our catalog "film capacitors for automotive electronics". 5.2 "resistance to vibration" b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 12 of 17 please read cautions and warnings and important notes at the end of this document.
topic safety information reference chapter "mounting guidelines" soldering do not exceed the specified time or temperature limits during soldering. 1 "soldering" cleaning use only suitable solvents for cleaning capacitors. 2 "cleaning" embedding of capacitors in finished assemblies when embedding finished circuit assemblies in plastic resins, chemical and thermal influences must be taken into account. caution: consult us first, if you also wish to embed other uncoated component types! 3 "embedding of capacitors in finished assemblies" b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 13 of 17 please read cautions and warnings and important notes at the end of this document.
symbols and terms symbol english german a heat transfer coefficient w?rmebergangszahl a c temperature coefficient of capacitance temperaturkoeffizient der kapazit?t a capacitor surface area kondensatoroberfl?che b c humidity coefficient of capacitance feuchtekoeffizient der kapazit?t c capacitance kapazit?t c r rated capacitance nennkapazit?t d c absolute capacitance change absolute kapazit?ts?nderung d c/c relative capacitance change (relative deviation of actual value) relative kapazit?ts?nderung (relative abweichung vom ist-wert) d c/c r capacitance tolerance (relative deviation from rated capacitance) kapazit?tstoleranz (relative abweichung vom nennwert) dt time differential differentielle zeit d t time interval zeitintervall d t absolute temperature change (self-heating) absolute temperatur?nderung (selbsterw?rmung) d tan d absolute change of dissipation factor absolute ?nderung des verlustfaktors d v absolute voltage change absolute spannungs?nderung dv/dt time differential of voltage function (rate of voltage rise) differentielle spannungs?nderung (spannungsflankensteilheit) d v/ d t voltage change per time interval spannungs?nderung pro zeitintervall e activation energy for diffusion aktivierungsenergie zur diffusion esl self-inductance eigeninduktivit?t esr equivalent series resistance ersatz-serienwiderstand f frequency frequenz f 1 frequency limit for reducing permissible ac voltage due to thermal limits grenzfrequenz fr thermisch bedingte reduzierung der zul?ssigen wechselspannung f 2 frequency limit for reducing permissible ac voltage due to current limit grenzfrequenz fr strombedingte reduzierung der zul?ssigen wechselspannung f r resonant frequency resonanzfrequenz f d thermal acceleration factor for diffusion therm. beschleunigungsfaktor zur diffusion f t derating factor deratingfaktor i current (peak) stromspitze i c category current (max. continuous current) kategoriestrom (max. dauerstrom) b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 14 of 17 please read cautions and warnings and important notes at the end of this document.
symbol english german i rms (sinusoidal) alternating current, root-mean-square value (sinusf?rmiger) wechselstrom i z capacitance drift inkonstanz der kapazit?t k 0 pulse characteristic impulskennwert l s series inductance serieninduktivit?t l failure rate ausfallrate l 0 constant failure rate during useful service life konstante ausfallrate in der nutzungsphase l test failure rate, determined by tests experimentell ermittelte ausfallrate p diss dissipated power abgegebene verlustleistung p gen generated power erzeugte verlustleistung q heat energy w?rmeenergie r density of water vapor in air dichte von wasserdampf in luft r universal molar constant for gases allg. molarkonstante fr gas r ohmic resistance of discharge circuit ohmscher widerstand des entladekreises r i internal resistance innenwiderstand r ins insulation resistance isolationswiderstand r p parallel resistance parallelwiderstand r s series resistance serienwiderstand s severity (humidity test) sch?rfegrad (feuchtetest) t time zeit t temperature temperatur t time constant zeitkonstante tan d dissipation factor verlustfaktor tan d d dielectric component of dissipation factor dielektrischer anteil des verlustfaktors tan d p parallel component of dissipation factor parallelanteil des verlfustfaktors tan d s series component of dissipation factor serienanteil des verlustfaktors t a ambient temperature umgebungstemperatur t max upper category temperature obere kategorietemperatur t min lower category temperature untere kategorietemperatur t ol operating life at operating temperature and voltage betriebszeit bei betriebstemperatur und -spannung t op operating temperature beriebstemperatur t r rated temperature nenntemperatur t ref reference temperature referenztemperatur t sl reference service life referenz-lebensdauer v ac ac voltage wechselspannung b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 15 of 17 please read cautions and warnings and important notes at the end of this document.
symbol english german v c category voltage kategoriespannung v c,rms category ac voltage (sinusf?rmige) kategorie-wechselspannung v cd corona-discharge onset voltage teilentlade-einsatzspannung v ch charging voltage ladespannung v dc dc voltage gleichspannung v fb fly-back capacitor voltage spannung (flyback) v i input voltage eingangsspannung v o output voltage ausgangssspannung v op operating voltage betriebsspannung v p peak pulse voltage impuls-spitzenspannung v pp peak-to-peak voltage impedance spannungshub v r rated voltage nennspannung r amplitude of rated ac voltage amplitude der nenn-wechselspannung v rms (sinusoidal) alternating voltage, root-mean-square value (sinusf?rmige) wechselspannung v sc s-correction voltage spannung bei anwendung "s-correction" v sn snubber capacitor voltage spannung bei anwendung "beschaltung" z impedance scheinwiderstand lead spacing rasterma? b32923e/f ... b32928e/f efficient filtering ? x2 / 305 v ac page 16 of 17 please read cautions and warnings and important notes at the end of this document.
the following applies to all products named in this publication: 1. some parts of this publication contain statements about the suitability of our products for certain areas of application . these statements are based on our knowledge of typical re- quirements that are often placed on our products in the areas of application concerned. we nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application . as a rule, epcos is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. for these reasons, it is always ultimately incum- bent on the customer to check and decide whether an epcos product with the properties de- scribed in the product specification is suitable for use in a particular customer application. 2. we also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified . in customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. the warnings, cautions and product-specific notes must be observed. 4. in order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous) . useful information on this will be found in our ma- terial data sheets on the internet (www.epcos.com/material). should you have any more de- tailed questions, please contact our sales offices. 5. we constantly strive to improve our products. consequently, the products described in this publication may change from time to time . the same is true of the corresponding product specifications. please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. we also reserve the right to discontinue production and delivery of products . consequently, we cannot guarantee that all products named in this publication will always be available. the aforementioned does not apply in the case of individual agreements deviating from the fore- going for customer-specific products. 6. unless otherwise agreed in individual contracts, all orders are subject to the current ver- sion of the "general terms of delivery for products and services in the electrical in- dustry" published by the german electrical and electronics industry association (zvei) . 7. the trade names epcos, baoke, alu-x, ceradiode, csmp, cssp, ctvs, dssp, miniblue, minicell, mkk, mlsc, motorcap, pcc, phasecap, phasecube, phasemod, phicap, siferrit, sifi, sikorel, silvercap, simdad, simid, sineformer, siov, sip5d, sip5k, thermofuse, windcap are trademarks registered or pending in europe and in other countries. further information will be found on the internet at www.epcos.com/trademarks. important notes page 17 of 17


▲Up To Search▲   

 
Price & Availability of B32926E3106M000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X