Part Number Hot Search : 
NDHV220 TE13004D SPC56 STK6351 MX29LV NMF1205D KSD560 2SC4484
Product Description
Full Text Search
 

To Download AP-0T9789LA1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01-7 12.1 xga hmi touch panel pc with onboard intel? atom? d2550 1.86 ghz processor, 2 gb ram system processor onboard intel? atom? d2550 1.86 ghz system memory 204-pin ddr 3 800/1066 sodimm x 1, up to 4 gb, default 2 gb ram inside lcd/crt controller integrated in processor ethernet 10/100/1000base-tx, rj-45 x 2 i/o port rs-232 x 3, rs-232/422/485 x 1, usb 2.0 x 4, vga x 1, power button x 1, lan x 2 storage disk drive 2.5 sata hdd/ cfast? slot (internal) expansion slot mini-card x 1 os support windows? xp embedded, windows? xp, windows? 7 32-bit, windows? embedded standard 7 32-bit, linux kernel 2.6.3 or above mechanical construction ip65 plastic front bezel mounting vesa100/ panel mount dimension 12.5"(w) x 9.6"(h) x 2.5"(d) (317mm x 243mm x 63.5mm) gross weight 10.1 lb (4.6 kg) net weight 7.9 lb (3.6 kg) environmental operating temperature 32f ~ 131f (0c ~ 55c ) w/ airflow 32f ~ 122f (0c ~ 50c ) w/o airflow storage temperature -4f ~ 158f (-20c ~ 70c) storage humidity 10~95% @40c, non-condensing power supply dc input dc 12v input, w/3-pin terminal block lcd display type 12.1" tft lcd max. resolution 1024 x 768 max. colors 16.2m colors luminance 500 cd/m 2 viewing angle 160(h), 160(v) back light led back light mtbf (hours) 50,000 touchscreen type 5-wire, analog resistive light transmission 80% life time 10 million activations ahp-1123 power button rs-232 x 3 lan x 2 vga x 1 usb x 2 dc 12v input usb x 2 rs-232/422/485 x 1 12.1 lcd with 500 nits xga led backlight onboard intel? atom? d2550 1.86 ghz ip65 plastic front bezel supports dual gigabit ethernet fanless operation note: all specifications are subject to change without notice. 01 features specifications industrial hmi touch panel solutions
01-8 part number display type max. resolution luminance view angle backlight mtbf (hours) cpu lan usb rs-232 rs-485/422/232 storage ram display expansion mounting power temp. touch ahp- 1123ht t-a1-1010 12.1" tft-lcd 1024 x 768 500 cd/m 2 160(h)/ 160(v) 50,000 intel? atom? d2550, 1.86 ghz 2 4 3 1 cfast? x 1 2.5" sata hdd x 1 2 gb vga x 1 mini-card x 1 vesa100/ panel mount dc 12v 0c ~ 50c (w/o airflow ) 0c ~ 55c (w/ airflow ) 5-wire resistive ahp- 1123ht t-a2-1010 12.1" tft-lcd 1024 x 768 500 cd/m 2 160(h)/ 160(v) 50,000 intel? atom? d2550, 1.86 ghz 2 4 3 1 cfast? x 1 2.5" sata hdd x 1 4 gb vga x 1 mini-card x 1 vesa100/ panel mount dc 12v 0c ~ 50c (w/o airflow ) 0c ~ 55c (w/ airflow ) 5-wire resistive ordering information packing list optional accessories ahp-1123 ? phoenix power connector ? mounting brackets and screws ? product cd ? ahp-1123 ? AP-0T9789LA1000 desktop stand with vesa 100mm standard ? 1702031802 power cord (us type) ? 1702031803 power cord (european type) ? 170203180e power cord (japanese type) ? 1255900841 12v 84w power adapter w/ 3-pin terminal block ? 9761215303 wifi module b/g/n www.aaeon.com note: all specifications are subject to change without notice. dimension unit: mm


▲Up To Search▲   

 
Price & Availability of AP-0T9789LA1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X