Part Number Hot Search : 
S5966 GCM2165 WF201 DH0165D RM10A 36531 SB360A AN126
Product Description
Full Text Search
 

To Download A-41661-A05A197 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 07/09/2014 please check www.molex.com for latest part information part number: 26-48-1051 status: active overview: kk? interconnect system - molex description: kk? 396 breakaway header, vertical, 5 circuits, tin (sn) plating documents: 3d model product specification ps-08-50 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 41661 application board-to-board, power, wire-to-board application tooling part link 11-20-0901 molexkits yes overview kk? interconnect system - molex product name kk? 396 upc 800754383042 physical breakaway yes circuits (loaded) 5 circuits (maximum) 5 color - resin black durability (mating cycles max) 25 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal brass material - plating mating tin material - plating termination tin material - resin polyester net weight 1.514/g number of rows 1 orientation vertical pc tail length 4.37mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 3.96mm pitch - termination interface 3.96mm polarized to mating part yes polarized to pcb no shrouded partial stackable no temperature range - operating see product specification termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 41661 series mates with 2139 kk? crimp housing, 41695 kk? crimp housing, 6442 kk? crimp housing, 2145 pcb connector, 41815 pcb connector, 3069 kk? crimp housing
electrical current - maximum per contact 7a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number A-41661-A05A197 reference - drawing numbers product specification ps-08-50 sales drawing sd-41661-001 this document was generated on 07/09/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of A-41661-A05A197

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X