Part Number Hot Search : 
PMZ350XN XC610 K176TM2 DB204 5370T7LC 25P15 2SA103 N7002
Product Description
Full Text Search
 

To Download 74HCT125T14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  74hct125 document number: ds35336 rev. 3 - 2 1 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 quadruple 3-state buffers oe low description the 74hct125 provides provides four independent buffer gates with 3-state outputs. each buffer has a separate enable pin that if driven with a high logic level places the corresponding output in the high impedance state. the device is des igned for operation with a power supply range of 4.5v to 5.5v. features ? wide supply voltage range from 4.5v to 5.5v ? pin compatible with low power schottky (lsttl) ? inputs are ttl voltage level compatible ? sinks or sources 4ma at v cc = 4.5v ? cmos low power consumption ? schmitt trigger action at all inputs ? esd protection exceeds jesd 22 ? 200-v machine model (a115-a) ? 2000-v human body model (a114-a) ? exceeds 1000-v charged device model (c101c) ? range of package options so-14 and tssop-14 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? pin assignments 1 3 2 4 5 6 7 1oe 1y 1a 2a 2y gnd 13 14 12 11 10 9 8 4oe 4y 4a 3a 3oe 3y vcc ( top view ) 2oe so-14 / tssop-14 applications ? general purpose logic ? wide array of products such as: ? pcs, networking, notebooks, netbooks ? computer peripherals, hard drives, cd/dvd rom ? tv, dvd, dvr, set top box notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more in formation about diodes incorpor ated?s definitions of halogen- and antimony-free, "gree n" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds.
74hct125 document number: ds35336 rev. 3 - 2 2 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 pin descriptions pin number pin name description 1 1oe data enable input (active low) 2 1a data input 3 1y data output 4 2oe data enable input (active low) 5 2a data input 6 2y data output 7 gnd ground 8 3y data output 9 3a data input 10 3oe data enable input (active low) 11 4y data outp 12 4a data input 13 4oe data enable input (active low) 14 v cc supply voltage logic diagram function table inputs output oe a y l h h l l l h x z
74hct125 document number: ds35336 rev. 3 - 2 3 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 absolute maximum ratings (note 4) (@t a = +25c, unless otherwise specified.) symbol description rating unit esd hbm human body model esd protection 2 kv esd cdm charged device model esd protection 1 kv esd mm machine model esd protection 200 v v cc supply voltage range -0.5 to +7.0 v v i input voltage range (note 5) -0.5 to +7.0 v i ik input clamp current v i < -0.5v or vi > v cc +0.5v 20 ma i ok output clamp current v o < -0.5v or v o > v cc +0.5v 20 ma i o continuous output current -0.5v < v o v cc +0.5v +/-25 ma i cc continuous current through vcc 50 ma i gnd continuous current through gnd -50 ma t j operating junction temperature -40 to +150 c t stg storage temperature -65 to +150 c p tot total power dissipation 500 mw notes: 4. stresses beyond the absolute maximum may result in imm ediate failure or reduced reliab ility. these are stress values and device operation should be within recommend values. 5. input voltage cannot exceed v cc to the extent the maximum clamp current is exceeded. recommended operating conditions (note 6) (@t a = +25c, unless otherwise specified.) symbol parameter conditions min max unit v cc supply voltage 4.5 5.5 v v i input voltage 0 v cc v v o output voltage 0 v cc v t/ v input transition rise or fall rate v cc = 4.5v to 5.5v 500 ns/v t a operating free-air temperature -40 +125 c note: 6. unused inputs should be held at v cc or ground. electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter test conditions v cc t a = -40c to +85c t a = -40c to +125c unit min max min max v ih high-level input voltage 4.5v to 5.5v 2.0 2.0 v v il low-level input voltage 4.5v to 5.5v 0.8 0.8 v v oh high-level output voltage i oh = -20 a 4.5v 4.4 4.4 v i oh = -4ma 4.5v 3.84 3.70 v ol low-level output voltage i ol = 20 a 4.5v 0.1 0.1 v i ol = 4.0ma 4.5v 0.33 0.4 i oz z state leakage current v o = 0 to 5.5v 5.5v 5.0 10 a i i input current v i =gnd to 6.0v 6.0v 1 1 a i cc supply current v i = gnd or v cc , i o = 0 6.0v 20 40 a i cc additional supply current one input at v cc ?2.1v other pins at v cc or gnd 4.5v to 5.5v 675 735 a
74hct125 document number: ds35336 rev. 3 - 2 4 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 switching characteristics symbol parameter test conditions v cc t a = +25c -40c to +85c -40c to +125c unit min typ max max max t pd propagation delay a n to y n figure 1 c l = 50pf 4.5v ? 15 25 31 38 ns t en enable time oe n to y n ? 15 28 35 42 ns t dis disabletime oe n to y n ? 15 25 31 38 ns t t transition time ? 5 12 15 18 ns operating characteristics (@t a = +25c, unless otherwise specified.) parameter test conditions v cc = 5.5v unit typ c pd power dissipation capacitance per gate f = 1 mhz 24 pf c i input capacitance v i = v cc ? or gnd 3.5 pf parameter measurement information v cc inputs v m v load c l r l v ? v i t r /t f 4.5v 1.5v 6ns 3.0v 2 x v cc 50pf 2k ? 10% of v cc voltage waveform pulse duration voltage waveform propagation delay times notes: a. includes test lead and test apparatus capacitance. b. all pulses are supplied at pulse repetition rate 1 mhz c. the inputs are measured one at a time with one transition per measurement. d. for the open drain device t plz and t pzl are the same as t pd e. t pzl is measured at v m . d. t plz is measured at v ol +v ? f. a thevenin equivalent load may be used in place of v cc x 2 and resistor divider figure 1 load circuit and voltage waveforms test condition t plz (see notes d and e) t pzl (see notes d and f) vload vload
74hct125 document number: ds35336 rev. 3 - 2 5 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 ordering information device package code packaging 7? tape and reel quantity part number suffix 74hct125s14-13 s14 so-14 2500/tape & reel -13 74HCT125T14-13 t14 tssop-14 2500/tape & reel -13 marking information (1) so-14, tssop-14 part number package 74hct125s14 so-14 74HCT125T14 tssop-14
74hct125 document number: ds35336 rev. 3 - 2 6 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 package outline dimensions (all dimensions in mm.) please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. package type: so-14 package type: tssop-14 so-14 dim min max a 1.47 1.73 a1 0.10 0.25 a2 1.45 typ b 0.33 0.51 d 8.53 8.74 e 3.80 3.99 e 1.27 typ h 5.80 6.20 l 0.38 1.27 0 8 all dimensions in mm tssop-14 dim min max a1 7 (4x) a2 0 8 a 4.9 5.10 b 4.30 4.50 c ? 1.2 d 0.8 1.05 f 1.00 typ f1 0.45 0.75 g 0.65 typ k 0.19 0.30 l 6.40 typ all dimensions in mm e h a a2 e d a1 l gauge plane detail ?a? detail ?a? 7 ( 4 x ) b g l a k a 1 d c a 2 f f1 pin# 1 indent detail ?a? detail ?a? 0 . 2 5 gauge plane seating plane b
74hct125 document number: ds35336 rev. 3 - 2 7 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 suggested pad layout please see ap02001 at http://www.diodes.com/ datasheets/ap02001.pdf for latest version. package type: so-14 package type: tssop-14 dimensions value (in mm) x 0.60 y 1.50 c1 5.4 c2 1.27 dimensions value (in mm) x 0.45 y 1.45 c1 5.9 c2 0.65 x c1 c2 y x c1 c2 y
74hct125 document number: ds35336 rev. 3 - 2 8 of 8 www.diodes.com january 2013 ? diodes incorporated 74hct125 important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of 74HCT125T14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X