Part Number Hot Search : 
AON7230 D200ED UPD70 AON7230 AON7230 Z5241B SMBJ360 AON7230
Product Description
Full Text Search
 

To Download 74HC1G14GW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description 74hc1g14 and 74hct1g14 are high-speed si -gate cmos devices. they provide an inverting buffer function with schmitt trigger action. these devices are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals. the hc device has cmos input switching le vels and supply voltage range 2 v to 6 v. the hct device has ttl input switching levels and supply voltage range 4.5 v to 5.5 v. the standard output currents are half of those of the 74hc14 and 74hct14. 2. features and benefits ? symmetrical output impedance ? high noise immunity ? low power dissipation ? balanced propagation delays ? sot353-1 and sot753 package options ? specified from ? 40 ? c to +125 ? c 3. applications ? wave and pulse shapers ? astable multivibrators ? monostable multivibrators 4. ordering information 74hc1g14; 74hct1g14 inverting schmitt trigger rev. 6 ? 27 december 2012 product data sheet table 1. ordering information type number package temperature range name description version 74HC1G14GW ? 40 ? c to +125 ? c tssop5 plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 74hct1g14gw 74hc1g14gv ? 40 ? c to +125 ? c sc-74a plastic surface-mounted package; 5 leads sot753 74hct1g14gv
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 2 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 5. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 6. functional diagram 7. pinning information 7.1 pinning 7.2 pin description table 2. marking codes type number marking code [1] 74HC1G14GW hf 74hct1g14gw tf 74hc1g14gv h14 74hct1g14gv t14 fig 1. logic symbol fig 2. iec logic symbol fig 3. logic diagram mna023 ay 2 4 24 mna024 mna025 a y fig 4. pin configuration 74hc1g14 74hct1g14 n.c. v cc a gnd y 001aaf106 1 2 3 5 4 table 3. pin description symbol pin description n.c. 1 not connected a 2 data input gnd 3 ground (0 v) y 4 data output v cc 5 supply voltage
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 3 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 8. functional description 9. limiting values [1] the input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] above 55 ? c, the value of p tot derates linearly with 2.5 mw/k. 10. recommended operating conditions table 4. function table h = high voltage level; l = low voltage level input output a y lh hl table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). [1] symbol parameter conditions min max unit v cc supply voltage ? 0.5 +7.0 v i ik input clamping current v i < ? 0.5 v or v i >v cc + 0.5 v - ? 20 ma i ok output clamping current v o < ? 0.5 v or v o >v cc + 0.5 v - ? 20 ma i o output current ? 0.5 v < v o 74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 4 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 11. static characteristics table 7. static characteristics voltages are referenced to gnd (ground = 0 v) . all typical values are measured at t amb =25 ? c. symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max for type 74hc1g14 v oh high-level output voltage v i = v t+ or v t ? i o = ? 20 ? a; v cc = 2.0 v 1.9 2.0 - 1.9 - v i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - v i o = ? 20 ? a; v cc = 6.0 v 5.9 6.0 - 5.9 - v i o = ? 2.0 ma; v cc = 4.5 v 4.13 4.32 - 3.7 - v i o = ? 2.6 ma; v cc = 6.0 v 5.63 5.81 - 5.2 - v v ol low-level output voltage v i = v t+ or v t ? i o = 20 ? a; v cc = 2.0 v - 0 0.1 - 0.1 v i o = 20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 v i o = 20 ? a; v cc = 6.0 v - 0 0.1 - 0.1 v i o = 2.0 ma; v cc = 4.5 v - 0.15 0.33 - 0.4 v i o = 2.6 ma; v cc = 6.0 v - 0.16 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc = 6.0 v - - 1.0 - 1.0 ? a i cc supply current v i =v cc or gnd; i o =0a; v cc =6.0v --10 - 20 ? a c i input capacitance - 1.5 - - - pf v t+ positive-going threshold voltage see figure 7 and figure 8 v cc = 2.0 v 0.7 1.09 1.5 0.7 1.5 v v cc = 4.5 v 1.7 2.36 3.15 1.7 3.15 v v cc = 6.0 v 2.1 3.12 4.2 2.1 4.2 v v t ? negative-going threshold voltage see figure 7 and figure 8 v cc = 2.0 v 0.3 0.60 0.9 0.3 0.9 v v cc = 4.5 v 0.9 1.53 2.0 0.9 2.0 v v cc = 6.0 v 1.2 2.08 2.6 1.2 2.6 v v h hysteresis voltage see figure 7 and figure 8 v cc = 2.0 v 0.2 0.48 1.0 0.2 1.0 v v cc = 4.5 v 0.4 0.83 1.4 0.4 1.4 v v cc = 6.0 v 0.6 1.04 1.6 0.6 1.6 v for type 74hct1g14 v oh high-level output voltage v i = v t+ or v t ? i o = ? 20 ? a; v cc = 4.5 v 4.4 4.5 - 4.4 - v i o = ? 2.0 ma; v cc = 4.5 v 4.13 4.32 - 3.7 - v v ol low-level output voltage v i = v t+ or v t ? i o = 20 ? a; v cc = 4.5 v - 0 0.1 - 0.1 v i o = 2.0 ma; v cc = 4.5 v - 0.15 0.33 - 0.4 v i i input leakage current v i =v cc or gnd; v cc = 5.5 v - - 1.0 - 1.0 ? a
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 5 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 12. dynamic characteristics [1] t pd is the same as t plh and t phl . [2] c pd is used to determine the dynamic power dissipation p d ( ? w). p d =c pd ? v cc 2 ? f i + ? (c l ? v cc 2 ? f o )where: f i = input frequency in mhz; f o = output frequency in mhz c l = output load capacitance in pf; v cc = supply voltage in volts ? (c l ? v cc 2 ? f o ) = sum of outputs i cc supply current v i =v cc or gnd; i o =0a; v cc =5.5v --10 - 20 ? a ? i cc additional supply current per input; v cc = 4.5 v to 5.5 v; v i = v cc ? 2.1 v; i o =0a - - 500 - 850 ? a c i input capacitance - 1.5 - - - pf v t+ positive-going threshold voltage see figure 7 and figure 8 v cc = 4.5 v 1.2 1.55 1.9 1.2 1.9 v v cc = 5.5 v 1.4 1.80 2.1 1.4 2.1 v v t ? negative-going threshold voltage see figure 7 and figure 8 v cc = 4.5 v 0.5 0.76 1.2 0.5 1.2 v v cc = 5.5 v 0.6 0.90 1.4 0.6 1.4 v v h hysteresis voltage see figure 7 and figure 8 v cc = 4.5 v 0.4 0.80 - 0.4 - v v cc = 5.5 v 0.4 0.90 - 0.4 - v table 7. static characteristics ?continued voltages are referenced to gnd (ground = 0 v) . all typical values are measured at t amb =25 ? c. symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max table 8. dynamic characteristics gnd = 0 v; t r = t f ? 6.0 ns; all typical values are measured at t amb =25 ? c. for test circuit see figure 6 symbol parameter conditions ? 40 ? c to +85 ?c ? 40 ? c to +125 ?c unit min typ max min max for type 74hc1g14 t pd propagation delay a to y; see figure 5 [1] v cc = 2.0 v; c l = 50 pf - 25 155 - 190 ns v cc = 4.5 v; c l =50pf - 12 31 - 38 ns v cc = 5.0 v; c l =15pf - 10 - - - ns v cc = 6.0 v; c l =50pf - 11 26 - 32 ns c pd power dissipation capacitance v i =gndtov cc [2] -20- - -pf for type 74hct1g14 t pd propagation delay a to y; see figure 5 [1] v cc = 4.5 v; c l =50pf - 17 43 - 51 ns v cc = 5.0 v; c l =15pf - 15 - - - ns c pd power dissipation capacitance v i =gndtov cc ? 1.5 v [2] -22- - -pf
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 6 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 13. waveforms measurement points are given in ta b l e 9 . fig 5. the input (a) to outp ut (y) propagation delays mna033 a input y output t phl t plh v m v m table 9. measurement points type number input output v i v m v m 74hc1g14 gnd to v cc 0.5 ? v cc 0.5 ? v cc 74hct1g14 gnd to 3.0 v 1.5 v 0.5 ? v cc test data is given in table 8 . definitions for test circuit: c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to output impedance z o of the pulse generator. fig 6. load circuitry for switching times v cc v i v o mna034 dut c l 50 pf r t pulse generator
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 7 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 14. transfer character istics waveforms fig 7. transfer characteristic fig 8. the definitions of v t+ , v t ? and v h ; where v t+ and v t ? are between limits of 20 % and 70 % mna026 v o v h v i v t? v t+ mna027 v o v i v h v t+ v t? fig 9. typical 74hc1g14 transfer characteristics; v cc =2.0v fig 10. typical 74hc1g14 transfer characteristics; v cc =4.5v mna028 0 2.0 100 0 50 i cc (a) 1.0 v i (v) mna029 0 5.0 1.0 0.8 0.6 0.4 0.2 0 i cc (ma) 2.5 v i (v)
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 8 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 15. application information the slow input rise and fall times cause ad ditional power dissipation, this can be calculated using th e following formula: p add =f i ? (t r ?? i cc(av) +t f ?? i cc(av) ) ? v cc where: p add = additional power dissipation ( ? w) f i = input frequency (mhz) t r = rise time (ns); 10 % to 90 % fig 11. typical 74hc1g14 transfer characteristics; v cc =6.0v mna030 0 3.0 6.0 1.6 0 0.8 i cc (ma) v i (v) fig 12. typical 74hct1g14 transfer characteristics; v cc =4.5v fig 13. typical 74hct1g14 transfer characteristics; v cc =5.5v mna031 0 5.0 2.0 0 1.0 i cc (ma) 2.5 v i (v) mna032 0 3.0 2.0 1.0 0 3.0 6.0 i cc (ma) v i (v)
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 9 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger t f = fall time (ns); 90 % to 10 % ? i cc(av) = average additional supply current ( ? a) ? i cc(av) differs with positive or negative input transitions, as shown in figure 14 and figure 15 . 74hc1g14 and 74hct1g14 used in re laxation oscillator circuit, see figure 16 . remark: all values given are typica l unless otherwise specified. fig 14. ? i cc(av) for 74hc1g14 devices; linear change of v i between 0.1 ? v cc to 0.9 ? v cc fig 15. ? i cc(av) for 74hct1g14 devices; linear change of v i between 0.1 ? v cc to 0.9 ? v cc mna036 0 2.0 4.0 6.0 v cc (v) 200 150 50 0 100 i cc(av) (a) positive-going edge negative-going edge mna058 04 6 2 v cc (v) 200 100 50 150 0 i cc(av) (a) positive-going edge negative-going edge
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 10 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger for 74hc1g14 and 74hct1g14: for k-factor, see figure 17 fig 16. relaxation oscillator using 74hc1g14 and 74hct1g14 mna035 r c f 1 t -- - 1 krc ? ----------------- - ? = k-factor for 74hc1g14 k-factor for 74hct1g14 fig 17. typical k-factor for relaxation oscillator    
           
 



 
 

74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 11 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 16. package outline fig 18. package outline sot353-1 (tssop5) unit a 1 a max. a 2 a 3 b p lh e l p wy v ce d (1) e (1) z (1) references outline version european projection issue date iec jedec jeita mm 0.1 0 1.0 0.8 0.30 0.15 0.25 0.08 2.25 1.85 1.35 1.15 0.65 e 1 1.3 2.25 2.0 0.60 0.15 7 0 0.1 0.1 0.3 0.425 dimensions (mm are the original dimensions) note 1. plastic or metal protrusions of 0.15 mm maximum per side are not included. 0.46 0.21 sot353-1 mo-203 sc-88a 00-09-01 03-02-19 w m b p d z e e 1 0.15 13 5 4 a a 2 a 1 l p (a 3 ) detail x l h e e c v m a x a y 1.5 3 mm 0 scale tssop5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm sot353-1 1.1
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 12 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger fig 19. package outline sot753 (sc-74a) references outline version european projection issue date iec jedec jeita sot753 sc-74a wb m b p d e a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 4 5 plastic surface-mounted package; 5 leads sot753 unit a 1 b p cd e h e l p qy wv mm 0.100 0.013 0.40 0.25 3.1 2.7 0.26 0.10 1.7 1.3 e 0.95 3.0 2.5 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.6 0.2 0.33 0.23 a 1.1 0.9 02-04-16 06-03-16
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 13 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 17. abbreviations 18. revision history table 10. abbreviations acronym description dut device under test ttl transistor-transistor logic table 11. revision history document id release date data sheet status change notice supersedes 74hc_hct1g14 v.6 20121227 product data sheet - 74hc_hct1g14 v.5 modifications: ? table 3 : pin number y output changed from 5 to 4 (errata). 74hc_hct1g14 v.5 20120924 product data sheet - 74hc_hct1g14 v.4 modifications: ? figure 17 added (typical k-factor for relaxation oscillator). ? legal page updated. 74hc_hct1g14 v.4 20070717 product data sheet - 74hc_hct1g14 v.3 74hc_hct1g14 v.3 20020515 product specification - 74hc_hct1g14 v.2 74hc_hct1g14 v.2 20010302 product specification - 74hc_hct1g14 v.1 74hc_hct1g14 v.1 19980805 pr oduct specification - -
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 14 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger 19. legal information 19.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 19.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 19.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74hc_hct1g14 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 6 ? 27 december 2012 15 of 16 nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 19.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 20. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74hc1g14; 74hct1g14 inverting schmitt trigger ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 27 december 2012 document identifier: 74hc_hct1g14 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 21. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 4 ordering information . . . . . . . . . . . . . . . . . . . . . 1 5 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 6 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 7 pinning information . . . . . . . . . . . . . . . . . . . . . . 2 7.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 7.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 2 8 functional description . . . . . . . . . . . . . . . . . . . 3 9 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 10 recommended operating conditions. . . . . . . . 3 11 static characteristics. . . . . . . . . . . . . . . . . . . . . 4 12 dynamic characteristics . . . . . . . . . . . . . . . . . . 5 13 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 14 transfer characteristics wa veforms. . . . . . . . . 7 15 application information. . . . . . . . . . . . . . . . . . . 8 16 package outline . . . . . . . . . . . . . . . . . . . . . . . . 11 17 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 13 18 revision history . . . . . . . . . . . . . . . . . . . . . . . . 13 19 legal information. . . . . . . . . . . . . . . . . . . . . . . 14 19.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 14 19.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 19.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 19.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 15 20 contact information. . . . . . . . . . . . . . . . . . . . . 15 21 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16


▲Up To Search▲   

 
Price & Availability of 74HC1G14GW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X