Part Number Hot Search : 
CY7C2 CXX0G KID6500 GB7017 24C16N CSR1004 MJ15024 HT68F03M
Product Description
Full Text Search
 

To Download 74AUP1Z04GM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74aup1z04 combines the functions of the 74aup1gu04 and 74aup1g04 with enable circuitry and an internal bias resist or to provide a device optimized for use in crystal oscillato r applications. when not in use the en input can be driven high, putti ng the device in a low power disable mode with x1 pulled high via r pu , x2 set low and y set high.schmitt trigger action at the en input makes the circuit tolerant to slower input rise and fall times across the entire v cc range from 0.8 v to 3.6 v. this device is fully specified for pa rtial power-down ap plications using i off at output y. the i off circuitry disables the output y, preventi ng the damaging backflow current through the device when it is powered down. the integration of the two devices into the 74aup1z04 produces the benefits of a compact footprint, lower power dissipation and stable operation over a wide range of frequency and temperature. 2. features and benefits ? wide supply voltage range from 0.8 v to 3.6 v ? high noise immunity ? esd protection: ? hbm jesd22-a114f class 3a exceeds 5000 v ? mm jesd22-a115-a exceeds 200 v ? cdm jesd22-c101e exceeds 1000 v ? latch-up performance exceeds 100 ma per jesd78b class ii ? inputs accept voltages up to 3.6 v ? low noise overshoot and undershoot < 10 % of v cc ? i off circuitry provides partial power-down mode operation at output y ? multiple package options ? specified from ? 40 ? cto+85 ? c and ? 40 ? cto+125 ? c 74aup1z04 low-power x-tal driver with en able and internal resistor rev. 5 ? 9 august 2012 product data sheet
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 2 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 3. ordering information 4. marking [1] the pin 1 indicator is located on the lower left corner of the device, below the marking code. 5. functional diagram table 1. ordering information type number package temperature range name description version 74aup1z04gw ? 40 ? c to +125 ? c sc-88 plastic surface-mounted package; 6 leads sot363 74AUP1Z04GM ? 40 ? c to +125 ? c xson6 plastic extremely thin sm all outline package; no leads; 6 terminals; body 1 ? 1.45 ? 0.5 mm sot886 74aup1z04gf ? 40 ? c to +125 ? c xson6 plastic extremely thin sm all outline package; no leads; 6 terminals; body 1 ? 1 ? 0.5 mm sot891 74aup1z04gn ? 40 ? c to +125 ? c xson6 extremely thin small outline package; no leads; 6 terminals; body 0.9 ? 1.0 ? 0.35 mm sot1115 74aup1z04gs ? 40 ? c to +125 ? c xson6 extremely thin small outline package; no leads; 6 terminals; body 1.0 ? 1.0 ? 0.35 mm sot1202 table 2. marking type number marking code [1] 74aup1z04gw a4 74AUP1Z04GM a4 74aup1z04gf a4 74aup1z04gn a4 74aup1z04gs a4 r pu = pull-up resistance. r bias = bias resistance. fig 1. logic symbol x1 en y x2 3 1 6 4 r pu r bias v cc 001aae488
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 3 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 6. pinning information 6.1 pinning 6.2 pin description 7. functional description [1] h = high voltage level; l = low voltage level. fig 2. pin configuration sot363 fig 3. pin config uration sot886 fig 4. pin configuration sot891, sot1115 and sot1202 74aup1z04 en y gnd x1 x2 001aad592 1 2 3 6 v cc 5 4 74aup1z04 gnd 001aad593 en x1 v cc y x2 transparent top view 2 3 1 5 4 6 74aup1z04 gnd 001aad594 en x1 v cc y x2 transparent top view 2 3 1 5 4 6 table 3. pin description symbol pin description en 1 enable input (active low) gnd 2 ground (0 v) x1 3 data input x2 4 data output v cc 5 supply voltage y 6 data output table 4. function table [1] input output en x1 x2 y llhl lhlh hl hl hhl h
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 4 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 8. limiting values [1] the minimum input and output voltage ratings may be exceed ed if the input and output current ratings are observed. [2] for sc-88 packages: above 87.5 ? c the value of p tot derates linearly with 4.0 mw/k. for xson6 packages: above 118 ? c the value of p tot derates linearly with 7.8 mw/k. 9. recommended operating conditions table 5. limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage ? 0.5 +4.6 v i ik input clamping current v i <0v ? 50 - ma v i input voltage [1] ? 0.5 +4.6 v i ok output clamping current v o <0v ? 50 - ma v o output voltage [1] ? 0.5 v cc +0.5 v i o output current v o =0 vtov cc - ? 20 ma i cc supply current - 50 ma i gnd ground current ? 50 - ma t stg storage temperature ? 65 +150 ?c p tot total power dissipation t amb = ? 40 ? c to +125 ?c [2] -2 5 0m w table 6. recommended operating conditions symbol parameter conditions min max unit v cc supply voltage 0.8 3.6 v v i input voltage 0 3.6 v v o output voltage 0 v cc v t amb ambient temperature ? 40 +125 ?c ? t/ ? v input transition rise and fall rate v cc = 0.8 v to 3.6 v - 200 ns/v
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 5 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 10. static characteristics table 7. static characteristics at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb = 25 ?c v ih high-level input voltage x1 input v cc = 0.8 v to 3.6 v 0.75 ? v cc -- v en input v cc = 0.8 v 0.70 ? v cc -- v v cc = 0.9 v to 1.95 v 0.65 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage x1 input v cc = 0.8 v to 3.6 v - - 0.25 ? v cc v en input v cc = 0.8 v - - 0.30 ? v cc v v cc = 0.9 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v v oh high-level output voltage y output; v i at x1 input = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.75 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.11 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.32 - - v i o = ? 2.3 ma; v cc = 2.3 v 2.05 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.9 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.72 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.6 - - v x2 output; v i =gndorv cc i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.75 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.11 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.32 - - v i o = ? 2.3 ma; v cc = 2.3 v 2.05 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.9 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.72 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.6 - - v
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 6 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor v ol low-level output voltage y output; v i at x1 input = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v x2 output; v i =gndorv cc i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.31 v i o = 1.9 ma; v cc = 1.65 v - - 0.31 v i o = 2.3 ma; v cc = 2.3 v - - 0.31 v i o = 3.1 ma; v cc = 2.3 v - - 0.44 v i o = 2.7 ma; v cc = 3.0 v - - 0.31 v i o = 4.0 ma; v cc = 3.0 v - - 0.44 v i i input leakage current x1 input v i = en = v cc ; v cc =0vto3.6v - - ? 0.1 ? a en input v i = gnd to 3.6 v; v cc =0vto3.6v -- ? 0.1 ? a i pu pull-up current x1 input; en = v cc v i = gnd; v cc = 0.8 v to 3.6 v - - 15 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v [1] -- ? 0.2 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v [1] -- ? 0.2 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; en =gnd; v cc = 0.8 v to 3.6 v --75 ? a ? i cc additional supply current en input v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v --40 ? a c i input capacitance x1 input v cc = 0 v to 3.6 v; v i =gndorv cc -1 . 3-p f en input v cc = 0 v to 3.6 v; v i =gndorv cc -0 . 8-p f table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 7 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor c o output capacitance x2 output v o = gnd; v cc = 0 v - 1.5 - pf y output v o = gnd; v cc = 0 v - 1.7 - pf g fs forward transconductance see figure 10 and figure 11 v cc = 0.8 v - - - ma/v v cc = 1.1 v to 1.3 v 0.2 - 9.9 ma/v v cc = 1.4 v to 1.6 v 3.9 - 17.7 ma/v v cc = 1.65 v to 1.95 v 7.9 - 24.3 ma/v v cc = 2.3 v to 2.7 v 18 - 30.7 ma/v v cc = 3.0 v to 3.6 v 20.5 - 32.4 ma/v r bias bias resistance en =gnd; f i = 0 hz; v i = 0 v or v cc ; see figure 5 ; for frequency behavior see figure 6 1.08 1.62 3.08 m ? t amb = ? 40 ?c to +85 ?c v ih high-level input voltage x1 input v cc = 0.8 v to 3.6 v 0.75 ? v cc -- v en input v cc = 0.8 v 0.70 ? v cc -- v v cc = 0.9 v to 1.95 v 0.65 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage x1 input v cc = 0.8 v to 3.6 v - - 0.25 ? v cc v en input v cc = 0.8 v - - 0.30 ? v cc v v cc = 0.9 v to 1.95 v - - 0.35 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 8 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor v oh high-level output voltage y output; v i at x1 input = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.7 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.03 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.30 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.97 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.85 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.67 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.55 - - v v i at x1 input = v ih or v il i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.1 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.7 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 1.03 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.30 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.97 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.85 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.67 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.55 - - v v ol low-level output voltage y output; v i at x1 input = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v i o = 4.0 ma; v cc = 3.0 v - - 0.45 v x2 output; v i =gndorv cc i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.1 v i o = 1.1 ma; v cc = 1.1 v - - 0.3 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.37 v i o = 1.9 ma; v cc = 1.65 v - - 0.35 v i o = 2.3 ma; v cc = 2.3 v - - 0.33 v i o = 3.1 ma; v cc = 2.3 v - - 0.45 v i o = 2.7 ma; v cc = 3.0 v - - 0.33 v i o = 4.0 ma; v cc = 3.0 v - - 0.45 v table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 9 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor i i input leakage current x1 input v i = en = v cc ; v cc =0vto3.6v - - ? 0.5 ? a en input v i = gnd to 3.6 v; v cc =0vto3.6v -- ? 0.5 ? a i pu pull-up current x1 input; en = v cc v i = gnd; v cc = 0.8 v to 3.6 v - - 15 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v [1] -- ? 0.5 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v [1] -- ? 0.6 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; en =gnd; v cc = 0.8 v to 3.6 v --7 5 ? a ? i cc additional supply current en input v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v --50 ? a g fs forward transconductance see figure 10 and figure 11 v cc = 0.8 v - - - ma/v v cc = 1.1 v to 1.3 v - - 10.8 ma/v v cc = 1.4 v to 1.6 v 1.8 - 21.2 ma/v v cc = 1.65 v to 1.95 v 7.5 - 29.9 ma/v v cc = 2.3 v to 2.7 v 15.0 - 38.0 ma/v v cc = 3.0 v to 3.6 v 17.8 - 39.2 ma/v r bias bias resistance en =gnd; f i = 0 hz; v i = 0 v or v cc ; see figure 5 ; for frequency behavior see figure 6 1.07 - 3.11 m ? t amb = ? 40 ? c to +125 ?c v ih high-level input voltage x1 input v cc = 0.8 v to 3.6 v 0.75 ? v cc -- v en input v cc = 0.8 v 0.75 ? v cc -- v v cc = 0.9 v to 1.95 v 0.70 ? v cc -- v v cc = 2.3 v to 2.7 v 1.6 - - v v cc = 3.0 v to 3.6 v 2.0 - - v v il low-level input voltage x1 input v cc = 0.8 v to 3.6 v - - 0.25 ? v cc v en input v cc = 0.8 v - - 0.25 ? v cc v v cc = 0.9 v to 1.95 v - - 0.30 ? v cc v v cc = 2.3 v to 2.7 v - - 0.7 v v cc = 3.0 v to 3.6 v - - 0.9 v table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 10 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor v oh high-level output voltage y output; v i at x1 input = v ih or v il v i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.11 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.6 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 0.93 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.17 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.77 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.67 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.40 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.30 - - v x2 output; v i =gndorv cc v i o = ? 20 ? a; v cc = 0.8 v to 3.6 v v cc ? 0.11 - - v i o = ? 1.1 ma; v cc = 1.1 v 0.6 ? v cc -- v i o = ? 1.7 ma; v cc = 1.4 v 0.93 - - v i o = ? 1.9 ma; v cc = 1.65 v 1.17 - - v i o = ? 2.3 ma; v cc = 2.3 v 1.77 - - v i o = ? 3.1 ma; v cc = 2.3 v 1.67 - - v i o = ? 2.7 ma; v cc = 3.0 v 2.40 - - v i o = ? 4.0 ma; v cc = 3.0 v 2.30 - - v v ol low-level output voltage y output; v i at x1 input = v ih or v il i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v i o = 4.0 ma; v cc = 3.0 v - - 0.50 v x2 output; v i =gndorv cc i o = 20 ? a; v cc = 0.8 v to 3.6 v - - 0.11 v i o = 1.1 ma; v cc = 1.1 v - - 0.33 ? v cc v i o = 1.7 ma; v cc = 1.4 v - - 0.41 v i o = 1.9 ma; v cc = 1.65 v - - 0.39 v i o = 2.3 ma; v cc = 2.3 v - - 0.36 v i o = 3.1 ma; v cc = 2.3 v - - 0.50 v i o = 2.7 ma; v cc = 3.0 v - - 0.36 v i o = 4.0 ma; v cc = 3.0 v - - 0.50 v table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 11 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor [1] only for output y and input en . i i input leakage current x1 input v i = en = v cc ; v cc =0vto3.6v - - ? 0.75 ? a en input v i = gnd to 3.6 v; v cc =0vto3.6v -- ? 0.75 ? a i pu pull-up current x1 input; en = v cc v i = gnd; v cc = 0.8 v to 3.6 v - - 15 ? a i off power-off leakage current v i or v o = 0 v to 3.6 v; v cc = 0 v [1] -- ? 0.75 ? a ? i off additional power-off leakage current v i or v o = 0 v to 3.6 v; v cc =0vto0.2v [1] -- ? 0.75 ? a i cc supply current v i = gnd or v cc ; i o = 0 a; en =gnd; v cc = 0.8 v to 3.6 v --7 5 ? a ? i cc additional supply current en input v i = v cc ? 0.6 v; i o = 0 a; v cc =3.3v --75 ? a g fs forward transconductance see figure 10 and figure 11 v cc = 0.8 v - - - ma/v v cc = 1.1 v to 1.3 v - - 10.8 ma/v v cc = 1.4 v to 1.6 v 1.8 - 21.2 ma/v v cc = 1.65 v to 1.95 v 6.9 - 29.9 ma/v v cc = 2.3 v to 2.7 v 13.4 - 38.0 ma/v v cc = 3.0 v to 3.6 v 15.8 - 39.2 ma/v r bias bias resistance en =gnd; f i = 0 hz; v i = 0 v or v cc ; see figure 5 ; for frequency behavior see figure 6 1.07 - 3.11 m ? table 7. static characteristics ?continued at recommended operating conditions; volt ages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit fig 5. test circuit for measuring bias resistance v o i i 001aai359 v cc x 2 x 1 r bias v i r bias v o v i ? i i ------------------ =
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 12 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 11. dynamic characteristics (1) f i = 30 khz. (2) f i =1 mhz. (3) f i = 10 mhz. fig 6. typical bias resistance versus supply voltage v cc (v) 1.0 3.5 3.0 2.0 2.5 1.5 001aai159 8 12 4 16 20 r bias (m) 0 (1) (2) (3) table 8. dynamic characteristics voltages are referenced to gnd (ground = 0 v); for test circuit see figure 9 . symbol parameter conditions t amb =25 ? c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c) c l = 5 pf t pd propagation delay x1 to x2; see figure 7 [2] v cc = 0.8 v - 12.8 - - - - ns v cc = 1.1 v to 1.3 v 1.2 3.0 3.9 1.2 3.9 3.9 ns v cc = 1.4 v to 1.6 v 1.0 2.2 2.6 1.0 2.7 2.7 ns v cc = 1.65 v to 1.95 v 0.8 1.9 2.3 0.8 2.4 2.5 ns v cc = 2.3 v to 2.7 v 0.7 1.6 1.9 0.7 2.0 2.0 ns v cc = 3.0 v to 3.6 v 0.7 1.4 1.6 0.7 1.7 1.7 ns x1 to y; see figure 8 [2] v cc = 0.8 v - 39.2 - - - - ns v cc = 1.1 v to 1.3 v 2.5 8.0 10.7 2.3 10.8 10.9 ns v cc = 1.4 v to 1.6 v 2.2 5.5 6.6 2.0 7.0 7.0 ns v cc = 1.65 v to 1.95 v 1.8 4.4 5.5 1.7 5.9 6.0 ns v cc = 2.3 v to 2.7 v 1.5 3.5 4.1 1.4 4.4 4.5 ns v cc = 3.0 v to 3.6 v 1.5 3.1 3.5 1.4 3.8 3.8 ns
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 13 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor c l = 10 pf t pd propagation delay x1 to x2; see figure 7 [2] v cc = 0.8 v - 20.9 - - - - ns v cc = 1.1 v to 1.3 v 1.4 4.1 5.4 1.3 5.6 5.6 ns v cc = 1.4 v to 1.6 v 1.3 2.9 3.6 1.2 3.8 3.8 ns v cc = 1.65 v to 1.95 v 1.2 2.5 3.0 1.1 3.2 3.2 ns v cc = 2.3 v to 2.7 v 0.9 2.0 2.4 0.8 2.5 2.5 ns v cc = 3.0 v to 3.6 v 0.9 1.8 2.1 0.8 2.3 2.3 ns x1 to y; see figure 8 [2] v cc = 0.8 v - 46.6 - - - - ns v cc = 1.1 v to 1.3 v 2.7 9.2 12.4 2.5 12.7 12.7 ns v cc = 1.4 v to 1.6 v 2.5 6.3 7.8 2.2 8.2 8.2 ns v cc = 1.65 v to 1.95 v 2.3 5.0 6.2 2.2 6.7 6.7 ns v cc = 2.3 v to 2.7 v 1.8 4.0 4.7 1.7 5.0 5.1 ns v cc = 3.0 v to 3.6 v 1.9 3.6 4.2 1.8 4.5 4.5 ns c l = 15 pf t pd propagation delay x1 to x2; see figure 7 [2] v cc = 0.8 v - 28.9 - - - - ns v cc = 1.1 v to 1.3 v 1.7 5.2 7.1 1.6 7.2 7.3 ns v cc = 1.4 v to 1.6 v 1.6 3.6 4.4 1.6 4.7 4.8 ns v cc = 1.65 v to 1.95 v 1.3 3.0 3.7 1.3 3.9 4.0 ns v cc = 2.3 v to 2.7 v 1.0 2.4 2.9 1.0 3.1 3.1 ns v cc = 3.0 v to 3.6 v 1.1 2.2 2.5 1.0 2.7 2.7 ns x1 to y; see figure 8 [2] v cc = 0.8 v - 53.9 - - - - ns v cc = 1.1 v to 1.3 v 3.1 10.4 14.2 2.8 14.6 14.7 ns v cc = 1.4 v to 1.6 v 2.9 7.0 8.5 2.7 9.2 9.3 ns v cc = 1.65 v to 1.95 v 2.5 5.6 6.9 2.3 7.4 7.5 ns v cc = 2.3 v to 2.7 v 2.1 4.5 5.4 2.0 5.7 5.7 ns v cc = 3.0 v to 3.6 v 2.3 4.1 4.7 2.1 5.1 5.1 ns table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 9 . symbol parameter conditions t amb =25 ? c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c)
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 14 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor [1] all typical values are measured at nominal v cc . [2] t pd is the same as t plh and t phl . [3] all specified values are the avera ge typical values over all stated loads. [4] c pd is used to determine the dynamic power dissipation (p d in ? w). p d =c pd ? v cc 2 ? f i ? n+ ? (c l ? v cc 2 ? f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l ? v cc 2 ? f o ) = sum of the outputs. [5] feedback current is included in the c pd . c l = 30 pf t pd propagation delay x1 to x2; see figure 7 [2] v cc = 0.8 v - 52.8 - - - - ns v cc = 1.1 v to 1.3 v 2.4 8.5 11.8 2.3 12.2 12.4 ns v cc = 1.4 v to 1.6 v 2.2 5.6 6.8 2.0 7.5 7.6 ns v cc = 1.65 v to 1.95 v 2.0 4.5 5.6 1.9 6.2 6.2 ns v cc = 2.3 v to 2.7 v 1.5 3.7 4.2 1.4 4.6 4.6 ns v cc = 3.0 v to 3.6 v 1.7 3.3 3.7 1.6 4.0 4.2 ns x1 to y; see figure 8 [2] v cc = 0.8 v - 77.6 - - - - ns v cc = 1.1 v to 1.3 v 3.7 13.8 19.2 3.3 19.8 20.1 ns v cc = 1.4 v to 1.6 v 3.4 9.2 11.2 3.1 12.2 12.3 ns v cc = 1.65 v to 1.95 v 3.4 7.4 8.8 3.1 9.7 9.7 ns v cc = 2.3 v to 2.7 v 2.6 5.9 6.7 2.4 7.4 7.4 ns v cc = 3.0 v to 3.6 v 3.2 5.4 6.2 2.9 6.7 6.9 ns c l = 5 pf, 10 pf, 15 pf and 30 pf c pd power dissipation capacitance f i = 1 mhz; en = gnd; v i = gnd to v cc [3] [4] [5] v cc = 0.8 v - 6.8 - - - - pf v cc = 1.1 v to 1.3 v - 12.0 - - - - pf v cc = 1.4 v to 1.6 v - 18.2 - - - - pf v cc = 1.65 v to 1.95 v - 19.2 - - - - pf v cc = 2.3 v to 2.7 v - 21.9 - - - - pf v cc = 3.0 v to 3.6 v - 24.9 - - - - pf table 8. dynamic characteristics ?continued voltages are referenced to gnd (ground = 0 v); for test circuit see figure 9 . symbol parameter conditions t amb =25 ? c t amb = ? 40 ? c to +125 ?c unit min typ [1] max min max (85 ?c) max (125 ?c)
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 15 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 12. waveforms measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 7. the input (x1) to output (x2) propagation delays mnb099 x1 input x2 output t phl t plh gnd v i v m v m v oh v ol measurement points are given in table 9 . logic levels: v ol and v oh are typical output voltage drop that occur with the output load. fig 8. the input (x1) to output (y) propagation delays mnb100 x1 input y output t phl t plh gnd v i v m v m v oh v ol table 9. measurement points supply voltage output input v cc v m v m v i t r = t f 0.8 v to 3.6 v 0.5 ? v cc 0.5 ? v cc v cc ? 3.0 ns
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 16 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor [1] for measuring enable and disable times r l = 5 k ? , for measuring propagation delays, setup and hold times and pulse width r l = 1 m ? . test data is given in table 10 . definitions for test circuit: r l = load resistance. c l = load capacitance including jig and probe capacitance. r t = termination resistance should be equal to the output impedance z o of the pulse generator. v ext = external voltage for measuring switching times. fig 9. test circuit for measuring switching times 001aac521 dut r t v i v o v ext v cc r l 5 k c l g table 10. test data supply voltage load v ext v cc c l r l [1] t plh , t phl t pzh , t phz t pzl , t plz 0.8 v to 3.6 v 5 pf, 10 pf, 15 pf and 30 pf 5 k ? or 1 m ? open gnd 2 ? v cc
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 17 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 13. application information crystal controlled oscillator circuits are widely used in clock pulse ge nerators because of their excellent frequency st ability and wide operating frequ ency range. the use of the 74aup1z04 provides the additional advantages of low power dissipation, stable operation over a wide range of frequency and temperature and a very small footprint. this application information describes crystal char acteristics, design and testing of crystal oscillator circuits based on the 74aup1z04. 13.1 crystal characteristics figure 12 is the equivalent circuit of a quartz crystal. the reactive and resistive co mponent of the impedance of the crystal alone and the crystal with a series and a parallel capacitance is shown in figure 13 . f i = 1 khz. v o is constant. t amb = 25 ? c. fig 10. test set-up for measuring forward transconductance fig 11. typical forward transconductance as a function of supply voltage 001aai360 0.47 f 100 f v cc x 2 x 1 v i i o r bias v cc (v) 04 3 12 001aad074 10 20 30 g fs (ma/v) 0 g fs ? i o ? v i --------- = fig 12. equivalent circuit of a crystal 001aai361 c x1 c x0 l x1 r x1 =
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 18 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 13.1.1 design figure 14 shows the recommended way to connect a crystal to the 74aup1z04. this circuit is basically a pierce oscillator circuit in which the crystal is operating at its fundamental frequency and is tuned by the parallel load capacitance of c 1 and c 2 . c 1 and c 2 are in series with the crystal. they should be approximately equal. r 1 is the drive-limiting resistor and is set to approxima tely the same value as the reactance of c 1 at the crystal frequency (r 1 =x c1 ). this will result in an input to the crystal of 50 % of the rail-to-rail output of x2. this keeps the drive level into the crystal within drive specifications (the designer should verify th is). overdriving the crystal can cause damage. the internal bias resistor provides negative fe edback and sets a bias point of the inverter near mid-supply, operating the 74aup1gu04 portion in the high gain linear region. to calculate the values of c 1 and c 2 , the designer can use the formula: c l is the load capacitance as specified by the crystal manufacturer, c s is the stray capacitance of the circuit (for the 74aup1z04 this is equal to an input capacitance of 1.5 pf). (1) resonance (2) anti-resonance (3) load resonance fig 13. reactance and resistance characteristics of a crystal 001aai362 r 1 f r f r f resistance reactance f a r l f l f resistance reactance f a r p f l f resistance reactance f a 0 + 0 + 0 + c x1 c x0 l x1 r x1 c x1 c l c l c x0 l x1 r x1 c x1 c x0 l x1 r x1 (3) (2) (1) c l c 1 c 2 ? c 1 c 2 + ------------------- c s + =
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 19 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 13.1.2 testing after the calculations are perfor med for a particular crystal, t he oscillator circuit should be tested. the following simple checks will verify the prototype design of a crystal controlled oscillator circuit. perform th em after laying out the board: ? test the oscillator over worst-case conditions (lowest supply voltage, worst-case crystal and highest operating temperature). adding series and parallel resistors can simulate a worst-case crystal. ? insure that the circuit does no t oscillate without the crystal. ? check the frequency stability over a supply range greater than that which is likely to occur during normal operation. ? check that the start-up time is within system requirements. as the 74aup1z04 isolates the system loading, once the design is optimized, the single layout may work in multiple a pplications for any given crystal. fig 14. crystal oscillator configuration for the 74aup1z04 001aai363 c 2 r bias c 1 r 1 c sys r sys xtal 74aup1gu04 portion x1 x2 y 74aup1g04 portion system load
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 20 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 14. package outline fig 15. package outline sot363 (sc-88) references outline version european projection issue date iec jedec jeita sot363 sc-88 wb m b p d e 1 e pin 1 index a a 1 l p q detail x h e e v m a a b y 0 1 2 mm scale c x 13 2 45 6 plastic surface-mounted package; 6 leads sot363 unit a 1 max b p cd e e 1 h e l p qy wv mm 0.1 0.30 0.20 2.2 1.8 0.25 0.10 1.35 1.15 0.65 e 1.3 2.2 2.0 0.2 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.25 0.15 a 1.1 0.8 04-11-08 06-03-16
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 21 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor fig 16. package outline sot886 (xson6) references outline version european projection issue date iec jedec jeita sot886 mo-252 sot886_po 04-07-22 12-01-05 unit mm max nom min 0.5 0.04 1.50 1.45 1.40 1.05 1.00 0.95 0.35 0.30 0.27 0.40 0.35 0.32 0.6 a (1) dimensions (mm are the original dimensions) notes 1. including plating thickness. 2. can be visible in some manufacturing processes. xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1.45 x 0.5 mm sot886 a 1 b 0.25 0.20 0.17 deee 1 0.5 ll 1 terminal 1 index area d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale 1 6 2 5 3 4 6x (2) 4x (2) a
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 22 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor fig 17. package outline sot891 (xson6) terminal 1 index area references outline version european projection issue date iec jedec jeita sot891 sot891 05-04-06 07-05-15 xson6: plastic extremely thin small outline package; no leads; 6 terminals; body 1 x 1 x 0.5 mm d e e 1 e a 1 b l l 1 e 1 0 1 2 mm scale dimensions (mm are the original dimensions) unit mm 0.20 0.12 1.05 0.95 0.35 0.27 a 1 max b e 1.05 0.95 d ee 1 l 0.40 0.32 l 1 0.35 0.55 a max 0.5 0.04 1 6 2 5 3 4 a 6 (1) 4 (1) note 1. can be visible in some manufacturing processes.
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 23 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor fig 18. package outline sot1115 (xson6) references outline version european projection issue date iec jedec jeita sot1115 sot1115_po 10-04-02 10-04-07 unit mm max nom min 0.35 0.04 0.95 0.90 0.85 1.05 1.00 0.95 0.55 0.3 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson6: extremely thin small outline package; no leads; 6 terminals; body 0.9 x 1.0 x 0.35 mm sot1115 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4) (2) e 1 e 1 e l l 1 b 321 6 5 4 (6) (2) a 1 a
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 24 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor fig 19. package outline sot1202 (xson6) references outline version european projection issue date iec jedec jeita sot1202 sot1202_po 10-04-02 10-04-06 unit mm max nom min 0.35 0.04 1.05 1.00 0.95 1.05 1.00 0.95 0.55 0.35 0.40 0.35 0.32 a (1) dimensions note 1. including plating thickness. 2. visible depending upon used manufacturing technology. xson6: extremely thin small outline package; no leads; 6 terminals; body 1.0 x 1.0 x 0.35 mm sot1202 a 1 b 0.20 0.15 0.12 deee 1 l 0.35 0.30 0.27 l 1 0 0.5 1 mm scale terminal 1 index area d e (4) (2) e 1 e 1 e l b 123 l 1 6 5 4 (6) (2) a a 1
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 25 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 15. abbreviations 16. revision history table 11. abbreviations acronym description cdm charged device model dut device under test esd electrostatic discharge hbm human body model mm machine model table 12. revision history document id release date data sheet status change notice supersedes 74aup1z04 v.5 20120809 product data sheet - 74aup1z04 v.4 modifications: ? package outline drawing of sot886 ( figure 16 ) modified. 74aup1z04 v.4 20111201 product data sheet - 74aup1z04 v.3 modifications: ? legal pages updated. 74aup1z04 v.3 20100722 product data sheet - 74aup1z04 v.2 74aup1z04 v.2 20080703 product data sheet - 74aup1z04 v.1 74aup1z04 v.1 20061212 product data sheet - -
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 26 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor 17. legal information 17.1 data sheet status [1] please consult the most recently issued document before initiating or completing a design. [2] the term ?short data sheet? is explained in section ?definitions?. [3] the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple device s. the latest product status information is available on the internet at url http://www.nxp.com . 17.2 definitions draft ? the document is a draft versi on only. the content is still under internal review and subject to formal approval, which may result in modifications or additions. nxp semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall hav e no liability for the consequences of use of such information. short data sheet ? a short data sheet is an extract from a full data sheet with the same product type number(s) and title. a short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. for detailed and full information see the relevant full data sheet, which is available on request vi a the local nxp semiconductors sales office. in case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail. product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer , unless nxp semiconductors and customer have explicitly agreed otherwis e in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. 17.3 disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such info rmation. nxp semiconductors takes no responsibility for the content in this document if provided by an information source outside of nxp semiconductors. in no event shall nxp semiconductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without limitation - lost profits, lost savings, business interruption, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semiconductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors and its suppliers accept no liability for inclusion and/or use of nxp semiconducto rs products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are for illustrative purpos es only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assistance with applications or customer product design. it is customer?s sole responsibility to determine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as fo r the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products. nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applic ations and products using nxp semiconductors products in order to av oid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will cause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeated exposure to limiting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the gener al terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms , unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconducto rs products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products t hat is open for acceptance or the grant, conveyance or implication of any lic ense under any copyrights, patents or other industrial or intellectual property rights. document status [1] [2] product status [3] definition objective [short] data sheet development this document contains data from the objecti ve specification for product development. preliminary [short] data sheet qualification this document contains data from the preliminary specification. product [short] data sheet production this document contains the product specification.
74aup1z04 all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2012. all rights reserved. product data sheet rev. 5 ? 9 august 2012 27 of 28 nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor export control ? this document as well as the item(s) described herein may be subject to export control regu lations. export might require a prior authorization from competent authorities. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semicon ductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liabili ty for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses t he product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semiconductors? warranty of the product for such automotive applicat ions, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive app lications beyond nxp semiconductors? standard warranty and nxp semiconduct ors? product specifications. translations ? a non-english (translated) version of a document is for reference only. the english version shall prevail in case of any discrepancy between the translated and english versions. 17.4 trademarks notice: all referenced brands, produc t names, service names and trademarks are the property of their respective owners. 18. contact information for more information, please visit: http://www.nxp.com for sales office addresses, please send an email to: salesaddresses@nxp.com
nxp semiconductors 74aup1z04 low-power x-tal driver with enable and internal resistor ? nxp b.v. 2012. all rights reserved. for more information, please visit: http://www.nxp.com for sales office addresses, please se nd an email to: salesaddresses@nxp.com date of release: 9 august 2012 document identifier: 74aup1z04 please be aware that important notices concerning this document and the product(s) described herein, have been included in section ?legal information?. 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features and benefits . . . . . . . . . . . . . . . . . . . . 1 3 ordering information . . . . . . . . . . . . . . . . . . . . . 2 4 marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 2 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 3 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 3 7 functional description . . . . . . . . . . . . . . . . . . . 3 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4 9 recommended operating conditions. . . . . . . . 4 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 5 11 dynamic characteristics . . . . . . . . . . . . . . . . . 12 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 13 application information. . . . . . . . . . . . . . . . . . 17 13.1 crystal characteristics. . . . . . . . . . . . . . . . . . . 17 13.1.1 design . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 13.1.2 testing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 14 package outline . . . . . . . . . . . . . . . . . . . . . . . . 20 15 abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . . 25 16 revision history . . . . . . . . . . . . . . . . . . . . . . . . 25 17 legal information. . . . . . . . . . . . . . . . . . . . . . . 26 17.1 data sheet status . . . . . . . . . . . . . . . . . . . . . . 26 17.2 definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 17.3 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 26 17.4 trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . 27 18 contact information. . . . . . . . . . . . . . . . . . . . . 27 19 contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28


▲Up To Search▲   

 
Price & Availability of 74AUP1Z04GM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X