Part Number Hot Search : 
BA2901SF 15KE13A M74HC 86100DU CBC3150 4PUS24V HT7718 S3C72
Product Description
Full Text Search
 

To Download 74ACT541MTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/9 april 2001 n high speed: t pd = 4ns (typ.) at v cc =5v n low power dissipation: i cc =4 m a(max.) at t a =25 c n compatible with ttl outputs v ih = 2v (min.), v il = 0.8v (max.) n 50 w transmission line driving capability n symmetrical output impedance: |i oh |=i ol = 24ma (min) n balanced propagation delays: t plh @ t phl n operating voltage range: v cc (opr) = 4.5v to 5.5v n pin and function compatible with 74 series 541 n improved latch-up immunity description the 74act541 is an advanced high-speed cmos octal bus buffer (3-state) fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos tecnology. the 3 state control gate operates as two input and such that if either g1 and g2 are high, all eight outputs are in the high impedance state. in order to enhance pc board layout, the 74act541 offers a pinout having inputs and outputs on opposite sides of the package. this device is designed to interface directly high speed cmos systems with ttl, nmos and cmos output voltage levlels. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74act541 octal bus buffer with 3 state outputs (non inverted) pin connection and iec logic symbols order codes package tube t & r dip 74act541b sop 74act541m 74ACT541MTR tssop 74act541ttr tssop dip sop
74act541 2/9 input and output equivalent circuit pin description truth table x : don't care z : high impedance absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. recommended operating conditions 1) v in from 0.8v to 2.0v pin no symbol name and function 1, 19 g1, g2 output enable inputs 2, 3, 4, 5, 6, 7, 8, 9 a1 to a8 data inputs 18, 17, 16, 15, 14, 13, 12, 11 y1 to y8 data outputs 10 gnd ground (0v) 20 v cc positive supply voltage inputs output g1 g2 an yn hxxz xhxz llhh llll symbol parameter value unit v cc supply voltage -0.5 to +7 v v i dc input voltage -0.5 to v cc + 0.5 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current 20 ma i ok dc output diode current 20 ma i o dc output current 50 ma i cc or i gnd dc v cc or ground current 400 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 4.5 to 5.5 v v i input voltage 0 to v cc v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time v cc = 4.5 to 5.5v (note 1) 8 ns/v
74act541 3/9 dc specifications 1) maximum test duration 2ms, one output loaded at time 2) incident wave switching is guaranteed on transmission lines with impedances as low as 50 w ac electrical characteristics (c l = 50 pf, r l = 500 w , input t r =t f = 3ns) (*) voltage range is 5.0v 0.5v symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. v ih high level input voltage 4.5 v o = 0.1 v or v cc -0.1v 2.0 1.5 2.0 2.0 v 5.5 2.0 1.5 2.0 2.0 v il low level input voltage 4.5 v o = 0.1 v or v cc -0.1v 1.5 0.8 0.8 0.8 5.5 1.5 0.8 0.8 0.8 v v oh high level output voltage 4.5 i o =-50 m a 4.4 4.49 4.4 4.4 5.5 i o =-50 m a 5.4 5.49 5.4 5.4 4.5 i o =-24 ma 3.86 3.76 3.7 v 5.5 i o =-24 ma 4.86 4.76 4.7 v ol low level output voltage 4.5 i o =50 m a 0.001 0.1 0.1 0.1 5.5 i o =50 m a 0.001 0.1 0.1 0.1 4.5 i o =24 ma 0.36 0.44 0.5 5.5 i o =24 ma 0.36 0.44 0.5 i i input leakage cur- rent 5.5 v i =v cc or gnd 0.1 1 1 m a i oz high impedance output leakege current 5.5 v i =v ih or v il v o =v cc or gnd 0.5 5 5 m a i cct max i cc /input 5.5 v i =v cc - 2.1v 0.6 1.5 1.6 ma i cc quiescent supply current 5.5 v i =v cc or gnd 44080 m a i old dynamic output current (note 1, 2) 5.5 v old = 1.65 v max 75 50 ma i ohd v ohd = 3.85 v min -75 -50 ma symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. t plh t phl propagation delay time 5.0 (*) 1.5 4.0 6.5 1.5 8.0 1.5 8.0 ns t pzl t pzh output enable time 5.0 (*) 1.5 6.0 7.8 1.5 9.0 1.5 9.0 ns t plz t phz output disable time 5.0 (*) 1.5 5.0 7.8 1.5 9.0 1.5 9.0 ns
74act541 4/9 capacitive characteristics 1) c pd is defined as the value of the ic's internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) =c pd xv cc xf in +i cc /n (per circuit) test circuit c l = 50pf or equivalent (includes jig and probe capacitance) r l =r 1 = 500 w or equivalent r t =z out of pulse generator (typically 50 w ) symbol parameter test condition value unit v cc (v) t a =25 c -40 to 85 c -55 to 125 c min. typ. max. min. max. min. max. c in input capacitance 5.0 4 pf c out output capacitance 5.0 8 pf c pd power dissipation capacitance (note 1) 5.0 f in = 10mhz 22 pf test switch t plh ,t phl open t pzl ,t plz 2v cc t pzh ,t phz open
74act541 5/9 waveform 1: propagation delays (f=1mhz; 50% duty cycle) waveform 2: output enable and disable time (f=1mhz; 50% duty cycle)
74act541 6/9 dim. mm inch min. typ. max. min. typ. max. a1 0.254 0.010 b 1.39 1.65 0.055 0.065 b 0.45 0.018 b1 0.25 0.010 d 25.4 1.000 e 8.5 0.335 e 2.54 0.100 e3 22.86 0.900 f 7.1 0.280 i 3.93 0.155 l 3.3 0.130 z 1.34 0.053 p001j plastic dip-20 (0.25) mechanical data
74act541 7/9 dim. mm inch min. typ. max. min. typ. max. a 2.65 0.104 a1 0.10 0.20 0.004 0.007 a2 2.45 0.096 b 0.35 0.49 0.013 0.019 b1 0.23 0.32 0.009 0.012 c 0.50 0.020 c1 45 (typ.) d 12.60 13.00 0.496 0.512 e 10.00 10.65 0.393 0.419 e 1.27 0.050 e3 11.43 0.450 f 7.40 7.60 0.291 0.299 l 0.50 1.27 0.19 0.050 m 0.75 0.029 s 8 (max.) p013l so-20 mechanical data
74act541 8/9 dim. mm inch min. typ. max. min. typ. max. a 1.1 0.433 a1 0.05 0.10 0.15 0.002 0.004 0.006 a2 0.85 0.9 0.95 0.335 0.354 0.374 b 0.19 0.30 0.0075 0.0118 c 0.09 0.2 0.0035 0.0079 d 6.4 6.5 6.6 0.252 0.256 0.260 e 6.25 6.4 6.5 0.246 0.252 0.256 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 o 4 o 8 o 0 o 4 o 8 o l 0.50 0.60 0.70 0.020 0.024 0.028 c e b a2 a e1 d 1 pin 1 identification a1 l k e tssop20 mechanical data
74act541 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringe ment of patents or other righ ts of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specifications mentioned in this pub lication are subject to change without notice. thi s pub lication supersedes and replaces all information previously supplied. stmicroelectronics prod ucts are not authori zed for use as critical components in life suppo rt devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - swit zerland - united kingdom ? http://w ww.st.com 9/9


▲Up To Search▲   

 
Price & Availability of 74ACT541MTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X