Part Number Hot Search : 
SMJ24A Y5SA71A C8051F23 MC332 BAS11 2SB1070 BCR20E EPC1010
Product Description
Full Text Search
 

To Download 71719-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 12/18/2014 please check www.molex.com for latest part information part number: 71719-3000 status: active overview: lfh? interconnect system description: 1.27mm pitch lfh? matrix 50 i/o plug cable kit, subassembly, 200 circuits documents: 3d model application specification as-71719-9998 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-71719-9999 (pdf) agency certification csa lr19980 ul e29179 general product family i/o connectors series 71719 application wire-to-board component type plug overview lfh? interconnect system product name lfh? type n/a upc 800754353601 physical circuits (loaded) 200 circuits (maximum) 200 color - resin black flammability 94v-0 lock to mating part none material - plating mating gold material - plating termination tin-lead material - resin high temperature thermoplastic net weight 12.773/g orientation vertical pcb retention n/a packaging type tray panel mount yes pitch - mating interface 1.27mm plating min - mating 0.762m plating min - termination 2.540m polarized to mating part yes surface mount compatible (smc) n/a temperature range - operating -20c to +80c termination interface: style n/a wire size awg 28, 30, 32, 34, 36 electrical current - maximum per contact 1a shielded yes voltage - maximum 40v material info reference - drawing numbers application specification as-71719-9998 product specification ps-71719-9999 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71719 series mates with 71718 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # stick insertion tool with 200 circuit plugs 0622002000
sales drawing sda-71719-3*** this document was generated on 12/18/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 71719-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X