Part Number Hot Search : 
LT10642 R882M0 MAX810ZW 22102 60005 1093P XSD213 295505
Product Description
Full Text Search
 

To Download 5566-06B2-210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 08/26/2014 please check www.molex.com for latest part information part number: 39-29-9066 status: active overview: mini-fit jr.? power connectors description: mini-fit? jr. header, dual row, vertical, with snap-in plastic peg pcb lock, 6 circuits, pa polyamide nylon 6/6 94v-0, tin (sn) plating, with drain holes documents: 3d model test summary ts-5556-002 (pdf) drawing (pdf) rohs certificate of compliance (pdf) product specification ps-5556-001 (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 5566 application power, wire-to-board comments the 5566 header should be used with standard mini- fit? female terminals. if increased amperage of up to 13a per circuit is needed, please consider using the mini-fit? plus hcs family 45750 terminals with 46015 headers; . see molex product specification ps-5666-001 for current de-rating information. overview mini-fit jr.? power connectors product name mini-fit jr.? upc 800754375931 physical breakaway no circuits (loaded) 6 circuits (maximum) 6 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 1.438/g number of rows 2 orientation vertical pc tail length 3.50mm pcb locator yes pcb retention yes pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 4.20mm pitch - termination interface 4.20mm polarized to mating part yes series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 5566 series mates with 5557 mini-fit jr.? receptacle housing
polarized to pcb yes shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 9a voltage - maximum 600v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 240 material info old part number 5566-06B2-210 reference - drawing numbers product specification ps-5556-001 sales drawing sda-5566-n*2*-* test summary ts-5556-002 this document was generated on 08/26/2014 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 5566-06B2-210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X