Part Number Hot Search : 
GM160 020JL 23C5V1 UPB425D TA7687AF MF2000 2SC4357 CXA1380M
Product Description
Full Text Search
 

To Download 3CT06B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r 20 1510f 1 / 6 ? ?? s ensitive g ate scrs 3CT06B order codes ? marking halogen free ? package ? packaging 3CT06B - o - t - n - c 3CT06B to - 92 ? bag 3CT06B - o - t - b - c 3CT06B to - 92 - f1 ? bag 3CT06B - o - n - n - a 3CT06B sot - 223 brede ? main characteristics i t( av ) 0. 63 a v drm /v rrm 600 v i gt 10 - 140 a ? package pin description 1 k 2 ? g 3 a ? ? ? ? applications ? half ac switching ? phase control ? ? ? ? ???? ? ???? ? rohs ? features ? glass - passivated mesa chip for reliability and uniform ? low on - state voltage and high i tsm ? rohs products to - 92 ? order message sot - 223 to - 92 - f1
r 3CT06B 20 15 10f 2 / 6 ?? absolute ratings ( t c = 2 5 ) e l ectrical c haracteristic (t c =25 unless otherwise stated ) ? dynamic characteristics (t c =25 unless otherwise stated ) ? parameter symbol ? value unit ???? repetitive peak off - state voltage v drm 600 v ??? repetitive peak reverse voltage v rrm 600 v ??? average on - state current i t av 0. 63 a ?? on - state rms current ( half sine wave ) i t ( rms ) 1.0 a ????? non - repetitive surge peak on - state current ( half sine wave , t= 1 0ms ) i tsm 8 a ?? peak gate current i gm 1 a ?? ? peak gate voltage v gm 5 v ?? ? peak reverses gate voltage v rg m 5 v ?? peak gate power p gm 2 w ?? average gate power ( over any 20ms period ) p g ( av ) 0.1 w ? storage temperature t stg - 40~150 operation junction temperature t vj 125 ? parameter symbol tests conditions min typ max unit ? ? peak repetitive blocking current i drm v dm =v drm , tj=125 , r gk =1k - - 0.1 ma ? peak repetitive reverse current i rrm v rm =v rrm , tj=125 , r gk =1k - - 0.1 ma ???? peak on - state voltage v tm i tm =2a - 1.8 v ? gate trigger current i gt v dm =12v,i t =0.1a 10 - 140 a ?? gate trigger voltage v gt v dm =12v,i t =0.1a - 0.65 0.8 v ?? holding current i h v dm =12v, i gt =1ma - - 5 ma ? parameter symbol tests conditions min typ max unit ??? critical rate of rise of off - state voltage dv/dt v dm =67% v drm(max) , tj=125 ,rgk=1k 10 - - v/s
r 3CT06B 20 15 10f 3 / 6 ? t c t hermal characteristic electrical characteristics (curves) ??? i t av a ??? v tm v ? parameter symbol ? value unit ?? thermal resistance junction to lead to - 92 r th(j - l) 60 max /w ? thermal resistance junction to tab sot - 223 r th(j - t ) 30 max ? thermal resistance junction to ambient -- to - 92 r th(j - a) 150 typ s=5cm 2 sot - 223 60 typ ?? i t (a) t c - i t av i t C v tm
r 3CT06B 20 15 10f 4 / 6 ? package mechanical data to - 92 unit mm a 3.30 - 3.90 b 0.35 - 0.55 c 0.31 - 0.51 d 4.30 - 4.90 e 4.30 - 4.90 e 1.17 - 1.37 l 12.50 - 15.50 q 1 0.85 - 1.00
r 3CT06B 20 15 10f 5 / 6 ? package mechanical data to - 9 2 - f1 unit mm ? package mechanical data s ot - 223 unit mm a 3.30 - 3.90 b 0.35 - 0.55 c 0.31 - 0.51 d 4.30 - 4.90 e 4.30 - 4.90 e 1.17 - 1.37 l 5.00 - 6.00 l1 2.70 - 3.30 q 1 0.74 - 0.89 a 1.5 0 - 1.7 0 a1 0.02 - 0.10 b 0.60 - 0.80 c 0.24 - 0.31 d 3.30 - 3.70 e 6.30 - 6.50 e1 2.90 - 3.10 e 2.30 type h 6.75 - 7.05 l 0.80 - 1.20 0 - 10
r 3CT06B 20 15 10f 6 / 6 ? appendix ?? revision history date ? last rev. new rev. ? description of changes 2009 - 11 - 3 200901c 200911d ???? ?? 2015 - 9 - 15 200911d 201509e ?? 2015 - 10 - 23 201509e 201510f ? ? ? 1. ?????????? ?? ?? ? ??? 2. ??? ?? ? 3. ????? ? ??? 4 . ??? n ote 1. jilin sino - microelectronics co., ltd sales its product either thro ugh direct sales or sales agent , thus, for customers, when ordering , please check with our company. 2. we strongly recommend customers check carefully on the trademark when buying our product, if there is any question, please dont be hesitate to con tact us. 3. please do not exceed the absolute maximum ratings of the device when circuit designing. 4. jilin sino - microelectronics co . , ltd reserves the right to make changes in this specification sheet and is subject to change without prior notice. ?? ?????? ?? ?? 99 ? 132013 ? 86 - 432 - 6 4678411 86 - 432 - 6 4665812 ? www.hwdz.com.cn ? ? ?? 99 ? 132013 86 - 432 - 6 4675588 6 4675688 6 4678411 : 86 - 432 - 6 4671533 c ontact jilin sino - microelectronics co., ltd. add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel 86 - 432 - 6 4678411 fax 86 - 432 - 6 4665812 web site www.hwdz.com.cn m arket department add: no.99 shenzhen street, jilin city, jilin province, china. post code: 132013 tel: 86 - 432 - 6 4675588 6 4675688 6 4678411 fax: 86 - 432 - 6 4671533


▲Up To Search▲   

 
Price & Availability of 3CT06B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X