Part Number Hot Search : 
LTC1703 24223 MH16S SPD5711 AN8746 10003 78T15 PESD5V
Product Description
Full Text Search
 

To Download 2SB1257-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  jmnic product specification silicon pnp power transistors 2sb1257 description ? with to-220f package ? complement to type 2sd2014 ? high dc current gain ? darlington applications ? driver for solenoid ,relay and motor and general purpose pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ?? ) symbol param eter conditions va lue unit v cbo collector-base voltage open emitter -60 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -6 v i c collector current -4 a i cm collector current-peak -6 a i b base current -1 a p c collector dissipation t c =25 ?? 25 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-220f) and symbol
jmnic product specification 2 silicon pnp power transistors 2sb1257 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-10ma ;i b =0 -60 v v cesat collector-emitter saturation voltage i c =-3a; i b =-6ma -1.5 v v besat base-emitter saturation voltage i c =-3a; i b =-6ma -2.0 v i cbo collector cut-off current v cb =-60v; i e =0 -10 | a i ebo emitter cut-off current v eb =-6v; i c =0 -10 | a h fe dc current gain i c =-3a ; v ce =-4v 2000 f t transition frequency i e =0.2a ; v ce =-12v 150 mhz c ob collector output capacitance i e =0; f=1mhz;v cb =-10v 75 pf switching times t on turn-on time 0.4 | s t s storage time 0.8 | s t f fall time i c =-3a; i b1 =-i b2 =-10ma v cc =-30v ,r l =10 |? 0.6 | s
jmnic product specification 3 silicon pnp power transistors 2sb1257 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SB1257-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X