Part Number Hot Search : 
SXXXFF UPD75 202062 W25X2 CXXXE AT80C5 GBJ5006 TOP234Y
Product Description
Full Text Search
 

To Download 1N5396GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n 5391gp 50 1n5391gp ........ 1n5399gp 1.5 amp. glass passivated junction rectifier glass passivated junction high current capability the plastic material carries u/l recognition 94 v-0 terminals: axial leads polarity: color band denotes cathode mounting instructions 1. min. distance from body to soldering point, 4 mm. 2. max. solder temperature, 350 ?. 3. max. soldering time, 3.5 sec. 4. do not bend lead at a point closer than 2 mm. to the body. dimensions in mm. do-15 (plastic) maximum ratings, according to iec publication no. 134 peak recurrent reverse voltage (v) forward current at tamb = 70 ? recurrent peak forward current 8.3 ms. peak forward surge current v rrm i f(av) i frm i fsm 1.5 a 10 a 50 a t j t stg operating temperature range storage temperature range 65 to + 175 c 65 to + 175 c electrical characteristics at tamb = 25 ? v f max. forward voltage drop at i f = 1.5 a i r r thj-a at 25 c at 100 c thermal resistance (i = 10 mm.) 5 ?a 300 ?a 1.2 v 50 ?/w 30 ?/w max. reverse current at v rrm max. typ. voltage 50 to 1000 v. current 1.5 a. at 70 c. 1n 5392gp 100 1n 5393gp 200 1n 5394gp 300 1n 5395gp 400 1n 5396gp 500 1n 5397gp 600 1n 5398gp 800 1n 5399gp 1000 (jedec method) e rsm maximum non repetitive peak reverse avalanche energy. i r = 1 a ; t j = 25 ? 20 mj ?0.2
t j = 25 ? v f ' instantaneous forward voltage (v) rating and characteristic curves 0.6 0.8 1.2 1.4 1.6 0 25 50 75 100 125 175150 tamb, ambient temperature (c) 10 100 typical junction capacitance v r reverse voltage (v)


▲Up To Search▲   

 
Price & Availability of 1N5396GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X