abspulrichtung - reel off direction 330 tape on reel packaging verpackungseinheit: 600 stck verpackt in gurtverpackung packaging unit: 600pcs 109637 20 109655 109649 10 mating- cycles 15,76 11,43 14,43 32 109666 109660 109654 109648 109642 109636 10 24 8,08 5,08 9,41 id-nr. bei gurtverpackung ist an saughaube immer montiert. tape & reel packaging is always with assembly cap. tube 100 mating- cycles id-nr. tube 10 mating- cycles polzahl no of positions mass a mass b mass c mass d 109643 27,13 44 109668 109662 109656 109650 109644 109638 26 19,57 15,24 18,24 44 109667 109661 interpret dimensions acco rding to ansi y15.5m-1994 masse und toleranzen in bereinstimmung mit ansi y15.5m-1994 / 109671 109665 109659 109653 109647 109641 68 46,24 41,91 44,91 72 109670 109664 109658 109652 109646 109640 50 34,81 30,48 33,48 56 109669 109663 109657 109651 109645 109639 40 28,46 24,13 id-nr. tape&reel 100 mating- cycles id-nr. tape&reel 10 mating- cycles id-nr. tube&cap 100 mating- cycles id-nr. tube&cap 68 13 50 17 40 21 26 31 20 38 10 64 polzahl no. of positions stck / pieces class a3 prior notice. contact one of the erni companies date index minimez with peg for female idc minimez male smt non-bm 109635 5:1 information: tolerances scale www.erni.com before using. in mm i all dimensions drawing will not be updated. subject to modification without designation all rights reserved. only for information. to ensure that this is the latest version of this drawing, please copyright by erni gmbh proprietary notice pursuant to iso 16016 to be observed. 6,11 0,3 3 3,3 5,9 0,3 3,46 0,2 d verpackung stange / stange & ansaughaube packaging tube / tube&cap m 2 : 1 a1 m 2 : 1 layout b1 7,1 0,1 2,8 0,05 1 0,05 1,27 0,05 0,6 0,05 0,64 0,05 b 0,1 c 0,1 1,5 0,05 a1 b1 a 5,65 1,27 b 1 0,8 5,8 2,4 0,4 c
|