Part Number Hot Search : 
DA101 PD78044F 80C32 0M100 0M100 MCR100 MCR100 MCR100
Product Description
Full Text Search
 

To Download ZTL431AQE5TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ztl431q/ztl432q document number: ds36916 rev. 1 - 2 1 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q automotive grade ad justable precisio n shunt regulator description the ztl431q and ztl432q are thr ee terminal adjustable shunt regulators offering excellent temp erature stability and output current handling capability up to 100ma. the output voltage may be set to any chosen voltage between 2.5 and 20 volts by selection of two external divider resistors. the ztl432q has the same electrical specifications as the ztl431q but has a different pin out in sot23 (f-suffix). both variants are available in 2 grades with initial tolerances of 1% and 0.5% for the a and b grades respectively. these are functionally equivalent to the tl431/tl432 except for maximum operation voltage, and have an ambient temperature range of -40c to +125c as standard. the ztl431q and ztl432q have been qualified to aec-q100 grade 1 and are automotive grade supporting ppaps pin assignments ztl431_qf sot23, ztl431_ff sot23f (top view) ztl432_qf sot23, ztl432_ff sot23f (top view) ztl431_qe5 sot25 (top view) * must be left floating or connected to pin 5 typical application features ? temperature range ................ -40c to +125c ? reference voltage tolerance at +25c ? 0.5%.......................................b grade ? 1% .........................................a grade ? 0.2 ? typical output impedance ? sink current capability??.. 1ma to 100ma ? adjustable output voltage??v ref to 20v ? green molding in sot23 and sot25 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? automotive grade ? qualified to aec-q100 grade 1 ? supports ppap documents applications ? opto-coupler linearization ? linear regulators ? improved zener ? variable reference notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporated?s definitions of halogen an d antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defin ed as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. anode cathode ref 2 1 3 anode cathode ref 2 1 3 anode cathode ref 2 1 3 2 anode cathode n/c 3 1 5 4 ref n/c*
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 2 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q absolute maximum ratings (voltages specified are relative to the anode pin unless otherwise stated.) parameter rating unit cathode voltage (v ka ) 20 v continuous cathode current (i ka ) 150 ma reference input current range (i ref ) -50a to +10ma ? operating junction temperature -40 to +150 c storage temperature -55 to +150 c esd susceptibility hbm human body model 4 kv mm machine model 400 v cdm charged device model 1 kv caution: stresses greater than the 'absolute maximum ratings' sp ecified above, may cause permanent damage to the device. these are stress ratings only; functional operation of the devic e at conditions between maximum recommended operating conditions and absolute maximum r atings is not implied. device reliability may be affected by exposure to absolute maximum rating c onditions for extended periods of time. (semiconductor devices are esd sensitive and may be damaged by expos ure to esd events. suitable esd precautions should be take n when handling and transporting these devices.) package thermal data package ? ja p dis t a = +25c, t j = +150c sot23 380c/w 330mw sot25 250c/w 500mw recommended operating conditions (@t a = +25c, unless otherwise specified.) symbol parameter min max unit v ka cathode voltage v ref 20 v i ka cathode current 1 100 ma t a operating ambient temperature range -40 +125 c electrical characteristics (@t a = +25c, unless otherwise specified.) symbol parameter conditions min typ max units v ref reference voltage v ka = v ref i ka = 10ma ztl43_qa 2.475 2.5 2.525 v ztl43_qb 2.487 2.5 2.513 v dev deviation of reference voltage over full temperature range v ka = v ref i ka = 10 ma t a = 0 to +70 ? 6 16 mv t a = -40 to +85c ? 14 34 t a = -40 to +125c ? 14 34 ? v ref ? v ka ratio of change in reference voltage to the change in cathode voltage i ka = 10ma v ka = v ref to 10 ? -1.4 -2.7 mv/v v ka = 10v to 20v ? -1.0 -2.0 i ref reference input current i ka = 10ma, r1 = 10k ? , r 2 = oc ? 2 4 a ? i ref i ref deviation over full temperature range i ka = 10ma r 1 = 10k ? r 2 = oc t a = 0 to +70c ? 0.8 1.2 a t a = -40 to +85c ? 0.8 2.5 t a = -40 to +125c ? 0.8 2.5 i ka(min) minimum cathode current for regulation v ka = v ref ? ? 0.4 0.6 ma i ka(off) off state current v ka = 20v, v ref = 0v ? ? 0.1 0.5 a r z dynamic output impedance v ka = v ref , f = 0hz ? ? 0.2 0.5 ?
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 3 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q typical characteristics i ka =10ma reference voltage vs. temperature v ref =v ka dynamic impedance vs. frequency
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 4 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q typical characteristics (cont.) i ka i ka i ka v ka v ka v ref ztl431q/ztl432q document number: ds36916 rev. 1 - 2 5 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q application circuits v on ~ 2v v off =v + v th =2.5v output v+ input r1 r2 v out v out v+ v ref v ref r1 r2 v out v out v+ v ref v ref r1 r2 v out v out v+ v ref v ref v out(min) =v ref +v reg in out common zsr*** 0.01f 30 ? r1 r2 v ref v+ v out v out v ref r1 r1 r2b r2a v ref v ref v ref v ref v+ outpu t shunt regulator output control of a three terminal fixed regulator single supply comparator with temperature compensated threshold higher current shunt regulator series regulator over voltage / under voltage protection circuit
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 6 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q dc test circuits notes deviation of reference input voltage, v dev , is defined as the maximum variation of the reference input voltage over the full temperature range. the average temperature coefficient of the reference input voltage, v ref is defined as: v ref (ppm/c) = v dev ? 1,000,000 v ref (t1-t2) the dynamic output impedance, r z , is defined as: r z = ? v z ? i z when the device is programmed with two external resistors, r1 and r2, (figure 2), the dynamic output impedance of the overall circuit, r' z , is defined as: r' z = r z (1 + r1 ) r2 stability boundary the ztl431q and ztl432q are stable with a range of capacitive loads. a zone of instab ility exists as demonstrated in the typical characteristic graph on page 4. the graph shows typical conditions. to ensure re liable stability a capacitor of 4.7nf or greater is recommended between anode and cathode.
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 7 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q ordering information tol. ordering code pack part mark status* reel size tape width (mm) quantity per reel 1% ZTL431AQE5TA sot25 31a active 7?, 180mm 8 3000 ztl431aqfta sot23 31a active 7?, 180mm 8 3000 ztl432aqfta sot23 32a active 7?, 180mm 8 3000 0.5% ztl431bqe5ta sot25 31b active 7?, 180mm 8 3000 ztl431bqfta sot23 31b active 7?, 180mm 8 3000 ztl432bqfta sot23 32b active 7?, 180mm 8 3000 note: 4. automotive grade products are aec-q100 qualified and are ppap capable. automotive, aec-q100 and standard products are electrically and thermally the same, except where specified. for more information, please refer to http: //www.diodes.com/quality/produc t_compliance_definitions/. package outline dimensions please see ap02002 at http://www.diodes.c om/datasheets/ap02002.pdf for latest version. sot23 sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 ?? 0 8 - all dimensions in mm a m j l d f b c h k g k1
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 8 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q package outline dimensions (cont.) please see ap02002 at http://www.diodes.c om/datasheets/ap02002.pdf for latest version. sot25 suggested pad layout please see ap02001 at http://www.diodes.com/ datasheets/ap02001.pdf for the latest version. sot23 sot25 sot25 dim min max typ a 0.35 0.50 0.38 b 1.50 1.70 1.60 c 2.70 3.00 2.80 d ?? ?? 0.95 h 2.90 3.10 3.00 j 0.013 0.10 0.05 k 1.00 1.30 1.10 l 0.35 0.55 0.40 m 0.10 0.20 0.15 n 0.70 0.80 0.75 ?? 0 8 ?? all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 dimensions value (in mm) z 3.20 g 1.60 x 0.55 y 0.80 c1 2.40 c2 0.95 a m j l d b c h k n x e y c z x z y c1 c2 c2 g
ztl431q/ztl432q document number: ds36916 rev. 1 - 2 9 of 9 www.diodes.com february 2014 ? diodes incorporated a product line o f diodes incorporated ztl431q/ztl432q important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to ma ke modifications, enhancements, im provements, corrections or ot her changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporat ed and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability wh atsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or unauthorized application, customers shall i ndemnify and hold diodes incorporated and its representat ives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into mu ltiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical comp onents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with inst ructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning the ir products and any use of diodes incorporated products in such safety-critica l, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arising out of the use of diodes incorporated products in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZTL431AQE5TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X