Part Number Hot Search : 
UM37528S DGGGR 200001 B0520LW RBV1504 TLP260J 0805C 40N10
Product Description
Full Text Search
 

To Download XBP1009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/5 XBP1009 low capacitance tvs diode product name package order unit XBP1009-g * dfn2l 8,000 / reel * the ?-g? suffix denotes halogen and antimony free as well as being fully rohs compliant. * the high-melting solder paste (lead-c ontaining) is used as attachment. absolute maximum ratings ta=25 parameter symbol ratings units peak pulse power (8/20 s waveform) ppk 200 w peak pulse current (8/20 s waveform) ipp 18 a junction temperature tj -55 to 150 storage temperature tstg -55 to 150 product name etr29008-002 features uni-directional, one line terminal capacitance : 0.35pf esd protection : 25kv environmentally friendly : eu rohs compliant a pplications usb2.0, firewire hdmi ver.1.3 dvi pin configuration ? packaging information dfn2l unit: inch (mm) 1 2 controller i/o 0v to +v rwm
2/5 XBP1009 electrical characteristics ta=25 limits parameter symbol test conditions min. typ. max. units stand-off voltage v rwm - - 5 v breakdown voltage v br i r =1ma 6.0 7.4 - v leakage current i r v r =5v - - 1 a clamping voltage (8/20 s) v c i pp =5a - 9.0 11 v clamping voltage (8/20 s) v c i pp =15a - 11.5 14 v terminal capacitance c t v r =0v, f=1mhz - 0.28 0.35 pf notes on use 1. please use this ic within the absolute maximum ratings. even within the ratings, in case of high l oad use continuously such as high temperatur e, high voltage, high current and thermal stress may cause reliability degradation of the ic. 2. torex places an importance on improv ing our products and their reliability. we request that users incorporate fail-sa fe designs and post-aging protec tion treatment when using torex products in their syst ems.
3/5 XBP1009 reference pattern layout dfn2l ???????????????????????? unit : inch (mm) marking
4/5 XBP1009 taping specifications dfn2l symbol mm d0 1.50 0.10 d1 0.50 0.05 e 1.75 0.10 f 3.50 0.05 p0 4.00 0.10 p1 2.00 0.05 p2 2.00 0.05 + 0.3 w 8.00 - 0.1
5/5 XBP1009 1. the products and product specifications cont ained herein are subject to change without notice to improve performance characteristic s. consult us, or our representatives before use, to confirm that the informat ion in this datasheet is up to date. 2. we assume no responsibility for any infri ngement of patents, pat ent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. the products in this datasheet are not devel oped, designed, or approved for use with such equipment whose failure of malfuncti on can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transpor t; combustion and associated safety equipment thereof.) 5. please use the products listed in this datasheet within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this dat asheet may be copied or reproduced without the prior permission of torex semiconductor ltd.


▲Up To Search▲   

 
Price & Availability of XBP1009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X