Part Number Hot Search : 
D1050 GP20AH 74F175A CD5954 SI5905DC MBRX0560 SI5905DC GP20AH
Product Description
Full Text Search
 

To Download TR3D107M010C0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tr3 www.vishay.com vishay sprague revision: 26-jun-13 1 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid tantalum surface mount chip capacitors t antamount ? , molded case, low esr performance characteristics www.vishay.com/doc?40088 operating temperature: - 55 c to + 125 c ? (above 85 c, voltage derating is required) capacitance range: 0.47 f to 1000 f capacitance tolerance: 10 %, 20 % voltage rating: 4 v dc to 63 v dc features ?low esr ? 100 % surge current tested (c, d, and e case sizes) ? molded case available in seven case codes ? high ripple current carrying capability ? terminations: 100 % matte tin, standard tin/lead available ? compatible with high volume automatic pick and place equipment ? compliant terminations ? meets iec specification qc300801/us0001 and eia535baac mechanical an d performance requirements ? moisture sensitivity level 1 ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 note ? * this datasheet provides information about parts that are ? rohs-compliant and/or parts th at are non-rohs-compliant. for ? example, parts with lead (pb) te rminations are not rohs-compliant. ? please see the information/tables in this datasheet for details. applications ? industrial ? telecom infrastructure ? consumer ?computer ? general purpose notes ? we reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size. ? voltage substitutions will be marked with the higher voltage rating. ? low esr solid tantalum chip capacitors allow delta esr of 1.25 ti mes the datasheet limit after mounting. ? dry pack is available per request, contact regional marketing. available available ordering information tr3 d 107 k 010 c 0100 type case code capacitance capacitance tolerance dc voltage rating at + 85 c termination and packaging esr see ratings and case codes table this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. k = 10 % m = 20 % this is expressed in v. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an r (6r3 = 6.3 v). c = matte tin/7" (178 mm) reels d = matte tin/13" (330 mm) reels e = tin/lead/7" (178 mm) reels f = tin/lead/13" (330 mm) reels maximum 100 khz esr in m ? . see note below.
tr3 www.vishay.com vishay sprague revision: 26-jun-13 2 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? glue pad (non-conductive, part of molded case) is dedicated for glue atta chment (as user option). dimensions in inches [millimeters] case code eia size l w h p t w t h (min.) a 3216-18 0.126 0.008 [3.2 0.20] 0.063 0.008 [1.6 0.20] 0.063 0.008 [1.6 0.20] 0.031 0.012 [0.80 0.30] 0.047 0.004 [1.2 0.10] 0.028 [0.70] b 3528-21 0.138 0.008 [3.5 0.20] 0.110 0.008 [2.8 0.20] 0.075 0.008 [1.9 0.20] 0.031 0.012 [0.80 0.30] 0.087 0.004 [2.2 0.10] 0.028 [0.70] c 6032-28 0.236 0.012 [6.0 0.30] 0.126 0.012 [3.2 0.30] 0.098 0.012 [2.5 0.30] 0.051 0.012 [1.3 0.30] 0.087 0.004 [2.2 0.10] 0.039 [1.0] d 7343-31 0.287 0.012 [7.3 0.30] 0.170 0.012 [4.3 0.30] 0.110 0.012 [2.8 0.30] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] e 7343-43 0.287 0.012 [7.3 0.30] 0.169 0.012 [4.3 0.30] 0.157 0.012 [4.0 0.30] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] v 7343-20 0.287 0.012 [7.3 0.30] 0.169 0.012 [4.3 0.30] 0.079 max. [2.0 max.] 0.051 0.012 [1.3 0.30] 0.094 0.004 [2.4 0.10] 0.039 [1.0] w 7361-38 0.287 0.012 [7.3 0.30] 0.236 0.012 [6.0 0.30] 0.138 0.012 [3.5 0.30] 0.047 0.008 [1.2 0.20] 0.122 0.004 [3.1 0.10] 0.069 [1.75] ratings and case codes f 4 v 6.3 v 10 v 16 v 20 v 25 v 35 v 50 v 63 v 0.15 a 0.22 aa 0.33 aa 0.47 aa/bb/c 0.68 aa 1.0 a a a a/b b/c 1.5 a a/b b/c b/c 2.2 a a a a/b b/c b/c/d 3.3 a a/b a/b a/b b/c c/d 4.7 a/b a/b a/b a/b/c b/c/d c/d/e d 6.8 a a a/b a/b b/c c/d/e d/e 10 a/b a/b a/b/c b/c b/c/d c/d/e d/e e 15 a a a/b/c b/c b/c b/c/d d/e e 22 a a/b/c a/b/c b/c/d b/c/d c/d/e/v d/e 33 a/b a/b b/c b/c/d c/d d/e 47 a/b a/b/c b/c/d c/d d/e d/e 68 b/c b/c/d b/c/d/e/v d d/e e/w 100 a/b/c b/c/d/v b/ c/d/e/v d/e/v d/e/w w 150 b/c/d c/d/ e c/d/e d/e/w w 220 b/c/d c/d/e/v d/e/v e 330 d d/e/w d/e/w 470 d/e d/e/w e/w 680 d/e e 1000 e e h w g lue pad t w p l t h (min.) g lue pad
tr3 www.vishay.com vishay sprague revision: 26-jun-13 3 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking a case voltage code volts code 4.0 g 6.3 j 10 a 16 c 20 d 25 e 35 v 50 t marking capacitor marking includes an anode (+) polarity band, capacitanc e in microfarads and the voltage rating. a case capacitors u se a letter code for the voltage and eia capacitance code. ? the vishay sprague ? trademark is included if space permits. capacitors rated at 6.3 v are marked 6 v. ? a manufacturing date code is marked on all capacitors. ? call the factory for further explanation. standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) 4 v dc at + 85 c; 2.7 v dc at + 125 c 15 a tr3a156(1)004(2)1500 0.6 6 1.500 0.22 22 a tr3a226(1)004(2)1500 0.9 6 1.500 0.22 33 a tr3a336(1)004(2)1500 1.3 6 1.500 0.22 33 b tr3b336(1)004(2)0500 1.3 6 0.500 0.41 47 a tr3a476(1)004(2)0800 1.9 14 0.800 0.31 47 a tr3a476(1)004(2)0500 1.9 14 0.500 0.39 47 b tr3b476(1)004(2)0500 1.9 6 0.500 0.41 68 b tr3b686(1)004(2)0500 2.7 6 0.500 0.41 68 c tr3c686(1)004(2)0275 2.7 6 0.275 0.63 100 a tr3a107m004(2)1000 10.0 30 1.000 0.27 100 b tr3b107(1)004(2)0450 4.0 8 0.450 0.43 100 c tr3c107(1)004(2)0225 4.0 6 0.225 0.70 150 b tr3b157(1)004(2)0900 6.0 14 0.900 0.31 150 b tr3b157(1)004(2)0500 6.0 14 0.500 0.41 150 b tr3b157(1)004(2)0400 6.0 14 0.400 0.46 150 c tr3c157(1)004(2)0250 6.0 12 0.250 0.66 150 d tr3d157(1)004(2)0150 6.0 8 0.150 1.00 220 b tr3b227m004(2)1100 8.8 18 1.100 0.28 220 b tr3b227m004(2)0700 8.8 18 0.700 0.35 220 b tr3b227m004(2)0500 8.8 18 0.500 0.41 220 b tr3b227m004(2)0450 8.8 18 0.450 0.43 220 c tr3c227(1)004(2)0200 8.8 8 0.200 0.74 220 d tr3d227(1)004(3)0050 8.8 8 0.050 1.73 220 d tr3d227(1)004(2)0150 8.8 8 0.150 1.00 220 d tr3d227(1)004(2)0100 8.8 8 0.100 1.22 330 d tr3d337(1)004(2)0100 13.2 8 0.100 1.22 330 d tr3d337(1)004(3)0045 13.2 8 0.045 1.83 330 d tr3d337(1)004(3)0035 13.2 8 0.035 2.07 330 d tr3d337(1)004(2)0150 13.2 8 0.150 1.00 note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d capacitance code, pf indicate s low e s r polarity band (+) voltage code v 104r a case date code vi s hay s prague logo indicate s low e s r voltage capacitance f polarity band (+) 22 r10 xx 2 b, c, d, e, v cases
tr3 www.vishay.com vishay sprague revision: 26-jun-13 4 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4 v dc at + 85 c; 2.7 v dc at + 125 c 470 d tr3d477(1)004(2)0125 18.8 10 0.125 1.10 470 d tr3d477(1)004(2)0100 18.8 10 0.100 1.22 470 d tr3d477(1)004(2)0060 18.8 10 0.060 1.58 470 d tr3d477(1)004(3)0045 18.8 10 0.045 1.83 470 d tr3d477(1)004(3)0035 18.8 10 0.035 2.07 470 e tr3e477(1)004(2)0100 18.8 10 0.100 1.28 470 e tr3e477(1)004(3)0045 18.8 10 0.045 1.91 470 e tr3e477(1)004(3)0035 18.8 10 0.035 2.17 680 d tr3d687m004(2)0100 27.2 25 0.100 1.22 680 d tr3d687m004(3)0060 27.2 25 0.060 1.58 680 e tr3e687(1)004(2)0100 27.2 12 0.100 1.28 680 e tr3e687(1)004(3)0040 27.2 12 0.040 1.37 1000 e tr3e108m004(2)0100 40.0 20 0.100 1.28 6.3 v dc at + 85 c; 4 v dc at 125 c 3.3 a tr3a335(1)6r3(2)2100 0.5 6 2.100 0.19 6.8 a tr3a685(1)6r3(2)1800 0.5 6 1.800 0.20 10 a tr3a106(1)6r3(2)2000 0.6 6 2.000 0.19 10 a tr3a106(1)6r3(2)1500 0.6 6 1.500 0.22 10 b tr3b106(1)6r3(2)1500 0.6 6 1.500 0.24 15 a tr3a156(1)6r3(2)2000 0.9 6 2.000 0.19 15 a tr3a156(1)6r3(2)1000 0.9 6 1.000 0.27 22 a tr3a226(1)6r3(2)3000 1.4 6 3.000 0.16 22 a tr3a226(1)6r3(2)2000 1.4 6 2.000 0.19 22 a tr3a226(1)6r3(2)1000 1.4 6 1.000 0.27 22 a tr3a226(1)6r3(2)0900 1.4 6 0.900 0.29 22 b tr3b226(1)6r3(2)0600 1.4 6 0.600 0.38 22 c tr3c226(1)6r3(2)0500 1.3 6 0.500 0.47 33 a tr3a336(1)6r3(2)2000 2.0 14 2.000 0.19 33 a tr3a336(1)6r3(2)0800 2.0 14 0.800 0.31 33 a tr3a336(1)6r3(2)0600 2.0 14 0.600 0.35 33 b tr3b336(1)6r3(2)0450 2.0 6 0.450 0.43 33 b tr3b336(1)6r3(2)0350 2.0 6 0.350 0.49 33 b tr3b336(1)6r3(2)0600 2.0 6 0.600 0.38 33 b tr3b336(1)6r3(2)0500 2.0 6 0.500 0.41 47 a tr3a476(1)6r3(2)0800 3.0 12 0.800 0.31 47 b tr3b476(1)6r3(2)0550 3.0 6 0.550 0.39 47 b tr3b476(1)6r3(2)0500 3.0 6 0.500 0.41 47 b tr3b476(1)6r3(2)0350 3.0 6 0.350 0.49 47 b tr3b476(1)6r3(2)0250 3.0 6 0.250 0.58 47 c tr3c476(1)6r3(2)0300 3.0 6 0.300 0.61 47 c tr3c476(1)6r3(2)0250 3.0 6 0.250 0.66 68 b tr3b686(1)6r3(2)0650 4.3 6 0.650 0.36 68 b tr3b686(1)6r3(2)0550 4.3 6 0.550 0.39 68 b tr3b686(1)6r3(2)0500 4.3 6 0.500 0.41 68 b tr3b686(1)6r3(2)0350 4.3 6 0.350 0.49 68 b tr3b686(1)6r3(2)0250 4.3 6 0.250 0.58 68 c tr3c686(1)6r3(2)0275 4.3 6 0.275 0.63 68 c tr3c686(1)6r3(2)0250 4.3 6 0.250 0.66 68 c tr3c686(1)6r3(2)0200 4.3 6 0.200 0.74 68 d tr3d686(1)6r3(2)0200 4.3 6 0.200 0.87 68 d tr3d686(1)6r3(2)0175 4.3 4 0.175 0.93 100 b tr3b107(1)6r3(2)1500 6.3 15 1.500 0.24 100 b tr3b107(1)6r3(2)0500 6.3 15 0.500 0.41 100 b tr3b107(1)6r3(2)0400 6.3 15 0.400 0.46 100 b tr3b107(1)6r3(2)0250 6.3 15 0.250 0.58 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 5 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 6.3 v dc at + 85 c; 4 v dc at 125 c 100 c tr3c107(1)6r3(2)0300 6.3 6 0.300 0.61 100 c tr3c107(1)6r3(2)0250 6.3 6 0.250 0.66 100 c tr3c107(1)6r3(2)0150 6.3 6 0.150 0.86 100 c tr3c107(1)6r3(2)0125 6.3 6 0.125 0.94 100 c tr3c107(1)6r3(2)0100 6.3 6 0.100 1.05 100 d tr3d107(1)6r3(2)0150 6.3 6 0.150 1.00 100 d tr3d107(1)6r3(2)0140 6.3 6 0.140 1.04 100 v tr3v107(1)6r3(3)0200 6.3 8 0.200 0.79 100 v tr3v107(1)6r3(3)0150 6.3 8 0.150 0.91 150 c tr3c157(1)6r3(2)0300 9.4 8 0.300 0.61 150 c tr3c157(1)6r3(2)0200 9.4 8 0.200 0.74 150 d tr3d157(1)6r3(2)0150 9.4 8 0.150 1.00 150 d tr3d157(1)6r3(2)0125 9.4 8 0.125 1.10 150 d tr3d157(1)6r3(2)0075 9.4 8 0.075 1.41 150 d tr3d157(1)6r3(2)0070 9.4 8 0.070 1.46 150 d tr3d157(1)6r3(3)0050 9.4 8 0.050 1.73 150 e tr3e157(1)6r3(2)0100 9.4 8 0.100 1.28 220 c tr3c227(1)6r3(2)0300 13.9 14 0.300 0.61 220 c tr3c227(1)6r3(2)0250 13.9 14 0.250 0.66 220 c tr3c227(1)6r3(2)0225 13.9 14 0.225 0.70 220 d tr3d227(1)6r3(2)0150 13.9 8 0.150 1.00 220 d tr3d227(1)6r3(2)0100 13.9 8 0.100 1.22 220 d tr3d227(1)6r3(3)0050 13.9 8 0.050 1.73 220 e tr3e227(1)6r3(2)0150 13.9 8 0.150 1.05 220 e tr3e227(1)6r3(2)0100 13.9 8 0.100 1.28 220 v tr3v227(1)6r3(3)0100 13.9 10 0.100 1.12 220 v tr3v227(1)6r3(3)0150 13.9 10 0.150 0.91 330 d tr3d337(1)6r3(2)0150 20.8 8 0.150 1.00 330 d tr3d337(1)6r3(2)0125 20.8 8 0.125 1.10 330 d tr3d337(1)6r3(2)0100 20.8 8 0.100 1.22 330 d tr3d337(1)6r3(2)0060 20.8 8 0.060 1.58 330 d tr3d337(1)6r3(3)0050 20.8 8 0.050 1.73 330 d tr3d337(1)6r3(3)0045 20.8 8 0.045 1.83 330 d tr3d337(1)6r3(3)0035 20.8 8 0.035 2.07 330 e tr3e337(1)6r3(2)0150 20.8 8 0.150 1.05 330 e tr3e337(1)6r3(2)0100 20.8 8 0.100 1.28 330 e tr3e337(1)6r3(2)0050 20.8 8 0.050 1.82 330 w tr3w337(1)6r3(3)0100 20.8 8 0.100 1.58 330 w tr3w337(1)6r3(3)0060 20.8 8 0.060 2.04 330 w tr3w337(1)6r3(3)0040 20.8 8 0.040 2.50 470 d tr3d477(1)6r3(2)0200 29.6 14 0.200 0.87 470 d tr3d477(1)6r3(2)0150 29.6 14 0.150 1.00 470 d tr3d477(1)6r3(2)0125 29.6 14 0.125 1.10 470 d tr3d477(1)6r3(3)0100 29.6 14 0.100 1.22 470 e tr3e477(1)6r3(2)0100 29.6 10 0.100 1.28 470 e tr3e477(1)6r3(3)0065 29.6 10 0.065 1.59 470 e tr3e477(1)6r3(3)0060 29.6 10 0.060 1.66 470 e tr3e477(1)6r3(3)0050 29.6 10 0.050 1.82 470 w tr3w477(1)6r3(3)0100 29.6 20 0.100 1.58 470 w tr3w477(1)6r3(3)0060 29.6 20 0.060 2.04 470 w tr3w477(1)6r3(3)0050 29.6 20 0.050 2.24 680 e tr3e687(1)6r3(2)0100 42.8 20 0.100 1.28 1000 e tr3e108m6r3(2)0200 63.0 30 0.200 0.91 1000 e tr3e108m6r3(2)0150 63.0 30 0.150 1.05 1000 e tr3e108m6r3(3)0100 63.0 30 0.100 1.28 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 6 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 10 v dc at + 85 c; 7 v dc at 125 c 2.2 a tr3a225(1)010(2)6800 0.5 6 6.800 0.11 2.2 a tr3a225(1)010(2)6000 0.5 6 6.000 0.11 2.2 a tr3a225(1)010(2)1800 0.5 6 1.800 0.20 4.7 a tr3a475(1)010(2)3000 0.5 6 3.000 0.16 4.7 a tr3a475(1)010(2)1500 0.5 6 1.500 0.22 4.7 a tr3a475(1)010(2)1400 0.5 6 1.400 0.23 4.7 a tr3a475(1)010(2)1000 0.5 6 1.000 0.27 4.7 b tr3b475(1)010(2)1400 0.5 6 1.400 0.25 6.8 a tr3a685(1)010(2)1800 0.7 6 1.800 0.20 6.8 a tr3a685(1)010(2)3000 0.7 6 3.000 0.16 6.8 b tr3b685(1)010(2)1300 0.7 6 1.300 0.26 10 a tr3a106(1)010(2)2000 1.0 6 2.000 0.19 10 a tr3a106(1)010(2)1800 1.0 6 1.800 0.20 10 a tr3a106(1)010(2)1000 1.0 6 1.000 0.27 10 a tr3a106(1)010(2)0900 1.0 6 0.900 0.29 10 b tr3b106(1)010(2)1000 1.0 6 1.000 0.29 10 b tr3b106(1)010(2)0800 1.0 6 0.800 0.33 10 b tr3b106(1)010(2)0750 1.0 6 0.750 0.34 15 a tr3a156(1)010(2)2000 1.5 6 2.000 0.19 15 a tr3a156(1)010(2)1000 1.5 6 1.000 0.27 15 b tr3b156(1)010(2)0600 1.5 6 0.600 0.38 15 b tr3b156(1)010(2)0450 1.5 6 0.450 0.43 15 b tr3b156(1)010(2)0700 1.5 6 0.700 0.35 15 c tr3c156(1)010(2)0700 1.5 6 0.700 0.40 22 a tr3a226(1)010(2)1500 2.2 8 1.500 0.22 22 a tr3a226(1)010(2)1000 2.2 8 1.000 0.27 22 a tr3a226(1)010(2)0900 2.2 8 0.900 0.29 22 a tr3a226(1)010(2)0800 2.2 8 0.800 0.31 22 b tr3b226(1)010(2)1000 2.2 6 1.000 0.29 22 b tr3b226(1)010(2)0700 2.2 6 0.700 0.35 22 b tr3b226(1)010(2)0500 2.2 6 0.500 0.41 22 b tr3b226(1)010(2)0400 2.2 6 0.400 0.46 22 c tr3c226(1)010(2)0400 2.2 6 0.400 0.52 22 c tr3c226(1)010(2)0345 2.2 6 0.345 0.56 22 c tr3c226(1)010(2)0300 2.2 6 0.300 0.61 33 b tr3b336(1)010(2)0425 3.3 6 0.425 0.45 33 b tr3b336(1)010(2)1400 3.3 6 1.400 0.25 33 b tr3b336(1)010(2)0650 3.3 6 0.650 0.36 33 b tr3b336(1)010(2)0600 3.3 6 0.600 0.38 33 b tr3b336(1)010(2)0500 3.3 6 0.500 0.41 33 b tr3b336(1)010(2)0300 3.3 6 0.300 0.53 33 c tr3c336(1)010(2)0375 3.3 6 0.375 0.54 33 c tr3c336(1)010(2)0300 3.3 6 0.300 0.61 47 b tr3b476(1)010(2)0600 4.7 6 0.600 0.38 47 b tr3b476(1)010(2)0500 4.7 6 0.500 0.41 47 b tr3b476(1)010(2)0350 4.7 6 0.350 0.49 47 b tr3b476(1)010(2)0650 4.7 6 0.650 0.36 47 c tr3c476(1)010(2)0200 4.7 6 0.200 0.74 47 c tr3c476(1)010(2)0350 4.7 6 0.350 0.56 47 c tr3c476(1)010(2)0300 4.7 6 0.300 0.61 47 d tr3d476(1)010(2)0220 4.7 6 0.220 0.83 47 d tr3d476(1)010(2)0200 4.7 6 0.200 0.87 47 d tr3d476(1)010(2)0140 4.7 6 0.140 1.04 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 7 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 10 v dc at + 85 c; 7 v dc at 125 c 47 d tr3d476(1)010(2)0135 4.7 6 0.135 1.05 47 d tr3d476(1)010(2)0100 4.7 6 0.100 1.22 68 b tr3b686(1)010(2)1500 6.8 14 1.500 0.24 68 b tr3b686(1)010(2)0900 6.8 14 0.900 0.31 68 b tr3b686(1)010(2)0750 6.8 14 0.750 0.34 68 b tr3b686(1)010(2)0600 6.8 14 0.600 0.38 68 c tr3c686(1)010(2)0200 6.8 6 0.200 0.74 68 c tr3c686(1)010(2)0300 6.8 6 0.300 0.61 68 c tr3c686(1)010(2)0275 6.8 6 0.275 0.63 68 c tr3c686(1)010(2)0225 6.8 6 0.225 0.70 68 d tr3d686(1)010(2)0200 6.8 6 0.200 0.87 68 d tr3d686(1)010(2)0150 6.8 6 0.150 1.00 68 d tr3d686(1)010(2)0100 6.8 6 0.100 1.22 68 d tr3d686(1)010(3)0070 6.8 6 0.070 1.46 68 e tr3e686(1)010(2)0150 6.8 4 0.150 1.05 68 v tr3v686(1)010(3)0700 6.8 6 0.700 0.42 68 v tr3v686(1)010(3)0300 6.8 6 0.300 0.65 68 v tr3v686(1)010(3)0200 6.8 6 0.200 0.79 68 v tr3v686(1)010(3)0140 6.8 6 0.140 0.94 68 v tr3v686(1)010(3)0100 6.8 6 0.100 1.12 100 b tr3b107m010(2)1400 10.0 25 1.400 0.25 100 c tr3c107(1)010(2)0200 10.0 8 0.200 0.74 100 c tr3c107(1)010(2)0150 10.0 8 0.150 0.86 100 c tr3c107(1)010(2)0100 10.0 8 0.100 1.05 100 d tr3d107(1)010(2)0150 10.0 6 0.150 1.00 100 d tr3d107(1)010(2)0100 10.0 6 0.100 1.22 100 d tr3d107(1)010(2)0080 10.0 6 0.080 1.37 100 d tr3d107(1)010(3)0070 10.0 6 0.070 1.52 100 d tr3d107(1)010(3)0065 10.0 6 0.065 1.46 100 d tr3d107(1)010(3)0050 10.0 6 0.050 1.73 100 e tr3e107(1)010(2)0125 10.0 6 0.125 1.15 100 e tr3e107(1)010(2)0150 10.0 6 0.150 1.05 100 e tr3e107(1)010(2)0100 10.0 6 0.100 1.28 100 v tr3v107(1)010(3)0400 10.0 8 0.400 0.56 100 v tr3v107(1)010(3)0200 10.0 8 0.200 0.79 100 v tr3v107(1)010(3)0150 10.0 8 0.150 0.91 150 c tr3c157m010(2)0500 15.0 20 0.500 0.47 150 d tr3d157(1)010(2)0150 15.0 8 0.150 1.00 150 d tr3d157(1)010(2)0100 15.0 8 0.100 1.22 150 d tr3d157(1)010(2)0075 15.0 8 0.075 1.41 150 d tr3d157(1)010(3)0070 15.0 8 0.070 1.46 150 d tr3d157(1)010(3)0050 15.0 8 0.050 1.73 150 e tr3e157(1)010(2)0100 15.0 8 0.100 1.28 150 e tr3e157(1)010(2)0080 15.0 8 0.080 1.44 220 d tr3d227(1)010(2)0150 22.0 8 0.150 1.00 220 d tr3d227(1)010(2)0125 22.0 8 0.125 1.10 220 d tr3d227(1)010(2)0100 22.0 8 0.100 1.22 220 d tr3d227(1)010(3)0050 22.0 8 0.050 1.73 220 e tr3e227(1)010(2)0150 22.0 8 0.150 1.05 220 e tr3e227(1)010(2)0100 22.0 8 0.100 1.28 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 8 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 10 v dc at + 85 c; 7 v dc at 125 c 220 e tr3e227(1)010(3)0070 22.0 8 0.070 1.54 220 e tr3e227(1)010(3)0060 22.0 8 0.060 1.66 220 e tr3e227(1)010(3)0050 22.0 8 0.050 1.82 220 v tr3v227(1)010(3)0200 30.0 12 0.200 0.79 220 v tr3v227(1)010(3)0150 30.0 12 0.150 0.91 330 d tr3d337(1)010(2)0150 33.0 15 0.150 1.00 330 d tr3d337(1)010(2)0125 33.0 15 0.125 1.10 330 d tr3d337(1)010(2)0100 33.0 15 0.100 1.22 330 e tr3e337(1)010(2)0100 33.0 10 0.100 1.28 330 e tr3e337(1)010(3)0060 33.0 10 0.060 1.66 330 w tr3w337(1)010(3)0100 33.0 10 0.100 1.58 330 w tr3w337(1)010(3)0060 33.0 10 0.060 2.04 330 w tr3w337(1)010(3)0040 33.0 10 0.040 2.50 470 e tr3e477(1)010(2)0200 47.0 15 0.200 0.91 470 e tr3e477(1)010(2)0150 47.0 15 0.150 1.05 470 e tr3e477(1)010(2)0100 47.0 15 0.100 1.28 470 e tr3e477(1)010(3)0075 47.0 15 0.075 1.48 470 w tr3w477(1)010(3)0100 47.0 20 0.100 1.58 470 w tr3w477(1)010(3)0060 47.0 20 0.060 2.04 470 w tr3w477(1)010(3)0050 47.0 20 0.050 2.24 16 v dc at + 85 c; 10 v dc at + 125 c 1.0 a tr3a105(1)016(2)6200 0.5 4 6.200 0.11 2.2 a tr3a225(1)016(2)4000 0.5 6 4.000 0.14 2.2 a tr3a225(1)016(2)3500 0.5 6 3.500 0.15 2.2 a tr3a225(1)016(2)1800 0.5 6 1.800 0.20 3.3 a tr3a335(1)016(2)4000 0.5 6 4.000 0.14 3.3 a tr3a335(1)016(2)3500 0.5 6 3.500 0.15 3.3 b tr3b335(1)016(2)2500 0.5 6 2.500 0.18 4.7 a tr3a475(1)016(2)3000 0.8 6 3.000 0.16 4.7 a tr3a475(1)016(2)2500 0.8 6 2.500 0.17 4.7 a tr3a475(1)016(2)2000 0.8 6 2.000 0.19 4.7 a tr3a475(1)016(2)1500 0.8 6 1.500 0.22 4.7 b tr3b475(1)016(2)1500 0.8 6 1.500 0.24 4.7 b tr3b475(1)016(2)0800 0.8 6 0.800 0.33 6.8 a tr3a685(1)016(2)3000 1.1 6 3.000 0.16 6.8 a tr3a685(1)016(2)1500 1.1 6 1.500 0.22 6.8 b tr3b685(1)016(2)1200 1.1 6 1.200 0.27 6.8 b tr3b685(1)016(2)0600 1.1 6 0.600 0.38 10 a tr3a106(1)016(2)1700 1.6 6 1.700 0.21 10 b tr3b106(1)016(2)0800 1.6 6 0.800 0.33 10 b tr3b106(1)016(2)0500 1.6 6 0.500 0.41 10 c tr3c106(1)016(2)0600 1.6 6 0.600 0.43 10 c tr3c106(1)016(2)0500 1.6 6 0.500 0.47 10 c tr3c106(1)016(2)0450 1.6 6 0.450 0.49 15 b tr3b156(1)016(2)0800 2.4 6 0.800 0.33 15 b tr3b156(1)016(2)0500 2.4 6 0.500 0.41 15 c tr3c156(1)016(2)0400 2.4 6 0.400 0.52 22 b tr3b226(1)016(2)1000 3.5 6 1.000 0.29 22 b tr3b226(1)016(2)0700 3.5 6 0.700 0.35 22 b tr3b226(1)016(2)0600 3.5 6 0.600 0.38 22 b tr3b226(1)016(2)0400 3.5 6 0.400 0.46 22 c tr3c226(1)016(2)0375 3.5 6 0.375 0.54 22 c tr3c226(1)016(2)0350 3.5 6 0.350 0.56 22 d tr3d226(1)016(2)0250 3.5 6 0.250 0.77 33 b tr3b336(1)016(2)0700 5.3 6 0.700 0.35 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 9 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 16 v dc at + 85 c; 10 v dc at + 125 c 33 b tr3b336(1)016(2)0500 5.3 6 0.500 0.41 33 b tr3b336(1)016(2)0350 5.3 6 0.350 0.49 33 c tr3c336(1)016(2)0300 5.3 6 0.300 0.61 33 c tr3c336(1)016(2)0225 5.3 6 0.225 0.70 33 d tr3d336(1)016(2)0250 5.3 6 0.250 0.77 33 d tr3d336(1)016(2)0225 5.3 4 0.225 0.82 33 d tr3d336(1)016(2)0150 5.3 6 0.150 1.00 47 c tr3c476(1)016(2)0500 7.5 6 0.500 0.47 47 c tr3c476(1)016(2)0350 7.5 6 0.350 0.56 47 c tr3c476(1)016(2)0300 7.5 6 0.300 0.61 47 d tr3d476(1)016(2)0200 7.5 6 0.200 0.87 47 d tr3d476(1)016(2)0150 7.5 6 0.150 1.00 47 d tr3d476(1)016(2)0100 7.5 6 0.100 1.22 47 d tr3d476(1)016(2)0080 7.5 6 0.080 1.37 47 d tr3d476(1)016(2)0070 7.5 6 0.070 1.46 68 d tr3d686(1)016(2)0150 10.9 6 0.150 1.00 68 d tr3d686(1)016(2)0100 10.9 6 0.100 1.22 68 d tr3d686(1)016(3)0070 10.9 6 0.070 1.46 100 d tr3d107(1)016(2)0150 16.0 8 0.150 1.00 100 d tr3d107(1)016(2)0125 16.0 8 0.125 1.10 100 d tr3d107(1)016(2)0100 16.0 8 0.100 1.22 100 d tr3d107(1)016(3)0075 16.0 8 0.075 1.41 100 e tr3e107(1)016(2)0150 16.0 8 0.150 1.05 100 e tr3e107(1)016(2)0125 16.0 8 0.125 1.15 100 e tr3e107(1)016(2)0100 16.0 8 0.100 1.28 100 v tr3v107(1)016(3)0150 16.0 10 0.150 0.91 100 v tr3v107(1)016(3)0100 16.0 10 0.100 1.12 150 d tr3d157(1)016(2)0400 24.0 8 0.400 0.61 150 d tr3d157(1)016(2)0150 24.0 8 0.150 1.00 150 d tr3d157(1)016(2)0125 24.0 8 0.125 1.10 150 d tr3d157(1)016(2)0100 24.0 8 0.100 1.22 150 d tr3d157(1)016(2)0085 24.0 8 0.085 1.33 150 d tr3d157(1)016(3)0075 24.0 8 0.075 1.41 150 d tr3d157(1)016(3)0060 24.0 8 0.060 1.58 150 e tr3e157(1)016(2)0400 24.0 8 0.400 0.64 150 e tr3e157(1)016(2)0150 24.0 8 0.150 1.05 150 e tr3e157(1)016(2)0100 24.0 8 0.100 1.28 150 e tr3e157(1)016(2)0075 24.0 8 0.075 1.48 150 e tr3e157(1)016(2)0060 24.0 8 0.060 1.66 150 w tr3w157(1)016(2)0075 24.0 10 0.075 1.83 220 e tr3e227(1)016(2)0150 35.2 14 0.150 1.05 220 e tr3e227(1)016(2)0125 35.2 14 0.125 1.15 220 e tr3e227(1)016(2)0100 35.2 14 0.100 1.28 20 v dc at + 85 c; 13 v dc at + 125 c 1.0 a tr3a105(1)020(2)5500 0.5 4 5.500 0.12 1.0 a tr3a105(1)020(2)3000 0.5 4 3.000 0.16 1.5 a tr3a155(1)020(2)3000 0.5 6 3.000 0.16 2.2 a tr3a225(1)020(2)4000 0.5 6 4.000 0.14 2.2 a tr3a225(1)020(2)3000 0.5 6 3.000 0.16 3.3 a tr3a335(1)020(2)4000 0.7 6 4.000 0.14 3.3 b tr3b335(1)020(2)1300 0.7 6 1.300 0.26 4.7 a tr3a475(1)020(2)3500 0.9 6 3.500 0.15 4.7 a tr3a475(1)020(2)1800 0.9 6 1.800 0.20 4.7 b tr3b475(1)020(2)1000 0.9 6 1.000 0.29 4.7 b tr3b475(1)020(2)0750 0.9 6 0.750 0.34 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 10 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 20 v dc at + 85 c; 13 v dc at + 125 c 6.8 a tr3a685(1)020(2)3200 1.4 6 3.200 0.15 6.8 a tr3a685(1)020(2)3000 1.4 6 3.000 0.16 6.8 a tr3a685(1)020(2)2600 1.4 6 2.600 0.17 6.8 b tr3b685(1)020(2)1000 1.4 6 1.000 0.29 6.8 b tr3b685(1)020(2)0600 1.4 6 0.600 0.38 10 b tr3b106(1)020(2)1000 2.0 6 1.000 0.29 10 b tr3b106(1)020(2)0500 2.0 6 0.500 0.41 10 c tr3c106(1)020(2)0700 2.0 6 0.700 0.40 10 c tr3c106(1)020(2)0500 2.0 6 0.500 0.47 10 c tr3c106(1)020(2)0475 2.0 6 0.475 0.48 10 c tr3c106(1)020(2)0450 2.0 6 0.450 0.49 10 c tr3c106(1)020(2)0400 2.0 6 0.400 0.52 15 b tr3b156(1)020(2)1000 3.0 6 1.000 0.29 15 b tr3b156(1)020(2)0500 3.0 6 0.500 0.41 15 c tr3c156(1)020(2)0400 3.0 6 0.400 0.52 22 b tr3b226(1)020(2)0800 4.4 6 0.800 0.33 22 b tr3b226(1)020(2)0600 4.4 6 0.600 0.38 22 b tr3b226(1)020(2)0400 4.4 6 0.400 0.46 22 c tr3c226(1)020(2)0400 4.4 6 0.400 0.52 22 c tr3c226(1)020(2)0375 4.4 6 0.375 0.54 22 d tr3d226(1)020(2)0300 4.4 6 0.300 0.71 22 d tr3d226(1)020(2)0225 3.5 4 0.225 0.82 22 d tr3d226(1)020(2)0200 4.4 6 0.200 0.87 33 c tr3c336(1)020(2)0350 6.6 6 0.350 0.56 33 c tr3c336(1)020(2)0300 6.6 6 0.300 0.61 33 c tr3c336(1)020(2)0200 6.6 6 0.200 0.74 33 d tr3c336(1)020(2)0400 6.6 6 0.400 0.61 33 d tr3d336(1)020(2)0250 6.6 6 0.250 0.77 33 d tr3d336(1)020(2)0200 6.6 6 0.200 0.87 47 d tr3d476(1)020(2)0200 9.4 6 0.200 0.87 47 d tr3d476(1)020(2)0175 9.4 6 0.175 0.93 47 d tr3d476(1)020(2)0150 9.4 6 0.150 1.00 47 d tr3d476(1)020(3)0100 9.4 6 0.100 1.22 47 e tr3e476(1)020(2)0150 9.4 6 0.150 1.05 47 e tr3e476(1)020(3)0125 9.4 6 0.125 1.15 68 d tr3d686(1)020(2)0200 13.6 6 0.200 0.87 68 d tr3d686(1)020(2)0175 13.6 6 0.175 0.93 68 d tr3d686(1)020(2)0150 13.6 6 0.150 1.00 68 d tr3d686(1)020(2)0115 13.6 6 0.115 1.14 68 e tr3e686(1)020(2)0200 13.6 6 0.200 0.91 68 e tr3e686(1)020(2)0150 13.6 6 0.150 1.05 68 e tr3e686(1)020(2)0125 13.6 6 0.125 1.15 68 e tr3e686(1)020(2)0120 13.6 6 0.120 1.17 100 d tr3d107(1)020(2)0200 20.0 8 0.200 0.87 100 d tr3d107(1)020(2)0150 20.0 8 0.150 1.00 100 d tr3d107(1)020(2)0100 20.0 8 0.100 1.22 100 d tr3d107(1)020(3)0085 20.0 8 0.085 1.33 100 d tr3d107(1)020(3)0080 20.0 8 0.080 1.37 100 e tr3e107(1)020(2)0200 20.0 8 0.200 0.91 100 e tr3e107(1)020(2)0150 20.0 8 0.150 1.05 100 e tr3e107(1)020(2)0100 20.0 8 0.100 1.28 100 w tr3w107(1)020(3)0200 20.0 8 0.200 1.12 100 w tr3w107(1)020(3)0100 20.0 8 0.100 1.58 100 w tr3w107(1)020(3)0080 20.0 8 0.080 1.77 100 w tr3w107(1)020(3)0060 20.0 8 0.060 2.04 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 11 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 20 v dc at + 85 c; 13 v dc at + 125 c 150 w tr3w157(1)020(3)0200 30.0 10 0.200 1.12 150 w tr3w157(1)020(3)0150 30.0 10 0.150 1.29 150 w tr3w157(1)020(3)0100 30.0 10 0.100 1.58 150 w tr3w157(1)020(3)0080 30.0 10 0.080 1.77 25 v dc at + 85 c; 17 v dc at + 125 c 0.47 a tr3a474(1)025(2)7000 0.5 4 7.000 0.10 0.68 a tr3a684(1)025(2)6000 0.5 4 6.000 0.11 1.0 a tr3a105(1)025(2)4000 0.5 4 4.000 0.14 1.5 a tr3a155(1)025(2)4000 0.5 6 4.000 0.14 1.5 a tr3a155(1)025(2)3000 0.5 6 3.000 0.16 1.5 b tr3b155(1)025(2)1800 0.5 6 1.800 0.22 2.2 a tr3a225(1)025(2)4000 0.6 6 4.000 0.14 2.2 b tr3b225(1)025(2)1700 0.6 8 1.700 0.22 2.2 b tr3b225(1)025(2)1500 0.6 6 1.500 0.24 2.2 b tr3b225(1)025(2)1200 0.6 6 1.200 0.27 2.2 b tr3b225(1)025(2)0900 0.6 6 0.900 0.31 3.3 a tr3a335(1)025(2)3500 0.8 6 3.500 0.15 3.3 a tr3a335(1)025(2)3000 0.8 6 3.000 0.16 3.3 b tr3b335(1)025(2)2000 0.8 6 2.000 0.21 3.3 b tr3b335(1)025(2)1500 0.8 6 1.500 0.24 3.3 b tr3b335(1)025(2)0750 0.8 6 0.750 0.34 4.7 a tr3a475(1)025(2)3500 1.2 6 3.500 0.15 4.7 a tr3a475(1)025(2)3000 1.2 6 3.000 0.16 4.7 b tr3b475(1)025(2)1500 1.2 6 1.500 0.24 4.7 b tr3b475(1)025(2)1000 1.2 6 1.000 0.29 4.7 b tr3b475(1)025(2)0900 1.2 6 9.000 0.10 4.7 b tr3b475(1)025(2)0700 1.2 6 0.700 0.35 4.7 c tr3c475(1)025(2)0600 1.2 6 0.600 0.43 4.7 c tr3c475(1)025(2)0525 1.2 6 0.525 0.46 6.8 b tr3b685(1)025(2)2000 1.7 6 2.000 0.21 6.8 b tr3b685(1)025(2)1500 1.7 6 1.500 0.24 6.8 b tr3b685(1)025(2)1200 1.7 6 1.200 0.27 6.8 b tr3b685(1)025(2)0700 1.7 6 0.700 0.35 6.8 b tr3b685(1)025(3)0500 1.7 6 0.500 0.41 6.8 b tr3b685(1)025(3)0400 1.7 6 0.400 0.46 6.8 c tr3c685(1)025(2)0600 1.7 6 0.600 0.43 6.8 c tr3c685(1)025(2)0500 1.7 6 0.500 0.47 10 b tr3b106(1)025(2)1300 2.5 6 1.300 0.26 10 b tr3b106(1)025(2)1100 2.5 6 1.100 0.28 10 b tr3b106(1)025(2)0900 2.5 6 0.900 0.31 10 b tr3b106(1)025(2)0450 2.5 6 0.450 0.43 10 c tr3c106(1)025(2)0600 2.5 6 0.600 0.43 10 c tr3c106(1)025(2)0500 2.5 6 0.500 0.47 10 c tr3c106(1)025(2)0450 2.5 6 0.450 0.49 10 c tr3c106(1)025(2)0300 2.5 6 0.300 0.61 10 d tr3d106(1)025(2)0400 2.5 6 0.400 0.61 10 d tr3d106(1)025(2)0300 2.5 6 0.300 0.71 15 b tr3b156(1)025(2)1000 3.8 6 1.000 0.29 15 b tr3b156(1)025(2)0800 3.8 6 0.800 0.33 15 b tr3b156(1)025(2)0600 3.8 6 0.600 0.38 15 c tr3c156(1)025(2)0900 3.8 6 0.900 0.35 15 c tr3c156(1)025(2)0425 3.8 6 0.425 0.51 15 d tr3d156(1)025(2)0350 3.8 6 0.350 0.65 15 d tr3d156(1)025(2)0275 3.8 6 0.275 0.74 15 d tr3d156(1)025(2)0250 3.8 6 0.250 0.77 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 12 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 25 v dc at + 85 c; 17 v dc at + 125 c 15 d tr3d156(1)025(2)0200 3.8 6 0.200 0.87 22 c tr3c226(1)025(2)1000 5.5 6 1.000 0.33 22 c tr3c226(1)025(2)0900 5.5 6 0.900 0.35 22 c tr3c226(1)025(2)0400 5.5 6 0.400 0.52 22 c tr3c226(1)025(2)0425 5.5 6 0.425 0.51 22 c tr3c226(1)025(2)0300 5.5 6 0.300 0.61 22 c tr3c226(1)025(2)0275 5.5 6 0.275 0.63 22 c tr3c226(1)025(2)0250 5.5 6 0.250 0.66 22 d tr3d226(1)025(2)0300 5.5 6 0.300 0.71 22 d tr3d226(1)025(2)0200 5.5 6 0.200 0.87 22 e tr3e226(1)025(2)0300 5.5 6 0.300 0.74 22 e tr3e226(1)025(2)0200 5.5 6 0.200 0.91 22 v tr3v226(1)025(3)0500 5.5 6 0.500 0.50 22 v tr3v226(1)025(3)0400 5.5 6 0.400 0.56 22 v tr3v226(1)025(3)0250 5.5 6 0.250 0.71 33 d tr3d336(1)025(2)0400 8.3 6 0.400 0.61 33 d tr3d336(1)025(2)0300 8.3 6 0.300 0.71 33 d tr3d336(1)025(2)0225 8.3 6 0.225 0.82 33 d tr3d336(1)025(2)0200 8.3 6 0.200 0.87 33 e tr3e336(1)025(2)0300 8.3 6 0.300 0.74 33 e tr3e336(1)025(2)0200 8.3 6 0.200 0.91 33 e tr3e336(1)025(2)0175 6.6 4 0.175 0.97 47 d tr3d476(1)025(2)0350 11.8 8 0.350 0.65 47 d tr3d476(1)025(2)0250 11.8 8 0.250 0.77 47 d tr3d476(1)025(2)0200 11.8 8 0.200 0.87 47 d tr3d476(1)025(2)0150 11.8 8 0.150 1.00 47 d tr3d476(1)025(3)0125 11.8 8 0.125 1.10 47 d tr3d476(1)025(3)0100 11.8 8 0.100 1.22 47 e tr3e476(1)025(2)0300 11.8 6 0.300 0.74 47 e tr3e476(1)025(2)0200 11.8 6 0.200 0.91 47 e tr3e476(1)025(2)0150 11.8 8 0.150 1.05 47 e tr3e476(1)025(3)0125 11.8 8 0.125 1.15 47 e tr3e476(1)025(3)0100 11.8 8 0.100 1.28 68 e tr3e686(1)025(2)0250 17.0 8 0.250 0.81 68 e tr3e686(1)025(3)0125 17.0 8 0.125 1.15 68 w tr3w686(1)025(3)0200 17.0 6 0.200 1.12 68 w tr3w686(1)025(3)0150 17.0 6 0.150 1.29 68 w tr3w686(1)025(3)0095 17.0 6 0.095 1.62 100 w tr3w107(1)025(3)0200 25.0 15 0.200 1.12 100 w tr3w107(1)025(3)0150 25.0 15 0.150 1.29 100 w tr3w107(1)025(3)0100 25.0 15 0.100 1.58 35 v dc at + 85 c; 23 v dc at + 125 c 0.22 a tr3a224(1)035(2)6000 0.5 4 6.000 0.11 0.33 a tr3a334(1)035(2)6000 0.5 4 6.000 0.11 0.47 a tr3a474(1)035(2)4000 0.5 4 4.000 0.14 0.47 b tr3b474(1)035(2)4000 0.5 6 4.000 0.15 0.68 a tr3a684(1)035(2)6000 0.5 4 6.000 0.11 0.68 a tr3a684(1)035(2)4000 0.5 4 4.000 0.14 1.0 a tr3a105(1)035(2)6000 0.5 4 6.000 0.11 1.0 a tr3a105(1)035(2)4000 0.5 4 4.000 0.14 1.0 a tr3a105(1)035(2)3000 0.5 4 3.000 0.16 1.0 b tr3b105(1)035(2)2000 0.5 4 2.000 0.21 1.5 b tr3b155(1)035(2)3000 0.5 6 3.000 0.17 1.5 b tr3b155(1)035(2)2000 0.5 6 2.000 0.21 1.5 c tr3c155(1)035(2)2500 0.5 6 2.500 0.21 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 13 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 35 v dc at + 85 c; 23 v dc at + 125 c 1.5 c tr3c155(1)035(2)0900 0.5 6 0.900 0.35 2.2 b tr3b225(1)035(2)2500 0.8 6 2.500 0.18 2.2 b tr3b225(1)035(2)2000 0.8 6 2.000 0.21 2.2 b tr3b225(1)035(2)1500 0.8 6 1.500 0.24 2.2 c tr3c225(1)035(2)1500 0.8 6 1.500 0.27 2.2 c tr3c225(1)035(2)0900 0.8 6 0.900 0.35 3.3 b tr3b335(1)035(2)1500 1.2 6 1.500 0.24 3.3 b tr3b335(1)035(2)1000 1.2 6 1.000 0.29 3.3 c tr3c335(1)035(2)0800 1.2 6 0.800 0.37 3.3 c tr3c335(1)035(2)0700 1.2 6 0.700 0.40 3.3 c tr3c335(1)035(2)0600 1.2 6 0.600 0.43 4.7 b tr3b475(1)035(2)1500 1.6 6 1.500 0.24 4.7 b tr3b475(1)035(2)1000 1.6 6 1.000 0.29 4.7 b tr3b475(1)035(2)0700 1.6 6 0.700 0.35 4.7 c tr3c475(1)035(2)0700 1.6 6 0.700 0.40 4.7 c tr3c475(1)035(2)0600 1.6 6 0.600 0.43 4.7 c tr3c475(1)035(2)0500 1.6 6 0.500 0.47 4.7 d tr3d475(1)035(2)0700 1.6 6 0.700 0.46 6.8 c tr3c685(1)035(2)0900 2.4 6 0.900 0.35 6.8 c tr3c685(1)035(2)0475 2.4 6 0.475 0.48 6.8 d tr3d685(1)035(2)0500 2.4 6 0.500 0.55 6.8 d tr3d685(1)035(2)0400 2.4 6 0.400 0.61 6.8 d tr3d685(1)035(2)0300 2.4 6 0.300 0.71 6.8 e tr3e685(1)035(2)0300 2.4 4 0.300 0.74 10 c tr3c106(1)035(2)1200 3.5 6 1.200 0.30 10 c tr3c106(1)035(2)0450 3.5 6 0.450 0.49 10 d tr3d106(1)035(2)0400 3.5 6 0.400 0.61 10 d tr3d106(1)035(2)0300 3.5 6 0.300 0.71 10 d tr3d106(1)035(2)0260 3.5 6 0.260 0.76 10 d tr3d106(1)035(2)0250 3.5 6 0.250 0.77 10 d tr3d106(1)035(2)0200 3.5 6 0.200 0.87 10 d tr3d106(1)035(3)0135 3.5 6 0.135 1.05 10 d tr3d106(1)035(3)0125 3.5 6 0.125 1.10 10 e tr3e106(1)035(2)0250 3.5 6 0.250 0.81 10 e tr3e106(1)035(2)0200 3.5 6 0.200 0.91 15 d tr3d156(1)035(2)0350 5.3 6 0.350 0.65 15 d tr3d156(1)035(2)0300 5.3 6 0.300 0.71 15 d tr3d156(1)035(2)0260 5.3 6 0.260 0.76 15 d tr3d156(1)035(2)0225 5.3 6 0.225 0.82 15 d tr3d156(1)035(2)0200 5.3 6 0.200 0.87 15 d tr3d156(1)035(2)0150 5.3 6 0.150 1.00 15 e tr3e156(1)035(2)0300 5.3 6 0.300 0.74 15 e tr3e156(1)035(2)0225 5.3 6 0.225 0.86 15 e tr3e156(1)035(2)0200 5.3 6 0.200 0.91 15 e tr3e156(1)035(2)0150 5.3 6 0.150 1.05 22 d tr3d226(1)035(2)0400 7.7 6 0.400 0.61 22 d tr3d226(1)035(2)0300 7.7 6 0.300 0.71 22 d tr3d226(1)035(2)0275 7.7 6 0.275 0.74 22 d tr3d226(1)035(2)0250 7.7 6 0.250 0.77 22 d tr3d226(1)035(2)0200 7.7 6 0.200 0.87 22 e tr3e226(1)035(2)0300 7.7 6 0.300 0.74 22 e tr3e226(1)035(2)0275 7.7 6 0.275 0.77 22 e tr3e226(1)035(2)0260 7.7 6 0.260 0.80 22 e tr3e226(1)035(2)0200 7.7 6 0.200 0.91 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 14 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 50 v dc at + 85 c; 33 v dc at + 125 c 0.15 a tr3a154(1)050(2)10r0 0.5 4 10.000 0.09 0.22 a tr3a224(1)050(2)10r0 0.5 4 10.000 0.09 0.33 a tr3a334(1)050(2)7000 0.5 4 7.000 0.10 0.47 b tr3b474(1)050(2)6000 0.5 4 6.000 0.12 0.47 c tr3c474(1)050(2)2300 0.5 4 2.300 0.22 1.0 b tr3b105(1)050(2)4000 0.5 4 4.000 0.15 1.0 b tr3b105(1)050(2)2000 0.5 4 2.000 0.21 1.0 c tr3c105(1)050(2)1600 0.5 4 1.600 0.26 1.5 b tr3b155(1)050(2)2000 0.8 6 2.000 0.21 1.5 c tr3c155(1)050(2)1500 0.8 6 1.500 0.27 2.2 b tr3b225(1)050(2)2000 1.1 6 2.000 0.21 2.2 c tr3c225(1)050(2)1500 1.1 6 1.500 0.27 2.2 d tr3d225(1)050(2)0800 1.1 6 0.800 0.43 3.3 c tr3c335(1)050(2)1500 1.7 6 1.500 0.27 3.3 d tr3d335(1)050(2)0800 1.7 6 0.800 0.43 4.7 c tr3c475(1)050(2)1000 2.4 6 1.000 0.33 4.7 c tr3c475(1)050(2)0700 2.4 6 0.700 0.40 4.7 c tr3c475(1)050(2)0500 2.4 6 0.500 0.47 4.7 d tr3d475(1)050(2)0700 2.4 6 0.700 0.46 4.7 d tr3d475(1)050(2)0600 2.4 6 0.600 0.50 4.7 d tr3d475(1)050(2)0500 2.4 6 0.500 0.55 4.7 d tr3d475(1)050(2)0300 2.4 6 0.300 0.71 4.7 e tr3e475(1)050(2)0600 2.4 4 0.600 0.52 4.7 e tr3e475(1)050(2)0300 2.4 4 0.300 0.74 6.8 d tr3d685(1)050(2)0700 3.4 6 0.700 0.46 6.8 d tr3d685(1)050(2)0600 3.4 6 0.600 0.50 6.8 d tr3d685(1)050(2)0500 3.4 6 0.500 0.55 6.8 d tr3d685(1)050(2)0300 3.4 6 0.300 0.71 6.8 e tr3e685(1)050(2)0550 3.4 6 0.550 0.55 6.8 e tr3e685(1)050(2)0500 3.4 6 0.500 0.57 10 d tr3d106(1)050(2)0700 5.0 6 0.700 0.46 10 d tr3d106(1)050(2)0550 5.0 6 0.550 0.52 10 d tr3d106(1)050(2)0450 5.0 6 0.450 0.58 10 e tr3e106(1)050(2)0700 5.0 6 0.700 0.49 10 e tr3e106(1)050(2)0550 5.0 6 0.550 0.55 10 e tr3e106(1)050(2)0500 5.0 6 0.500 0.57 10 e tr3e106(1)050(2)0400 5.0 6 0.400 0.64 10 e tr3e106(1)050(2)0300 5.0 6 0.300 0.74 15 e tr3e156(1)050(2)0400 7.5 6 0.400 0.64 15 e tr3e156(1)050(3)0300 7.5 6 0.300 0.74 63 v dc at + 85 c; 40 v dc at + 125 c 4.7 d tr3d475(1)063(2)0700 3.0 6 0.700 0.46 10 e tr3e106(1)063(2)0600 6.3 6 0.600 0.52 standard ratings capacitance (f) case code part number max. dcl at + 25 c (a) max. df at + 25 c 120 hz (%) max. esr at + 25 c 100 khz ( ? ) max. ripple 100 khz i rms (a) note ? part number definitions: (1) capacitance tolerance codes: k, m (2) terminations and packaging codes: c, d, e, f (3) lead (pb)-free terminations and packaging codes: c, d
tr3 www.vishay.com vishay sprague revision: 26-jun-13 15 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommended voltage de rating guidelines (for temperatures below + 85 c) standard conditions. for example: output filters capacitor voltage rating operating voltage 4.0 2.5 6.3 3.6 10 6.0 16 10 20 12 25 15 35 24 50 28 63 38 severe conditions. for example: input filters capacitor voltage rating operating voltage 4.0 2.5 6.3 3.3 10 5.0 16 8.0 20 10 25 12 35 15 50 24 63 32 typical curves at + 25 c, impedance and esr vs. frequency 0.1 1.0 10.0 100.0 1000.0 esr/z, ?d? case impedance esr 68 f, 20 v dc 470 f, 4 v dc 1.00 0.10 0.01 frequency khz 0.1 1.0 10.0 100.0 1000.0 esr/z, 1.00 0.10 0.01 frequency khz ?d? case impedance esr 220 f, 10 v dc 330 f, 6.3 v dc
tr3 www.vishay.com vishay sprague revision: 26-jun-13 16 document number: 40080 for technical questions, contact: tantalum@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power dissipation case code maximum permissible power diss ipation at + 25 c (w) in free air a 0.075 b 0.085 c 0.110 d 0.150 e 0.165 v 0.125 w 0.250 standard packaging quantity case code units per reel 7" reel 13" reel a 2000 9000 b 2000 8000 c 500 3000 d 500 2500 e 400 1500 v 1000 5000 w 500 2000 product information guide for molded ta ntalum capacitors www.vishay.com/doc?40074 pad dimensions packaging dimensions moisture sensitivity www.vishay.com/doc?40135 selector guides solid tantalum selector guide www.vishay.com/doc?49053 solid tantalum chip capacitors www.vishay.com/doc?40091 faq frequently asked questions www.vishay.com/doc?40110
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TR3D107M010C0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X