Part Number Hot Search : 
48R502 5671A4 ADF06ST CDBQR40 TLUR6400 SB1630CT AN7015S 16541DT
Product Description
Full Text Search
 

To Download T55A156M6R3C0300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t55 www.vishay.com vishay polytech revision: 16-nov-15 1 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 vpolytan tm solid tantalum surface mount chip capacitors, molded case, high performance polymer type performance / electrical characteristics operating temperature: -55 c to +105 c capacitance range: 3.3 f to 470 f capacitance tolerance: 20 % voltage rating: 2.5 v dc to 35 v dc features ? ultra-low esr ? molded case available in 7 case codes ? terminations: ? cases j, p: 100 % tin ? case a: 100 % tin or ni/pd/au ? cases t, b, v, d: ni/pd/au ? compatible with high volume automatic pick and place equipment ? moisture sensitivity level 3 ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? decoupling, smoothing, filtering ? bulk energy storage in wireless cards ? infrastructure equipment ? storage and networking ? computer motherboards ? smartphones and tablets ordering information t55 b 156 m 6r3 c 0500 type case code capacitance capacitance tolerance dc voltage rating termination / packaging esr see ratings and case codes table this is expressed in picofarads. the first two digits are the significant figures. the third is the number of zeros to follow. m = 20 % this is expressed in volts. to complete the three-digit block, zeros precede the voltage rating. a decimal point is indicated by an r (6r3 = 6.3 v) c = lead (pb)-free solderable coating, 7" reel maximum 100 khz esr in m ? dimensions in inches [millimeters] anode indication belt mark l w w h a l l j case anode indication belt mark l w w h ll a p case
t55 www.vishay.com vishay polytech revision: 16-nov-15 2 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) in development. case code eia size l w h l a j 1608-09 0.063 0.004 [1.6 0.1] 0.031 0.004 [0.8 0.1] 0.031 0.004 [0.8 0.1] 0.012 0.006 [0.3 0.15] 0.024 0.004 [0.6 0.1] p 2012-12 0.080 0.008 [2.0 0.2] 0.049 0.008 [1.25 0.2] 0.047 max. [1.2 max.] 0.020 0.008 [0.5 0.2] 0.035 0.004 [0.9 0.1] a 3216-18 0.126 0.008 [3.2 0.2] 0.063 0.008 [1.6 0.2] 0.063 0.008 [1.6 0.2] 0.028 0.012 [0.7 0.3] 0.047 0.008 [1.2 0.2] t 3528-12 0.138 0.008 [3.5 0.2] 0.110 0.008 [2.8 0.2] 0.047 max. [1.2 max.] 0.030 0.012 [0.8 0.3] 0.087 0.008 [2.2 0.2] b 3528-21 0.138 0.008 [3.5 0.2] 0.110 0.008 [2.8 0.2] 0.075 0.008 [1.9 0.2] 0.030 0.012 [0.8 0.3] 0.087 0.008 [2.2 0.2] v 7343-20 0.287 0.008 [7.3 0.2] 0.169 0.012 [4.3 0.3] 0.075 0.004 [1.9 0.1] 0.051 0.012 [1.3 0.3] 0.094 0.008 [2.4 0.2] d 7343-30 0.287 0.008 [7.3 0.2] 0.169 0.012 [4.3 0.3] 0.110 0.008 [2.8 0.2] 0.051 0.012 [1.3 0.3] 0.094 0.008 [2.4 0.2] ratings and case codes f 2.5 v 4.0 v 6.3 v 10 v 16 v 20 v 25 v 35 v 3.3 j / p j / p 4.7 j / p / a p / a 6.8 p / a a b b b 10 j / p / a p / a a b b 15 p / a a a b b b (1) 22 a a / b a / t / b a / t / b b 33 a a / b a / t / b a / t / b 47 a a / t / b a / t / b b 68 a / b a / t / b t / b v 100 a / t / b a / t / b a / t / b d v 150 b b / v b / v v 220 b / v b / v / d b / v / d v (1) / d 330 b / v d / v v / d d 470 b / d d v (1) dimensions in inches [millimeters] anode indication belt mark a, b, t case a l h w ll d, v case a a l h w ll
t55 www.vishay.com vishay polytech revision: 16-nov-15 3 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking voltage code capacitance code v code cap, f code 2.5 e 3.3 n6 4g4.7s6 6.3 j 6.8 w6 10 a 10 a7 16 c 15 e7 20 d 22 j7 25 e 33 n7 35 v 47 s7 68 w7 100 a8 150 e8 220 j8 330 n8 470 s8 rated voltage capacitance marking 410ag 415eg 6.3 3.3 nj 6.3 4.7 sj 6.3 6.8 wj 6.3 10 aj 10 3.3 na 10 4.7 sa date code year month 123456789101112 2013 a b c d e f g h j k l m 2014 n p q r s t u v w x y z 2015 a b c d e f g h j k l m 2016 n p q r s t u v w x y z a7ja s implified code of nominal capacitance (a7: 10 f) s implified code of rated voltage (j: 6.3 v) anode indication belt mar k + a case date code + t, b, v, d case date code na j s 7 anode indication belt mark s implified code of rated voltage (j: 6.3 v) s implified code of nominal capacitance ( s 7: 47 f) type of s erie s (n: t55) s j s implified code of nominal capacitance ( s : 4.7 f) s implified code of rated voltage (j: 6.3 v) anode indication belt mar k + j, p case
t55 www.vishay.com vishay polytech revision: 16-nov-15 4 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) 2.5 v dc at +105 c 22 a t55a226m2r5c0200 5.5 10 200 0.75 22 a t55a226m2r5c0180 5.5 10 180 0.79 33 a t55a336m2r5c0200 8.2 10 200 0.75 33 a t55a336m2r5c0180 8.2 10 180 0.79 47 a t55a476m2r5c0200 11.7 10 200 0.75 47 a t55a476m2r5c0180 11.7 10 180 0.79 68 a t55a686m2r5c0250 17.0 10 250 0.67 68 a t55a686m2r5c0200 17.0 10 200 0.75 68 b t55b686m2r5c0070 17.0 8 70 1.36 100 a t55a107m2r5c0200 25.0 10 200 0.75 100 a t55a107m2r5c0100 25.0 10 100 1.07 100 t t55t107m2r5c0070 25.0 10 70 1.22 100 b t55b107m2r5c0070 25.0 8 70 1.36 100 b t55b107m2r5c0055 25.0 8 55 1.53 150 b t55b157m2r5c0070 37.5 8 70 1.36 150 b t55b157m2r5c0055 37.5 8 55 1.53 220 b t55b227m2r5c0070 55.0 8 70 1.36 220 b t55b227m2r5c0055 55.0 8 55 1.53 220 b t55b227m2r5c0045 55.0 8 45 1.69 220 b t55b227m2r5c0035 55.0 8 35 1.93 220 b t55b227m2r5c0030 55.0 8 30 2.08 220 v t55v227m2r5c0025 55.0 10 25 2.73 220 v (1) t55v227m2r5c0018 55.0 10 18 3.22 220 v (1) t55v227m2r5c0015 55.0 10 15 3.53 330 b t55b337m2r5c0070 82.5 8 70 1.36 330 b t55b337m2r5c0045 82.5 8 45 1.70 330 b t55b337m2r5c0035 82.5 8 35 1.93 330 b t55b337m2r5c0025 82.5 8 25 2.28 330 v t55v337m2r5c0040 82.5 10 40 2.16 330 v t55v337m2r5c0025 82.5 10 25 2.73 330 v (1) t55v337m2r5c0018 82.5 10 18 3.22 330 v (1) t55v337m2r5c0015 82.5 10 15 3.53 470 b t55b477m2r5c0025 117.5 8 25 2.28 470 d t55d477m2r5c0050 117.5 10 50 2.12 470 d t55d477m2r5c0040 117.5 10 40 2.37 470 d t55d477m2r5c0025 117.5 10 25 3.00 4 v dc at +105 c 10 j t55j106m004c0500 10.0 10 500 0.32 10 p t55p106m004c0500 5.0 10 500 0.36 10 p t55p106m004c0300 5.0 10 300 0.46 10 p t55p106m004c0200 5.0 10 200 0.56 10 a t55a106m004c0500 4.0 10 500 0.48 10 a t55a106m004c0200 4.0 10 200 0.76 15 p t55p156m004c0500 10.0 10 500 0.36 15 p t55p156m004c0200 10.0 10 200 0.56 15 a t55a156m004c0500 6.0 10 500 0.48 15 a t55a156m004c0300 6.0 10 300 0.61 15 a t55a156m004c0200 6.0 10 200 0.76 notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 5 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4 v dc at +105 c 22 a t55a226m004c0500 8.8 10 500 0.48 22 a t55a226m004c0300 8.8 10 300 0.61 22 a t55a226m004c0200 8.8 10 200 0.76 22 b t55b226m004c0150 8.8 8 150 0.93 22 b t55b226m004c0200 8.8 8 200 0.81 33 a t55a336m004c0500 13.2 10 500 0.48 33 a t55a336m004c0300 13.2 10 300 0.61 33 a t55a336m004c0200 13.2 10 200 0.76 33 b t55b336m004c0200 13.2 8 200 0.81 47 a t55a476m004c0500 18.8 10 500 0.48 47 a t55a476m004c0200 18.8 10 200 0.76 47 a t55a476m004c0180 18.8 10 180 0.79 47 t t55t476m004c0200 18.8 10 200 0.72 47 t t55t476m004c0080 18.8 10 80 1.15 47 t t55t476m004c0070 18.8 10 70 1.22 47 b t55b476m004c0150 18.8 8 150 0.93 47 b t55b476m004c0070 18.8 8 70 1.36 68 a t55a686m004c0500 27.2 10 500 0.48 68 a t55a686m004c0250 27.2 10 250 0.67 68 a t55a686m004c0200 27.2 10 200 0.76 68 t t55t686m004c0200 27.2 10 200 0.72 68 t t55t686m004c0180 27.2 10 180 0.76 68 t t55t686m004c0080 27.2 10 80 1.15 68 t t55t686m004c0070 27.2 10 70 1.22 68 b t55b686m004c0150 27.2 8 150 0.93 68 b t55b686m004c0070 27.2 8 70 1.36 100 a t55a107m004c0200 40.0 10 200 0.75 100 a t55a107m004c0100 40.0 10 100 1.07 100 t t55t107m004c0150 40.0 10 150 0.84 100 t t55t107m004c0070 40.0 10 70 1.22 100 b t55b107m004c0070 40.0 8 70 1.36 100 b t55b107m004c0055 40.0 8 55 1.53 100 b t55b107m004c0045 40.0 8 45 1.70 100 b t55b107m004c0040 40.0 8 40 1.80 100 b t55b107m004c0035 40.0 8 35 1.92 150 b t55b157m004c0070 60.0 8 70 1.36 150 b t55b157m004c0055 60.0 8 55 1.53 150 b t55b157m004c0045 60.0 8 45 1.69 150 b t55b157m004c0040 60.0 8 40 1.80 150 b t55b157m004c0035 60.0 8 35 1.93 150 v t55v157m004c0045 60.0 10 45 2.03 150 v t55v157m004c0025 60.0 10 25 2.73 220 b t55b227m004c0070 88.0 8 70 1.36 220 b t55b227m004c0060 88.0 8 60 1.47 220 b t55b227m004c0055 88.0 8 55 1.53 220 b t55b227m004c0045 88.0 8 45 1.70 220 b t55b227m004c0035 88.0 8 35 1.93 220 v t55v227m004c0055 88.0 10 55 1.84 220 v t55v227m004c0045 88.0 10 45 2.03 220 v t55v227m004c0040 88.0 10 40 2.16 220 v t55v227m004c0035 88.0 10 35 2.31 220 v t55v227m004c0025 88.0 10 25 2.73 220 v (1) t55v227m004c0018 88.0 10 18 3.22 220 v (1) t55v227m004c0015 88.0 10 15 3.53 220 d t55d227m004c0055 88.0 10 55 2.02 220 d t55d227m004c0040 88.0 10 40 2.37 220 d t55d227m004c0025 88.0 10 25 3.00 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 6 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 4 v dc at +105 c 330 d t55d337m004c0050 132.0 10 50 2.12 330 d t55d337m004c0040 132.0 10 40 2.37 330 d t55d337m004c0025 132.0 10 25 3.00 330 d (1) t55d337m004c0015 132.0 10 15 3.87 330 v t55v337m004c0050 132.0 10 50 1.93 330 v t55v337m004c0045 132.0 10 45 2.03 330 v t55v337m004c0040 132.0 10 40 2.16 330 v t55v337m004c0025 132.0 10 25 2.73 330 v (1) t55v337m004c0018 132.0 10 18 3.22 330 v (1) t55v337m004c0015 132.0 10 15 3.53 470 d t55d477m004c0055 188.0 10 55 2.02 470 d t55d477m004c0050 188.0 10 50 2.12 470 d t55d477m004c0040 188.0 10 40 2.37 470 d t55d477m004c0025 188.0 10 25 3.00 470 d (1) t55d477m004c0018 188.0 10 18 3.53 6.3 v dc at +105 c 3.3 j t55j335m6r3c0500 10.0 10 500 0.32 3.3 p t55p335m6r3c0500 5.0 10 500 0.36 4.7 j t55j475m6r3c0500 10.0 10 500 0.32 4.7 p t55p475m6r3c0500 5.0 10 500 0.36 4.7 a t55a475m6r3c0500 3.0 10 500 0.48 6.8 p t55p685m6r3c0500 5.0 10 500 0.36 6.8 a t55a685m6r3c0500 4.2 10 500 0.48 10 p t55p106m6r3c0500 10.0 10 500 0.36 10 p t55p106m6r3c0200 10.0 10 200 0.56 10 a t55a106m6r3c0500 6.3 10 500 0.48 10 a t55a106m6r3c0300 6.3 10 300 0.61 10 a t55a106m6r3c0200 6.3 10 200 0.76 15 a t55a156m6r3c0500 9.4 10 500 0.48 15 a T55A156M6R3C0300 9.4 10 300 0.61 15 a t55a156m6r3c0200 9.4 10 200 0.76 22 a t55a226m6r3c0500 13.8 10 500 0.48 22 a t55a226m6r3c0300 13.8 10 300 0.61 22 a t55a226m6r3c0200 13.8 10 200 0.76 22 t t55t226m6r3c0150 13.8 10 150 0.84 22 t t55t226m6r3c0070 13.8 10 70 1.22 22 b t55b226m6r3c0150 13.8 8 150 0.93 33 a t55a336m6r3c0500 20.7 10 500 0.48 33 a t55a336m6r3c0200 20.7 10 200 0.76 33 a t55a336m6r3c0180 20.7 10 180 0.79 33 t t55t336m6r3c0200 20.7 10 200 0.72 33 t t55t336m6r3c0150 20.7 10 150 0.84 33 t t55t336m6r3c0070 20.7 10 70 1.22 33 b t55b336m6r3c0200 20.7 8 200 0.81 33 b t55b336m6r3c0150 20.7 8 150 0.93 33 b t55b336m6r3c0080 20.7 8 80 1.27 33 b t55b336m6r3c0070 20.7 8 70 1.36 33 b t55b336m6r3c0040 20.7 8 40 1.80 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 7 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 6.3 v dc at +105 c 47 a t55a476m6r3c0500 29.6 10 500 0.48 47 a t55a476m6r3c0200 29.6 10 200 0.76 47 a t55a476m6r3c0180 29.6 10 180 0.79 47 a t55a476m6r3c0150 29.6 10 150 0.88 47 a t55a476m6r3c0100 29.6 10 100 1.07 47 a t55a476m6r3c0070 29.6 10 70 1.28 47 t t55t476m6r3c0200 29.6 10 200 0.72 47 t t55t476m6r3c0120 29.6 10 120 0.93 47 t t55t476m6r3c0080 29.6 10 80 1.15 47 t t55t476m6r3c0070 29.6 10 70 1.22 47 b t55b476m6r3c0150 29.6 8 150 0.93 47 b t55b476m6r3c0070 29.6 8 70 1.36 47 b t55b476m6r3c0060 29.6 8 60 1.47 47 b t55b476m6r3c0040 29.6 8 40 1.80 68 t t55t686m6r3c0200 42.8 10 200 0.72 68 t t55t686m6r3c0150 42.8 10 150 0.83 68 t t55t686m6r3c0070 42.8 10 70 1.22 68 b t55b686m6r3c0150 42.8 8 150 0.93 68 b t55b686m6r3c0070 42.8 8 70 1.36 100 a t55a107m6r3c0200 63.0 10 200 0.76 100 a t55a107m6r3c0150 63.0 10 150 0.88 100 a t55a107m6r3c0100 63.0 10 100 1.07 100 a t55a107m6r3c0070 63.0 10 70 1.28 100 t t55t107m6r3c0200 63.0 10 200 0.72 100 t t55t107m6r3c0070 63.0 10 70 1.22 100 b t55b107m6r3c0100 63.0 8 100 1.14 100 b t55b107m6r3c0070 63.0 8 70 1.36 100 b t55b107m6r3c0055 63.0 8 55 1.53 100 b t55b107m6r3c0045 63.0 8 45 1.70 100 b t55b107m6r3c0040 63.0 8 40 1.80 100 b t55b107m6r3c0035 63.0 8 35 1.93 150 b t55b157m6r3c0100 94.5 8 100 1.14 150 b t55b157m6r3c0070 94.5 8 70 1.36 150 b t55b157m6r3c0055 94.5 8 55 1.53 150 b t55b157m6r3c0045 94.5 8 45 1.70 150 b t55b157m6r3c0040 94.5 8 40 1.80 150 b t55b157m6r3c0035 94.5 8 35 1.93 150 b (1) t55b157m6r3c0025 94.5 8 25 2.28 150 v t55v157m6r3c0055 94.5 10 55 1.84 150 v t55v157m6r3c0045 94.5 10 45 2.03 150 v t55v157m6r3c0040 94.5 10 40 2.16 150 v t55v157m6r3c0035 94.5 10 35 2.31 150 v t55v157m6r3c0025 94.5 10 25 2.73 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 8 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 6.3 v dc at +105 c 220 b t55b227m6r3c0200 138.6 8 200 0.80 220 b t55b227m6r3c0070 138.6 8 70 1.36 220 b t55b227m6r3c0045 138.6 8 45 1.69 220 b t55b227m6r3c0035 138.6 8 35 1.93 220 b t55b227m6r3c0025 138.6 8 25 2.28 220 v t55v227m6r3c0050 138.6 10 50 1.93 220 v t55v227m6r3c0045 138.6 10 45 2.03 220 v t55v227m6r3c0040 138.6 10 40 2.16 220 v t55v227m6r3c0035 138.6 10 35 2.31 220 v t55v227m6r3c0025 138.6 10 25 2.73 220 v (1) t55v227m6r3c0018 138.6 10 18 3.22 220 v (1) t55v227m6r3c0015 138.6 10 15 3.53 220 d t55d227m6r3c0055 138.6 10 55 2.02 220 d t55d227m6r3c0050 138.6 10 50 2.12 220 d t55d227m6r3c0040 138.6 10 40 2.37 220 d t55d227m6r3c0035 138.6 10 35 2.53 220 d t55d227m6r3c0025 138.6 10 25 3.00 330 v t55v337m6r3c0050 207.9 10 50 1.93 330 v t55v337m6r3c0045 207.9 10 45 2.03 330 v t55v337m6r3c0040 207.9 10 40 2.16 330 v t55v337m6r3c0025 207.9 10 25 2.73 330 v (1) t55v337m6r3c0018 207.9 10 18 3.22 330 v (1) t55v337m6r3c0015 207.9 10 15 3.53 330 d t55d337m6r3c0055 207.9 10 55 2.02 330 d t55d337m6r3c0050 207.9 10 50 2.12 330 d t55d337m6r3c0045 207.9 10 45 2.23 330 d t55d337m6r3c0040 207.9 10 40 2.37 330 d t55d337m6r3c0025 207.9 10 25 3.00 330 d (1) t55d337m6r3c0018 207.9 10 18 3.53 330 d (1) t55d337m6r3c0015 207.9 10 15 3.87 330 d (1) t55d337m6r3c0012 207.9 10 12 4.33 470 v (1) t55v477m6r3c0055 296.1 10 55 1.84 470 v (1) t55v477m6r3c0050 296.1 10 50 1.93 10 v dc at +105 c 3.3 j t55j335m010c0500 10.0 10 500 0.32 3.3 p t55p335m010c0500 5.0 10 500 0.36 4.7 p t55p475m010c0500 10.0 10 500 0.36 4.7 p t55p475m010c0200 10.0 10 200 0.56 4.7 a t55a475m010c0500 4.7 10 500 0.48 4.7 a t55a475m010c0300 4.7 10 300 0.61 4.7 a t55a475m010c0200 4.7 10 200 0.76 6.8 a t55a685m010c0500 6.8 10 500 0.48 6.8 a t55a685m010c0300 6.8 10 300 0.61 6.8 a t55a685m010c0200 6.8 10 200 0.76 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 9 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 10 v dc at +105 c 10 a t55a106m010c0500 10.0 10 500 0.48 10 a t55a106m010c0300 10.0 10 300 0.61 10 a t55a106m010c0200 10.0 10 200 0.76 15 a t55a156m010c0500 15.0 10 500 0.48 15 a t55a156m010c0200 15.0 10 200 0.76 22 a t55a226m010c0500 22.0 10 500 0.48 22 a t55a226m010c0200 22.0 10 200 0.76 22 t t55t226m010c0200 22.0 10 200 0.72 22 t t55t226m010c0150 22.0 10 150 0.84 22 t t55t226m010c0070 22.0 10 70 1.22 22 b t55b226m010c0300 22.0 8 300 0.66 22 b t55b226m010c0200 22.0 8 200 0.81 22 b t55b226m010c0150 22.0 8 150 0.93 22 b t55b226m010c0070 22.0 8 70 1.36 33 a t55a336m010c0500 33.0 10 500 0.48 33 a t55a336m010c0150 33.0 10 150 0.88 33 a t55a336m010c0070 33.0 10 70 1.28 33 a t55a336m010c0200 33.0 10 200 0.76 33 t t55t336m010c0200 33.0 10 200 0.72 33 t t55t336m010c0150 33.0 10 150 0.84 33 t t55t336m010c0080 33.0 10 80 1.14 33 t t55t336m010c0070 33.0 10 70 1.22 33 b t55b336m010c0200 33.0 8 200 0.81 33 b t55b336m010c0150 33.0 8 150 0.93 33 b t55b336m010c0080 33.0 8 80 1.27 33 b t55b336m010c0070 33.0 8 70 1.36 47 b t55b476m010c0150 47.0 8 150 0.93 47 b t55b476m010c0070 47.0 8 70 1.36 68 v t55v686m010c0100 68.0 10 100 1.36 68 v t55v686m010c0060 68.0 10 60 1.76 100 d t55d107m010c0080 100.0 10 80 1.67 100 d t55d107m010c0055 100.0 10 55 2.02 100 d t55d107m010c0045 100.0 10 45 2.23 100 d t55d107m010c0025 100.0 10 25 3.00 100 d (1) t55d107m010c0018 100.0 10 18 3.53 150 v t55v157m010c0055 150.0 10 55 1.84 150 v t55v157m010c0045 150.0 10 45 2.03 150 v t55v157m010c0040 150.0 10 40 2.16 150 v t55v157m010c0025 150.0 10 25 2.73 150 v (1) t55v157m010c0015 150.0 10 15 3.53 220 v (1) t55v227m010c0050 220.0 10 50 1.93 220 v (1) t55v227m010c0045 220.0 10 45 2.03 220 v (1) t55v227m010c0040 220.0 10 40 2.16 220 v (1) t55v227m010c0025 220.0 10 25 2.73 220 v (1) t55v227m010c0018 220.0 10 18 3.22 220 d t55d227m010c0055 220.0 10 55 2.02 220 d t55d227m010c0050 220.0 10 50 2.12 220 d t55d227m010c0040 220.0 10 40 2.37 220 d t55d227m010c0025 220.0 10 25 3.00 220 d (1) t55d227m010c0018 220.0 10 18 3.53 330 d t55d337m010c0040 330.0 10 40 2.37 330 d t55d337m010c0035 330.0 10 35 2.53 330 d t55d337m010c0025 330.0 10 25 3.00 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 10 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 16 v dc at +105 c 6.8 b t55b685m016c0200 10.8 8 200 0.80 10 b t55b106m016c0200 16.0 8 200 0.80 10 b t55b106m016c0100 16.0 8 100 1.14 15 b t55b156m016c0150 24.0 8 150 0.93 15 b t55b156m016c0090 24.0 8 90 1.20 22 b t55b226m016c0150 35.2 8 150 0.93 22 b t55b226m016c0070 35.2 8 70 1.36 100 v t55v107m016c0050 160.0 10 50 1.93 20 v dc at +105 c 15 b t55b156m020c0090 30.0 8 90 1.20 15 b t55b156m020c0070 30.0 8 70 1.36 25 v dc at +105 c 6.8 b t55b685m025c0100 17.0 8 100 1.14 10 b t55b106m025c0150 25.0 8 150 0.93 10 b t55b106m025c0100 25.0 8 100 1.14 15 b (1) t55b156m025c0100 37.5 8 100 1.14 35 v dc at +105 c 6.8 b t55b685m035c0200 23.8 8 200 0.81 recommended voltage derating guidelines capacitor voltage rating operating voltage 2.5 2.3 4.0 3.6 6.3 5.7 10 9.0 16 12.8 20 16 25 20 35 28 power dissipation case code maximum permissible power dissipation (w) at ? +45 c in free air j 0.050 p 0.064 a 0.115 t 0.105 b 0.130 v 0.187 d 0.225 standard ratings capacitance (f) case code part number max. dcl at 25 c (a) max. df at 25 c 120 hz (%) max. esr at + 25 c 100 khz (m ? ) max. ripple, at 45 c 100 khz i rms (a) notes ? termination code c: cases j, p: 100 % tin, case a: 100 % tin or ni/p d/au, cases t, b, v, d: ni/pd/au. (1) in development.
t55 www.vishay.com vishay polytech revision: 16-nov-15 11 document number: 40174 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? test conditions per jis c5101-1 standard packaging quantity case code units per 7" reel j 4000 p 3000 a 2000 t 3000 b 2000 v 800 d 500 performance characteristics item condition post test performance temperature ? characteristics measure the specified ? characteristics in each stage specified initial value -55 c +105 c capacitance change - -20 % to 0 % 0 % to 30 % dissipation factor ? shown in standard ? ratings table or less 8 to 10 14 - leakage current refer to standard ratings table - not more than 1 cv or 30 a which is greater surge voltage 105 c, 1000 successive te st cycles in series with a 1 k ? resistor at the rate of 30 s on, ? 30 s off; tested voltage per table below: capacitance change within 20 % of initial value rated ? voltage 2.5 4 6.31016202535dissipation factor within initial limit surge ? voltage 3.25.28.21320232940leakage current shal l not exceed 300 % of initial limit solder heat ? resistance reflow board surface peak temperature: ? less than 260 c ? time: 5 s max. capacitance change within 20 % of initial value dissipation factor initial specified value or less leakage current shall not exceed 300 % of initial specified value moisture resistance ? no load leave at 60 c and 90 % rh for 500 h capacitance change v r ? 4 v relative to the value before test ? +50 % to -20 % v r ? 6.3 v relative to the value before test ? +40 % to -20 % dissipation factor initial specified value or less leakage current shall not exceed 300 % of initial specified value high temperature ? load 105 c. the rated voltage is applied through a protective resistor of 3 ? for 1000 h capacitance change within 20 % of initial value dissipation factor initial specified value or less leakage current shall not exceed 300 % of initial specified value thermal shock leave at -55 c, normal temperature, 105 c, ? and normal temperature for 30 min., 15 min. 30 min., and 15 min. ? repeat this operat ion 5 times running. capacitance change within 20 % of initial value or less dissipation factor initial specified value or less leakage current shall not exceed 300 % of initial specified value failure rate 105 c. the rated voltage is applied through ? a protective resistor of 1 ? /v. 1 % / 1000 h
polymer guide www.vishay.com vishay revision: 23-dec-15 1 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guide for tantalum solid electrolyte chip capacitors with polymer cathode introduction tantalum electrolytic capacitors are the preferred choice in applications where volumetric efficiency, stable electrical parameters, high reliab ility, and long service life are primary considerations. the stability and resistance to elevated temperatures of the tantalum/tantalum oxide/manganese dioxide system make solid tantalum capacitors an appropriate choice for toda y's surface mount assembly technology. vishay sprague has been a pioneer and leader in this field, producing a large variety of tantalum capacitor types for consumer, industrial, automotive, military, and aerospace electronic applications. tantalum is not found in its pure state. rather, it is commonly found in a number of oxide minerals, often in combination with columbium ore. this combination is known as tantalite when its contents are more than one-half tantalum. important sources of tantalite include australia, brazil, canada, china, an d several african countries. synthetic tantalite concentrates produced from tin slags in thailand, malaysia, and brazil are also a significant raw ma terial for tantalum production. electronic applications, an d particularly capacitors, consume the largest share of world tantalum production. other important applications for tantalum include cutting tools (tantalum carbide), high temperature super alloys, chemical processing equipment, medical implants, and military ordnance. vishay sprague is a major user of tantalum materials in the form of powder and wire for capacitor elements and rod and sheet for high temperatu re vacuum processing. the basics of tantalum capacitors most metals form crystalline oxides which are non-protecting, such as rust on iron or black oxide on copper. a few metals form dens e, stable, tightly adhering, electrically insulating oxid es. these are the so-called valvemetals and include tita nium, zirconium, niobium, tantalum, hafnium, and aluminum. only a few of these permit the accurate contro l of oxide thickness by electrochemical means. of these, the most valuable for the electronics industry are aluminum and tantalum. capacitors are basic to all kinds of electrical equipment, from radios and television sets to missile controls and automobile ignitions. their function is to store an electrical charge for later use. capacitors consist of two co nducting surfaces, usually metal plates, whose function is to conduct electricity. they are separated by an insulating material or dielectric. the dielectric used in all tantalum electrolytic capacitors is tantalum pentoxide. tantalum pentoxide compound possesses high-dielectric strength and a high-dielectric constant. as capacitors are being manufactured, a film of tantalum pentox ide is applied to their electrodes by means of an electrolytic process. the film is applied in various thic knesses and at various voltages and although transparent to begin with, it takes on different colors as light refracts through it. this coloring occurs on the tantalum electrodes of all types of tantalum capacitors. rating for rating, tantalum capacitors tend to have as much as three times better capacitance/volume efficiency than aluminum electrolytic capacitors. an approximation of the capacitance/volume efficiency of other types of capacitors may be inferred from the following table, which shows the dielectric constant ranges of the various materials used in each type. note that tantalum pentoxide has a dielectric constant of 26, some three times greater than that of aluminum oxide. this, in addition to the fact that extremely thin films can be deposited du ring the electrolytic process mentioned earlier, makes the tantalum capacitor extremely efficient with respect to the number of microfarads available per unit volume. th e capacitance of any capacitor is determined by the su rface area of the two conducting plates, the distance between the plates, and the dielectric constant of the insulating material between the plates. in the tantalum electrolytic capacitor, the distance between the plates is very small since it is only the thickness of the tantalum pentoxide film. as the dielectric constant of the tantalum pentoxide is high, the capacitance of a tantalum capacitor is high if the area of the plates is large: ? ? where c = capacitance e = dielectric constant a = surface area of the dielectric t = thickness of the dielectric tantalum capacitors contain either liquid or solid electrolytes. in solid electrolyte capacitors, a dry material (manganese dioxide) forms the cathode plate. a tantalum lead is embedded in or welded to the pellet, which is in turn connected to a termination or lead wire. the drawings show the construction details of the surface mount types of tantalum capacitors sh own in this catalog. comparison of capacitor ? dielectric constants dielectric e dielectric constant air or vacuum 1.0 paper 2.0 to 6.0 plastic 2.1 to 6.0 mineral oil 2.2 to 2.3 silicone oil 2.7 to 2.8 quartz 3.8 to 4.4 glass 4.8 to 8.0 porcelain 5.1 to 5.9 mica 5.4 to 8.7 aluminum oxide 8.4 tantalum pentoxide 26 ceramic 12 to 400k c ea t ------ - =
polymer guide www.vishay.com vishay revision: 23-dec-15 2 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid electrolyte polymer tantalum capacitors solid electrolyte polymer capacitors utilize si ntered tantalum pellets as anodes. tantal um pentoxide dielectric layer is formed on the entire surface of anode, which is further impreg nated with highly conductive polymer as cathode system. the conductive polymer layer is then coated with graphite, fo llowed by a layer of metallic silv er, which provides a conductive surface between the capacitor element and the outer termination (lead frame or other). molded chip polymer tantalum capacitor encases the element in plastic resins, such as epoxy materials. after assembly, the capacitors are tested and inspected to assure long life and reli ability. it offers excellent re liability and high stability for variety of applications in electronic devices. usage of conductive polymer cathode system provides very low equiva lent series resistance (esr), which makes the capacitors particularly suitable for high frequency applications. tantalum capacitor with polymer cathode type t55 tantalum capacitor with polymer cathode type t58 s ilver adhe s ive s olderable cathode termination polymer / carbon / s ilver coating s intered tantalum pellet epoxy encap s ulation lead frame welded to ta wire anode polarity bar s olderable anode termination anode polarity bar s ide anode termination (+) s ide cathode termination (-) encap s ulation s intered tantalum pellet polymer / carbon / s ilver coating g la ss reinforced epoxy re s in s ub s trate bottom cathode termination (-) s ilver adhe s ive epoxy conductive s trip rating / marking bottom anode termination (+) copper pad anode wire
polymer guide www.vishay.com vishay revision: 23-dec-15 3 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tantalum capacitor with polymer cathode type t52 tantalum capacitor with polymer cathode type t54 / t59 anode polarity marking s ide anode termination (+) s ide cathode termination (-) encap s ulation s intered tantalum pellet polymer / carbon / s ilver coating in s ulation adhe s ive epoxy s ilver plated copper s ub s trate bottom cathode termination (-) s ilver adhe s ive epoxy conductive s trip anode polarity marking s ide anode termination (+) s ide cathode termination (-) encap s ulation s intered tantalum pellet polymer / carbon / s ilver coating g la ss reinforced epoxy s ub s trate top / bottom cathode termination (-) non-conductive adhe s ive epoxy top / bottom cathode termination (-) top / bottom anode termination (+) top / bottom anode termination (+) conductive s trip s ilver adhe s ive epoxy
polymer guide www.vishay.com vishay revision: 23-dec-15 4 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 solid tantalum capacitors - molded case series t55 product image type vpolytan tm , molded case, high performance polymer features high performance temperature range -55 c to +105 c capacitance range 3.3 f to 470 f voltage range 2.5 v to 35 v capacitance tolerance 20 % leakage current 0.1 cv dissipation factor 8 % to 10 % esr 15 m ? to 500 m ? case sizes j, p, a, t, b, v, d termination finish cases j, p: 100 % tin case a: 100 % tin or ni/pd/au cases t, b, v, d: ni/pd/au solid tantalum capacitors - leadframeless molded case series t52 t58 t59 t54 product image type vpolytan tm solid tantalum surface mount chip capacitors, leadframeless molded polymer type vpolytan tm solid tantalum surface mount chip capacitors, leadframeless molded polymer type vpolytan tm solid tantalum surface mount chip capacitors, leadframeless molded polymer type vpolytan tm solid tantalum surface mount chip capacitors, leadframeless molded polymer type, commercial off-the-shelf (cots) features low profile small case size multianode hi-rel cots, multianode temperature range -55 c to +105 c (above 85 c, voltage derating is required) -55 c to +105 c (above 85 c, voltage derating is required) -55 c to +105 c (above 85 c, voltage derating is required) -55 c to +105 c (above 85 c, voltage derating is required) capacitance range 330 f to 2200 f 10 f to 330 f 10 f to 470 f 10 f to 470 f voltage range 6.3 v to 16 v 4 v to 25 v 16 v to 75 v 16 v to 75 v capacitance tolerance 10 %, 20 % 20 % 10 %, 20 % 20 % leakage ? current 0.1 cv dissipation factor 10 % 8 % to 14 % 10 % 10 % esr 25 m ? to 55 m ? 90 m ? to 500 m ? 25 m ? to 100 m ? 25 m ? to 100 m ? case sizes e1, m1 mm, m0, w0, w9, a0, aa, b0, bb ee ee termination 100 % tin 100 % tin / lead
polymer guide www.vishay.com vishay revision: 23-dec-15 5 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded capacitors, t55 type note ? a reel diameter of 330 mm is also applicable. note ? a reel diameter of 330 mm is also applicable. plastic tape and reel packaging dimensions in millimeters tape width 8 12 a + 0 / - 3 ? 180 b + 1 / 0 ? 60 c 0.2 ? 13 d 0.5 ? 21 e 0.5 2.0 w 0.3 9.0 13.0 plastic tape size dimensions in millimeters case code a 0.2 b 0.2 w 0.3 f 0.1 e 0.1 p 1 0.1 t max. j 1.0 1.8 8.0 3.5 1.75 4.0 1.3 p 1.4 2.2 8.0 3.5 1.75 4.0 1.6 a 1.9 3.5 8.0 3.5 1.75 4.0 2.5 t 3.1 3.8 8.0 3.5 1.75 4.0 1.7 b 3.1 3.8 8.0 3.5 1.75 4.0 2.5 v 4.8 7.7 12.0 5.5 1.75 8.0 2.6 d 4.8 7.7 12.0 5.5 1.75 8.0 3.4 label d e w b a c perforation direction of tape flow inserting direction t a f p 1 w b e ? 1.5 pocket + 0.1 0 4.0 0.1 2.0 0.1 perforation s ymbol: r marking s ide (upper) mounting terminal s ide (lower)
polymer guide www.vishay.com vishay revision: 23-dec-15 6 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 leadframeless molded capacitors, all types notes ? metric dimensions will govern . dimensions in inches are rounded and for reference only. (1) a 0 , b 0 , k 0 , are determined by the maximum dimensions to the ends of the terminals extending fr om the component body and / or the body dimensions of the component. the clearance between the ends of the terminals or body of the co mponent to the sides and depth of the cavity (a 0 , b 0 , k 0 ) must be within 0.002" (0.05 mm) minimum and 0.020" (0. 50 mm) maximum. the clearance allo wed must also prevent rotation of the component within the cavity of not more than 20. (2) tape with components shall pass around radius r without damage . the minimum trailer length may require additional length to p rovide r minimum for 12 mm embossed tape for reels with hub diameters approaching n minimum. (3) this dimension is the flat area from the edge of the sprocket hole to either outward deformatio n of the carrier tape between th e embossed cavities or to the edge of the cavity whichever is less. (4) this dimension is the flat area from the edge of the carrier ta pe opposite the sprocket holes to either the outward deformation of the carrier tape between the embossed cav ity or to the edge of the cavity whichever is less. (5) the embossed hole location shall be measured from the sprocket hole controlling the location of the embossment. dimensions of embossment location shall be a pplied independent of each other. (6) b 1 dimension is a reference dimension tape feeder clearance only. plastic tape and reel packaging in inches [millimeters] tape and reel specifications: all case sizes are available on plastic em bossed tape per eia-481. ? standard reel diameter is 7" [178 mm]. 0.004 [0.10] max. k 0 tape thickness b 1 (max.) (6) 0.014 [0.35] max. 10 pitches cumulative tolerance on tape 0.008 [0.200] embossment 0.069 0.004 [1.75 0.10] d 1 (min.) for components 0.079 x 0.047 [2.0 x 1.2] and larger (5) . maximum user direction of feed center lines of cavity a 0 p 1 f w 0.030 [0.75] min. (3) 0.030 [0.75] min. (4) 0.079 0.002 [2.0 0.05] 0.157 0.004 [4.0 0.10] 0.059 + 0.004 - 0.0 [1.5 + 0.10 - 0.0] b 0 maximum component rotation (side or front sectional view) 20 for tape feeder reference only including draft. concentric around b 0 (5) deformation between embossments to p cover tape top cover tape cavity size (1) cathode (-) anode (+) direction of feed 20 maximum component rotation typical component cavity center line typical component center line a 0 b 0 (top view) 0.9843 [250.0] tape 3.937 [100.0] 0.039 [1.0] max. 0.039 [1.0] max. camber allowable camber to be 0.039/3.937 [1/100] (top view) non-cumulative over 9.843 [250.0]
polymer guide www.vishay.com vishay revision: 23-dec-15 7 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes (1) for reference only. (2) standard packaging of mm case is with paper tape. plastic tape is available per request. note (1) a 0 , b 0 are determined by the maximum dimensions to the ends of the terminals e xtending from the component body and / or the body dimensions of the component. the clearance between the ends of the terminals or body of the co mponent to the sides and depth of the cavity (a 0 , b 0 ) must be within 0.002" (0.05 mm) minimum and 0.020" (0.50 mm) maximum. the clearan ce allowed must also prevent rotation of the component within the ca vity of not more than 20. carrier tape dimensions in inches [millimeters] case code tape size b 1 (max.) (1) d 1 (min.) f k 0 (max.) p 1 w e1 tbd mm (2) 8 mm 0.075 [1.91] 0.02 [0.5] 0.138 [3.5] 0.043 [1.10] 0.157 [4.0] 0.315 [8.0] m0 tbd m1 12 mm 0.32 [8.2] 0.059 [1.5] 0.217 0.002 [5.5 0.05] 0.094 [2.39] 0.315 0.04 [8.0 1.0] 0.472 + 0.012 / - 0.004 [12.0 + 0.3 / - 0.10] w9 8 mm 0.126 [3.20] 0.030 [0.75] 0.138 [3.5] 0.045 [1.15] 0.157 [4.0] 0.315 [8.0] w0 8 mm 0.126 [3.20] 0.030 [0.75] 0.138 [3.5] 0.045 [1.15] 0.157 [4.0] 0.315 [8.0] a0 8 mm - 0.02 [0.5] 0.138 [3.5] 0.049 [1.25] 0.157 [4.0] 0.315 [8.0] aa 8 mm 0.154 [3.90] 0.039 [1.0] 0.138 [3.5] 0.079 [2.00] 0.157 [4.0] 0.315 [8.0] b0 12 mm 0.181 [4.61] 0.059 [1.5] 0.217 [5.5] 0.049 [1.25] 0.157 [4.0] 0.315 [8.0] bb 8 mm 0.157 [4.0] 0.039 [1.0] 0.138 [3.5] 0.087 [2.22] 0.157 [4.0] 0.315 [8.0] ee 12 mm 0.32 [8.2] 0.059 [1.5] 0.217 0.002 [5.5 0.05] 0.175 [4.44] 0.315 0.04 [8.0 1.0] 0.472 + 0.012 / - 0.004 [12.0 + 0.3 / - 0.10] paper tape and reel packaging dimensions in inches [millimeters] case size tape size a 0 b 0 d 0 p 0 p 1 p 2 efwt mm 8 mm 0.041 0.002 [1.05 0.05] 0.071 0.002 [1.8 0.05] 0.06 0.004 [1.5 0.1] 0.157 0.004 [4.0 0.1] 0.157 0.004 [4.0 0.1] 0.079 0.002 [2.0 0.05] 0.069 0.004 [1.75 0.1] 0.0138 0.002 [3.5 0.05] 0.315 0.008 [8.0 0.2] 0.037 0.002 [0.95 0.05] ? d 0 t bottom cover tape f p 1 a 0 b 0 e 2 p 2 w p 0 e 1 cavity s ize (1) bottom cover tape u s er feed direction cavity center line s top cover tape [10 pitche s cumulative tolerance on tape 0.2 mm] g anode
polymer guide www.vishay.com vishay revision: 23-dec-15 8 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 packing and storage polymer capacitors meet moisture sensitivity level rating (msl) of 3 as specified in ipc/jedec ? j-std-020 and are dry packaged in moisture barrier bags (mbb) pe r j-std-033. level 3 specifies a floor life (out of bag) of 168 hours at 30 c maximu m and 60 % relative humidity (rh). unused ca pacitors should be re-sealed in the mbb with fresh desiccant. a moisture strip (humidity indicator card) is included in th e bag to assure dryness. to remove excess moistu re, capacitors can be dried at 40 c (standard dry box conditions). for detailed recommendations please refer to j-std-033. notes ? t52, t55, and t58 capacitors are process sensitive. ? psl classification to jedec j-std-075: r4g ? t54 capacitors with 100 % ti n termination and t59 capaci tors are proc ess sensitive. ? psl classification to jedec j-std-075: r6g recommended reflow profiles profile feature snpb eutectic as sembly lead (pb)-free assembly preheat and soak temperature min. (t smin. ) 100 c 150 c temperature max. (t smax. ) 150 c 200 c time (t s ) from (t smin. to t smax. ) 60 s to 120 s 60 s to 120 s ramp up ramp-up rate (t l to t p ) 3 c/s maximum liquidus temperature (t l ) 183 c 217 c time (t l ) maintained above t l 60 s to 150 s peak package body temperature (t p ) max. depends on type an d case - see table below time (t p ) within 5 c of the peak max. temperature 20 s 5 s ramp down ramp-down rate (t p to t l ) 6 c/s maximum time from 25 c to peak temperature 6 min maximum 8 min maximum peak package body temperature (t p ) maximum type case code peak package body temperature (t p ) max. snpb eutectic assembly lead (pb)-free assembly t55 j, p, a, t, b, v, d n/a 260 c t52 e1, m1 260 c t58 mm, m0, w9, w0, a0, aa, b0, bb 260 c t59 ee 250 c t54 ee 220 c 250 c time temperature t s time 25 c to peak t p t p t l t smin. 25 t l t smax. preheat area max. ramp up rate = 3 c/s max. ramp down rate = 6 c/s
polymer guide www.vishay.com vishay revision: 23-dec-15 9 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 molded capacitors, t55 type leadframeless molded capacitors, all types pad dimensions in millimeters case / dimensions capacitor size pad dimensions l w g (max.) z (min.) x (min.) y (ref.) j 1.6 0.8 0.7 2.5 1.0 0.9 p 2.0 1.25 0.5 2.6 1.2 1.05 a 3.2 1.6 1.1 3.8 1.5 1.35 t / b 3.5 2.8 1.4 4.1 2.7 1.35 v / d 7.3 4.3 4.1 8.2 2.9 2.05 pad dimensions in inches [millimeters] type case code a (min.) b (nom.) c (nom.) d (nom.) t52 e1 0.209 [5.30] 0.098 [2.5] 0.169 [4.3] 0.366 [9.3] m1 0.276 [7.00] 0.098 [2.5] 0.169 [4.3] 0.366 [9.3] t58 mm / m0 0.039 [1.00] 0.028 [0.70] 0.024 [0.60] 0.080 [2.00] w0 / w9 0.059 [1.50] 0.031 [0.80] 0.039 [1.00] 0.102 [2.60] aa / a0 0.071 [1.80] 0.067 [1.70] 0.053 [1.35] 0.187 [4.75] bb / b0 0.118 [3.00] 0.071 [1.80] 0.065 [1.65] 0.207 [5.25] t59 / t54 ee 0.209 [5.30] 0.098 [2.5] 0.169 [4.3] 0.366 [9.3] capacitor pattern l y z g xw a b c d
polymer guide www.vishay.com vishay revision: 23-dec-15 10 document number: 40076 for technical questions, contact: polytech@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 guide to application 1. ac ripple current: the maximum allowable ripple current shall be determi ned from the formula: where, p = power dissipation in w at +45 c as given in the tables in the product datasheets. r esr = the capacitor equivalent series resistance at the specified frequency. 2. ac ripple voltage: the maximum allowable ripple voltage shall be determi ned from the formula: or, from the formula: where, p = power dissipation in w at +45 c as given in the tables in the product datasheets. r esr = the capacitor equivalent series resistance at the specified frequency. z = the capacitor impedance at the specified frequency. 2.1 the tantalum capacitors must be used in such a condition that the sum of the working voltage and ripple voltage peak values does not exceed the rated voltage as shown in figure below. 3. temperature derating: power dissipation is affected by the heat sinking capability of the mounting surface. if these capacitors are to be operated at temperatures above +45 c, the permissible ripple current (or voltage) shall be calculated using the derating coefficient as shown in the table below: 4. reverse voltage: these capacitors are capable of withstanding peak voltages in the reverse direction equal to 10 % of the dc rating at +25 c, 5 % of the dc rating at +25 c, 5 % of the dc rating at +85 c, and 1 % of the dc rating at +105 c. 5. mounting precautions: 5.1 limit pressure on capaci tor installation with mounter: pressure must not exceed 4.9 n with a tool end diameter of 1.5 mm when applied to the capacitors using an absorber, centering tweezers, or similar (maximum permitted pressurization time: 5 s). an excessively low absorber setting position would result in not only the application of undue force to the capacitors but capacitor and other component scattering, circuit board wi ring breakage, and / or cracking as well, particularly when the capacitors are mounted together with other chips having a height of 1 mm or less. 5.2 flux selection 5.2.1 select a flux that contains a minimum of chlorine and amine. 5.2.2 after flux use, the chlorine and amine in the flux remain must be removed. 5.3 cleaning after mounting: the following solvents are usable when cleaning the capacitors after mounting. never use a highly active solvent. ? halogen organic solvent (hcfc225, etc.) ? alcoholic solvent (ipa, ethanol, etc.) ? petroleum solvent, alkali saponifying agent, water, etc. circuit board cleaning must be conducted at a temperature of not higher than 50 c and for an immersion time of not longer than 30 minutes. when an ultrasonic cleaning method is used, cleaning must be conducted at a frequency of 48 khz or lower, at an vibrator output of 0.02 w/cm 3 , at a temperature of not higher than 40 c, and for a time of 5 minutes or shorter. notes ? care must be exercised in cleaning process so that the mounted capacitor will not co me into contact with any cleaned object or the like or will not get rubbed by a stiff brush or similar. if such precautions are not taken particularly when the ultrasonic cleaning method is employed, terminal breakage may occur. ? when performing ultrasonic cleaning under conditions other than stated above, conduct adequate advance checkout. maximum ripple current temperature derating factor ? 45 c 1.0 55 c 0.8 85 c 0.6 105 c 0.4 i rms p r esr ------------ = v rms z p r esr ------------ = v rms i rms x z = voltage rated voltage ripple voltage operating voltage working voltage time (s)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of T55A156M6R3C0300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X