Part Number Hot Search : 
BUL6825 ADV7189B TL084AMD SSM9916J 7C516 Z8D64U 2E474 MC145191
Product Description
Full Text Search
 

To Download PCIE-1612B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ? pci express bus 2.0 compliant ? speeds up to 921.6 kbps for extremely fast data transmission ? supports any baud rate setting ? 2 x rs-232 or rs- 232/422/485 ports ? operating systems supported: windows 2000/xp/vista/7, linux 2.4/ 2.6/ 3.x.x, qnx6.5 and vxworks ? xr17v352 uart with 256-byte fifos specifcations general ? bus type pci express bus 2.0 compliant ? bus interface pci express x1 ? certifcation ce, fcc class a ? connectors 2x male db9 ? dimensions (l x w) 119.63 x 111 mm (4.71" x 4.4") ? power consumption 260 ma @ +3.3 v (typ.) communications ? comm. controller xr17v352 ? data bits 5, 6, 7, 8 ? fifo 256 bytes ? parity none, odd, even, mark and space ? speed 50 bps ~ 921.6 kbps ? stop bits 1, 1.5, 2 so ftware ? bundled software icom tools ? os support windows xp, win7, win8, win8.1, win10, server 2008, server2012, linux 2.6.x, 3.x.x, qnx 6.3, 6.5, vxworks 6.9 environment ? operating humidity 5 ~ 95 % rh, non-condensing ? operating temperature 0 ~70c (32 ~ 158f) ? storage temperature -25 ~ 85c (-13 ~ 185f) protection model name esd protection eft protection surge protection isolation protection pcie-1602b 15kv (air), 8kv (contact) 1000 v 1000 v pcie-1602c 15kv (air), 8kv (contact) 1000 v 1000 v 3000 v dc pcie-1604b 15kv (air), 8kv (contact) 1000 v 1000 v pcie-1604c 15kv (air), 8kv (contact) 1000 v 1000 v 3000 v dc ordering information ? pcie-1602b 2-port rs-232/422/485 pci express comm. card w/surge ? pcie-1602c 2-port rs-232/422/485 pci express comm. card w/surge & isolation ? pcie-1604b 2-port rs-232 pci express comm. card w/surge ? pcie-1604c 2-port rs-232 pci express comm. card w/surge & isolation specifcations general ? bus type pci express bus 2.0 compliant ? bus interface pci express x1 ? certifcation ce, fcc class a ? connectors 1x female db37 ? dimensions (l x w) 168 x 111 mm (6.6" x 4.4") ? power consumption 260 ma @ +3.3 v (typ.) communications ? comm. controller xr17v354 ? data bits 5, 6, 7, 8 ? fifo 256 bytes ? parity none, odd, even, mark and space ? speed 50 bps ~ 921.6 kbps ? stop bits 1, 1.5, 2 software ? bundled software icom tools ? os support windows xp, win7, win8, win8.1, win10, server 2008, server2012, linux 2.6.x, 3.x.x, qnx 6.3, 6.5, vxworks 6.9 environment ? operating humidity 5 ~ 95 % rh, non-condensing ? operating temperature 0 ~ 70c (32 ~ 158f) ? storage temperature -25 ~ 85c (-13 ~ 185f) protection model name esd protection eft protection surge protection isolation protection pcie-1610b 15kv (air), 8kv (contact) 1000 v 1000 v PCIE-1612B 15kv (air), 8kv (contact) 1000 v 1000 v pcie-1612c 15kv (air), 8kv (contact) 1000 v 1000 v 3000 v dc ordering information ? pcie-1610b 4-port rs-232 pci express comm. card w/surge ? PCIE-1612B 4-port rs-232/422/485 pci express comm. card w/surge ? pcie-1612c 4-port rs-232/422/485 pci express comm. card w/surge & isolation note: this series includes cable opt4a. accessories ? opt4a db37 x1 to db9 x4 cable, 30cm ? 1700018791 db37 x1 to db25 x4 cable, 30cm features ? pci express bus 2.0 compliant ? speeds up to 921.6 kbps for extremely fast data transmission ? supports any baud rate setting ? 4 x rs-232 or rs- 232/422/485 ports ? operating systems supported: windows 2000/xp/vista/7, linux 2.4/ 2.6/ 3.x.x, qnx6.5 and vxworks ? xr17v354 uart with 256-byte fifos pcie-1610 pcie-1602 pcie-1612 pcie-1604 rohs compliant 2002/95/ec rohs compliant 2002/95/ec prelimi nary prelimi nary pcie-1602 pcie-1604 pcie-1610 pcie-1612 2-port rs-232/422/485 pci express communication card 2-port rs-232 pci express communication card 4-port rs-232 pci express communication card 4-port rs-232/422/485 pci express communication card all product specifcations are subject to change without notice date updated: 28-may-2015 serial communication cards


▲Up To Search▲   

 
Price & Availability of PCIE-1612B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X