Part Number Hot Search : 
9L05A BAS28 200AB PIC16F7 303CNQ CD4025 34286G2 SK4107
Product Description
Full Text Search
 

To Download MMSS8550W-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mm s s 8550 w -l features electrical characteristics @ 25 o c unless otherwise specified symbol parameter min max units off characteristics v (br)cbo collector- base breakdown voltage (i c = - 100uadc, i e =0) - 4 0 --- vd c v (br)ceo collector-emitter breakdown voltage (i c = - 0.1madc, i b =0) - 2 5 --- vd c v (br)ebo emitter- base breakdown voltage (i e = - 100uadc, i c =0) -5 . 0 --- vd c i cbo collector cutoff current (v cb = - 40vdc, i e =0) -- - - 0 . 1 uadc i ceo collector cutoff current (v ce = - 20vdc, i b =0) -- - - 0. 1 uadc i ebo emitter cutoff current (v eb = - 5.0vdc, i c =0) -- - - 0. 1 uadc on characteristics h fe(1) dc current gain ( i c = - 1 0 0madc, v ce = - 1.0vdc) 120 40 0 -- - h fe(2) dc current gain (i c = - 8 00madc, v ce = - 1.0vdc) 40 --- --- v ce(sat) collector- emitter saturation voltage (i c = - 8 00madc, i b = - 8 0madc) --- - 0. 5 vd c v be(sat) base- emitter saturation voltage (i c = - 8 00madc, i b = - 8 0madc) --- - 1. 2 vd c v be base- emitter voltage (i c = - 1 0m adc ,vc e =-1vdc ) --- - 1. 0 vd c small-signal characteristics f t transistor frequency ( i c = - 5 0madc, v ce = - 1 0vdc, f=30mhz) 100 -- - m h z classification of h fe (1) rank l h j range 120-200 200-350 300-400 sot- 3 23 suggested solder pad layout dimensions inches mm dim min max min max note a . 071 . 087 1 .80 2 . 20 b .0 45 . 053 1 .1 5 1 . 35 c .0 83 .0 96 2 . 1 0 2 .4 5 d .0 26nominal 0 . 65nominal e .0 47 .0 55 1. 20 1 . 40 f .01 2 .0 16 0 . 30 0 . 4 0 g .000 .00 4 0 .0 0 0 .10 h .035 .0 39 0 .9 0 1. 00 j .00 4 .0 10 0 . 1 0 0 . 25 k .0 06 .0 16 0 . 15 0 . 40 a c b d e f g h j 1.90 mm 0.70 0.90 0.65 0.65 pnp silicon plastic-encapsulate transistor  
 omp onents 20736 marilla street chatsworth       
     m cc revision: a 2 0 1 4 /0 4 /3 0 tm micro commercial components e b c ? marking:y2 ? capable of 200m w of power dissipation. ? collector-cu rrent 1.5a ? collector- base voltage 40v ? operating and storage junction temperature range: -55 o c to +150 o c w w w. m c c se m i .c om 1 of 2 k ? case material:molded plastic. ul flammability classificatio rating 94-0 and msl rating 1 h alogen free available upon request by adding suffix "-hf" c ob collector output capacitance ( i e = 0 , v c b = - 1 0vdc, f= 1 mhz) --- 20 pf mm s s 8550 w - h mm s s 8550 w - j downloaded from: http:///
m cc revision: a 2 0 1 4 /0 4 /3 0 tm micro commercial components w w w. m c c se m i .c om 2 of 2 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. o r de r i n g i n f or m a ti on : note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MMSS8550W-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X