Part Number Hot Search : 
R2020 AC509 M361M TSC392 01089 MCT6H04 MCT6H04 C0805JR
Product Description
Full Text Search
 

To Download MAX6705TKAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  computers controllers intelligent instruments critical p power monitoring white goods networking telecommunications general description the max6701Cmax6708 microprocessor (p) supervisory circuits reduce the complexity and components required to monitor power-supply functions in p systems. these devices significantly improve system reliability and accu - racy compared to separate ics or discrete components. the max6701?max6708 family provides four func - tions: a reset output during power-up, power-down, and brownout conditions; an independent watchdog output that goes low if the watchdog input has not been toggled within 1.6s; a 0.62v threshold detector for power-fail warning; and an active-low manual reset input. the max6701Cmax6708 family offers several pinout options to accommodate a variety of multivoltage micro - processor supervision applications. the max6701(a)/max6702(a)/max6703(a) monitor three supply voltages (one fixed threshold and two adjustable) to drive a single reset output and include a manual reset input and a watchdog timer with an inde - pendent output. the max6704 monitors a single-supply voltage to drive complementary reset outputs and includes an independent adjustable power-fail-in/power- fail-out comparator, a manual reset input, and a reset- based watchdog timer. the max6705(a)/max6706(a)/ max6707(a) monitor a single-supply voltage to drive a single reset output and include an independent adjustable power-fail-in/power-fail-out comparator, a manual reset input, and a watchdog timer with an inde- pendent output. the max6708 is the same as the max6704 but without the watchdog timer function. see the detailed description for differences between non-a and a versions . applications features small 8-pin sot23 package precision monitoring of +5.0v, +3.3v, +3.0v, +2.5v supply voltages 140ms reset timeout delay power-fail input with independent output; monitor inputs down to 0.62v (max6704?max6708) dual adjustable reset input for triple-voltage monitoring (max6701(a)/max6702(a)/max6703(a)) 1.6s watchdog timeout period (max6701(a)?max6707(a)) independent watchdog output (max6701(a)/max6702(a)/max6703(a)/ max6705(a)/max6706(a)/max6707(a)) manual reset input four reset output stage options active low push-pull (max6701(a), max6705(a)) active low open drain (max6703(a), max6707(a)) active high push-pull (max6702(a), max6706(a)) dual active low/high push-pull (max6704, max6708) guaranteed reset valid to v cc = 1v immune to short falling v cc transients low cost, few external components pin configurations continued at end of data sheet. ordering information continued at end of data sheet. insert the desired suffix letter (from the threshold suffix guide table) into the blank to complete the part number. all devices must be ordered in increments of 2500 pieces. sample stock is typically held on standard versions only. contact factory for availability. devices are available in both leaded and lead-free packaging. specify lead-free by replacing -t with +t when ordering. part temp range pin-package max6701 _ka-t -40c to +125c 8 sot23 max6701a_ka-t -40c to +125c 8 sot23 wdi rst_in2 rst_in1 ( ) are for max6702(a) only. 12 8 7 wdo reset (reset) v cc gnd mr sot23 top view 3 4 6 5 max6701(a)max6702(a) max6703(a) max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer 19-1952; rev 4; 5/14 pin conigurations ordering information typical operating circuit and selector guide appear at end of data sheet. downloaded from: http:///
v cc ....................................................................... -0.3v to +6.0v open-drain reset , wdo , pfo ........................ -0.3v to +6.0v push-pull reset, reset , wdo , pfo ... -0.3v to (v cc + 0.3v) mr, wdi, pfi, rst_in1, rst_in2 ......... -0.3v to (v cc + 0.3v) input current (v cc ) ............................................................ 20ma output current ( o , wdo ) .................................................. 20ma continuous power dissipation (t a = +70c) 8-pin sot23 (derate 8.9mw/c above +70c) .......... 714mw operating temperature range ......................... -40c to +125c junction temperature ...................................................... +150c storage temperature range ............................ -65c to +150c lead temperature (soldering, 10s) ................................. +300c (v cc = +4.25v to +5.5v for l/m versions, v cc = +2.55v to +3.6v for the t/s/r versions, v cc = +2.1v to +2.75v for the z/y versions. t a = -40c to +125c, unless otherwise specified. typical values are at t a = +25c.) (note 1) parameter symbol conditions min typ max units operating voltage range v cc t a = 0c to +125c 1.0 5.5 v t a = -40c to +125c 1.2 5.5 supply current mr unconnected i cc v cc < 5.5v, no load 12 25 a v cc < 3.6v, no load 9 20 v cc < 3.6v, no load (max6708 only) 6 20 v cc reset threshold (v cc falling) v th max670_l/max670_al t a = -40c to +85c 4.50 4.63 4.75 v t a = -40c to +125c 4.47 4.78 max670_m/max670_am t a = -40c to +85c 4.25 4.38 4.50 t a = -40c to +125c 4.22 4.53 max670_t/max670_at t a = -40c to +85c 3.00 3.08 3.15 t a = -40c to +125c 2.97 3.17 max670_s/max670_as t a = -40c to +85c 2.85 2.93 3.00 t a = -40c to +125c 2.83 3.02 max670_r/max670_ar t a = -40c to +85c 2.55 2.63 2.70 t a = -40c to +125c 2.53 2.72 max670_z/max670_az t a = -40c to +85c 2.25 2.32 2.38 t a = -40c to +125c 2.24 2.40 max670_y/max670_ay t a = -40c to +85c 2.12 2.19 2.25 t a = -40c to +125c 2.11 2.27 reset threshold temperature coefficient ?v th 60 ppm/c v cc to reset output delay v cc falling at 10mv/s 12 s reset timeout period t rp t a = -40c to +85c 140 200 280 ms t a = -40c to +125c 120 300 v cc falling to wdo delay max6701(a)/max6702(a)/max6703(a)/max6705(a)/max6706(a)/max6707(a) 5 s pfi, rst_in1, rst_in2threshold v cc = 1.8v to 5.5v t a = -40c to +85c 602 618 634 mv t a = -40c to +125c 593 642 pfi hysteresis 6 mv www.maximintegrated.com maxim integrated 2 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer electrical characteristics stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings downloaded from: http:///
note 1: over-temperature limits are guaranteed by design and not production tested. devices are tested at t a = +25c. note 2: guaranteed by design. not production tested. (v cc = +4.25v to +5.5v for l/m versions, v cc = +2.55v to +3.6v for the t/s/r versions, v cc = +2.1v to +2.75v for the z/y versions. t a = -40c to +125c, unless otherwise specified. typical values are at t a = +25c.) (note 1) parameter symbol conditions min typ max units pfi, rst_in1, rst_in2leakage current (note 2) t a = -40c to +85c -50 +50 na t a = -40c to +125c -200 +200 pfi to pfo delay t pf 1 s mr input voltage v il 0.3 x v cc v v ih 0.7 x v cc mr minimum input pulse 1 s mr glitch rejection 100 ns mr to reset delay t md 200 ns v cc rising to wdo delay max6701(a)/max6702(a)/max6703(a)/max6705(a)/max6706(a)/max6707(a) 100 ns mr pullup resistance 25 50 75 k? watchdog timeout period t wd t a = -40c to +85c 1.12 1.6 2.4 s t a = -40c to +125c 0.96 2.52 wdi pulse width t wdi (note 2) 50 ns wdi input voltage v il 0.3 x v cc v v ih 0.7 x v cc wdi input current i wdi v wdi = 0v or v cc -1 +1 a reset, wdo output low(push-pull or open drain) v ol v cc 1.0v, i sink = 50a, output asserted (t a = 0c to +125c) 0.3 v v cc 1.2v, i sink = 100a, output asserted 0.3 v cc 2.55v, i sink = 1.2ma, output asserted 0.3 v cc 4.25v, i sink = 3.2ma, output asserted 0.4 pfo output low(push-pull or open drain) v ol v cc 1.80v, i sink = 200a, output asserted 0.3 v v cc 2.55v, i sink = 1.2ma, output asserted 0.3 v cc 4.25v, i sink = 3.2ma, output asserted 0.4 reset , wdo , pfo output high (push-pull only) v oh v cc 2.7v, i source = 500a, output not asserted 0.8 x v cc v v cc 4.75v, i source = 800a, output not asserted 0.8 x v cc reset , wdo , pfo output open-drainleakage current i lkg v cc > v th , output not asserted 1.0 a reset output high(push-pull only) v oh v cc 1.0v, i source = 1a, reset asserted (t a = 0c to +125c) 0.8 x v cc v v cc 1.2v, i source = 50a, reset asserted 0.8 x v cc v cc 2.55v, i source = 500a, reset asserted 0.8 x v cc v cc 4.25v, i source = 800a, reset asserted 0.8 x v cc reset output low(push-pull only) v ol v cc 2.7v, i sink = 1.2ma, reset not asserted 0.3 v v cc 4.75v, i sink = 3.2ma, reset not asserted 0.4 www.maximintegrated.com maxim integrated 3 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer electrical characteristics (continued) downloaded from: http:///
(t a = +25c, unless otherwise noted.) 0 50 150100 250 300200 350 0 800 1200 400 1600 2000 2400 2800 3200 v cc - v oh vs. source current max6701 toc08 source current ( a) v cc - v oh (mv) v cc 4.25v 0 25 50 75 100 0 800 1600 2400 400 1200 2000 2800 3200 output-voltage low vs. sink current max6701 toc07 sink current ( a) v ol (mv) v cc 4.25v 0 40 80 120 160 maximum v cc transient duration vs. reset threshold overdrive max6701 toc06 reset threshold overdrive (mv) maximum transient duration ( s) 0 10 20 30 40 50 60 max670_y reset occursabove line 0.95 0.980.97 0.96 0.99 1.00 1.01 1.02 1.03 1.04 1.05 -40 10 -15 35 60 85 normalized reset threshold vs. temperature max6701 toc05 temperature ( c) normalized reset thresold 1.701.65 1.60 1.55 1.50 -40 10 -15 35 60 85 watchdog timeout period vs. temperature max6701 toc04 temperature ( c) watchdog timeout period (s) 2015 10 50 -40 10 -15 35 60 85 v cc to reset output delay vs. temperature max6701 toc03 temperature ( c) v cc to reset output delay (s) 210205 200 195 190 -40 10 -15 35 60 85 reset timeout period vs. temperature max6701 toc02 temperature ( c) reset timeout period (ms) 0 4 12 8 16 20 -40 10 -15 35 60 85 supply current vs. temperature max6701 toc01 temperature ( c) supply current ( a) v cc = 5v v cc = 3.3v max6705(a) max6708 maxim integrated 4 www.maximintegrated.com max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer typical operating characteristics downloaded from: http:///
pin name function max6701(a)max6702(a) max6703(a) max6704 max6705(a)max6706(a) max6707(a) max6708 1 1 1 1 mr active-low, manual reset input, internal 50k? pullup to v cc . pull low to force a reset. reset remains active as long as mr is low and the reset timeout period after mr goes high. leave unconnected or connect to v cc if unused. wdo deasserts when mr is low (max6701(a)/ max6702(a)/max6703(a)/ max6705(a)/ max6706(a)/ max6707(a) only) 2 2 2 2 v cc supply voltage for max6701Cmax6708 and input for primary reset threshold monitor. push-pull outputs are powered by v cc . 3 3 3 3 gnd ground 4 4 4 pfi power-fail voltage monitor input. high-impedance input for internal power-fail comparator. connect this pin to an external resistive-divider network to set the reset threshold voltage; 0.62v (typ) threshold. connect to gnd or v cc when not used. 5 5 5 pfo power-fail monitor output. open drain or push-pull active low. pfo goes low when pfi is less than 0.62v. 6 6 6 wdi watchdog input. if wdi remains high or low for longer than the watchdog timeout period, the internal watchdog timer runs out and wdo is asserted. wdo is asserted low after each watchdog overflow and remains low until the watchdog timer is cleared (the reset output is not affected). the internal watchdog timer clears whenever a v cc /rst_in1/rst_in2 reset is asserted, the manual reset is asserted, or wdi sees a rising or falling edge. the watchdog timer remains cleared until the reset output is deasserted. on the max6704, reset pulse asserts for the reset timeout period after each watchdog timeout overflow. the watchdog timer cannot be disabled. 6 n.c. no connection. not internally connected. 7 7 7 7 reset active-low reset output (open drain or push-pull). reset changes from high to low when the v cc input drops below the selected reset threshold (or rst_in1/ rst_in2 for the max6701(a)/max6702(a)/max6703(a), mr is pulled low, or the watchdog triggers a reset (max6704 only). reset remains low for the reset timeout period after the reset conditions are terminated. www.maximintegrated.com maxim integrated 5 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer pin description downloaded from: http:///
*reset active-high for the max6702(a)/max6706(a). detailed description figures 1, 2, and 3 are functional diagrams for the max6705(a)/max6706(a)/max6707(a), max6704/ max6708, and max6701(a)/max6702(a)/max6703(a), respectively. reset output a microprocessors (ps) reset input starts the p in a known state. the max6701Cmax6708 assert reset during power-up and prevent code execution errors during power-down or brownout conditions. on power-up, once v cc reaches 1v, reset is a guaranteed logic-low of 0.4v or less. as v cc rises, reset stays low. after v cc , rst_in1, or rst_in2 rise above the reset threshold, an internal timer holds reset low for about 200ms. reset pulses low whenever v cc dips below the reset threshold, including brownout conditions. if a brownout occurs in the middle of a previously initiated reset pulse, the pulse continues for at least another 140ms. on power-down, once v cc falls below the reset threshold, reset stays low and is guaranteed to be 0.4v or less, until v cc drops below 1v. the max6702(a)/max6704/max6706(a)/max6708 active-high reset output is the complement of the reset output, and is guaranteed to be valid with v cc down to 1v. pin name function max6701(a)max6702(a) max6703(a) max6704 max6705(a)max6706(a) max6707(a) max6708 8 8 wdo active-low watchdog output (open drain or push- pull). wdo is asserted whenever the watchdog times out and v cc or the reset inputs are below their respective thresholds. wdo deasserts after a valid wdi transition without a reset timeout period. in the a versions, wdo deasserts without a timeout delay when v cc , rst_in1, and rst_in2 rises above its threshold. pull mr low to assert wdo (max6701/max6702/ max6703/max6705/max6706/max6707 only). pull mr low to deassert wdo (max6701(a)/max6702(a) / max6703(a)/ max6705(a)/max6706(a)max6707(a) only) 7* 8 7* 8 reset active-high reset output (push-pull). reset changes from low to high when the v cc input drops below the selected reset threshold (or rst_in1/rst_in2 for max6701(a)/max6702(a)/ max6703(a), mr is pulled low, or the watchdog triggers a reset (max6704 only). reset remains high for the reset timeout period after the reset conditions are terminated. 4 rst_in1 input for user-adjustable v cc2 monitor. high- impedance input for second internal reset comparator. connect this pin to an external resistive-divider network to set the reset threshold voltage; 0.62v (typ) threshold. connect to v cc when not used. reset is asserted when either v cc , rst_in1, or rst_in2 are below threshold. 5 rst_in2 input for user-adjustable v cc3 monitor. high- impedance input for third internal reset comparator. connect this pin to an external resistive-divider network to set the reset threshold voltage; 0.62v (typ) threshold. connect to v cc when not used. reset is asserted when either v cc , rst_in1, or rst_in2 are below threshold. www.maximintegrated.com maxim integrated 6 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer pin description (continued) downloaded from: http:///
figure 4. max6705/max6706/max6707 reset, mr, wdo, and wdi timing figure 3. max6701(a)/max6702(a)/max6703(a) functional diagram figure 2. max6704/max6708 functional diagram figure 1. max6705(a)/max6706(a)/max6707(a) functional diagram t rp t rp v cc 0v reset wdo v cc 0v wdi v cc 0v mr mr externally driven low v cc 0v v cc v th v th t md note: the max6706 reset output is the inverse of the reset shown. reset generator watchdog timer reset (reset) wdowdi 0.62v 0.62v v ref mr v cc rst_in1 rst_in2 v cc 50k ? max6701(a) max6702(a) max6703(a) ( ) are for max6702(a) only. watchdog timer reset generator 8 wdi(max6704 only) 76 reset reset 5 pfo 3 0.62v v ref v cc 50k ? 1 mr 2 v cc 4 pfi max6704 max6708 gnd watchdog timer reset generator v cc 50k ? 8 wdo 7 reset(reset) 5 pfo gnd 3 0.62v ( ) are for max6706(a) only. 6 wdi 1 mr 2 v v ref cc 4 pfi max6705(a) max6706(a) max6707(a) www.maximintegrated.com maxim integrated 7 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer downloaded from: http:///
standard- vs. a-version comparison the max6701/max6702/max6703/max6705/max6706/ max6707s wdo latches low when one of the following events occurs: the watchdog timer times out (1.6s, typ). v cc , rst_in1, or rst_in2 is below its reset threshold. mr is pulled low. wdo only deasserts with a valid wdi transition. the max6701(a)/max6702(a)/max6703(a)/max6705(a)/ max6706(a)/ max6707(a)s wdo asserts when either v cc , rst_in1, or rst_in2 is below its reset thresh - old. wdo deasserts without a timeout delay when the undervoltage situation has expired. wdo is latched low when the watchdog timer elapses without seeing a wdi transition. wdo deasserts with a valid wdi transition or by pulling mr low. see figures 4 and 5 for standard-version timing. see figures 6 and 7 for a-version timing. watchdog timer the max6701 C max6707 watchdog circuit monitors the ps activity. if the p does not toggle the wdi within 1.6s, wdo goes low. when reset is asserted, the watchdog timer stays cleared and does not count. as soon as reset is released, the timer starts counting. wdo deasserts after a valid transition is detected at wdi. pulses as short as 50ns can be detected. typically, wdo is connected to the nmi input of a p. when v cc , rst_in1, or rst_in2 drop below the reset threshold, wdo goes low whether or not the watchdog timer has timed out. normally this would trigger an nmi, but reset goes low simultaneously, and thus overrides the nmi. the max6704 watchdog circuit does not have an inde - pendent watchdog output ( wdo ). if the p does not toggle the watchdog input within 1.6s, the max6704 asserts a reset output pulse for the reset timeout period. manual reset the manual reset input ( mr ) allows reset to be triggered by a pushbutton switch. the switch is effectively debounced by the reset pulse width. mr is cmos logic compatible, so it can be driven by an external logic line. mr can be used to force a watchdog timeout to generate a reset pulse in the max6701(a)/max6702(a)/ max6703(a)/max6705(a)/max6706(a)/max6707(a) by connecting wdo to mr . power-fail comparator the uncommitted power-fail comparator can be used for various purposes because its noninverting input and output are externally available. the inverting input is internally connected to a 0.62v reference. to build an early warning circuit for power failure, connect the pfi pin to a voltage-divider (see the typical operating circuit ). choose the voltage-divider ratio so that the voltage at pfi falls below 0.62v just before the regulator drops out. use pfo to interrupt the p so it can prepare for an orderly power-down. the low-input current at this pin allows for large resistor values in the divider. figure 6. max6701(a)/max6702(a)/max6703(a)/ max6705(a)/ max6706(a)/max6707(a) reset, mr, and wdo timing with wdi three-stated figure 5. max6701/max6702/max6703/max6705/max6706/ max6707 watchdog t rp t rp +5v 0v reset wdo +5v 0v mr t mr +5v 0v v cc v th v th t md t wd t wd +5v 0v wdi +5v 0v wdo +5v 0v reset +5v 0v (reset) t rp reset externally triggered by mr +5v 0v mr ( ) are for max6702/max6706 only. t wdi www.maximintegrated.com maxim integrated 8 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer downloaded from: http:///
reset input the max6701(a)/max6702(a)/max6703(a) include two adjustable reset inputs for monitoring up to a total of three system voltages (including v cc ). the thresholds for the monitored rst_in supplies are externally set with resistor-divider networks (figure 8). the reset output is asserted if any of the monitored supplies (v cc , rst_in1, or rst_in2) go below its specified threshold and remains asserted for the reset timeout period after all supplies are above their thresholds. applications information ensuring a valid reset output down to v cc = 0 when v cc falls below 1v, the max6701 C max6708 reset output no longer sinks current; it becomes an open circuit. high-impedance cmos logic inputs can drift to undetermined voltages if left undriven. if a pull- down resistor is added to the reset pin, as shown in figure 9, any stray charge or leakage currents are drained to ground, holding reset low. a resistor value (r1) is not critical; 100k is large enough not to load reset and small enough to pull reset to ground. this application works for push-pull output only (not for open-drain resets). monitoring other system voltages other systems can be monitored by connecting a voltage-divider to pfi and adjusting the ratio appropriately. in noisy systems, a capacitor between pfi and gnd reduces the power-fail circuits sensitivity to high- frequency noise on the line being monitored. reset can be asserted on other voltages in addition to the v cc supply line. connect pfo to mr to initiate a reset out- put pulse when pfi drops below 0.62v. figure 10 shows the max6704 C max6708 configured to assert a reset output when the secondary supply falls below the reset threshold. generating a reset from watchdog overlow connect wdo to mr to force a watchdog timeout to gen - erate a reset pulse for only the reset timeout period on the max6701(a)/max6702(a)/max6703(a)/max6705(a)/ max6706(a)/max6707(a). when the max6704 watch - dog times out, reset outputs are automatically asserted (no external connections required). for the max6701/ max6702/max6703/max6705/max6706/max6707 non-a versions, do not connect wdo to mr ; this creates a locked condition. figure 8. calculating adjustable voltage thresholds figure 7. max6701(a)/max6702(a)/max6703(a)/ max6705(a)/ max6706(a)/max6707(a) watchdog timing r1r2 0.62v pfi, rst_in1, or rst_in2 v external 0.62 r1 = r2 x ( v ext-th - 1 ) r2 v ext-th = ( 1 + r1 ) x 0.62v where v ext-th is the external voltage trip level. max6701(a)Cmax6708 t wd t wd t wd +5v 0v wdi +5v 0v wdo +5v 0v reset +5v 0v (reset) t rp +5v 0v mr ( ) are for max6702(a)/max6706(a) only. t wdi www.maximintegrated.com maxim integrated 9 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer downloaded from: http:///
figure 10. monitoring other system voltages figure 9. reset valid to ground circuit bold indicates standard version. pp = push-pull, od = open drain. * wdo deasserts when mr is pulled low. see the standard- vs. a-version comparison section for the differences on wdo . suffix reset threshold (v) l 4.63 m 4.38 t 3.08 s 2.93 r 2.63 z 2.32 y 2.19 part reset pp low reset pp high reset od-low wdi wdo pfi, pfo rst_in1, rst_in2 max6701 ? ? ? pp ? max6701a* ? ? ? pp ? max6702 ? ? ? pp ? max6702a* ? ? ? pp ? max6703 ? ? ? od ? max6703a* ? ? ? od ? max6704 ? ? ? ? pp max6705 ? ? ? pp ? pp max6705a* ? ? ? pp ? pp max6706 ? ? ? pp ? pp max6706a* ? ? ? pp ? pp max6707 ? ? ? od ? od max6707a* ? ? ? od ? od max6708 ? ? ? pp v cc pfi mr pfo reset 0.9v 3.3v max6704Cmax6708 i/o supply coresupply p reset (reset) () are for max6704/max6706(a)/max6708 only. r1 (100k ? ) reset max6701(a)max6704 max6705(a) max6708 www.maximintegrated.com maxim integrated 10 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer threshold sufix guide selector guide downloaded from: http:///
insert the desired suffix letter (from the threshold suffix guide table) into the blank to complete the part number. all devices must be ordered in increments of 2500 pieces. sample stock is typically held on standard versions only. contact factory for availability. devices are available in both leaded and lead(pb)-free packaging. specify lead-free by replacing -t with +t when ordering. t = tape and reel. part temp range pin-package max6702 _ ka-t -40c to +125c 8 sot23 max6702a_ ka-t -40c to +125c 8 sot23 max6703 _ ka-t -40c to +125c 8 sot23 max6703a_ ka-t -40c to +125c 8 sot23 max6704 _ka-t -40c to +125c 8 sot23 max6705 _ka-t -40c to +125c 8 sot23 max6705a_ka-t -40c to +125c 8 sot23 max6706 _ka-t -40c to +125c 8 sot23 max6706a_ka-t -40c to +125c 8 sot23 max6707 _ka-t -40c to +125c 8 sot23 max6707a_ka-t -40c to +125c 8 sot23 max6708 _ka-t -40c to +125c 8 sot23 package type package code outline no. land pattern no. 8 sot23 k8+2 21-0078 90-0176 v cc pfimr pfo wdo reset unregulated dc max6705(a)max6706(a) max6707(a) pushbutton switch interrupt p regulator v cc reset nmi dc-dc wdi i/o ( ) are for max6706(a) only. wdi pfo pfi 12 8 7 reset reset v cc gnd mr sot23 3 4 6 5 max6704 wdi pfo pfi 12 8 7 wdo reset (reset) v cc gnd mr sot23 3 4 6 5 max6705(a)max6706(a) max6707(a) n.c. pfo pfi 12 8 7 reset reset v cc gnd mr sot23 3 4 6 5 max6708 top view www.maximintegrated.com maxim integrated 11 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer chip information transistor count: 716 process: bicmos ordering information (continued) typical operating circuit pin conigurations (continued) package information for the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages . note that a +, #, or - in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status. downloaded from: http:///
revision number revision date description pages changed 4 5/14 no /v opns; removed automotive reference from applications section 1 maxim integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim integrated product. no circuit patent licenses are implied. maxim integrated reserves the right to change the circuitry and speciications without n otice at any time. the parametric values (min and max limits) shown in the electrical characteristics table are guaranteed. other parametric values quoted in this data sheet are provided for guidance. maxim integrated and the maxim integrated logo are trademarks of maxim integrated products, inc. ? 2014 maxim integrated products, inc. 12 max6701-08/max6701a-03a/ max6705a-07a low-voltage, sot23 p supervisors with power-fail in/out, manual reset, and watchdog timer revision history for pricing, delivery, and ordering information, please contact maxim direct at 1-888-629-4642, or visit maxim integrateds website at www.maximintegrated.com. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of MAX6705TKAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X