Part Number Hot Search : 
1310A 23990 2800A ZXSC410 216X7 MC3303PT BR120 ST3232BN
Product Description
Full Text Search
 

To Download L8550PLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings rating symbol value unit collector-emitter voltage v ceo -25 v collector-base voltage v cbo -40 v emitter-base voltage v ebo collector current-continuoun i c -800 madc thermal characteristics characteristic symbol max unit total device dissipation fr- 5 board (1) p d t a = 2 5 c 225 mw derate above 2 5 c 1.8 mw /c thermal resistance, junction to ambient r ja 556 c/w total device dissipation p d alumina substrate, (2) t a = 2 5 c 300 mw derate above 2 5 c 2.4 mw /c thermal resistance, junction to ambient r ja 417 c/w junction and storage temperature t j , t stg -55 to +150 c sot? 23 1 3 2 general purpose transistors 1 base 2 emitter collector 3 feature pnp silicon leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. device marking and ordering information device marking l8550plt1g l8550plt3g l8550qlt1g l8550qlt3g 10000/tape&reel shipping 3000/tape&reel 10000/tape&reel 3000/tape&reel l8550rlt1g l8550rlt3g 10000/tape&reel 3000/tape&reel 10000/tape&reel 3000/tape&reel l8550slt1g l8550slt3g 85p 85p 1yd 1yd 1yh 1yh 1yf 1yf s-l8550plt1g series -5 v 1. fr?5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. rev.o 1/4 l8550plt1g series s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l8550plt1g s-l8550plt3g s-l8550qlt1g s-l8550qlt3g s-l8550rlt1g s-l8550rlt3g s-l8550slt1g s-l8550slt3g
on characteristics characteristic symbol min typ max unit dc current gain h fe 1 0 0 ? 600 (i c =-100ma, v ce =-1v) collector-emitter saturation voltage v ce(s) ? ? -0.5 v (i c =-800ma, i b =-80ma) note: * pq rs h fe 100~200 150~300 200~400 300~600 leshan radio company, ltd. (t a = 2 5 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector-emitter breakdown voltage v (br)ceo -25 ? ? v (i c =-1.0ma) emitter-base breakdown voltage v (br)ebo (i e = -100 a) collector-base breakdown voltage v (br)cbo -40 ? ? v (i c = -100 a) collector cutoff current i cbo ? ? -150 na (v cb = -35 v) emitter cutoff current i ebo ? ? -150 na (v eb = -4v) 1. fr-5 = 1.0 x 0.75 x 0.062 in. 2. alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina. electrical characteristics l8550plt1g series -5 ? ? v rev.o 2/4 s-l8550plt1g series
leshan radio company, ltd. rev.o 3/4 l8550plt1g series s-l8550plt1g series
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. base 2. emitter 3. collector sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. rev.o 4/4 l8550plt1g series s-l8550plt1g series


▲Up To Search▲   

 
Price & Availability of L8550PLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X