Part Number Hot Search : 
SK110 RD20EB 68MHZ PT2262S 67078 AP4513GD C35002 RX301
Product Description
Full Text Search
 

To Download L091S562LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model l series l series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 03.12 thick film low profle sip conformal coated resistor networks rohs compliant electrical environmental standard resistance range, ohms 1%: 22r - 1m; 2%:10r - 5m6; 5%: 10r - 10m standard resistance tolerance, at 25c 2% optional: 1% (f tol.), 5% (j tol.) operating temperature range -55c to +125c temperature coeffcient of resistance 100ppm/c (<50 ohms = 250ppm/c) temperature coeffcient of resistance, tracking 50ppm/c maximum operating voltage 100vdc or pr insulation resistance 10,000 megohms thermal shock plus power conditioning r 0.70% short time overload r 0.25% terminal strength r 0.25% moisture resistance r 0.50% mechanical shock r 0.25% vibration r 0.25% low temperature storage r 0.25% high temperature exposure r 0.50% load life, 1,000 hours r 1.00% resistance to solder heat (per mil-std-202, method 210, cond.b) r 0.25% dielectric withstand voltage 200v for 1 minute marking permanency mil-std 202, method 215 lead solderability mil-std 202, method 208 flammability ul-94v-o rated storage temperature range -55c to +150c specifcations subject to change without notice.
model l series l series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 03.12 mechanical standard resistance values, ohms power derating curve -3 circuit (isolated resistors) & -1 circuits (bussed resistors) ohms code ohms code ohms code 22 220 820 821 33k 333 27 270 1k 102 39k 393 33 330 1.2k 122 47k 473 39 390 1.5k 152 51k 513 47 470 1.8k 182 56k 563 51 510 2k 202 68k 683 56 560 2.2k 222 82k 823 68 680 2.7k 272 100k 104 82 820 3.3k 332 120k 124 100 101 3.9k 392 150k 154 120 121 4.7k 472 180k 184 150 151 5.1k 512 200k 204 180 181 5.6k 562 220k 224 200 201 6.8k 682 270k 274 220 221 8.2k 822 330k 334 270 271 10k 103 390k 394 330 331 12k 123 470k 474 390 391 15k 153 510k 514 470 471 18k 183 560k 564 510 511 20k 203 680k 684 560 561 22k 223 820k 824 680 681 27k 273 1meg 105 -5 circuit (dual terminators) power dissipation, watts at 70c ohms code ohms code ohms code resistor (per circuit) r1/r2 r1/r2 r1/r2 r1/r2 r1/r2 r1/r2 model package -1 -3 -5 180/390 181/391 330/390 331/391 3k/6.2k 302/622 l06 .6 .125 .200 .125 220/270 221/271 330/470 331/471 - - l08 .8 .125 .200 .125 220/330 221/331 330/680 331/681 - - l10 1.0 .125 .200 .125 lead finish snagcu substrate material alumina resistor material cermet body material conformal epoxy resin percent of rated power 100 80 60 40 20 0 150 125 70 -0 degrees c
model l series l series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 03.12 outline dimensions (inch/mm) schematics no. of lead s .100 .005 2.54 0.13 pitch. non- accumulative .020 .004 0.51 0.10 .012 .003 0.31 0.08 centered on packag e .140 .020 3.56 0.51 max. ?l? max. max. 12 34 n -3 circuit isolated resistor s -5 circuit dual terminator 12 34 r1 r2 n 12 34 n -1 circuit bussed resistor s # of leads 4 5 6 7 8 9 10 11 12 13 14 dim. l max. .40 10.16 .50 12.70 .60 15.24 .70 17.78 .80 20.32 .90 22.86 1.00 25.40 1.10 27.94 1.20 30.48 1.30 33.02 1.40 35.56 .200 .098 5.08 2.5
model l series l series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 03.12 typical part marking packaging l logo lead #1 indicato r mode l series resistance code date code numbe r of lead s circuit type 8 3 s 103 logo 4 leads onl y lead #1 indicato r resistance code date code circuit type & i.d. code b 104 standard: bulk: quantity = 4 -10 pins: 200 per bag, 1000 per box 11 -14 pins: 100 per bag, 500 per box option: tape in ammo box (4 - 10 pins only). all units oriented with lead #1 to the left of direction of feed. tape: width = 18mm pitch = 12.7mm ammo box: capacity = 1,000 units per box. 12,000 units per carton
model l series l series www.bitechnologies.com www.irctt.com www.welwyn-tt.com general note tt electronics reserves the right to make changes in product specifcation without notice or liability. all information is subject to tt electronics own data and is considered accurate at time of going to print. ? tt electronics plc 03.12 ordering information applicable documents mil-r-83401 resistor networks, fixed, film, general specifcations mil-std-105 sampling procedures and tables for inspection by attributes mil-std-202 test methods for electronic and electrical component parts l 08 5 s 331 / 471 f lf xx model series number of leads: 4 thru 14 circuit type: 3 = isolated 1 = bussed 5 = dual terminator g3t = ammo pack, steel leads only 3 leads only attached to tape.* m1 or m2 = tube ** (no code used for standard bulk packaging.) lf: rohs complian t tolerance code: f = 1% j = 5% (no code used for 2% standard.) r2 resistance code: (add for -5 circuit only) resistance code : first 2 digits are significant. last digit denotes number of trailing zeros. for "f" tolerance first 3 digits are significant. fourth digit denotes number of trailing zeros. * refer to packaging for automation section (page a-3) for ammo pack capacity and dimensions. ** refer to packaging for automation section (page a-4) for m1 and m2 tube capacity and dimensions.


▲Up To Search▲   

 
Price & Availability of L091S562LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X