for more information, please visit the product page. ????????? ?????????????????? date page part number: description: 03/2009 1 of 2 speaker GC0301K 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2383 www.cui.com specifications parameter conditions/description min nom max units nominal size 16 x 30 mm impedance at 1.5 khz, 1 v 6.8 8 9.2 ? resonant frequency at 1 v 400 500 600 hz sound pressure level 0.5 w, 50 cm ave., at 0.8, 1, 1.2, 1.5k hz 74 77 80 db response 10 db max. fo 4,000 hz input power 0.5 1 w operation must be normal at program source 0.5 w buzz, rattle, etc. must be normal at sine wave 2 v dc magnet size: 7.9 x 1.3 mm load test 24 hours of white noise at 0.5 w heat test 20 ~ 50% rh for 24 hours 63 65 67 c humidity test 90 ~ 95% rh for 24 hours 38 40 42 c rohs yes frequency response curve parameter conditions/description potentiometer range 50 db rectifier rms lower limit frequency 20 hz wr. speed 100 mm/sec zero level 50 db
for more information, please visit the product page. ????????? 20050 sw 112th ave. tualatin, or 97062 phone: 503-612-2300 800-275-4899 fax: 503-612-2383 website: www.cui.com rohs zrj 3:1 low profile notebook speaker copyright 2007 by cui inc. title: mm [inches] GC0301K GC0301K pc file name: approved by: drawn by: units: part no. scale: rev: specified tolerance: 0.5mm unless otherwise a rev. description date a new drawing 6/4/2007 0.2 3.0 14.0 5.0 2.5 0.2 16.0 0.2 26.0 (typ) (typ) 0.2 0.2 12.0 30.0 2.0 (4 plcs)
|