Part Number Hot Search : 
SS210 HCF4010 LTC3765 AM29F0 355105 18XW22 SS210 CM216
Product Description
Full Text Search
 

To Download G5930-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 1.3 oct 09, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 g5930 global mixed-mode technology inc. switched capacitor voltage inverter with shutdown features ? inverts input supply voltage ? 60ma output current with a voltage drop of 580mv ? 0.45ma quiescent current at 3.3v supply voltage ? 99% voltage conversion efficiency ? 1.8v to 5v operating range ? require only two capacitors ? over-temperature protection ? logic controlled shutdown ? 6-pin sot-23 package and tdfn2x2 6-pin package applications ? cell phone ? small lcd panels ? portable equipment ? handy-terminals, pdas ? battery-operated equipment general description the g5930 is an unregulated charge-pump voltage inverter which may be used to generate a negative supply from positive input. input voltages ranging from +1.8v to +5v can be inverted into a -1.8v to -5v out- put supply. the devices is ideal for both battery- pow- ered and board level voltage conversion applications with a typical operating current of 0.45ma at 3.3v supply. the g5930 can deliver 60ma output current with a volt- age drop of 580mv. the parts are over -temperature protected. applications include cell phones, pdas, and other portable equipment. the devices is available in a space-saving 6-pin sot-23 and tdfn2x2 6-pin package. ordering information order number marking temp. range package (green) g5930tbu 5930x -40 c to 85 c sot-23-6 g5930rb1u 5930 -40 c to 85 c tdfn2x2-6 note: tb : sot23-6 rb: tdfn2x2-6 1: bonding code (only tdfn2x2-6) u: tape & reel pin configuration typical application circuit v out c1 out in c1- gnd shdn c1+ gnd off on 1 2 3 c3 c2 v in (1.8v to 5v) 4 6 5 c1,c2,c3: 1 f mlcc (x5r) gnd shdn in out 1 2 3 4 5 6 g5930 sot-23-6 c1- c1+ gnd shdn in out 1 2 3 4 5 6 g5930 tdfn2x2-6 c1- c1+ top view (6) (1) (4) (3) (2) (5) *( ) tdfn2x2-6 package thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. v out c1 out in c1- gnd shdn c1+ gnd off on 1 2 3 c3 c2 v in (1.8v to 5v) 4 6 5 c1,c2,c3: 1 f mlcc (x5r) gnd shdn in out 1 2 3 4 5 6 g5930 sot-23-6 c1- c1+ gnd shdn in out 1 2 3 4 5 6 g5930 tdfn2x2-6 c1- c1+ top view (6) (1) (4) (3) (2) (5) *( ) tdfn2x2-6 package thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation.


▲Up To Search▲   

 
Price & Availability of G5930-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X